|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LLSD101A - 101C SURFACE MOUNT SCHOTTKY BARRIER DIODE Features * * * * Low Forward Voltage Drop Guard Ring Construction for Transient Protection Fast Reverse Recovery Time Low Reverse Capacitance A C B Mechanical Data * * * * * Case: MiniMELF, Glass Terminals: Solderable per MIL-STD-202, Method 208 Marking: Cathode Band Only Polarity: Cathode Band Weight: 0.05 grams (approx.) MiniMELF Dim A B C Min 3.30 1.30 0.28 Max 3.70 1.60 0.50 All Dimensions in mm Maximum Ratings @ TA = 25C unless otherwise specified Symbol VRRM VRWM VR VR(RMS) IFM @ t 1.0s @ t = 10ms IFSM Pd RqJA Tj TSTG LLSD101A 60 42 LLSD101B 50 35 15 50 2.0 400 375 -55 to +125 -55 to +150 LLSD101C 40 28 Unit V V mA mA A mW C/W C C Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating Temperature Range Storage Temperature Range Electrical Characteristics Characteristic Forward Voltage Drop (Note 2) @ TA = 25C unless otherwise specified Symbol LLSD101A LLSD101B LLSD101C LLSD101A LLSD101B LLSD101C LLSD101A LLSD101B LLSD101C LLSD101A LLSD101B LLSD101C Min Max 0.41 0.40 0.39 1.00 0.95 0.90 200 2.0 2.1 2.2 1.0 Unit Test Condition IF = 1.0mA IF = 1.0mA IF = 1.0mA IF = 15mA IF = 15mA IF = 15mA VR = 50V VR = 40V VR = 30V VR = 0V, f = 1.0MHz IF = IR = 5.0mA, Irr = 0.1 x IR, RL = 100W VF 3/4 V Reverse Current (Note 2) IR 3/4 nA Total Capacitance CT trr 3/4 3/4 pF ns Reverse Recovery Time Note: 1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect. DS30067 Rev. 2 - 2 1 of 2 LLSD101A - 101C 100 2 Tj = 25C IF, FORWARD CURRENT (mA) 10 A B CT, CAPACITANCE (pF) 1.0 C C 1 0.1 A B 0.01 0 0.5 VF, FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristic Variations for Primary Conduction 1.0 0 0 10 20 30 40 50 VR, REVERSE VOLTAGE (V) Fig. 2 Total Capacitance vs Reverse Voltage Ordering Information Device LLSD101A-7 LLSD101A-13 LLSD101B-7 LLSD101B-13 LLSD101C-7 LLSD101C-13 Notes: (Note 3) Packaging Shipping 3000/Tape & Reel 10000/Tape & Reel 3000/Tape & Reel 10000/Tape & Reel 3000/Tape & Reel 10000/Tape & Reel MiniMELF 3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. DS30067 Rev. 2 - 2 2 of 2 LLSD101A - 101C |
Price & Availability of LLSD101A |