Part Number Hot Search : 
NTE23 74AUP 54HC04 Z8F041A DTC123 2SC37 VR51B 01907
Product Description
Full Text Search
 

To Download LK115D00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
LK115D00 SERIES
VERY LOW DROP WITH INHIBIT VOLTAGE REGULATORS
s s
s s
s
s s s s s
VERY LOW DROPOUT VOLTAGE (0.2V TYP.) VERY LOW QUIESCENT CURRENT (TYP. 0.01A IN OFF MODE, 280A IN ON MODE) OUTPUT CURRENT UP TO 100 mA TWO LOGIC-CONTROLLED ELECTRONIC SHUTDOWNS OUTPUT VOLTAGES OF 2; 2.5; 3; 3.3; 4; 4.75; 4.85; 5; 5.5V INTERNAL CURRENT AND THERMAL LIMIT ONLY 2.2F FOR STABILITY VOUT TOLLERANCE 3% AT 25 oC SUPPLY VOLTAGE REJECTION: 80 db (TYP.) TEMPERATURE RANGE: -40 TO 125 oC
SO-8
DESCRIPTION The LK115D00 series are very Low Drop regulators available in SO-8 package and in a wide range of output voltages. The very Low Drop voltage (0.2V) and the very low quiescent current (0.01A in OFF MODE,
280A in ON MODE) make them particularly suitable for Low Noise, Low Power applications and specially in battery powered systems. Both active HIGH and active LOW shutdown Logic Control are available (pin2 and 3). This means that when the device is used as a local regulator, it is possible to put a part of the board in standby, decreasing the total power consumption. It requires only a 2.2 F capacitor for stability allowing space and cost saving.
BLOCK DIAGRAM
September 1998
1/10
LK115D00 SERIES
ABSOLUTE MAXIMUM RATINGS
Symbol Vi Io Pt ot T stg To p DC Input Voltage Output Current Power Dissipation Storage Temperature Range Operating Junction Temperature Range Parameter Value 20 Internally limited Internally limited - 40 to 150 - 40 to 125
o o
Unit V
C C
CONNECTION DIAGRAM (top view)
ORDERING NUMBERS
Type LK115D20 LK115D25 LK115D30 LK115D33 LK115D40 LK115D47 LK115D48 LK115D50 LK115D55
(*) Available on request
Output Voltage 2V 2.5 V 3V 3.3 V 4V 4.75 V 4.85 V 5V 5.5 V
2/10
LK115D00 SERIES
TEST CIRCUITS: Supply Current (ON MODE)
TEST CIRCUITS: Supply Current (OFF MODE)
NOTE: The switch emulates the two possibilities to set the regulator in OFF mode.
THRUTH TABLE
ON/OFF (PIN 2) H H L L ON/OFF (PIN 3) L H L H STATUS ON OF F OF F NOT ALLO WED
NOTES: Logic Levels are those defined in the electrical characteristics
3/10
LK115D00 SERIES
ELECTRICAL CHARACTERISTICS FOR LK115D20 (refer to the test circuits, Tj = 25 oC, Ci = 0.1 F, Co = 2.2 F unless otherwise specified)
Symbol Vo Vi I out V o V o Id Parameter Output Voltage Operating Input Voltage Output Current Limit Line Regulation Load Regulation Quiescent Current Vi = 3 to 20 V, Vi = 3 V ON MODE Vi = 3 to 20 V Vi = 3 to 20 V OFF MODE SVR Supply Voltage Rejection Io = 0.5 mA Io = 0.5 to 100 mA Io = 0 mA Io = 100 mA Vi = 3 to 20 V Test Conditions Io = 10 mA, Vi = 4 V o Io = 10 mA, Vi = 4 V, -40eN Vd V Hlc V Llc
Output Noise Voltage Dropout Voltage ON/OFF Control (pin 2) ON/OFF Control (pin 3)
Io = 5 mA Vi = 4 V 1V f = 120 Hz f = 1 KHz f = 10 KHz B = 10 Hz to 100 KHz Io = 60 mA Pin 3 to GND Pin 3 to GND Pin 2 to Vin Pin 2 to Vin
CO
Output Bypass Capacitance
ESR = 0.5 to 10 , Io = 0 to 100 mA
ELECTRICAL CHARACTERISTICS FOR LK115D25 (refer to the test circuits, Tj = 25 oC, Ci = 0.1 F, Co = 2.2 F unless otherwise specified)
Symbol Vo Vi I out V o V o Id Parameter Output Voltage Operating Input Voltage Output Current Limit Line Regulation Load Regulation Quiescent Current Test Conditions Io = 10 mA, Vi = 4.5 V o Io = 10 mA, Vi = 4.5 V, -40eN Vd V Hlc V Llc
Output Noise Voltage Dropout Voltage ON/OFF Control (pin 2) ON/OFF Control (pin 3)
Io = 5 mA Vi = 4.5 V 1V f = 120 Hz f = 1 KHz f = 10 KHz B = 10 Hz to 100 KHz Io = 60 mA Pin 3 to GND Pin 3 to GND Pin 2 to Vin Pin 2 to Vin
CO
Output Bypass Capacitance
ESR = 0.5 to 10 , Io = 0 to 100 mA
4/10
LK115D00 SERIES
ELECTRICAL CHARACTERISTICS FOR LK115D30 (refer to the test circuits, Tj = 25 oC, Ci = 0.1 F, Co = 2.2 F unless otherwise specified)
Symbol Vo Vi I out V o V o Id Parameter Output Voltage Operating Input Voltage Output Current Limit Line Regulation Load Regulation Quiescent Current Vi = 4 to 20 V, Vi = 4 V ON MODE Vi = 4 to 20 V Vi = 4 to 20 V OFF MODE SVR Supply Voltage Rejection Io = 0.5 mA Io = 0.5 to 100 mA Io = 0 mA Io = 100 mA Vi = 4 to 20 V Test Conditions Io = 10 mA, Vi = 5 V o Io = 10 mA, Vi = 5 V, -40eN Vd V Hlc V Llc
Output Noise Voltage Dropout Voltage ON/OFF Control (pin 2) ON/OFF Control (pin 3)
Io = 5 mA Vi = 5 V 1V f = 120 Hz f = 1 KHz f = 10 KHz B = 10 Hz to 100 KHz Io = 60 mA Pin 3 to GND Pin 3 to GND Pin 2 to Vin Pin 2 to Vin
CO
Output Bypass Capacitance
ESR = 0.5 to 10 , Io = 0 to 100 mA
ELECTRICAL CHARACTERISTICS FOR LK115D33 (refer to the test circuits, Tj = 25 oC, Ci = 0.1 F, Co = 2.2 F unless otherwise specified)
Symbol Vo Vi I out V o V o Id Parameter Output Voltage Operating Input Voltage Output Current Limit Line Regulation Load Regulation Quiescent Current Test Conditions Io = 10 mA, Vi = 5.3 V o Io = 10 mA, Vi = 5.3 V, -40eN Vd V Hlc V Llc
Output Noise Voltage Dropout Voltage ON/OFF Control (pin 2) ON/OFF Control (pin 3)
Io = 5 mA Vi = 5.3 V 1V f = 120 Hz f = 1 KHz f = 10 KHz B = 10 Hz to 100 KHz Io = 60 mA Pin 3 to GND Pin 3 to GND Pin 2 to Vin Pin 2 to Vin
CO
Output Bypass Capacitance
ESR = 0.5 to 10 , Io = 0 to 100 mA
LK115D00 SERIES
ELECTRICAL CHARACTERISTICS FOR LK115D40 (refer to the test circuits, Tj = 25 oC, Ci = 0.1 F, Co = 2.2 F unless otherwise specified)
Symbol Vo Vi I out V o V o Id Parameter Output Voltage Operating Input Voltage Output Current Limit Line Regulation Load Regulation Quiescent Current Vi = 5 to 20 V, Vi = 5 V ON MODE Vi = 5 to 20 V Vi = 5 to 20 V OFF MODE SVR Supply Voltage Rejection Io = 0.5 mA Io = 0.5 to 100 mA Io = 0 mA Io = 100 mA Vi = 5 to 20 V Test Conditions Io = 10 mA, Vi = 6 V o Io = 10 mA, Vi = 6 V, -40eN Vd V Hlc V Llc
Output Noise Voltage Dropout Voltage ON/OFF Control (pin 2) ON/OFF Control (pin 3)
Io = 5 mA Vi = 5 V 1V f = 120 Hz f = 1 KHz f = 10 KHz B = 10 Hz to 100 KHz Io = 60 mA Pin 3 to GND Pin 3 to GND Pin 2 to Vin Pin 2 to Vin
CO
Output Bypass Capacitance
ESR = 0.5 to 10 , Io = 0 to 100 mA
ELECTRICAL CHARACTERISTICS FOR LK115D47 (refer to the test circuits, Tj = 25 oC, Ci = 0.1 F, Co = 2.2 F unless otherwise specified)
Symbol Vo Vi I out V o V o Id Parameter Output Voltage Operating Input Voltage Output Current Limit Line Regulation Load Regulation Quiescent Current Test Conditions Io = 10 mA, Vi = 6.8 V o Io = 10 mA, Vi = 6.8 V, -40eN Vd V Hlc V Llc
Output Noise Voltage Dropout Voltage ON/OFF Control (pin 2) ON/OFF Control (pin 3)
Io = 5 mA Vi = 6.8 V 1V f = 120 Hz f = 1 KHz f = 10 KHz B = 10 Hz to 100 KHz Io = 60 mA Pin 3 to GND Pin 3 to GND Pin 2 to Vin Pin 2 to Vin
CO
Output Bypass Capacitance
ESR = 0.5 to 10 , Io = 0 to 100 mA
6/10
LK115D00 SERIES
ELECTRICAL CHARACTERISTICS FOR LK115D48 (refer to the test circuits, Tj = 25 oC, Ci = 0.1 F, Co = 2.2 F unless otherwise specified)
Symbol Vo Vi I out V o V o Id Parameter Output Voltage Operating Input Voltage Output Current Limit Line Regulation Load Regulation Quiescent Current Vi = 5.9 to 20 V, Vi = 5.9 V ON MODE Vi = 5.9 to 20 V Vi = 5.9 to 20 V OFF MODE SVR Supply Voltage Rejection Io = 0.5 mA Io = 0.5 to 100 mA Io = 0 mA Io = 100 mA Vi = 5.9 to 20 V Test Conditions Io = 10 mA, Vi = 6.9 V o Io = 10 mA, Vi = 6.9 V, -40eN Vd V Hlc V Llc
Output Noise Voltage Dropout Voltage ON/OFF Control (pin 2) ON/OFF Control (pin 3)
Io = 5 mA Vi = 6.9 V 1V f = 120 Hz f = 1 KHz f = 10 KHz B = 10 Hz to 100 KHz Io = 60 mA Pin 3 to GND Pin 3 to GND Pin 2 to Vin Pin 2 to Vin
CO
Output Bypass Capacitance
ESR = 0.5 to 10 , Io = 0 to 100 mA
ELECTRICAL CHARACTERISTICS FOR LK115D50 (refer to the test circuits, Tj = 25 oC, Ci = 0.1 F, Co = 2.2 F unless otherwise specified)
Symbol Vo Vi I out V o V o Id Parameter Output Voltage Operating Input Voltage Output Current Limit Line Regulation Load Regulation Quiescent Current Test Conditions Io = 10 mA, Vi = 7 V o Io = 10 mA, Vi = 7 V, -40eN Vd V Hlc V Llc
Output Noise Voltage Dropout Voltage ON/OFF Control (pin 2) ON/OFF Control (pin 3)
Io = 5 mA Vi = 7 V 1V f = 120 Hz f = 1 KHz f = 10 KHz B = 10 Hz to 100 KHz Io = 60 mA Pin 3 to GND Pin 3 to GND Pin 2 to Vin Pin 2 to Vin
CO
Output Bypass Capacitance
ESR = 0.5 to 10 , Io = 0 to 100 mA
LK115D00 SERIES
ELECTRICAL CHARACTERISTICS FOR LK115D55 (refer to the test circuits, Tj = 25 oC, Ci = 0.1 F, Co = 2.2 F unless otherwise specified)
Symbol Vo Vi I out V o V o Id Parameter Output Voltage Operating Input Voltage Output Current Limit Line Regulation Load Regulation Quiescent Current Vi = 6.5 to 20 V, Vi = 6.5 V ON MODE Vi = 6.5 to 20 V Vi = 6.5 to 20 V OFF MODE SVR Supply Voltage Rejection Io = 0.5 mA Io = 0.5 to 100 mA Io = 0 mA Io = 100 mA Vi = 6.5 to 20 V Test Conditions Io = 10 mA, Vi = 7.5 V o Io = 10 mA, Vi = 7.5 V, -40eN Vd V Hlc V Llc
Output Noise Voltage Dropout Voltage ON/OFF Control (pin 2) ON/OFF Control (pin 3)
Io = 5 mA Vi = 7.5 V 1V f = 120 Hz f = 1 KHz f = 10 KHz B = 10 Hz to 100 KHz Io = 60 mA Pin 3 to GND Pin 3 to GND Pin 2 to Vin Pin 2 to Vin
CO
Output Bypass Capacitance
ESR = 0.5 to 10 , Io = 0 to 100 mA
8/10
LK115D00 SERIES
SO-8 MECHANICAL DATA
DIM. MIN. A a1 a2 a3 b b1 C c1 D E e e3 F L M S 3.8 0.4 4.8 5.8 1.27 3.81 4.0 1.27 0.6 8 (max.) 0.14 0.015 5.0 6.2 0.65 0.35 0.19 0.25 0.1 mm TYP. MAX. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45 (typ.) 0.188 0.228 0.050 0.150 0.157 0.050 0.023 0.196 0.244 0.025 0.013 0.007 0.010 0.003 MIN. inch TYP. MAX. 0.068 0.009 0.064 0.033 0.018 0.010 0.019
0016023
9/10
LK115D00 SERIES
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. .
10/10


▲Up To Search▲   

 
Price & Availability of LK115D00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X