|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ordering number : ENN*6747 CMOS IC LC86E6548 8-Bit Single Chip Microcontroller with the UVEPROM Preliminary Overview The LC86E6548 is a CMOS 8-bit single chip microcontroller with UVEPROM for the LC866500 series. This microcontroller has the function and the pin description of the LC866500 series mask ROM version, and 48K-byte EPROM. The program data is rewritable. It is suitable to develop the program. Features (1) Option switching by EPROM data The option function of the LC866500 series can be specified by the EPROM data. LC86E6548 can be checked the function of the trial pieces using the mass production board. (2) Internal one-time EPROM capacity : 49408 bytes (3) Internal RAM capacity : 1152 bytes Used EPROM or RAM capacity are equal ROM or RAM capacity of mask ROM version which applies LC86E6548 . Mask ROM version LC866548 LC866540 LC866532 LC866528 LC866524 EPROM capacity 49152 bytes 40960 bytes 32768 bytes 28672 bytes 24576 bytes RAM capacity 1152 bytes 1152 bytes 1152 bytes 896 bytes 896 bytes Ver.1.02 73196 91400 RM (IM) SK No.6747-1/21 LC86E6548 (4) Operating supply voltage : 4.5V to 6.0V (5) Instruction cycle time : 1.0s to 366s (6) Operating temperature : +10C to +40C (7) The pin compatible with the LC866500 series mask ROM devices (8) Applicable mask ROM version : LC866548/LC866540//LC866532/LC866528/LC866524 (9) Factory shipment : QFC100S(with window) Notice for use LC86E6548 is provided for the first release and small shipping of the LC866500 series. At using, take notice of the followings. (1) A point of difference LC86E6548 and LC866500 series Item Operation after reset releasing LC86E6548 The option is specified until 3ms after going to a `H' level to the reset terminal by dgrees. The program is executed from 00H of the program counter. Pull-down resistor provided/not provided Not provided Provided (fixed) Provided (fixed) Not provided Not provided +10C to +40C LC866548/40/32/28/24 The program is executed from 00H of the program counter immediately after going to a `H' level to reset terminal. Pull-down resistor provided/not provided Specified by the option Provided (fixed) Specified by the option Specified by the option Not provided -30C to +70C Pull-down resistor of the following pins *S0/T0 - S6/T6 *S7/T7 - S15/T15 *S16 - S31 *S32 - S47 *S48 - S51 Operating temperature rang (Topg) Power dissipation Refer to `electrical characteristics' on the semiconductor news. LC86E6548 uses 256 bytes that is addressed on FF00H to FFFFH in the program memory as the option configuration data area. This option configuration cannot execute all options which LC866500 series have. Next tables show the options that correspond and not correspond to LC86E6548. * A kind of the option corresponding of the LC86E6548 A kind of option Input/output form of Input/output ports Pins, Circuits Port 0 Contents of the option 1. N-channel open drain output 2. CMOS output *1 1. Pull-up MOS Tr. proveded 2. Pull-up MOS Tr. not provided *2 1. Input : Programmable pull-up MOS Tr. Output : N-channel open drain 2. Input : Programmable pull-up MOS Tr. Output : CMOS 1. Input : No Programmable pull-up MOS Tr. Output : N-channel open drain 2. Input : Programmable pull-up MOS Tr. Output : CMOS Port 1 *1 Port 3 *1 *1) Specified in a bit *2) Specified in nibble unit. The port of N-channel open drain output does not have the Pull-up MOS Tr.. No.6747-2/21 LC86E6548 * A kind of the option not corresponding of the LC86E6548 A kind of option Pull-down resistor of the high voltage Withstand output terminals Pins, Circuits *S0/T0 to S6/T6 *S16 to S31 *S32 to S47 LC86E6548 Not provided Provided (fixed) Not provided LC866548/40/32/28/24 Specified by the option Specified by the option Specified by the option (2) Option The option data is created by the option specified program "SU86K.EXE". program area by linkage loader "L86K.EXE". The created option data is linked to the (3) ROM space LC86E6548 and LC866500 series use 256 bytes that is addressed on 0FF00H to 0FFFFH in the program memory as the option specified data area. These program memory capacity are 49152 bytes that is addressed on 0000H to BFFFH. 0FFFFH The option specified area 256 bytes 0FF00H 0EFFFH 0DFFFH 0CFFFH 0BFFFH 0AFFFH 9FFFH 8FFFH 7FFFH 6FFFH 5FFFH 4FFFH 3FFFH 2FFFH 1FFFH Program area 0FFFH 48K bytes 0000H LC866548 The option specified area The option specified area The option specified area The option specified area Program area 40K bytes LC866540 Program area 32K bytes LC866532 Program area 28K bytes LC866528 Program area 24K bytes LC866524 No.6747-3/21 LC86E6548 How to use (1) Preparation A complete evaluation (EVA) file must be converted to an INTEL-HEX formatted file (HEX) file for program to the LC86E6548. An EVA2HEX.EXE. can convert a EVA file to a HEX file. Program the file that converted by the EVA2HEX to the LC86E6548. (2) How to program for the EPROM LC86E6548 can be programmed by the EPROM programmer with attachment ; W86EP6548Q. * Recommended EPROM programmer Productor Advantest Andou AVAL Minato electronics EEPROM programmer R4945, R4944, R4943 AF-9704 PKW-1100, PKW-3000 MODEL 1890A * "27512 (Vpp=12.5V) Intel high speed programming" mode available. The address must be set to "0 to 0FFFFH" and a jumper (DASEC) must be set to `OFF' at programming. (3) How to use the data security function "Data security" is the disabled function to read the data of the EPROM. The following is the process in order to execute the data security. 1. Set `ON' the jumper of attachment. 2. Program again. Then EPROM programmer displays the error. The error means normally activity of the data security. It is not a trouble of the EPROM programmer or the LSI. Notes * Data security is not executed when the data of all address have `FFH' at the sequence 2 above. * The programming by a sequential operation "BLANKPROGRAMVERIFY" cannot be executed data security at the sequence 2 above. * Set to `OFF' the jumper after executing the data security. 1 pin mark of LSI Data security 1 pin W86EP6548Q Not data security (4) How to eliminate The programming data can be erased by using the EPROM eraser. (5) Shielding The UVEPROM (ultraviolet erasable programmable ROM) is in it. Put the seal on the window in use. No.6747-4/21 Pin Assignment S48/PG0 S49/PG1 S50/PG2 S51/PG3 P00 P01 P02 P03 VSS2 VDD2 P04 P05 P06 P07 P10/SO0 P11/SI0/SB0 P12/SCK0 P13/SO1 P14/SI1/SB1 P15/SCK1 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 P16/BUZZ P17/PWM0 P30 P31 P32 P33 P34 P35 P36 P37 P70/INT0 RES LC86E6548 XT1/P74 XT2/P75 VSS1 CF1 CF2 VDD1 P80/AN0 P81/AN1 P82/AN2 P83/AN3 P84/AN4 P85/AN5 P86/AN6 P87/AN7 P71/INT1 P72/INT2/T0IN P73/INT3/T0IN S0/T0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 S19/PC3 S18/PC2 S17/PC1 S16/PC0 VDD3 S15/T15 S14/T14 S13/T13 S12/T12 S11/T11 S10/T10 S9/T9 S8/T8 S7/T7 S6/T6 S5/T5 S4/T4 S3/T3 S2/T2 S1/T1 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 S47/PF7 S46/PF6 S45/PF5 S44/PF4 S43/PF3 S42/PF2 S41/PF1 S40/PF0 VDD4 S39/PE7 S38/PE6 S37/PE5 S36/PE4 S35/PE3 S34/PE2 S33/PE1 S32/PE0 S31/PD7 S30/PD6 S29/PD5 S28/PD4 S27/PD3 S26/PD2 S25/PD1 S24/PD0 S23/PC7 S22/PC6 S21/PC5 S20/PC4 VP SANYO: QFC100S No.6747-5/21 LC86E6548 System Block Diagram Interrupt Control IR PLA A15-A0 D7-D0 TA CE OE DASEC Standby Control EPROM Control Colck Generator CF RC X'tal EPROM (48KB) PC Base Timer Bus Interface ACC SIO0 Port 1 B Register SIO1 Port 3 C Register Timer 0 Port 7 ALU Timer 1 Port 8 ADC PSW INT0 to 3 Noise Filter SIO Automatic transmission RAR RAM RAM (128 bytes) Stack Pointer Port 0 VFD controller Watchdog Timer High voltage Output No.6747-6/21 LC86E6548 LC86E6548 Pin description Pin name VSS1,2 VDD1,2,3,4 VP PORT0 P00 to P07 I/O I/O Function description Power pin (-) *4 Power pin (+) *4 Power pin (+) for the VFD output pull-down resist *8-bit input/output port *Input for port 0 interrupt *Input/output in nibble units *Input for HOLD release *15V withstand at N-channel open drain output *8-bit input/output port *Input/output can be specified in a bit unit *Other pin functions P10 SIO0 data output P11 SIO0 data input/bus input/output P12 SIO0 clock input/output P13 SIO1 data output P14 SIO1 data input/bus input/output P15 SIO1 clock input/output P16 Buzzer output P17 Timer 1 output (PWM0 output) *8-bit input/output port *Input/output in bit unit *15V withstand at N-channel open drain output *4-bit input/output port *Input/output in bit unit *2-bit input port *Other pin functions P70 : INT0 input/HOLD release/N-channel Tr. output for watchdog timer P71 : INT1 input/HOLD release input P72 : INT2 input/timer 0 event input P73 : INT3 input with noise filter/timer 0 event input P74 : 32.768kHz crystal oscillation terminal XT1 P75 : 32.768kHz crystal oscillation terminal XT2 *Interrupt received forms, the vector addresses rising falling rising high low vector & level level falling INT0 enable enable disable enable enable 03H INT1 enable enable disable enable enable 0BH INT2 enable enable enable disable disable 13H INT3 enable enable enable disable disable 1BH Continue. Option *Pull-up resistor : Provided/Not provided (each nibble) *Output form : CMOS/N-channel open drain (each bit) *Output form : CMOS/N-channel open drain (each bit) EPROM mode - PORT1 P10 to P17 I/O Data line D0 to D7 PORT3 P30 to P37 I/O *Output form : CMOS/N-channel open drain (each bit) - PORT7 P70 to P73 P74 to P75 I/O I EPROM control signals DASEC (*1) OE (*2) bE (*3) CE No.6747-7/21 LC86E6548 Pin name PORT8 P80 to 83 P84 to 87 I/O I I/O Function description *4-bit input port *Input/output in bit unit *4-bit input port *Other function AD input port (8 port pins) Output for VFD display controller segment/timing in common *Output for VFD display controller segment/timing with internal pull-down resistor in common *Internal pull-down resistor output *Output for VFD display controller Segment output *Other function S16 : High voltage input port PC0 S17 : High voltage input port PC1 S18 : High voltage input port PC2 S19 : High voltage input port PC3 S20 : High voltage input port PC4 S21 : High voltage input port PC5 S22 : High voltage input port PC6 S23 : High voltage input port PC7 S24 : High voltage input port PD0 S25 : High voltage input port PD1 S26 : High voltage input port PD2 S27 : High voltage input port PD3 S28 : High voltage input port PD4 S29 : High voltage input port PD5 S30 : High voltage input port PD6 S31 : High voltage input port PD7 *Output for VFD display controller Segment *Other function S32 : High voltage input port PE0 S33 : High voltage input port PE1 S34 : High voltage input port PE2 S35 : High voltage input port PE3 S36 : High voltage input port PE4 S37 : High voltage input port PE5 S38 : High voltage input port PE6 S39 : High voltage input port PE7 S40 : High voltage I/O port PF0 S41 : High voltage I/O port PF1 S42 : High voltage I/O port PF2 S43 : High voltage I/O port PF3 S44 : High voltage I/O port PF4 S45 : High voltage I/O port PF5 S46 : High voltage I/O port PF6 S47 : High voltage I/O port PF7 Continue. Option EPROM mode S0/T0 to S6/T6 *6 S7/T7 to S15/T15 *7 S16 to S31 *8 O O - TA (*5) I/O - *Address input A15 to A0 S32 to S47 *9 I/O - - No.6747-8/21 LC86E6548 Function description *Output for VFD display controller segment *Other function S48 : High voltage I/O port PG0 S49 : High voltage I/O port PG1 S50 : High voltage I/O port PG2 S51 : High voltage I/O port PG3 I Reset pin RES I *Input pin for 32.768kHz crystal oscillation XT1/ P74 *Other function XT1 : Input port P74 In case of non use, connect to VDD1. XT2/P75 O *Output pin for 32.768kHz crystal oscillation *Other function XT2 : Input port P75 In case of non use, connect to VDD1 at using as port or unconnect at using as oscillation. CF1 I Input pin for the ceramic resonator oscillation CF2 O Output pin for the ceramic resonator oscillation All of port options (except pull-up resistor of port 0) can be specified in bit unit. *1 *2 *3 *4 *5 *6 *7 *8 *9 Pin name S48 to S51 *9 I/O I/O Option EPROM mode - - - Memory select input for data security Output enable input Chip enable input Connect like the following figure to reduce noise into a VDD1 terminal. Shorted the VSS1 terminal to the VSS2 terminal and to make the back-up time long. TA ! EPROM control signal input S0/T0 to S6/T6 : not provided the pull-down resistor S7/T7 to S15/T15 : provided the pull-down resistor (fixed) S16 to S31 : provided the pull-down resistor (fixed) S32 to S51 : not provided the pull-down resistor LSI VDD1 Power Supply Back-up capacitor VDD2 VDD3 VFD powers VDD4 VSS1 VSS2 No.6747-9/21 LC86E6548 1. Absolute Maximum Ratings at VSS1=VSS2=0V and Ta=25C Parameter Supply voltage Input voltage Symbol Pins Conditions VDD1=VDD2 =VDD3=VDD4 Ratings typ. unit V VDD[V] Output voltage Input/Output voltage High level output current Peak output current Total output current VDDMAX VDD1, VDD2 VDD3, VDD4 VI(1) *Ports 74 ,75 *Ports 80,81,82,83 *Port 8 * RES VI(2) VP VO(1) S0/T0 to S15/T15 VIO(1) *Port 1 *Ports 70,71,72,73 *Ports 84,85,86,87 *Ports 0, 3 at CMOS output option VIO(2) Ports 0, 3 at N-ch open drain output option VIO(3) S16 to S51 IOPH(1) Ports 0, 1, 3 IOPH(2) IOPH(3) IOAH(1) IOAH(2) IOAH(3) IOAH(4) IOAH(5) IOAH(6) IOPL(1) IOPL(2) S0/T0 to S15/T15 S16 to S51 Port 0 Ports 1, 3 S0/T0 to S15/T15 S16 to S27 S28to S39 S40 to S51 Ports 0,1,3 *Ports 70,71,72,73 *Ports 84,85,86,87 IOAL(1) Port 0 IOAL(2) Ports 1,3,70 IOAL(3) *Ports 71,72,73 *Ports 84,85,86,87 Pdmax QFC100S Topr min. -0.3 -0.3 max. +7.0 VDD+0.3 VDD-45 VDD-45 -0.3 VDD+0.3 VDD+0.3 VDD+0.3 -0.3 VDD-45 -10 -30 -15 -30 -30 -55 -60 -60 -60 15 VDD+0.3 mA Low level output current Peak output current Total output current *CMOS output *At each pins At each pins At each pins The total of all pins The total of all pins The total of all pins The total of all pins The total of all pins The total of all pins At each pins At each pins The total of all pins The total of all pins The total of all pins Ta=+10 to+40C 20 15 60 50 20 500 +10 +40 mW C Maximum power dissipation Operating temperature range Storage temperature range Tstg -55 +125 No.6747-10/21 LC86E6548 2. Recommended Operating Range at Ta=+10C to +40C, VSS1=VSS2=0V Parameter Operating Supply voltage Hold voltage Symbol VDD(1) VHD Pins VDD1=VDD2 =VVDD3=VDD4 VDD1=VDD2 Conditions 0.98s tCYC tCYC 400s RAMs and the registers hold voltage at HOLD mode. 4.5 to 6.0 Output disable Output disable Output disable Ratings typ. unit V VDD[V] min. 4.5 2.0 max. 6.0 6.0 Pull-down Voltage Input high voltage VP VIH(1) VIH(2) VIH(3) VP Port 0 at CMOS output Port 0 at N-ch open drain output *Port 1 *Ports 72,73 *Port 3 at CMOS output *Port 3 at N-ch open drain output *Port 70 Port input/interrupt *Port 71 * RES Port 70 Watchdog timer *Port 8 *Ports 74 ,75 S16 to S51 Port 0 at CMOS output option Port 0 at N-ch open drain output *Ports 1,3 *Ports 72,73 *Port 70 Port input/interrupt *Port 71 * RES Port 70 Watchdog timer *Port 8 *Ports 74 ,75 S16 to S51 -35 VDD VDD 13.5 VDD 4.5 to 6.0 0. 33VDD +1.0 4.5 to 6.0 0.75VDD 4.5 to 6.0 0.75VDD VIH(4) VIH(5) Output disable Tr. OFF Output disable 4.5 to 6.0 0.75VDD 4.5 to 6.0 0.75VDD 13.5 VDD VIH(6) VIH(7) VIH(8) Input low voltage VIL(1) VIL(2) VIL(3) VIL(4) Output disable Output disable Output P-channel Tr. OFF Output disable Output disable Output disable Output disable 4.5 to 6.0 0.9VDD VDD VDD VDD 0.2VDD 0.25VDD 0.25VDD 0.25VDD 4.5 to 6.0 0.75VDD 4.5 to 6.0 0. 33VDD +1.0 4.5 to 6.0 VSS 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 VSS VSS VSS VIL(5) VIL(6) VIL(7) Operation cycle time tCYC Output disable Output disable Output P-channel Tr. OFF 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 VSS VSS VP 0.98 0.8VDD -1.0 0.25VDD 0.2VDD 400 s Continue. No.6747-11/21 LC86E6548 Ratings typ. 6 Parameter Symbol Pins CF1, CF2 Conditions *6MHz (ceramic resonator oscillation) *Refer to figure 1 *3MHz (ceramic resonator oscillation) *Refer to figure 1 RC oscillation *32.768kHz (crystal oscillation) *Refer to figure 2 *6MHz (ceramic resonator oscillation) *Refer to figure 3 *3MHz (ceramic resonator oscillation) *Refer to figure 3 *32.768kHz (crystal oscillation) *Refer to figure 3 Oscillation FmCF(1) frequency range (Note 1) FmCF(2) VDD[V] 4.5 to 6.0 min. max. unit MHz CF1, CF2 4.5 to 6.0 3 FmRC FsXtal XT1, XT2 4.5 to 6.0 4.5 to 6.0 0.3 0.8 32.768 3.0 kHz Oscillation tmsCF(1) stabilizing time period (Note 1) tmsCF(2) CF1, CF2 4.5 to 6.0 ms CF1, CF2 4.5 to 6.0 tssXtal XT1, XT2 4.5 to 6.0 s (Note 1) The oscillation constant is shown on table 1. No.6747-12/21 LC86E6548 3. Electrical Characteristics at Ta=+10C to +40C, VSS1=VSS2=0V Parameter Input high current Symbol IIH(1) Pins Ports 0,3 at open drain output Conditions *Output disable *VIN=13.5V (including off-leakage current of the output Tr.) *Output disable *Pull-up MOS Tr. OFF. *VIN=VDD (including off-leakage current of the output Tr.) *Output disable *VIN=VDD (including off-leakage current of the output Tr.) VIN=VDD VIN=VDD *Output P-channel Tr. OFF. *VIN=VDD *Output disable *Pull-up MOS Tr. OFF. *VIN=VSS (including off-leakage current of the output Tr.) *Output disable *VIN=VSS (including off-leakage current of the output Tr.) VIN=VSS VIN=VSS IOH=-1.0mA IOH=-0.1mA IOH=-20mA *IOH=-1.0mA *The current of any unmeasurement pin is not over 1mA. IOH=-5mA *IOH=-1.0mA *The current of any unmeasurement pins is not over 1mA. IOL=10mA IOL=1.6mA IOL=1mA IOL=1.6mA VOH=0.9VDD Continue. Ratings typ. unit A VDD[V] 4.5 to 6.0 min. max. 5 IIH(2) *Ports 1,3 *Port 0 without pull-up MOS Tr. 4.5 to 6.0 1 IIH(3) *Ports 70,71,72,73 *Port 8 4.5 to 6.0 1 IIH(4) IIH(5) IIH(6) Input low current IIL(1) RES Ports 74 ,75 *S32 to S51 without pull-down resistor *Ports 1,3 *Port 0 without pull-up MOS Tr. 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 -1 1 1 1 IIL(2) *Ports 70,71,72,73 *Port 8 4.5 to 6.0 -1 Output high voltage IIL(3) IIL(4) VOH(1) VOH(2) VOH(3) VOH(4) RES Ports 74 ,75 Ports 0,1,3 of CMOS output S0/T0 to S15/T15 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 -1 -1 VDD-1 VDD-0.5 VDD-1.8 VDD-1 V VOH(5) S16 to S51 VOH(6) 4.5 to 6.0 4.5 to 6.0 VDD-1.8 VDD-1 Output low voltage Pull-up MOS Tr. resistor VOL(1) Ports 0,1,3 VOL(2) VOL(3) Port 70 VOL(4) *Ports 71,72,73 *Ports 84,85,86,87 Rpu Ports 0,1,3 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 15 40 1.5 0.4 0.4 0.4 70 k No.6747-13/21 LC86E6548 Ratings typ. Parameter Output offleakage current Symbol Pins Conditions *Output P-channel Tr. OFF *VOUT=VSS *Output P-channel Tr. OFF *VOUT=VDD-40V *Output P-channel Tr. OFF *Using as input ports *Output P-channel Tr. OFF *VOUT=3V *Vp=-30V *VSS=GND *Vp=-30V Output disable IOFF(1) *S0/T0 to S6/T6 *S32 to S51 (without pull-down IOFF(2) resistor) VDD[V] 4.5 to 6.0 min. -1 max. unit A 4.5 to 6.0 -30 Resistance of The low level Hold Tr. High voltage Pull-down resistor VP pull-down resistor Hysteresis voltage Pin capacitance Rinpd S16 to S51 4.5 to 6.0 200 k Rpd *S7/T7 to S15/T15 *S16 to S31 5.0 60 100 200 Rvppd VHIS Vp *Port 1 *Ports 70,71,72,73,75 * RES All pins 5.0 4.5 to 6.0 60 100 0.1VDD 200 V CP *f=1MHz *VIN=VSS for all unmeasured terminals. *Ta=25C 4.5 to 6.0 10 pF 4. Serial Input / Output Characteristics at Ta=+10C to +40C, VSS1=VSS2=0V Parameter Cycle Low Level pulse width High Level pulse width Cycle Low Level pulse width High Level pulse width Data set-up time Input clock Output clock Symbol tCKCY(1) tCKL(1) tCKH(1) tCKCY(2) tCKL(2) tCKH(2) tICK *SI0,SI1 *SB0,SB1 SCK0,SCK1 *Use pull-up resistor (1k) in the open drain output. *Refer to figure 5 *Data set-up to SCK0,1 *Data hold from SCK0,1 *Refer to figure 5 *Use pull-up resistor (1k) in the open drain output. *Data hold from SCK0,1 *Refer to figure 5 4.5 to 6.0 Pins SCK0,SCK1 Conditions Refer to figure 5 Ratings typ. unit tCYC VDD[V] 4.5 to 6.0 min. 2 1 1 2 max. Serial clock 1/2tCKCY 1/2tCKCY 4.5 to 6.0 0.1 s Serial input Data hold time Output delay time (External clock using for serial transfer clock) Output delay time (Internal clock using for serial transfer clock) tCKI tCKO(1) *SO0,SO1 *SB0,SB1 0.1 4.5 to 6.0 7/12 tCYC +0.2 1/3 tCYC +0.2 Serial output tCKO(2) No.6747-14/21 LC86E6548 5. Pulse Input Conditions at Ta=+10C to +40C, VSS1=VSS2=0V Parameter High/low level pulse width Symbol tPIH(1) tPIL(1) tPIH(2) tPIL(2) tPIH(3) tPIL(3) tPIH(4) tPIL(4) tPIL(5) Pins *INT0, INT1 *INT2/T0IN INT3/T0IN (The noise rejection clock selected to 1/1.) INT3/T0IN (The noise rejection clock selected to 1/16.) INT3/T0IN (The noise rejection clock selected to 1/64.) RES Conditions *Interrupt acceptable *Timer0-countable *Interrupt acceptable *Timer0-countable *Interrupt acceptable *Timer0-countable *Interrupt acceptable *Timer0-countable Reset acceptable VDD[V] 4.5 to 6.0 4.5 to 6.0 min. 1 2 Ratings typ. max. unit tCYC 4.5 to 6.0 32 4.5 to 6.0 128 s 4.5 to 6.0 200 6. AD Converter Characteristics at Ta=+10C to + 40C, VSS1=VSS2=0V Parameter Resolution Absolute precision (Note 2) Conversion time Symbol N ET tCAD AD conversion time = 16 x tCYC (ADCR2=0) (Note 3) AD conversion time = 32 x tCYC (ADCR2=1) (Note 3) AN0 to AN7 VAIN=VDD VAIN=VSS Pins Conditions Ratings typ. 8 unit bit LSB s VDD[V] 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 min. max. 1.5 15.68 (tCYC= 0.98s) 31.36 (tCYC= 0.98 s) 65.28 (tCYC= 4.08s) 130.56 (tCYC= 4.08s) VDD 1 Analog input voltage range Analog port input current VAIN IAINH IAINL 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 VSS V A -1 (Note 2) Absolute precision excepts the quantizing error (1/2 LSB). (Note 3) The conversion time means the time from executing the AD conversion instruction to setting the complete digital conversion value to the register. No.6747-15/21 LC86E6548 7. Current Dissipation Characteristics at Ta=+10C to +40C, VSS1=VSS2=0V Parameter Current dissipation during basic operation (Note 4) Symbol IDDOP(1) Pins Conditions *FmCF=6MHz Ceramic resonator oscillation *FsXtal=32.768kHz crystal oscillation *System clock : CF oscillation *Internal RC oscillation stops *1/1 divided *FmCF=3MHz Ceramic resonator oscillation *FsXtal=32.768kHz crystal oscillation *System clock : CF oscillation *Internal RC oscillation stops *1/2 divided *FmCF=0Hz (The oscillation stops) *FsXtal=32.768kHz crystal oscillation *System clock : RC oscillation *1/2 divided *FmCF=0Hz (The oscillation stops) *FsXtal=32.768kHz crystal oscillation *System clock : 32.768kHz *Internal RC oscillation stops *1/2 divided Continue. Ratings typ. 14 unit mA VDD[V] 4.5 to 6.0 min. max. 33 IDDOP(2) 4.5 to 6.0 6 18 IDDOP(3) 4.5 to 6.0 4 13 IDDOP(4) 4.5 to 6.0 3 10 No.6747-16/21 LC86E6548 Ratings typ. 5 Parameter Symbol Pins Conditions *HALT mode *FmCF=6MHz Ceramic resonator oscillation *FsXtal=32.768kHz crystal oscillation *System clock : CF oscillation *Internal RC oscillation stops *1/1 divided *HALT mode *FmCF=3MHz Ceramic resonator oscillation *FsXtal=32.768kHz crystal oscillation *System clock : CF oscillation *Internal RC oscillation stops *1/2 divided *HALT mode FmCF=0Hz (The oscillation stops) *FsXtal=32.768kHz crystal oscillation *System clock : RC oscillation *1/2 divided *HALT mode FmCF=0Hz (The oscillation stops) *FsXtal=32.768kHz crystal oscillation *System clock : crystal oscillation *Internal RC oscillation stops *1/2 divided HOLD mode Current dissipation IDDHALT(1) in HALT mode (Note 4) VDD[V] 4.5 to 6.0 min. max. 14 unit mA IDDHALT(2) 4.5 to 6.0 2.2 7 IDDHALT(3) 4.5 to 6.0 400 1600 A IDDHALT(4) 4.5 to 6.0 25 100 Current dissipation IDDHOLD(1) in HOLD mode (Note 4) 4.5 to 6.0 0.05 30 (Note 4) The currents of the output transistors and the pull-up MOS transistors are ignored. No.6747-17/21 LC86E6548 Table 1. Ceramic resonator oscillation recommended constant (main-clock) Oscillation type Maker Oscillator 6MHz ceramic resonator Murata oscillation Kyocera 3MHz ceramic resonator Murata oscillation Kyocera * Both C1 and C2 must be use K rank (10%) and SL characteristics. C1 C2 Table 2. Crystal oscillation guaranteed constant (sub-clock) Oscillation type Maker Oscillator C3 32.768kHz crystal oscillation * Both C3 and C4 must be use J rank (5%) and CH characteristics. (Not in need of high precision, use K rank (10%) and SL characteristics.) C4 Rd Rf (Notes) * Please place the oscillation-related parts as close to the oscillation pins as possible with the shortest possible pattern length since the circuit pattern affects the oscillation frequency. * If you use other oscillators herein, we provide no guarantee for the characteristics. CF1 CF2 XT1 Rf XT2 Rd CF C1 C2 C3 X'tal C4 Figure 1 Main-clock circuit Ceramic resonator oscillation Figure 2 Sub-clock circuit Crystal oscillation No.6747-18/21 LC86E6548 Power supply Reset time VDD VDD limit 0V RES Internal RC resonator oscillation CF1, CF2 tmsCF tssXtal XT1, XT2 Instruction execution mode OCR6=1 Operation mode Unfixed Reset Instruction execution mode HOLD release signal Internal RC resonator oscillation Valid tmsCF CF1, CF2 tssXtal XT1, XT2 Operation mode HOLD Instruction execution mode Figure 3 Oscillation stable time No.6747-19/21 LC86E6548 VDD RRES RES CRES (Note) Fix the value of CRES, RRES that is sure to reset until 200s, after Power supply has been over inferior limit of supply voltage. Figure 4 Reset circuit 0.5VDD tCKCY tCKL SCK0 SCK1 tICK SI0 SI1 tCKO SO0, SO1 SB0, SB1 50pF tCKI tCKH VDD 1k Figure 5 Serial input / output test condition tPIL tPIH Figure 6 Pulse input timing conditionv No.6747-20/21 LC86E6548 PS No.6747-21/21 |
Price & Availability of LC866524 |