Part Number Hot Search : 
T4700M 1N4741A N327AD 4805D BH61331 A1232 1H222 SCI01
Product Description
Full Text Search
 

To Download IRFP460LC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Previous Datasheet
Index
Next Data Sheet
PD - 9.1232
IRFP460LC
HEXFET (R) Power MOSFET
Ultra Low Gate Charge Reduced Gate Drive Requirement Enhanced 30V V gs Rating Reduced C iss, Coss, Crss Isolated Central Mounting Hole Dynamic dv/dt Rated Repetitive Avalanche Rated Description
This new series of Low Charge HEXFET Power MOSFETs achieve significantly lower gate charge over conventional MOSFETs. Utilizing advanced Hexfet technology the device improvements allow for reduced gate drive requirements, faster switching speeds and increased total system savings. These device improvements combined with the proven ruggedness and reliability of HEXFETs offer the designer a new standard in power transistors for switching applications. The TO-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because of its isolated mounting hole.
VDSS = 500V RDS(on) = 0.27 ID = 20A
Absolute Maximum Ratings
Parameter
ID @ T C = 25C ID @ T C = 100C IDM PD @T C = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, V GS @ 10V Continuous Drain Current, V GS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 screw.
Max.
20 12 80 280 2.2 30 960 20 28 3.5 -55 to + 150 300 (1.6mm from case) 10 lbf*in (1.1N*m)
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RCS RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient
Min.
---- ----
Typ.
---- 0.24 ----
Max.
0.45 ---- ----
Units
C/W 40
To Order
Revision 0
Previous Datasheet
Index
Next Data Sheet
IRFP460LC
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. 500 --- --- 2.0 12 --- --- --- --- --- --- --- --- --- --- ---
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, I D = 1mA 0.27 VGS = 10V, I D = 12A 4.0 V VDS = VGS, ID = 250A --- S VDS = 50V, ID = 12A 25 VDS = 500V, VGS = 0V A 250 VDS = 400V, VGS = 0V, T J = 125C 100 VGS = 20V nA -100 VGS = -20V 120 ID = 20A 32 nC VDS = 400V 49 VGS = 10V, See Fig. 6 and 13 --- VDD = 250V --- ID = 20A ns --- RG = 4.3 --- RD = 12, See Fig. 10 Between lead, --- 5.0 --- 6mm (0.25in.) nH from package --- 13 --- and center of die contact --- 3600 --- VGS = 0V --- 440 --- pF VDS = 25V --- 39 --- = 1.0MHz, See Fig. 5
Typ. --- 0.59 --- --- --- --- --- --- --- --- --- --- 18 77 40 43
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units --- --- --- --- --- --- --- --- 570 6.6 20 A 80 1.8 860 9.9 V ns C
Conditions MOSFET symbol showing the integral reverse p-n junction diode. TJ = 25C, I S = 20A, V GS = 0V TJ = 25C, I F = 20A di/dt = 100A/s
S+LD)
Intrinsic turn-on time is negligible (turn-on is dominated by L
Notes: Repetitive rating; pulse width limited by max. junction temperature. ( See fig. 11 ) ISD 20A, di/dt 160A/s, V DD V(BR)DSS, T J 150C Pulse width 300s; duty cycle 2%.
VDD = 25V, starting T J = 25C, L = 4.3mH R G = 25, IAS = 20A. (See Figure 12)
To Order
Previous Datasheet
Index
Next Data Sheet
IRFP460LC
1 00
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 10 BOTTOM 4.5V TOP
1 00
I , Drain-to-Source Current (A) D
I , Drain-to-Source Current (A) D
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 10 BOTTOM 4.5V TOP
4.5V
1
1
0.1
4.5V 20s PULSE WIDTH TC = 25C
0.1 1 10 100
0.1
0.01 0.01
0.01 0.01
20s PULSE WIDTH TC = 150C
0.1 1 10 100
V
DS
, Drain-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics, TC = 25oC
Fig 2. Typical Output Characteristics, TC = 150oC
R DS(on) , Drain-to-Source On Resistance (Normalized)
100
3.0
I D = 20A
2.5
I D , D rain-to-S ource C urrent (A)
10
TJ = 15 0C
2.0
1
1.5
T J = 25 C
1.0
0.1
0.5
0.01 4 5 6 7
V D S = 50 V 20 s P U LS E W ID T H
8 9 10
0.0 -6 0 -40 -20 0 20 40 60 80
VGS = 10V
100 120 140 160
V G S , G a te-to-S ourc e V olta ge (V )
TJ , Junction Temperature (C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
To Order
Previous Datasheet
Index
Next Data Sheet
IRFP460LC
7 0 00
, Gate-to-Source Voltage (V)
6 0 00
V GS = 0V, f = 1MHz C iss = Cgs + C gd , Cds SHORTED C rss = C gd C oss = Cds + C gd
20
I D = 20A V DS = 400V V DS = 250V V DS = 100V
16
C, Capacitance (pF)
5 0 00
Ciss
4 0 00
12
3 0 00
C oss
8
2 0 00
GS
4
1 0 00
Crss
V
0 1 10 100
0 0 30 60
FOR TEST CIRCUIT SEE FIGURE 13
90 12 0
V DS, Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY R DS(on)
I D , Drain Current (A)
100
TJ = 150C
10
10s
TJ = 25C
100s
10
1ms
1 0 0.4 0.8 1.2
VGS = 0V
1.6 2
1 1
T C = 25C T J = 150C Single Pulse
10 100
10ms
1000
VSD , Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
To Order
Previous Datasheet
Index
Next Data Sheet
IRFP460LC
VDS
20
RD
VGS RG
D.U.T. VDD
ID, Drain Current (Amps)
16
10 V
12
Pulse Width 1 s Duty Factor 0.1 %
Fig 10a. Switching Time Test Circuit
8
4
0 25 50 75 100 125 150
TC , Case Temperature (C)
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
1
T herm al R es po nse (Z thJC )
D = 0 .5 0
0.1
0 .2 0 0 .1 0 0 .0 5 0 .0 2
PDM
0.01
0 .0 1 S IN G L E P UL SE (T H E R M AL R E S P O N S E )
N o te s : 1 . D u ty fa c to r D = t 1 /t 2
t
1
t 2
0.001 0.00001
2 . P e a k TJ = P D M x Z th J C + T C
0.0001
0.001
0.01
0.1
1
10
t 1 , R ectangular Pulse D uration (sec )
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
To Order
Previous Datasheet
Index
Next Data Sheet
IRFP460LC
EAS , Single Pulse Avalanche Energy (mJ)
2100
TOP
1800
ID 8.9A 13A BOTTOM 20A
10 V
1500
1200
Fig 12a. Unclamped Inductive Test Circuit
900
600
300
0
VDD = 50V
25 50 75 100 125 150
Starting TJ , Juntion Temperature (C)
Fig 12b. Unclamped Inductive Waveforms
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
10 V
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
To Order
Previous Datasheet
Index
Next Data Sheet
IRFP460LC
Peak Diode Recovery dv/dt Test Circuit
D.U.T Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
RG
* * * *
dv/dt controlled by R G Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
VDD
*
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
To Order
Previous Datasheet
Index
Next Data Sheet
IRF460LC
Package Outline
TO-247AC
Part Marking Information
TO-247AC
EXAMPLE : THIS IS AN IRFPE30 WITH ASSEMBLY LOT CODE 3A1Q
A
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER IRFPE30 3A1Q 9302 DATE CODE (YYWW) YY = YEAR WW WEEK
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: (44) 0883 713215 IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 3L1, Tel: (905) 475 1897 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: 6172 37066 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: (39) 1145 10111 IR FAR EAST: K&H Bldg., 2F, 3-30-4 Nishi-Ikeburo 3-Chome, Toshima-Ki, Tokyo 171 Tel: (03)3983 0641 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, 0316 Tel: 65 221 8371 Data and specifications subject to change without notice.
To Order


▲Up To Search▲   

 
Price & Availability of IRFP460LC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X