Part Number Hot Search : 
87XS39D3 IRF9640 DB1504P E220K TC74LC B39202 6EDL4 GUF30D
Product Description
Full Text Search
 

To Download IPS042G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No.PD 60153-J
IPS042G
DUAL FULLY PROTECTED POWER MOSFET SWITCH
Features
* * * * *
Over temperature shutdown Over current shutdown Active clamp Low current & logic level input E.S.D protection
Product Summary Rds(on) V clamp Ishutdown Ton/Toff 500m (max) 50V 2A 1.5s
Description
The IPS042G is a fully protected dual low side SMART POWER MOSFET that features over-current, over-temperature, ESD protection and drain to source active clamp.This device combines a HEXFET(R) POWER MOSFET and a gate driver. It offers full protection and high reliability required in harsh environments. The driver allows short switching times and provides efficient protection by turning OFF the power MOSFET when the temperature exceeds 165oC or when the drain current reaches 2A. This device restarts once the input is cycled. The avalanche capability is significantly enhanced by the active clamp and covers most inductive load demagnetizations.
Package
8-Lead SOIC
Typical Connection
Load
R in series (if needed)
Q
D IN control
S
S Logic signal
(Refer to lead assignment for correct pin configuration)
www.irf.com
1
IPS042G
31
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are referenced to SOURCE lead. (TAmbient = 25oC unless otherwise specified). PCB mounting uses the standard footprint with 70 m copper thickness.
Symbol Parameter
Vds Vin Iin, max Isd cont. Maximum drain to source voltage Maximum input voltage Maximum IN current Diode max. continuous current (1) (for all Isd mosfets, rth=125oC/W) Isd pulsed Diode max. pulsed current (1) (1) P d ESD1 ESD2 T stor. Tj max.
Min.
-- -0.3 -10 -- -- -- -- -- -55 -40
Max.
47 7 +10 1.2 3 1 4 0.5 150 +150
Units
V mA
Test Conditions
A
Maximum power dissipation (for all Pd mosfets, rth=125oC/W) Electrostatic discharge voltage (Human Body) Electrostatic discharge voltage (Machine Model) Max. storage temperature Max. junction temperature
W C=100pF, R=1500, kV
o
C=200pF, R=0, L=10H
C
Thermal Characteristics
Symbol Parameter
Rth1 Rth2 Rth3 Thermal resistance with standard footprint (2 mosfets on) Thermal resistance with standard footprint (1 mosfet on) Thermal resistance with 1" square footprint (2 mosfets on)
Min.
-- -- --
Typ.
100 125 65
Max. Units Test Conditions
-- -- --
o
C/W
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol Parameter
Continuous Drain to Source voltage High level input voltage Low level input voltage Continuous drain current (both mosfets at this current) o Tamb=85 C TAmbient = 85oC, IN = 5V, rth = 100oC/W, Tj = 125oC Rin Recommended resistor in series with IN pin Tr-in(max) Max recommended rise time for IN signal (see fig. 2) Fr-Isc (2) Max. frequency in short circuit condition (Vcc = 14V) Vds (max) VIH VIL I ds
Min.
-- 4 0 -- 1 -- 0
Max.
35 6 0.5 0.53 5 1 1
Units
V
A k S kHz
(1) Limited by junction temperature (pulsed current limited also by internal wiring) (2) Operations at higher switching frequencies is possible. See Appl. notes.
2
www.irf.com
IPS042G
Static Electrical Characteristics
(Tj = 25oC unless otherwise specified.)
Symbol Parameter
Rds(on) Idss1
@Tj=25oC
Min.
-- -- 0 0 47 50 7 1 25 50
Typ.
370 590 0.5 5 52 53 8.1 1.6 90 130
Max. Units Test Conditions
500 900 25 50 56 60 9.5 2 200 250 m Vin = 5V, Ids = 1A Vcc = 14V, Tj = 25oC A Vcc = 40V, Tj = 25oC Id = 20mA (see Fig.3 & 4) Id=Ishutdown (see Fig.3 & 4) Iin = 1 mA Id = 50mA, Vds = 14V Vin = 5V Vin = 5V
over-current triggered
ON state resistance Tj = 25oC Tj = 150oC Drain to source leakage current Drain to source leakage current Drain to Source clamp voltage 1 Drain to Source clamp voltage 2 IN to Source clamp voltage IN threshold voltage ON state IN positive current OFF state IN positive current
Idss2
@Tj=25oC
V clamp 1 V clamp 2 Vin clamp Vin th Iin, -on Iin, -off
V
A
Switching Electrical Characteristics
Vcc = 14V, Resistive Load = 20, Rinput = 1k, 100s pulse, Tj = 25oC, (unless otherwise specified).
Symbol Parameter
Ton Tr Trf Toff Tf Qin Turn-on delay time Rise time Time to 130% final Rds(on) Turn-off delay time Fall time Total gate charge
Min.
0.05 0.5 -- 0.5 0.5 --
Typ. Max. Units Test Conditions
0.2 1.3 5 1.6 1.5 1 0.5 2.5 -- 2.5 2.5 -- See figure 2
s
See figure 2 nC Vin = 5V
Protection Characteristics
Symbol Parameter
T sd I sd V reset Treset EOI_OT Over temperature threshold Over current threshold IN protection reset threshold Time to reset protection Short circuit energy (see application note)
Min.
-- 1.1 1.5 2 --
Typ.
165 1.7 2.3 10 400
Max. Units Test Conditions
-- 2.2 3 40 -- C A V s J
o
See fig. 1 See fig. 1 V in = 0V, Tj = 25oC Vcc = 14V
www.irf.com
3
IPS042G
Functional Block Diagram
All values are typical
DRAIN
47 V
4000 200 k
IN
8.1 V 80 A
S R
Q Q I sense T > 165c
I > 1sd
SOURCE
Lead Assignments
D1 D1 D2 D2
1
S1
In1
S2 In2
8 Lead SOIC
4
www.irf.com
IPS042G
Vin
5V 0V 90 %
Vin 10 % Ids
I shutdown Isd t < T reset t > T reset
Tr-in
90 %
Ids T
Tsd
(165 c)
10 %
Td on tr T shutdown
Td off tf
Vds
Figure 1 - Timing diagram Figure 2 - IN rise time & switching time definitions
T clamp
Vin L
Rem : V load is negative during demagnetization V load +
R D
14 V -
Ids
Vds clamp
Vin Vds
( Vcc ) 5v 0v
IN S
Vds Ids
( see Appl . Notes to evaluate power dissipation )
Figure 3 - Active clamp waveforms
Figure 4 - Active clamp test circuit
www.irf.com
5
IPS042G
All curves are typical values with standard footprints. Operating in the shaded area is not recommended.
1200 1100 1000 900 800 700 600 500 400 300 200 100 0 0 1 2 3 4 5 6
200% 180% 160%
Tj = 150oC
140% 120% 100% 80%
Tj = 25o C
60% 40% 20% 0% -50 -25
7
8
0
25
50
75 100 125 150 175
Figure 5 - Rds ON (m) Vs Input Voltage (V)
Figure 6 - Normalised Rds ON (%) Vs Tj (oC)
10 9 8 7 6 5 4 3 2 1 0 0 1 2 3 4 5
ton delay rise tim e 130% rdson
4
toff delay fall tim e
3
2
1
0 6 7 8 0 1 2 3 4 5 6 7 8
Figure 7 - Turn-ON Delay Time, Rise Time & Time to 130% final Rds(on) (us) Vs Input Voltage (V)
Figure 8 - Turn-OFF Delay Time & Fall Time (us) Vs Input Voltage (V)
6
www.irf.com
IPS042G
100
100
delay on rise tim e 130% rdson
10 10
delay off fall tim e
1
1
0 .1 10 100 1000 10000
0 .1 10 100 1000 10000
Figure 9 - Turn-ON Delay Time, Rise Time & Time to 130% final Rds(on) (us) Vs IN Resistor ()
Figure 10 - Turn-OFF Delay Time & Fall Time (us) Vs IN Resistor ()
3 2.5 2 1.5 1 0.5 0 0 1 2 3 4 5 Isd 25C Ilim 25C 6 7 8
20 18 16 14 12 10 8 6 4 2 0 -50 -25 0 25 50 75 100 125 150
Figure 11 - Current Iim. & I shutdown (A) Vs Vin (V)
Figure 12 - I shutdown (A) Vs Temperature (oC)
www.irf.com
7
IPS042G
3
Std. footprint 127C/W m osfet on Std. footprint 100C/W m osfet on
1 2
10 T=25C Std. footprint T=100C Std footprint
Current path capability should be above this curve
2
1
1
1 mosfet is on
Load characteristicshould characteristic should be below this curve underneath this curve
0 -50 0 50 100 150 200
0.1
Figure 14 - Ids (A) Vs Protection Resp. Time (s)
Figure 13 - Max.Cont. Ids (A) Vs Amb. Temperature (oC)
10
100
single pulse 1000 Hz rth=100C/W dT=25C 10kHz rth=100C/W dT=25C
10
1
1
Single pulse
rth 1 mosfet active
Vbat = 14 V Tjini = T sd all curves for 1 mosfet active
rth 2 mosfets active
0 .1 1 10 100
0.1
0 .0 1 0 .1
Figure 15 - Iclamp (A) Vs Inductive Load (mH)
Figure 16 - Transient Thermal Imped. (oC/W) Vs Time (s)
8
www.irf.com
IPS042G
200 180 160 140 120 100 80 60 40 20 0 -50 -25 0 25 50 75 100 125 150 Iin,on Iin,off
120% 115% 110% 105% 100% 95% 90% 85% 80% -50 -25 Vds clam p @ Isd Vin clam p @ 10m A 0 25 50 75 100 125 150
Figure 17 - Input current (A) Vs Tj (oC)
Figure 18 - Vin clamp and V clamp2 (%) Vs Tj (oC)
16 14 12 10 8 6 4 2 0 -50
Treset rise tim e fall tim e
-25
0
25
50
75
100 125 150
Figure 19 - Turn-on, Turn-off, and Treset (s) Vs Tj (oC)
www.irf.com
9
IPS042G
D A 5
B
F OOT PRINT 8X 0.72 [.028]
DIM A b
INCHES MIN .0532 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574
MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00
A1 .0040 c
6 E
8
7
6
5 H 0.25 [.010] A
6.46 [.255]
D E e e1 H K L
8X 1.78 [.070]
1
2
3
4
.050 BAS IC .025 BAS IC .2284 .0099 .016 0 .2440 .0196 .050 8
1.27 BAS IC 0.635 BAS IC 5.80 0.25 0.40 0 6.20 0.50 1.27 8
6X e e1 A C
3X 1.27 [.050]
y
K x 45 y 0.10 [.004]
8X b 0.25 [.010]
A1 CAB
8X L 7
8X c
NOT ES: 1. DIMENSIONING & TOLE RANCING PE R ASME Y14.5M-1994. 2. CONTROLLING DIMENS ION: MILLIMET ER 3. DIMENSIONS ARE S HOWN IN MILLIME TE RS [INCHE S]. 4. OUT LINE CONFORMS T O JEDEC OUTLINE MS -012AA.
5 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS . MOLD PROT RUS IONS NOT TO EXCEED 0.15 [.006]. 6 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS . MOLD PROT RUS IONS NOT TO EXCEED 0.25 [.010]. 7 DIMENS ION IS T HE LENGT H OF LEAD FOR SOLDERING T O A SUBST RATE.
8-Lead SOIC
01-6027 01-0021 11 (MS-012AA)
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 Data and specifications subject to change without notice. 6/11/2001
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IPS042G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X