Part Number Hot Search : 
10ET3 RS1GG 09100 74HC74PW UPC311C KBP100 3256A MC33001D
Product Description
Full Text Search
 

To Download IDT70V27L15BF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
Features:
x x x
IDT70V27S/L
x
x
x
True Dual-Ported memory cells which allow simultaneous access of the same memory location High-speed access - Industrial: 35ns (max.) - Commercial: 15/20/25/35/55ns (max.) Low-power operation - IDT70V27S Active: 500mW (typ.) Standby: 3.3mW (typ.) - IDT70V27L Active: 500mW (typ.) Standby: 660W (typ.) Separate upper-byte and lower-byte control for bus matching capability Dual chip enables allow for depth expansion without external logic
x
x x x
x x x
x
IDT70V27 easily expands data bus width to 32 bits or more using the Master/Slave select when cascading more than one device M/S = VIH for BUSY output flag on Master, M/S = VIL for BUSY input on Slave Busy and Interrupt Flags On-chip port arbitration logic Full on-chip hardware support of semaphore signaling between ports Fully asynchronous operation from either port LVTTL-compatible, single 3.3V (0.3V) power supply Available in 100-pin Thin Quad Flatpack (TQFP), 108-pin Ceramic Pin Grid Array (PGA), and 144-pin Fine Pitch BGA (fpBGA) Industrial temperature range (-40C to +85C) is available for selected speeds
Functional Block Diagram
R/WL
UBL CE0L R/WR UBR CE0R
CE1L
OEL LBL
CE1R
OER LBR
I/O8-15L I/O0-7L
BUSYL
(1,2)
I/O Control
I/O Control
I/O8-15R I/O0-7R
BUSYR
(1,2)
A14L A0L
Address Decoder A14L A0L
CE0L
32Kx16 MEMORY ARRAY 70V27
Address Decoder
A14R A0R
CE1L
OEL
ARBITRATION INTERRUPT SEMAPHORE LOGIC
A14R A0R
CE0R
CE1R
OER
R/WL
SEM L INT L
(2)
R/WR
SEMR
NOTES: 1) BUSY is an input as a Slave (M/S=VIL) and an output as a Master (M/S=VIH). 2) BUSY and INT are non-tri-state totem-pole outputs (push-pull).
M/S
(2)
INTR
3603 drw 01
(2)
JANUARY 2001
6.01 1
(c)2000 Integrated Device Technology, Inc. DSC 3603/7
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Commercial and Industrial Temperature Range
Description:
The IDT70V27 is a high-speed 32K x 16 Dual-Port Static RAM, designed to be used as a stand-alone 512K-bit Dual-Port RAM or as a combination MASTER/SLAVE Dual-Port RAM for 32-bit and wider word systems. Using the IDT MASTER/SLAVE Dual-Port RAM approach in 32bit or wider memory system applications results in full-speed, error-free operation without the need for additional discrete logic. The device provides two independent ports with separate control, address, and I/O pins that permit independent, asynchronous access for reads or writes to any location in memory. An automatic power down feature controlled by the chip enables (CE0 and CE1) permits the on-chip circuitry of each port to enter a very low standby power mode. Fabricated using IDT's CMOS high-performance technology, these devices typically operate on only 500mW of power. The IDT70V27 is packaged in a 100-pin Thin Quad Flatpack (TQFP), a 108-pin ceramic Pin Grid Array (PGA), and a 144-pin Fine Pitch BGA (fp BGA).
Pin Configurations(1,2,3)
INDEX
A9L A10L A11L A12L A13L A14L NC NC NC LBL UBL CE0L CE1L SEML Vcc R/WL OEL GND GND I/O15L I/O14L I/O13L I/O12L I/O11L I/O10L
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 1 75 2 74 3 73 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52
A8L A7L A6L A5L A4L A3L A2L A1L A0L NC INTL BUSYL GND M/S BUSYR INTR A0R A1R A2R A3R A4R A5R A6R A7R A8R
IDT70V27PF PN100-1(4) 100-PIN TQFP TOP VIEW(5)
51 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
A9R A10R A11R A12R A13R A14R NC NC NC LBR UBR CE0R CE1R SEMR GND R/WR OER GND GND I/O15R I/O14R I/O13R I/O12R I/O11R I/O10R
3603 drw 02
NOTES: 1. All VCC pins must be connected to power supply. 2. All GND pins must be connected to ground supply. 3. Package body is approximately 14mm x 14mm x 1.4mm. 4. This package code is used to reference the package diagram. 5. This text does not indicate orientation of the actual part-marking.
I/O9L I/O8L Vcc I/O7L I/O6L I/O5L I/O4L I/O3L I/O2L GND I/O1L I/O0L GND I/O0R I/O1R I/O2R I/O3R I/O4R I/O5R I/O6R Vcc I/O7R I/O8R I/O9R NC
2
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Commercial and Industrial Temperature Range
Pin Configurations(1,2,3) (con't.)
A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13
NC
B1
NC
B2
A8L
B3
A5L
B4
A1L
B5
INTL
B6
GND BUSYR A1R
B7 B8 B9
A5R
B10
NC
B11
NC
B12
NC
B13
NC
C1
NC
C2
NC
C3
A6L
C4
A2L
C5
NC
C6
M/S
C7
INTR
C8
A2R
C9
A6R
C10
NC
C11
NC
C12
NC
C13
A10L
D1
A9L
D2
NC
D3
A7L
D4
A3L
D5
NC
D6
NC
D7 D8
NC
A3R
D9
A7R
D10
A9R
D11
A10R
D12
A11R
D13
A14L
E1
A13L
E2
A12L
E3
A11L
E4
A4L
A0L
BUSYL A0R
A4R
A8R
E10
A12R
E11
A13R
E12
A14R
E13
LBL
F1
NC
F2 F3
NC
F4
NC UBL
G4
NC
F10
NC
F11
NC
F12
LBR
F13
SEML CE1L
G1 G2
CE0L
G3
IDT70V27BF BF144-1(4)
UBR
G10
CE0R
G11
CE1R SEMR
G12 G13
VCC
H1
VCC
H2
VCC
H3 H4
NC
144-Pin fpBGA Top View(5)
NC
H10
NC
H11
GND
H12
GND
H13
NC
J1
R/WL
J2 J3
OEL
J4
NC
NC
J10
OER
J11
R/WR
J12
GND
J13
GND
K1
I/O15L
K2
I/O14L I/013L
K3 K4 K5 K6 K7 K8 K9
I/O13R I/O14R I/O15R GND
K10 K11 K12 K13
I/O12L
L1
NC
L2 L3
NC
L4
NC
I/O6L
L5
I/O3L
L6
I/O0R
L7
I/O3R
L8
I/O6R I/O11R
L9 L10
NC
L11
NC
L12
I/O12R
L13
,
I/O11L I/O10L
M1 M2
NC
M3
NC
M4
I/O5L
M5
I/O2L
M6
GND
M7
VCC
M8
I/O5R
M9
NC
M10
NC
M11
NC
M12
I/O10R
M13
I/O9L
N1
NC
N2
NC
N3
VCC
N4
I/O4L
N5
GND
N6
I/O0L
N7
I/O2R
N8
I/O4R
N9
I/O7R
N10
I/O8R
N11
NC
N12
I/O9R
N13
NC
NC
I/O8L
I/O7L
NC
I/O1L
VCC
I/O1R
NC
VCC
NC
NC
NC
3603 drw 02a
NOTES: 1. All VCC pins must be connected to power supply. 2. All GND pins must be connected to ground supply. 3. Package body is approximately 12mm x 12mm x 1.4mm. 4. This package code is used to reference the package diagram. 5. This text does not indicate orientation of the actual part-marking.
3
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Commercial and Industrial Temperature Range
Pin Configurations(1,2,3) (con't.)
81 80 77 74 72 69 68 65 63 60 57 54
12
A10R
84
A11R
83
A14R
78 76
NC NC
79
UBR
73
SEMR
70
GND
67
GND
64
NC
61
I/O13R I/O10R
59 56
NC
53
11
A7R
87
A8R
86
A13R
82
LBR
75
CE1R R/WR
71 66
GND I/O14R I/O12R I/O9R
62 58 55 51
NC
50
10 09 08
A4R
90
A5R
88
A9R
85
A12R
NC
CE0R
OER
I/O15R I/O11R
NC
52
I/O8R
49
I/O7R
47
A1R
92
A3R
91
A6R
89
NC
48
Vcc
46
I/O5R
45
INTR
95
A0R
94
A2R
93
I/O6R
44
I/O4R
43
I/O3R
42
07 06
GND
96
M/S BUSYR
97 98
IDT70V27G G108-1(4) 108-PIN PGA TOP VIEW (5)
I/O2R
39
I/O1R
40
I/O0R
41
BUSYL INTL
99 100
NC
102
I/O1L
35
I/O0L
37
GND
38
05 04
A0L
101
A1L
103
A3L
106
I/O4L
31
I/O2L
34
GND
36
A2L
104
A4L
105 1
A7L
4 8 12 17 21 25
Vcc
28
I/O5L
32
I/O3L
33
03
A5L
107 2
A6L
5
A10L
7
A13L
NC
10
CE1L
13
GND
16
I/O14L I/O10L
19 22
NC
24
I/O7L
29
I/O6L
30
02
A8L
108 3
A11L
6
A14L
9
NC LBL D
UBL
11
SEML
14
OEL
15
GND I/O13L
18 20
I/O11L
23 26
NC
I/O8L
27
01
A9L A
A12L B
NC C
CE0L E
Vcc F
R/WL G
NC H
I/O15L J
I/O12L K
I/O9L L
NC M
3603 drw 03
INDEX NOTES: 1. All VCC pins must be connected to power supply. 2. All GND pins must be connected to ground supply. 3. Package body is approximately 1.21in x 1.21in x .16in. 4. This package code is used to reference the package diagram. 5. This text does not indicate orientation of the actual part-marking.
Pin Names
Left Port CE0L, CE1L R/WL OEL A0L - A14L I/O0L - I/O15L SEML UBL LBL INTL BUSYL Right Port CE0R, CE1R R/WR OER A0R - A14R I/O0R - I/O15R SEMR UBR LBR INTR BUSYR M/S VCC GND Chip Enable Read/Write Enable Output Enable Address Data Input/Output Semaphore Enable Upper Byte Select Lower Byte Select Interrupt Flag Busy Flag Master or Slave Select Power Ground
3603 tbl 01
Names
4
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Commercial and Industrial Temperature Range
Truth Table I Chip Enable(1,2,3)
CE CE0 VIL L < 0.2V VIH X H >VCC -0.2V X
NOTES:
CE1 VIH >VCC -0.2V X VIL X <0.2V Port Selected (TTL Active) Port Selected (CMOS Active) Port Deselected (TTL Inactive) Port Deselected (TTL Inactive)
Mode
Port Deselected (CMOS Inactive) Port Deselected (CMOS Inactive)
3603 tbl 02
1. Chip Enable references are shown above with the actual CE0 and CE1 levels, CE is a reference only.
2. Port "A" and "B" references are located where CE is used. 3. "H" = VIH and "L" = VIL
Truth Table II Non-Contention Read/Write Control
Inputs(1) CE
(2)
Outputs UB X H L H L L H L X LB X H H L L H L L X SEM H H H H H H H H X I/O8-15 High-Z High-Z DATAIN High-Z DATAIN DATAOUT High-Z DATAOUT High-Z I/O0-7 High-Z High-Z High-Z DATAIN DATAIN High-Z DATAOUT DATAOUT High-Z Mode Deselected: Power-Down Both Bytes Deselected Write to Upper Byte Only Write to Lower Byte Only Write to Both Bytes Read Upper Byte Only Read Lower Byte Only Read Both Bytes Outputs Disabled
3603 tbl 03
R/W X X L L L H H H X
OE X X X X X L L L H
H X L L L L L L X
NOTES: 1. A0L -- A14L A0R -- A14R. 2. Refer to Chip Enable Truth Table.
Truth Table III Semaphore Read/Write Control
Inputs(1) CE
(2)
Outputs UB X H X H L X LB X H X H X L SEM L L L L L L I/O8-15 DATAOUT DATAOUT DATAIN DATAIN
______ ______
R/W H H
OE L L X X X X
I/O0-7 DATAOUT DATAOUT DATAIN DATAIN
______ ______
Mode Read Data in Semaphore Flag Read Data in Semaphore Flag Write I/O0 into Semaphore Flag Write I/O0 into Semaphore Flag Not Allowed Not Allowed
3603 tbl 04
H X H X L L

X X
NOTES: 1. There are eight semaphore flags written to I/O0 and read from all the I/Os (I/O0-I/O15). These eight semaphore flags are addressed by A0-A2. 2. Refer to Chip Enable Truth Table.
5
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Commercial and Industrial Temperature Range
Absolute Maximum Ratings(1)
Symbol VTERM(2) Rating Terminal Voltage with Respect to GND Temperature Under Bias Storage Temperature DC Output Current Commercial & Industrial -0.5 to +4.6 Unit V
Maximum Operating Temperature and Supply Voltage(1,2)
Grade Commercial Ambient Temperature 0 C to +70 C -40 C to +85 C
O O O O
GND 0V 0V
Vcc 3.3V + 0.3V 3.3V + 0.3V
3603 tbl 06
TBIAS TSTG IOUT
-55 to +125 -65 to +150 50
o
C C
Industrial
o
NOTES: 1. This is the parameter TA. This is the "instant on" case temperature. 2. Industrial temperature: for specific speeds, packages and powers contact your sales office.
mA
3603 tbl 05
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VTERM must not exceed Vcc + 0.3V for more than 25% of the cycle time or 10ns maximum, and is limited to < 20mA for the period of VTERM > Vcc + 0.3V.
Recommended DC Operating Conditions(1)
Symbol VCC GND VIH VIL Parameter Supply Voltage Ground Input High Voltage Input Low Voltage Min. 3.0 0 2.0 -0.3
(1)
Typ. 3.3 0
____
Max. 3.6 0 VCC+0.3V 0.8
(2)
Unit V V V V
3603 tbl 07
____
Capacitance(1)
Symbol CIN COUT
(TA = +25C, f = 1.0mhz)TQFP ONLY
Parameter Input Capacitance Output Capacitance Conditions(2) VIN = 3dV VOUT = 3dV Max. 9 10 Unit pF pF
3603 tbl 08
NOTES: 1. VIL > -1.5V for pulse width less than 10ns. 2. VTERM must not exceed Vcc + 0.3V.
NOTES: 1. This parameter is determined by device characterization but is not production tested. 2. 3dV represents the interpolated capacitance when the input and output signals switch from 0V to 3V or from 3V to 0V.
DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range (VCC = 3.3V 0.3V)
70V27S Symbol |ILI| |ILO| VOL VOH
NOTE: 1. At Vcc
70V27L Min.
___
Parameter Input Leakage Current(1) Output Leakage Current Output Low Voltage Output High Voltage
Test Conditions VCC = 3.6V, VIN = 0V to VCC CE = VIH, VOUT = 0V to VCC IOL = 4mA IOH = -4mA
Min.
___
Max. 10 10 0.4
___
Max. 5 5 0.4
___
Unit A A V V
3603 tbl 09
___ ___
___ ___
2.4
2.4
< 2.0V, input leakages are undefined.
6
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Commercial and Industrial Temperature Range
DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(1,6,7) (VCC = 3.3V 0.3V)
70V27X15 Com'l Only Symbol ICC Parameter Dynamic Operating Current (Both Ports Active) Test Condition CE = VIL, Outputs Disabled SEM = VIH f = fMAX(3) Version COM'L IND'L COM'L IND'L S L S L S L S L S L S L S L S L S L S L Typ. (2) 170 170
____ ____
70V27X20 Com'l Only Typ.(2) 165 165
____ ____
70V27X25 Com'l Only Typ. (2) 145 145 145 145 27 27 27 27 90 90 90 90 1.0 0.2 1.0 0.2 90 90 90 90 Max. 245 210 280 245 50 40 60 50 150 135 170 150 6 3 10 6 145 130 170 145
3603 tbl 10a
Max. 260 225
____ ____
Max. 255 220
____ ____
Unit mA
ISB1
Standby Current CEL = CER = VIH (Bo th Ports - TTL Level SEMR = SEML = VIH Inputs) f = fMAX(3)
44 44
____ ____
70 60
____ ____
39 39
____ ____
60 50
____ ____
mA
ISB2
Standby Current (One Port - TTL Level Inputs)
CE"A" = VIL and CE"B" = VIH(5) Active Port Outputs Disabled, f=fMAX(3) SEMR = SEML = VIH Both Ports CEL and CER > VCC - 0.2V VIN > VCC - 0.2V or VIN < 0.2V, f = 0(4) SEMR = SEML > VCC - 0.2V CE"A" < 0.2V and CE"B" > VCC - 0.2V(5) SEMR = SEML > VCC - 0.2V VIN > VCC - 0.2V or VIN < 0.2V Active Port Outputs Disabled f = fMAX(3)
COM'L
115 115
____ ____
160 145
____ ____
105 105
____ ____
155 140
____ ____
mA
IND'L
ISB3
Full Standby Current (Both Ports - All CMOS Level Inputs)
COM'L IND'L
1.0 0.2
____ ____
6 3
____ ____
1.0 0.2
____ ____
6 3
____ ____
mA
ISB4
Full Standby Current (One Port - All CMOS Level Inputs)
COM'L IND'L
115 115
____ ____
155 140
____ ____
105 105
____ ____
150 135
____ ____
mA
NOTES: 1. 'X' in part numbers indicates power rating (S or L). 2. VCC = 3.3V, TA = +25C, and are not production tested. ICCDC = 90mA (Typ.) 3. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using "AC Test Conditions" of input levels of GND to 3V. 4. f = 0 means no address or control lines change. 5. Port "A" may be either left or right port. Port "B" is the opposite from port "A". 6. Refer to Chip Enable Truth Table. 7. Industrial temperature: for other speeds, packages and powers contact your sales office.
7
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Commercial and Industrial Temperature Range
DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(1,6,7) (VCC = 3.3V 0.3V)
70V27X35 Com'l & Ind Symbol ICC Parameter Dynamic Operating Current (Both Ports Active) Test Condition CE = VIL, Outputs Disabled SEM = VIH f = fMAX(3) Version COM'L IND'L COM'L IND'L S L S L S L S L S L S L S L S L S L S L Typ.(2) 135 135 135 135 22 22 22 22 85 85 85 85 1.0 0.2 1.0 0.2 85 85 85 85 Max. 235 190 270 235 45 35 55 45 140 125 160 140 6 3 10 6 135 120 160 135 70V27X55 Com'l Only Typ. (2) 125 125 125 125 15 15 15 15 75 75 75 75 1.0 0.2 1.0 0.2 75 75 75 75 Max. 225 180 260 225 40 30 50 40 140 125 160 140 6 3 10 6 135 120 160 135
3603 tbl 10b
Unit mA
ISB1
Standby Current (Bo th Ports - TTL Level Inputs)
CEL = CER = VIH SEMR = SEML = VIH f = fMAX(3)
mA
ISB2
Standby Current (One Port - TTL Level Inputs)
CE"A" = VIL and CE"B" = VIH(5) Active Port Outputs Disabled, f=fMAX(3) SEMR = SEML = VIH Both Ports CEL and CER > VCC - 0.2V VIN > VCC - 0.2V or VIN < 0.2V, f = 0(4) SEMR = SEML > VCC - 0.2V CE"A" < 0.2V and CE"B" > VCC - 0.2V(5) SEMR = SEML > VCC - 0.2V VIN > VCC - 0.2V or VIN < 0.2V Active Port Outputs Disabled f = fMAX(3)
COM'L
mA
IND'L
ISB3
Full Standby Current (Both Ports - All CMOS Level Inputs)
COM'L IND'L
mA
ISB4
Full Standby Current (One Port - All CMOS Level Inputs)
COM'L IND'L
mA
NOTES: 1. 'X' in part numbers indicates power rating (S or L). 2. VCC = 3.3V, TA = +25C, and are not production tested. ICCDC = 90mA (Typ.) 3. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using "AC Test Conditions" of input levels of GND to 3V. 4. f = 0 means no address or control lines change. 5. Port "A" may be either left or right port. Port "B" is the opposite from port "A". 6. Refer to Chip Enable Truth Table. 7. Industrial temperature: for other speeds, packages and powers contact your sales office.
AC Test Conditions
Input Pulse Levels Input Rise/Fall Times Input Timing Reference Levels Output Reference Levels Output Load GND to 3.0V 5ns Max. 1.5V 1.5V Figures 1 and 2
3603 tbl 11
3.3V
3.3V 590 DATAOUT
590 DATAOUT BUSY INT
435
30pF
435
5pF*
3603 drw 04
Figure 1. AC Output Test Load
Figure 2. Output Test Load (for tLZ, tHZ, tWZ, tOW) *Including scope and jig.
8
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Commercial and Industrial Temperature Range
AC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(4, 6)
70V27X15 Com'l Only Symbol READ CYCLE tRC tAA tACE tABE tAOE tOH tLZ tHZ tPU tPD tSOP tSAA Read Cycle Time Address Access Time Chip Enable Access Time (3) Byte Enable Access Time (3) Output Enable Access Time Output Hold from Address Change Output Low-Z Time
(1,2)
70V27X20 Com'l Only Min. Max.
70V27X25 Com'l Only Min. Max. Unit
Parameter
Min.
Max.
15
____
____
20
____
____
25
____
____
ns ns ns ns ns ns ns ns ns ns ns ns
3603 tbl 12a
15 15 15 10
____
20 20 20 12
____
25 25 25 15
____
____
____
____
____
____
____
____
____
____
3 3
____
3 3
____
3 3
____
____
____
____
Output High-Z Time (1,2) Chip Enable to Power Up Time (2,5) Chip Disable to Power Down Time (2,5) Semaphore Flag Update Pulse (OE or SEM) Semaphore Address Access Time
12
____
12
____
15
____
0
____
0
____
0
____
15
____
20
____
25
____
10
____
10
____
15
____
15
20
35
70V27X35 Com'l & Ind Symbol READ CYCLE tRC tAA tACE tABE tAOE tOH tLZ tHZ tPU tPD tSOP tSAA Read Cycle Time Address Access Time Chip Enable Access Time (3) Byte Enable Access Time (3) Output Enable Access Time Output Hold from Address Change Output Low-Z Time
(1,2)
70V27X55 Com'l Only Min. Max. Unit
Parameter
Min.
Max.
35
____
____
55
____
____
ns ns ns ns ns ns ns ns ns ns ns ns
3603 tbl 12b
35 35 35 20
____
55 55 55 30
____
____
____
____
____
____
____
3 3
____
3 3
____
____
____
Output High-Z Time (1,2) Chip Enable to Power Up Time
(2,5)
20
____
25
____
0
____
0
____
Chip Disable to Power Down Time (2,5) Semaphore Flag Update Pulse (OE or SEM) Semaphore Address Access Time
45
____
50
____
15
____
15
____
45
65
NOTES: 1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2). 2. This parameter is guaranteed by device characterization, but is not production tested. 3. To access RAM, CE = VIL and SEM = VIH. To access semaphore, CE= VIH and SEM = VIL. 4. 'X' in part numbers indicates power rating (S or L). 5. Refer to Chip Enable Truth Table. 6. Industrial temperature: for other speeds, packages and powers contact your sales office.
9
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Commercial and Industrial Temperature Range
Waveform of Read Cycles(5)
tRC ADDR tAA tACE(4) tAOE(4) OE tABE (4) UB, LB
(4)
CE
(6)
R/W tLZ (1) DATAOUT VALID DATA
(4)
tOH
tHZ(2) BUSYOUT tBDD
(3,4) 3603 drw 05
Timing of Power-Up Power-Down
CE ICC
50% 50%
3603 drw 06
(6)
tPU ISB
tPD
,
NOTES: 1. Timing depends on which signal is asserted last: CE, OE, LB, or UB. 2. Timing depends on which signal is de-asserted first: CE, OE, LB, or UB. 3. tBDD delay is required only in cases where the opposite port is completing a write operation to the same address location. For simultaneous read operations BUSY has no relation to valid output data. 4. Start of valid data depends on which timing becomes effective last tAOE, tACE, tAA or tBDD. 5. SEM = VIH. 6. Refer to Chip Enable Truth Table.
10
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Commercial and Industrial Temperature Range
AC Electrical Characteristics Over the Operating Temperature and Supply Voltage(5,6)
70V27X15 Com'l Only Symbol WRITE CYCLE tWC tEW tAW tAS tWP tWR tDW tHZ tDH tWZ tOW tSWRD tSPS Write Cycle Time Chip Enable to End-of-Write
(3)
70V27X20 Com'l Only Min. Max.
70V27X25 Com'l Only Min. Max. Unit
Parameter
Min.
Max.
15 12 12 0 12 0 10
____
____
20 15 15 0 15 0 15
____
____
25 20 20 0 20 0 15
____
____
ns ns ns ns ns ns ns ns ns ns ns ns ns
3603 tbl 13a
____
____
____
Address Valid to End-of-Write Address Set-up Time (3) Write Pulse Width Write Recovery Time Data Valid to End-of-Write Output High-Z Time Data Hold Time
(4) (1,2)
____
____
____
____
____
____
____
____
____
____
____
____
____
____
____
10
____
10
____
15
____
0
____
0
____
0
____
Write Enable to Output in High-Z (1,2) Output Active from End-of-Write SEM Flag Write to Read Time SEM Flag Contention Window
(1,2,4)
10
____
10
____
15
____
0 5 5
0 5 5
0 5 5
____
____
____
____
____
____
70V27X35 Com'l & Ind Symbol WRITE CYCLE tWC tEW tAW tAS tWP tWR tDW tHZ tDH tWZ tOW tSWRD tSPS Write Cycle Time Chip Enable to End-of-Write
(3)
70V27X55 Com'l Only Min. Max. Unit
Parameter
Min.
Max.
35 30 30 0 25 0 20
____
____
55 45 45 0 40 0 30
____
____
ns ns ns ns ns ns ns ns ns ns ns ns ns
3603 tbl 13b
____
____
Address Valid to End-of-Write Address Set-up Time (3) Write Pulse Width Write Recovery Time Data Valid to End-of-Write Output High-Z Time Data Hold Time
(4) (1,2)
____
____
____
____
____
____
____
____
____
____
20
____
25
____
0
____
0
____
Write Enable to Output in High-Z (1,2) Output Active from End-of-Write SEM Flag Write to Read Time SEM Flag Contention Window
(1,2,4)
20
____
25
____
0 5 5
0 5 5
____
____
____
____
NOTES: 1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2). 2. This parameter is guaranteed by device characterization, but is not production tested. 3. To access RAM CE= VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time. Refer to Chip Enable Truth Table. 4. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary over voltage and temperature, the actual tDH will always be smaller than the actual tOW. 5. 'X' in part numbers indicates power rating (S or L). 6. Industrial temperature: for other speeds, packages and powers contact your sales office.
11
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Timing Waveform of Write Cycle No. 1, R/W Controlled Timing
tWC ADDRESS tHZ OE tAW CE or SEM
(9,10) (7)
Commercial and Industrial Temperature Range (1,5,8)
UB or LB
(9) (3)
tAS(6) R/W tWZ (7) DATAOUT
(4)
tWP
(2)
tWR
tOW
(4)
tDW DATAIN
tDH
3603 drw 07
Timing Waveform of Write Cycle No. 2, CE, UB, LB Controlled Timing(1,5)
tWC ADDRESS tAW CE or SEM
(9,10)
tAS(6) UB or LB
(9)
tEW(2)
tWR(3)
R/W tDW DATAIN
3603 drw 08
tDH
NOTES: 1. R/W or CE or UB and LB must be HIGH during all address transitions. 2. A write occurs during the overlap (tEW or tWP) of a LOW CE and a LOW R/W for memory array writing cycle. 3. tWR is measured from the earlier of CE or R/W (or SEM or R/W) going HIGH to the end of write cycle. 4. During this period, the I/O pins are in the output state and input signals must not be applied. 5. If the CE or SEM LOW transition occurs simultaneously with or after the R/W LOW transition, the outputs remain in the High-impedance state. 6. Timing depends on which enable signal is asserted last, CE or R/W. 7. This parameter is guaranteed by device characterization, but is not production tested. Transition is measured 0mV from steady state with the Output Test Load (Figure 2). 8. If OE is LOW during R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off and data to be placed on the bus for the required tDW. If OE is HIGH during an R/W controlled write cycle, this requirement does not apply and the write pulse can be as short as the specified tWP. 9. To access RAM, CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. tEW must be met for either condition. 10. Refer to Chip Enable Truth Table.
12
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Timing Waveform of Semaphore Read after Write Timing, Either Side
tSAA A0-A2 VALID ADDRESS tAW SEM tEW tDW I/O tAS R/W tSWRD OE
Write Cycle Read Cycle
3603 drw 09
Commercial and Industrial Temperature Range (1)
VALID ADDRESS tACE tSOP tOH DATAOUT(2) VALID
tWR
DATA IN VALID tWP tDH
tAOE
NOTES: 1. CE = VIH or UB and LB = VIH for the duration of the above timing (both write and read cycle), refer to Chip Enable Truth Table. 2. "DATAOUT VALID" represents all I/O's (I/O0-I/O15) equal to the semaphore value.
Timing Waveform of Semaphore Write Contention(1,3,4)
A0"A"-A2"A" MATCH
SIDE
(2)
"A"
R/W"A"
SEM"A" tSPS A0"B"-A2"B" MATCH
SIDE
(2)
"B"
R/W"B"
SEM"B"
3603 drw 10
NOTES: 1. DOR = DOL = VIL, CER = CEL = VIH, or both UB & LB = VIH (refer to Chip Enable Truth Table). 2. All timing is the same for left and right ports. Port "A" may be either left or right port. Port "B" is the opposite from port "A". 3. This parameter is measured from R/W"A" or SEM"A" going HIGH to R/W"B" or SEM"B" going HIGH. 4. If tSPS is not satisfied, there is no guarantee which side will be granted the semaphore flag.
13
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Commercial and Industrial Temperature Range
AC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(6,7)
70V27X15 Com'l Only Symbol BUSY TIMING (M/S=VIH) tBAA tBDA tBAC tBDC tAPS tBDD tWH BUSY Access Time from Address Match BUSY Disable Time from Address Not Matched BUSY Access Time from Chip Enable Low BUSY Disable Time from Chip Enable High Arbitration Priority Set-up Time BUSY Disable to Valid Data Write Hold After BUSY(5)
(3) (2)
____
70V27X20 Com'l Only Min. Max.
70V27X25 Com'l Only Min. Max. Unit
Parameter
Min.
Max.
15 15 15 15
____
____
20 20 20 20
____
____
25 25 25 25
____
ns ns ns ns ns ns ns
____
____
____
____
____
____
____
____
____
5
____
5
____
5
____
17
____
35
____
35
____
12
15
20
BUSY TIMING (M/S=VIL) tWB tWH BUSY Input to Write (4) Write Hold After BUSY
(5)
0 12
____
0 15
____
0 20
____
ns ns
____
____
____
PORT-TO-PORT DELAY TIMING tWDD tDDD Write Pulse to Data Delay(1) Write Data Valid to Read Data Delay (1)
____
30 25
____
45 30
____
55 50
ns ns
3603 tbl 14a
____
____
____
70V27X35 Com'l & Ind Symbol BUSY TIMING (M/S=VIH) tBAA tBDA tBAC tBDC tAPS tBDD tWH BUSY Access Time from Address Match BUSY Disable Time from Address Not Matched BUSY Access Time from Chip Enable Low BUSY Disable Time from Chip Enable High Arbitration Priority Set-up Time (2) BUSY Disable to Valid Data(3) Write Hold After BUSY(5)
____
70V27X55 Com'l Only Min. Max. Unit
Parameter
Min.
Max.
35 35 35 35
____
____
45 45 45 45
____
ns ns ns ns ns ns ns
____
____
____
____
____
____
5
____
5
____
40
____
50
____
25
25
BUSY TIMING (M/S=VIL) tWB tWH BUSY Input to Write (4) Write Hold After BUSY(5) 0 25
____
0 25
____
ns ns
____
____
PORT-TO-PORT DELAY TIMING tWDD tDDD Write Pulse to Data Delay(1) Write Data Valid to Read Data Delay (1)
____
65 60
____
85 80
ns ns
3603 tbl 14b
____
____
NOTES: 1. Port-to-port delay through RAM cells from writing port to reading port, refer to "Timing Waveform of Write with Port-to-Port Read and BUSY (M/S = VIH)". 2. To ensure that the earlier of the two ports wins. 3. tBDD is a calculated parameter and is the greater of 0, tWDD - tWP (actual), or tDDD - tDW (actual). 4. To ensure that the write cycle is inhibited on port "B" during contention on port "A". 5. To ensure that a write cycle is completed on port "B" after contention on port "A". 6. 'X' in part numbers indicates power rating (S or L). 7. Industrial temperature: for other speeds, packages and powers contact your sales office.
14
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Timing Waveform of Write with Port-to-Port Read and BUSY
tWC ADDR"A" MATCH tWP R/W"A" tDW DATAIN "A" tAPS ADDR"B" tBAA BUSY"B" tWDD DATAOUT "B" tDDD
(3) (1)
Commercial and Industrial Temperature Range (2,5) (4)
(M/S = VIH)
tDH VALID
MATCH tBDA tBDD
VALID
NOTES: 1. To ensure that the earlier of the two ports wins. tAPS is ignored for M/S = VIL (SLAVE). 2. CEL = CER = VIL (refer to Chip Enable Truth Table). 3. OE = VIL for the reading port. 4. If M/S = VIL (SLAVE), then BUSY is an input. Then for this example BUSY "A"= VIH and BUSY "B"= input is shown above. 5. All timing is the same for left and right ports. Port "A" may be either the left or right port. Port "B" is the port opposite from port "A".
3603 drw 11
Timing Waveform Write with BUSY (M/S = VIL)
tWP R/W"A" tWB BUSY"B" tWH
(3)
(1)
R/W"B"
NOTES: 1. tWH must be met for both BUSY input (SLAVE) and output (MASTER). 2. BUSY is asserted on port "B" blocking R/W"B", until BUSY"B" goes HIGH. 3. tWB is only for the "Slave" version.
(2) , 3603 drw 12 ,
15
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Waveform of BUSY Arbitration Controlled by CE Timing (M/S = VIH)
ADDR"A" and "B" CE"A" tAPS (2) CE"B" tBAC BUSY"B" tBDC ADDRESSES MATCH
Commercial and Industrial Temperature Range (1,3)
3603 drw 13
Waveform of BUSY Arbitration Cycle Controlled by Address Match Timing (M/S = VIH)(1)
ADDR"A" tAPS(2) ADDR"B" tBAA BUSY"B"
3603 drw 14
ADDRESS "N"
MATCHING ADDRESS "N" tBDA
NOTES: 1. All timing is the same for left and right ports. Port "A" may be either the left or right port. Port "B" is the port opposite from port "A". 2. If tAPS is not satisfied, the busy signal will be asserted on one side or another but there is no guarantee on which side busy will be asserted. 3. Refer to Chip Enable Truth Table.
AC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(1,2)
70V27X15 Com'l Only Symbol INTERRUPT TIMING tAS tWR tINS tINR Address Set-up Time Write Recovery Time Interrupt Set Time Interrupt Reset Time 0 0
____ ____ ____ ____
70V27X20 Com'l Only Min. Max.
70V27X25 Com'l Only Min. Max. Unit
Parameter
Min.
Max.
0 0
____ ____
____ ____
0 0
____ ____
____ ____
ns ns ns ns
3603 tbl 15a
15 25
20 20
25 35
70V27X35 Com'l &Ind Symbol INTERRUPT TIMING tAS tWR tINS tINR Address Set-up Time Write Recovery Time Interrupt Set Time Interrupt Reset Time 0 0
____ ____ ____ ____
70V27X55 Com'l Only Min. Max. Unit
Parameter
Min.
Max.
0 0
____ ____
____ ____
ns ns ns ns
3603 tbl 15b
30 35
40 45
NOTES: 1. 'X' in part numbers indicates power rating (S or L). 2. Industrial temperature: for other speeds, packages and powers contact your sales office.
16
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Commercial and Industrial Temperature Range
Waveform of Interrupt Timing
ADDR"A" tAS CE"A"
(3)
(1,5)
tWC INTERRUPT SET ADDRESS
(2) (4)
tWR
R/W"A" tINS (3) INT"B"
3603 drw 15
tRC ADDR"B" tAS CE"B"
(3)
INTERRUPT CLEAR ADDRESS
(2)
OE"B" tINR INT"B"
3603 drw 16 (3)
NOTES: 1. All timing is the same for left and right ports. Port "A" may be either the left or right port. Port "B" is the port opposite from port "A". 2. See Interrupt Truth Table. 3. Timing depends on which enable signal (CE or R/W) is asserted last. 4. Timing depends on which enable signal (CE or R/W) is de-asserted first. 5. Refer to Chip Enable Truth Table.
Truth Table IV Interrupt Flag(1,4)
Left Port R/WL L X X X CEL L X X L OEL X X X L A14L-A0L 7FFF X X 7FFE INTL X X L
(3)
Right Port R/WR X X L X CER X L L X OER X L X X A14R-A0R X 7FFF 7FFE X INTR L(2) H(3) X X Function Set Right INTR Flag Reset Right INTR Flag Set Left INTL Flag Reset Left INTL Flag
3603 tbl 16
H(2)
NOTES: 1. Assumes BUSYL = BUSYR =VIH. 2. If BUSYL = VIL, then no change. 3. If BUSYR = VIL, then no change. 4. Refer to Chip Enable Truth Table.
17
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Truth Table V Address BUSY Arbritration
Inputs CEL X H X L CER X X H L A0L-A14L A0R-A14R NO MATCH MATCH MATCH MATCH Outputs BUSYL(1) H H H (2) BUSYR(1) H H H (2) Function Normal Normal Normal Write Inhibit(3)
3603 tbl 17
Commercial and Industrial Temperature Range (4)
NOTES: 1. Pins BUSYL and BUSYR are both outputs when the part is configured as a master. Both are inputs when configured as a slave. BUSY outputs on the IDT70V27 are push-pull, not open drain outputs. On slaves the BUSY input internally inhibits writes. 2. "L" if the inputs to the opposite port were stable prior to the address and enable inputs of this port. "H" if the inputs to the opposite port became stable after the address and enable inputs of this port. If tAPS is not met, either BUSYL or BUSYR = LOW will result. BUSYL and BUSYR outputs can not be LOW simultaneously. 3. Writes to the left port are internally ignored when BUSYL outputs are driving LOW regardless of actual logic level on the pin. Writes to the right port are internally ignored when BUSYR outputs are driving LOW regardless of actual logic level on the pin. 4. Refer to Chip Enable Truth Table.
Truth Table VI Example of Semaphore Procurement Sequence(1,2)
Functions No Action Left Port Writes "0" to Semaphore Right Port Writes "0" to Semaphore Left Port Writes "1" to Semaphore Left Port Writes "0" to Semaphore Right Port Writes "1" to Semaphore Left Port Writes "1" to Semaphore Right Port Writes "0" to Semaphore Right Port Writes "1" to Semaphore Left Port Writes "0" to Semaphore Left Port Writes "1" to Semaphore D0 - D15 Left 1 0 0 1 1 0 1 1 1 0 1 D0 - D15 Right 1 1 1 0 0 1 1 0 1 1 1 Semaphore free Left port has semaphore token No change. Right side has no write access to semaphore Right port obtains semaphore token No change. Left port has no write access to semaphore Left port obtains semaphore token Semaphore free Right port has semaphore token Semaphore free Left port has semaphore token Semaphore free
3603 tbl 18
Status
NOTES: 1. This table denotes a sequence of events for only one of the eight semaphores on the IDT70V27. 2. There are eight semaphore flags written to via I/O0 and read from all the I/O's (I/O0-I/O15). These eight semaphores are addressed by A0 - A2.
Functional Description
The IDT70V27 provides two ports with separate control, address and I/O pins that permit independent access for reads or writes to any location in memory. The IDT70V27 has an automatic power down feature controlled by CE0 and CE1. The CE0 and CE1 control the on-chip power down circuitry that permits the respective port to go into a standby mode when not selected (CE HIGH). When a port is enabled, access to the entire memory array is permitted.
7FFE when CEL = OEL = VIL, R/W is a "don't care". Likewise, the right port interrupt flag (INTR) is asserted when the left port writes to memory location 7FFF (HEX) and to clear the interrupt flag (INTR), the right port must read the memory location 7FFF. The message (16 bits) at 7FFE or 7FFF is user-defined since it is an addressable SRAM location. If the interrupt func-tion is not used, address locations 7FFE and 7FFF are not used as mail boxes, but as part of the random access memory. Refer to Truth Table IV for the interrupt operation.
Interrupts
If the user chooses the interrupt function, a memory location (mail box or message center) is assigned to each port. The left port interrupt flag (INTL) is asserted when the right port writes to memory location 7FFE (HEX), where a write is defined as CER = R/WR = VIL per the Truth Table IV. The left port clears the interrupt through access of address location
18
Busy Logic
Busy Logic provides a hardware indication that both ports of the RAM have accessed the same location at the same time. It also allows one of the two accesses to proceed and signals the other side that the RAM is "Busy". The BUSY pin can then be used to stall the access until the operation on
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Commercial and Industrial Temperature Range
the other side is completed. If a write operation has been attempted from the side that receives a BUSY indication, the write signal is gated internally to prevent the write from proceeding. The use of BUSY logic is not required or desirable for all applications. In some cases it may be useful to logically OR the BUSY outputs together and use any BUSY indication as an interrupt source to flag the event of an illegal or illogical operation. If the write inhibit function of BUSY logic is not desirable, the BUSY logic can be disabled by placing the part in slave mode with the M/S pin. Once in slave mode the BUSY pin operates solely as a write inhibit input pin. Normal operation can be programmed by tying the BUSY pins HIGH. If desired, unintended write operations can be prevented to a port by tying the BUSY pin for that port LOW. The BUSY outputs on the IDT 70V27 RAM in master mode, are pushpull type outputs and do not require pull up resistors to operate. If these RAMs are being expanded in depth, then the BUSY indication for the resulting array requires the use of an external AND gate.
Width Expansion with BUSY Logic Master/Slave Arrays
A15 CE0 MASTER Dual Port RAM BUSYL BUSYR CE0 SLAVE Dual Port RAM BUSYL BUSYR
When expanding an IDT70V27 RAM array in width while using BUSY
CE1 MASTER Dual Port RAM BUSYL BUSYL BUSYR
CE1 SLAVE Dual Port RAM BUSYL BUSYR BUSYR
3603 drw 17
Figure 3. Busy and chip enable routing for both width and depth expansion with IDT70V27 RAMs.
logic, one master part is used to decide which side of the RAM array will receive a BUSY indication, and to output that indication. Any number of slaves to be addressed in the same address range as the master, use the busy signal as a write inhibit signal. Thus on the IDT70V27 RAM the BUSY pin is an output if the part is used as a master (M/S pin = VIH), and the BUSY pin is an input if the part is used as a slave (M/S pin = VIL) as shown in Figure 3. If two or more master parts were used when expanding in width, a split decision could result with one master indicating BUSY on one side of the array and another master indicating BUSY on one other side of the array. This would inhibit the write operations from one port for part of a word and inhibit the write operations from the other port for the other part of the word. The BUSY arbitration, on a master, is based on the chip enable and address signals only. It ignores whether an access is a read or write. In a master/slave array, both address and chip enable must be valid long enough for a BUSY flag to be output from the master before the actual write pulse can be initiated with either the R/W signal or the byte enables. Failure to observe this timing can result in a glitched internal write inhibit signal and corrupted data in the slave.
an additional 8 address locations dedicated to binary semaphore flags. These flags allow either processor on the left or right side of the Dual-Port RAM to claim a privilege over the other processor for functions defined by the system designer's software. As an example, the semaphore can be used by one processor to inhibit the other from accessing a portion of the Dual-Port RAM or any other shared resource. The Dual-Port RAM features a fast access time, and both ports are completely independent of each other. This means that the activity on the left port in no way slows the access time of the right port. Both ports are identical in function to standard CMOS Static RAM and can be read from, or written to, at the same time with the only possible conflict arising from the simultaneous writing of, or a simultaneous READ/WRITE of, a nonsemaphore location. Semaphores are protected against such ambiguous situations and may be used by the system program to avoid any conflicts in the non-semaphore portion of the Dual-Port RAM. These devices have an automatic power-down feature controlled by CE the Dual-Port RAM enable, and SEM, the semaphore enable. The CE and SEM pins control on-chip power down circuitry that permits the respective port to go into standby mode when not selected. This is the condition which is shown in Truth Table II where CE and SEM are both HIGH. Systems which can best use the IDT70V27 contain multiple processors or controllers and are typically very high-speed systems which are software controlled or software intensive. These systems can benefit from a performance increase offered by the IDT70V27's hardware semaphores, which provide a lockout mechanism without requiring complex programming. Software handshaking between processors offers the maximum in system flexibility by permitting shared resources to be allocated in varying configurations. The IDT70V27 does not use its semaphore flags to control any resources through hardware, thus allowing the system designer total flexibility in system architecture. An advantage of using semaphores rather than the more common methods of hardware arbitration is that wait states are never incurred in either processor. This can prove to be a major advantage in very highspeed systems.
How the Semaphore Flags Work
The semaphore logic is a set of eight latches which are independent of the Dual-Port RAM. These latches can be used to pass a flag, or token, from one port to the other to indicate that a shared resource is in use. The semaphores provide a hardware assist for a use assignment method called "Token Passing Allocation." In this method, the state of a semaphore latch is used as a token indicating that shared resource is in use. If the left processor wants to use this resource, it requests the token by setting the latch. This processor then verifies its success in setting the latch by reading it. If it was successful, it proceeds to assume control over the shared resource. If it was not successful in setting the latch, it determines that the right side processor has set the latch first, has the token and is using the shared resource. The left processor can then either repeatedly request that semaphore's status or remove its request for that semaphore to perform another task and occasionally attempt again to gain control of the token via the set and test sequence. Once the right side has relinquished the token, the left side should succeed in gaining control. The semaphore flags are active low. A token is requested by writing a zero into a semaphore latch and is released when the same side writes
19
Semaphores
The IDT70V27 is a fast Dual-Port 32K x 16 CMOS Static RAM with
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Commercial and Industrial Temperature Range
a one to that latch. The eight semaphore flags reside within the IDT70V27 in a separate memory space from the Dual-Port RAM. This address space is accessed by placing a low input on the SEM pin (which acts as a chip select for the semaphore flags) and using the other control pins (Address, OE, and R/W) as they would be used in accessing a standard Static RAM. Each of the flags has a unique address which can be accessed by either side through address pins A0 - A2. When accessing the semaphores, none of the other address pins has any effect. When writing to a semaphore, only data pin D0 is used. If a low level is written into an unused semaphore location, that flag will be set to a zero on that side and a one on the other side (see Table VI). That semaphore can now only be modified by the side showing the zero. When a one is written into the same location from the same side, the flag will be set to a one for both sides (unless a semaphore request from the other side is pending) and then can be written to by both sides. The fact that the side which is able to write a zero into a semaphore subsequently locks out writes from the other side is what makes semaphore flags useful in interprocessor communications. (A thorough discussion on the use of this feature follows shortly.) A zero written into the same location from the other side will be stored in the semaphore request latch for that side until the semaphore is freed by the first side. When a semaphore flag is read, its value is spread into all data bits so that a flag that is a one reads as a one in all data bits and a flag containing a zero reads as all zeros. The read value is latched into one side's output register when that side's semaphore select (SEM) and output enable (OE) signals go active. This serves to disallow the semaphore from changing state in the middle of a read cycle due to a write cycle from the other side. Because of this latch, a repeated read of a semaphore in a test loop must cause either signal (SEM or OE) to go inactive or the output will never change. A sequence WRITE/READ must be used by the semaphore in order to guarantee that no system level contention will occur. A processor requests access to shared resources by attempting to write a zero into a semaphore location. If the semaphore is already in use, the semaphore request latch will contain a zero, yet the semaphore flag will appear as a one, a fact which the processor will verify by the subsequent read (see Table VI). As an example, assume a processor writes a zero to the left port at a free semaphore location. On a subsequent read, the processor will verify that it has written successfully to that location and will assume control over the resource in question. Meanwhile, if a processor on the right side attempts to write a zero to the same semaphore flag it will fail, as will be verified by the fact that a one will be read from that semaphore on the right side during the subsequent read. Had a sequence of READ/WRITE been used instead, system contention problems could have occurred during the
gap between the read and write cycles. It is important to note that a failed semaphore request must be followed by either repeated reads or by writing a one into the same location. The reason for this is easily understood by looking at the simple logic diagram of the semaphore flag in Figure 4. Two semaphore request latches feed
L PORT SEMAPHORE REQUEST FLIP FLOP D0 WRITE
D Q
R PORT SEMAPHORE REQUEST FLIP FLOP
Q D
D0 WRITE
SEMAPHORE READ
SEMAPHORE READ
Figure 4. IDT70V27 Semaphore Logic
3603 drw 18
into a semaphore flag. Whichever latch is first to present a zero to the semaphore flag will force its side of the semaphore flag low and the other side high. This condition will continue until a one is written to the same semaphore request latch. Should the other side's semaphore request latch have been written to a zero in the meantime, the semaphore flag will flip over to the other side as soon as a one is written into the first side's request latch. The second side's flag will now stay low until its semaphore request latch is written to a one. From this it is easy to understand that, if a semaphore is requested and the processor which requested it no longer needs the resource, the entire system can hang up until a one is written into that semaphore request latch. The critical case of semaphore timing is when both sides request a single token by attempting to write a zero into it at the same time. The semaphore logic is specially designed to resolve this problem. If simultaneous requests are made, the logic guarantees that only one side receives the token. If one side is earlier than the other in making the request, the first side to make the request will receive the token. If both requests arrive at the same time, the assignment will be arbitrarily made to one port or the other. One caution that should be noted when using semaphores is that semaphores alone do not guarantee that access to a resource is secure. As with any powerful programming technique, if semaphores are misused or misinterpreted, a software error can easily happen. Initialization of the semaphores is not automatic and must be handled via the initialization program at power-up. Since any semaphore request flag which contains a zero must be reset to a one, all semaphores on both sides should have a one written into them at initialization from both sides to assure that they will be free when needed.
20
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Commercial and Industrial Temperature Range
Ordering Information
IDT XXXXX Device Type A Power 999 Speed A Package A Process/ Temperature Range Blank I(1) Commercial (0C to +70C) Industrial (-40C to +85C)
BF PF G 15 20 25 35 55 S L 70V27
NOTE: 1. Industrial temperature range is available on selected TQFP packages in low power. For other speeds, packages and powers contact your sales office.
144-pin fpBGA (BF144-1) 100-pin TQFP (PN100-1) 108-pin PGA (G108-1) Commercial Commercial Commercial Commercial & Industrial Commercial Standard Power Low Power 512K (32K x 16) 3.3V Dual-Port RAM
3603 drw 19
Speed in nanoseconds
Preliminary Datasheet:
"PRELIMINARY' datasheets contain descriptions for products that are in early release.
21
IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM
Commercial and Industrial Temperature Range
Datasheet Document History
12/3/98: Initiated Document History Converted to new format Typographical and cosmetic changes Added fpBGA information Added 15ns and 20ns speed grades Updated DC Electrical Characteristics Added additional notes to pin configurations Page 5 Fixed typo in Table III Page 3 Changed package body height from 1.1mm to 1.4mm Page 1 Changed 660mW to 660W Replaced IDT logo Page 2 Made pin correction Changed 200mV to 0mV in notes Page 1 Fixed page numbering; copywright Page 6 Increated storage temperature parameter Clarified TA Parameter Page 7 and8 DC Electrical parameters-changed wording from "open" to "disabled" Removed Preliminary status
4/2/99: 8/1/99: 8/30/99: 4/25/00:
1/12/01:
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-5116 fax: 408-492-8674 www.idt.com
for Tech Support: 831-754-4613 DualPortHelp@idt.com
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
22


▲Up To Search▲   

 
Price & Availability of IDT70V27L15BF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X