Part Number Hot Search : 
215S12 GBI15B SG230 MB89181 45FCT TN7279 LNE150ND MJD122T4
Product Description
Full Text Search
 

To Download IAM-81008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp Technical Data
IAM-81008
Features
* RF-IF Conversion Gain From 0.05- 5 GHz * IF Conversion Gain From DC to 1 GHz * Low Power Dissipation: 65 mW at V CC = 5 V Typical * Single Polarity Bias Supply: VCC = 4 to 8 V * Load-insensitive Performance * Conversion Gain Flat Over Temperature * Low LO Power Requirements: -5 dBm Typical * Low Cost Plastic Surface Mount Package
Typical applications include frequency down conversion, modulation, demodulation and phase detection. Markets include fiber-optics, GPS satelite navigation, mobile radio, and battery powered communications receivers. The IAM series of Gilbert multiplierbased frequency converters is fabricated using HP's 10 GHz, f T, 25 GHz f MAX ISOSATTM-I silicon bipolar process. This process uses nitride self alignment, submicrometer lithography, trench isolation, ion implantation, gold metallization and polyimide intermetal dielectric and scratch protection to achieve excellent performance, uniformity and reliability.
Plastic SO-8 Package
Pin Configuration
GROUND AND THERMAL 1 CONTACT VCC1 GROUND RFIN 2 3 4 8 7 6 5 GROUND AND THERMAL CONTACT RFOUT AND VCC2 POWER CONTROL
Description
The IAM-81008 is a complete low power consumption, double balanced active mixer housed in a miniature low cost plastic surface mount package. It is designed for narrow or wide bandwidth commercial and industrial applications having RF inputs up to 5 GHz. Operation at RF and LO frequencies less than 50 MHz can be achieved using optional external capacitors to ground. The IAM-81008 is particularly well suited for applications that require load-insensitive conversion and good spurious signal suppression with minimum LO and bias power consumption.
Typical Biasing Configuration and Functional Block Diagram
Cblock IF Output 1 2 Vee = 0 V 3 4 Cblock Cblock 8 7 6 5 Cblock LO Input Note: No external baluns are required. Optional Low LO Ground Optional Low Frequencies RF Ground
VCC = 5 V
RF Input
7-119
5965-9107E
IAM-81008 Absolute Maximum Ratings
Parameter Device Voltage Power Dissipation2,3 RF Input Power LO Input Power Junction Temperature Storage Temperature Absolute Maximum[1] 10 V 300 mW +14 dBm +14 dBm 150C -65 to 150C Thermal Resistance: jc = 80C/W
Notes: 1. Permanent damage may occur if any of these limits are exceeded. 2. TCASE = 25C. 3. Derate at 4.4 mW/C for TC > 82C.
IAM-81008 Part Number Ordering Information
Part Number IAM-81008-TR1 Devices Per Reel 1000 Reel Size 7"
For more information, see "Tape and Reel Packaging for Semmiconductor Devices".
IAM-81008 Electrical Specifications[1], TA = 25C
Symbol Parameters and Test Conditions: Vcc = 5 V, ZO = 50 , LO =-5 dBm, RF = -20 dBm Units Min. Typ. Max.
GC F3 dBRF F3 dB IF P1 dB IP3 NF VSWR RFif LOif LOrf ICC
Conversion Gain RF Bandwidth (GC 3 dB Down) IF Bandwidth (GC 3 dB Down) IF Output Power at 1 dB Gain Compression IF Output Third Order Intercept Point SSB Noise Figure RF Port VSWR LO Port VSWR IF Port VSWR RF Feedthrough at IF Port LO Leakage at IF Port LO Leakage at RF Port Supply Current
RF = 2 GHz, LO = 1.75 GHz IF = 250 MHz LO = 2 GHz RF = 2 GHz, LO = 1.75 GHz RF = 2 GHz, LO = 1.75 GHz RF = 2 GHz, LO = 1.75 GHz f = 0.05 to 3.5 GHz f = 0.05 to 3.5 GHz f < 1 GHz RF = 2 GHz, LO = 1.75 GHz LO = 1.75 GHz LO = 1.75 GHz
dB GHz GHz dBm dBm dB
6.0
8.5 3.5 0.6 -6 3 17 1.5:1 2.0:1 1.5:1
10
dBc dBm dBm mA 10
-25 -25 -30 13 16
Note: 1. The recommended operating voltage range for this device is 4 to 8 V. Typical performance as a function of voltage is on the following page.
7-120
IAM-81008 Typical Performance, TA = 25C, VCC = 5 V RF: -20 dBm at 2 GHz, LO: -5 dBm at 1.75 GHz
(unless otherwise noted)
15 5 30 15 5 20
ICC
IF P1 dB (dBm) IF P1 dB (dBm)
GC 20
ICC (mA)
10
GC (dB)
0 GC -5
10
GC (dB)
0 ICC -5 P1 dB
15
ICC (mA)
5
10
5
10
P1 dB 0 -10 0 2 4 6 8 VCC (V) 0 10 0 -10 -55 -25 +25 +85 5 +125
TEMPERATURE (C)
Figure 1. Conversion Gain, IF P1 dB and ICC Current vs. VCC Bias Voltage.
10 4:1 RF LO IF 3:1
Figure 2. Conversion Gain, IF P1 dB and ICC Current vs. Case Temperature.
10
IF = 70 MHz 5
GC (dB) VSWR
8
GC (dB)
6
4
0 IF = 1 GHz
2:1 2
-5
0.1 0.2 0.5 1.0 2.0 5.0 10 RF FREQUENCY (GHz)
1:1 0.1
1.0 FREQUENCY (GHz)
10
0 -15
-10
-5
0
5
LO POWER (dBm)
Figure 3. Typical RF to IF Conversion Gain vs. RF Frequency, TA = 25C (Low Side LO).
10 LO = 2 GHz
RF to IF (dBc) LO to RF and IF (dBm)
Figure 4. RF, LO and IF Port VSWR vs. Frequency.
Figure 5. RF to IF Conversion Gain vs. LO Power.
0 RF to IF LO to IF LO to RF
0
HARMONIC LO ORDER
-- 18 16 42 29 45 0
21 0 35 20 44 36 1
35 45 42 44 52 57 2
74 48 72 59 64 64 3
>75 >75 >75 >75 >75 >75 4
>75 >75 >75 >75 >75 >75 5
8 6
GC (dB)
-10
1 2 3 4 5
4 2 0 -2 0.01 High Side LO Low Side LO 0.1 FREQUENCY, RF-LO (GHz) 1.0 2.0
-20
-30
-40 0.1
1.0 FREQUENCY (GHz)
10
Figure 6. RF to IF Conversion Gain vs. IF Frequency.
Figure 7. RF Feedthrough Relative to IF Carrier, dBm LO to RF and IF Leakage vs. Frequency.
HARMONIC RF ORDER Xmn = Pif - P(m*rf - n*lo)
Figure 8. Harmonic Intermodulation Suppression (dB Below Desired Output)
RF at 1 GHz, LO at 0.752 GHz, IF at 0.248 GHz.
7-121
Package Dimensions
SO-8 Plastic Package
1.27 (.050) 6x
3.80/4.00 (.1497/.1574)
M810
5.84/6.20 (.230/.244)
Pin 1 1.35/1.75 (.0532/.0688) 4.72/5.00 (.186/.197)
0.38 0.10 (.015 .004) x 45
0/8
0.10 (.004)
0.33/0.51 (.013/.020) 8X
0.10/0.25 (.004/.0098) 0.41/1.27 (.016/.050)
0.19/0.25 (.0075/.0098)
Note: 1. Dimensions are shown in millimeters (inches).
7-122


▲Up To Search▲   

 
Price & Availability of IAM-81008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X