|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Optically Coupled 20 mA Current Loop Transmitter Technical Data HCPL-4100 Features * Guaranteed 20 mA Loop Parameters * Data Input Compatible with LSTTL, TTL and CMOS Logic * Guaranteed Performance over Temperature (0C to 70C) * Internal Shield for High Common Mode Rejection * 20 kBaud Data Rate at 400 Metres Line Length * Guaranteed On and Off Output Current Levels * Safety Approval UL Recognized -2500 V rms for 1 minute CSA Approved * Optically Coupled 20 mA Current Loop Receiver, HCPL-4200, Also Available Description The HCPL-4100 optocoupler is designed to operate as a transmitter in equipment using the 20 mA current loop. 20 mA current loop systems conventionally signal a logic high state by transmitting 20 mA of loop current (MARK), and signal a logic low state by allowing no more than a few milliamperes of loop current (SPACE). Optical coupling of the signal from the logic input to the 20 mA current loop breaks ground loops and provides very high immunity to common mode interference. Functional Diagram The HCPL-4100 data input is compatible with LSTTL, TTL, or CMOS logic gates. The input integrated circuit drives a GaAsP LED. The light emitted by the LED is sensed by a second integrated circuit that allows 20 mA to pass with a voltage drop of less than 2.7 volts when no light is emitted and allows less than 2 mA to pass when light is emitted. The transmitter output is capable of withstanding 27 volts. The input integrated circuit provides a controlled amount of LED drive current and takes into account any LED light output degradation. The internal shield allows a guaranteed 1000 V/s common mode transient immunity. Applications * Isolated 20 mA Current Loop Transmitter in: Computer Peripherals Industrial Control Equipment Data Communications Equipment A 0.1 F bypass capacitor connected between pins 8 and 5 is recommended. CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may be induced by ESD. 2 Ordering Information Specify part number followed by Option Number (if desired). HCPL-4100# XXX 300 = Gull Wing Surface Mount Lead Option 500 = Tape/Reel Package Option (1 K min) Option data sheets available. Contact your Agilent sales representative or authorized distributor for information. Package Outline Drawings 8-Pin DIP Package (HCPL-4100) 9.65 0.25 (0.380 0.010) 8 7 A XXXX YYWW RU 1 1.19 (0.047) MAX. 2 3 4 UL RECOGNITION 6 5 7.62 0.25 (0.300 0.010) 6.35 0.25 (0.250 0.010) TYPE NUMBER DATE CODE 1.78 (0.070) MAX. + 0.076 0.254 - 0.051 + 0.003) (0.010 - 0.002) 5 TYP. 4.70 (0.185) MAX. 0.51 (0.020) MIN. 2.92 (0.115) MIN. 1.080 0.320 (0.043 0.013) 0.65 (0.025) MAX. 2.54 0.25 (0.100 0.010) DIMENSIONS IN MILLIMETERS AND (INCHES). 3 8-Pin DIP Package with Gull Wing Surface Mount Option 300 (HCPL-4100) PAD LOCATION (FOR REFERENCE ONLY) 9.65 0.25 (0.380 0.010) 8 7 6 5 1.016 (0.040) 1.194 (0.047) 4.826 TYP. (0.190) 6.350 0.25 (0.250 0.010) 9.398 (0.370) 9.906 (0.390) 1 2 3 4 1.194 (0.047) 1.778 (0.070) 1.780 (0.070) MAX. 9.65 0.25 (0.380 0.010) 7.62 0.25 (0.300 0.010) 0.381 (0.015) 0.635 (0.025) 1.19 (0.047) MAX. 4.19 MAX. (0.165) + 0.076 0.254 - 0.051 + 0.003) (0.010 - 0.002) 1.080 0.320 (0.043 0.013) 0.635 0.130 2.54 (0.025 0.005) (0.100) BSC DIMENSIONS IN MILLIMETERS (INCHES). LEAD COPLANARITY = 0.10 mm (0.004 INCHES). 0.635 0.25 (0.025 0.010) 12 NOM. Thermal Profile (Option #300) 260 240 220 200 180 160 140 120 100 80 60 40 20 0 0 T = 145C, 1C/SEC T = 115C, 0.3C/SEC TEMPERATURE - C T = 100C, 1.5C/SEC 1 2 3 4 5 6 7 8 9 10 11 12 TIME - MINUTES Figure 1. Maximum Solder Reflow Thermal Profile. (Note: Use of non-chlorine activated fluxes is recommended.) 4 Regulatory Information The HCPL-4100 has been approved by the following organizations: UL Recognized under UL 1577, Component Recognition Program, File E55361. CSA Approved under CSA Component Acceptance Notice #5, File CA 88324. Insulation and Safety Related Specifications Parameter Min. External Air Gap (External Clearance) Min. External Tracking Path (External Creepage) Min. Internal Plastic Gap (Internal Clearance) Symbol L(IO1) L(IO2) Value Units 7.1 mm 7.4 0.08 mm mm Conditions Measured from input terminals to output terminals, shortest distance through air Measured from input terminals to output terminals, shortest distance path along body Through insulation distance, conductor to conductor, usually the direct distance between the photoemitter and photodetector inside the optocoupler cavity DIN IEC 112/VDE 0303 PART 1 Material Group (DIN VDE 0110, 1/89, Table 1) Tracking Resistance (Comparative Tracking Index) Isolation Group CTI 200 IIIa Volts Option 300 - surface mount classification is Class A in accordance with CECC 00802. Absolute Maximum Ratings (No Derating Required up to 55C) Storage Temperature .................................................. -55C to +125C Operating Temperature ................................................. -40C to +85C Lead Solder Temperature .... 260C for 10 s (1.6 mm below seating plane) Supply Voltage - VCC .............................................................. 0 V to 20 V Average Output Current - IO ........................................ -30 mA to 30 mA Peak Output Current - IO ........................................... Internally Limited Output Voltage - VO ........................................................ -0.4 V to 27 V Input Voltage - VI ............................................................ -0.5 V to 20 V Input Power Dissipation - PI ................................................. 265 mW[1] Output Power Dissipation - PO ............................................. 125 mW[2] Total Power Dissipation - P .................................................. 360 mW[3] Infrared and Vapor Phase Reflow Temperature (Option #300) .......................................... see Fig. 1, Thermal Profile 5 Recommended Operating Conditions Parameter Power Supply Voltage Input Voltage Low Input Voltage High Operating Temperature Output Voltage Output Current Symbol VCC VIL VIH TA VO IO Min. 4.5 0 2.0 0 0 0 Max. 20 0.8 20 70 27 24 Units Volts Volts Volts C Volts mA DC Electrical Specifications For 0C TA 70C, 4.5 V VCC 20 V, all typicals at TA = 25C and VCC = 5 V unless otherwise noted. See note 12. Parameter Mark State Output Current Mark State Short Circuit Output Current Space State Input Current Low Level Input Current Low Level Input Voltage High Level Input Voltage High Level Input Current Supply Current Symbol VMO Min. Typ. 1.8 2.2 2.35 85 Max. Units Test Conditions 2.25 Volts IO = 2 mA VI = 2.0 V Volts IO = 12 mA 2.7 Volts IO = 20 mA mA VI = 2 V, VO = 5 V to 27 V Fig. Note 2, 3 ISC 30 4 ISO IIL VIL VIH IIH 0.5 1.1 2.0 mA mA Volts Volts VI = 0.8 V, VO = 27 V VCC = 20 V, VI = 0.4 V 4 -0.12 -0.32 0.8 2.0 20 100 250 11.5 13 ICC 0.005 7.0 7.8 A A A mA mA VI = 2.7 V VI = 5.5 V VI = 20 V VCC = 5.5 V 0 V VI 20 V VCC = 20 V 6 Switching Specifications For 0C TA 70C, 4.5 V VCC 20 V, all typicals at TA = 25C and VCC = 5 V unless otherwise noted. See note 12. Parameter Propagation Delay Time to Logic High Output Level Propagation Delay Time to Logic Low Output Level Propagation Delay Time Skew Output Rise Time (10-90%) Output Fall Time (90-10%) Common Mode Transient Immunity at Logic High Output Level Symbol tPLH Min. Typ. 0.3 Max. Units 1.6 s s s ns Test Conditions CO = 1000 pF, CL = 15 pF, IO = 20 mA CO = 1000 pF, CL = 15 pF, IO = 20 mA IO = 20 mA IO = 20 mA, CO = 1000 pF, CL = 15 pF IO = 20 mA, CO = 1000 pF, CL = 15 pF VI = 2 V, TA = 25C VCM = 50 V (peak), VCC = 5 V IO (min.) = 12 mA VI = 0.8 V, TA = 25C VCM = 50 V (peak), VCC = 5 V IO (max.) = 3 mA Fig. 5, 6, 7 5, 6, 7 Note 6 tPHL 0.2 1.0 7 tPLH - tPHL tr 0.1 16 6, 8 8 tf 23 ns 6, 8 9 |CMH| 1,000 10,000 V/s 9, 10 10 Common Mode Transient Immunity at Logic Low Output Level |CML| 1,000 10,000 V/s 9, 10 11 Package Characteristics For 0C TA 70C, unless otherwise specified. All typicals at TA = 25C. Parameter Symbol Min. Typ. Max. Units Test Conditions Input-Output Momentary VISO 2500 V rms RH 50%, t = 1 min, Withstand Voltage* TA = 25C 12 Resistance, Input-Output RI-O 10 ohms VI-O = 500 V dc Capacitance, Input-Output CI-O 1 pF f = 1 MHz, VI-O = 0 V dc Fig. Notes 5, 13 5 5 *The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable), your equipment level safety specification, or Agilent Application Note 1074, "Optocoupler Input-Output Endurance Voltage." 7 Notes: 1. Derate linearly above 55 C free air temperature at a rate of 3.8 mW/ C. Proper application of the derating factors will prevent IC junction temperatures from exceeding 125 C for ambient temperatures up to 85 C. 2. Derate linearly above a free-air temperature of 70 C at a rate of 2.3 mW/ C. A significant amount of power may be dissipated in the HCPL-4100 output circuit during the transition from the SPACE state to the MARK state when driving a data line or capacitive load (C OUT ). The average power dissipation during the transition can be estimated from the following equation which assumes a linear discharge of a capacitive load: P = I SC (VSO + V MO)/2, where V SO is the output voltage in the SPACE state. The duration of this transition can be estimated as t = C OUT (VSO VMO)/I SC. For typical applications driving twisted pair data lines with NRZ data as shown in Figure 11, the transition time will be less than 10% of one bit time. 3. Derate linearly above 55 C free-air temperature at a rate of 5.1 mW/ C. 4. The maximum current that will flow into the output in the mark state (I SC ) is internally limited to protect the device. The duration of the output short circuit shall not exceed 10 ms. 5. The device is considered a two terminal device, pins 1, 2, 3, and 4 are connected together, and pins 5, 6, 7, and 8 are connected together. 6. The t PLH propagation delay is measured from the 1.3 volt level on the leading edge of the input pulse to the 10 mA level on the leading edge of the output pulse. 7. The t PHL propagation delay is measured from the 1.3 volt level on the trailing edge of the input pulse to the 10 mA level on the trailing edge of the output pulse. 8. The rise time, t r, is measured from the 10% to the 90% level on the rising edge of the output current pulse. 9. The fall time, t f, is measured from the 90% to the 10% level on the falling edge of the output current pulse. 10. Common mode transient immunity in the logic high level is the maximum (positive) dVCM/dt on the leading edge of the common mode pulse, VCM , that can be sustained with the output in a Mark ("H") state (i.e., IO > 12 mA). 11. Common mode transient immunity in the logic low level is the maximum (positive) dVCM/dt on the leading edge of the common mode pulse, VCM, that can be sustained with the output in a Space ("L") state (i.e., IO < 3 mA). 12. Use of a 0.1 F bypass capacitor connected between pins 5 and 8 is recommended. 13. In accordance with UL 1577, each optocoupler is momentary withstand proof tested by applying an insulation test voltage 3000 V rms for 1 second (leakage detection current limit, Ii-o 5 A). 3.0 2.8 VO - OUTPUT VOLTAGE - V 3.5 2.6 2.4 VO - OUTPUT VOLTAGE - V 2.5 2.0 1.5 1.0 0.5 0 VCC = 5 V VI = 2 V TA = 25 C IS - SPACE CURRENT - mA IO 20 mA VCC = 5 V VI = 2 V 1.3 3.0 1.2 1.1 1.0 0.9 0.8 0.7 0.6 20 V VCC = 5 V VI = 0.8 V 12 mA 2.2 2.0 1.8 1.6 1.4 1.2 -40 -20 0 20 40 60 80 100 TA - TEMPERATURE - C 2 mA VO 27 V 0 5 10 15 20 25 30 -40 -20 0 20 40 60 80 100 IO - OUTPUT CURRENT - mA TA - TEMPERATURE - C Figure 2. Typical Mark State Output Voltage vs. Temperature. Figure 3. Typical Output Voltage vs. Loop Current. Figure 4. Typical Space State Output Current vs. Temperature. 8 Figure 5. Test Circuit for tPLH , tPHL , tr, and tf. Figure 6. Waveforms for tPLH, t PHL, t r, and tf. 0.6 tp - PROPAGATION DELAY - s tr, tf - RISE AND FALL TIMES - ns 0.5 0.4 tPLH 0.3 tPHL 0.2 CO = 1000 pF CL = 15 pF VCC = 5 V IO = 20 mA 70 60 50 40 30 VCC = 5 V COUT = 1000 pF CL = 15 pF IO = 20 mA tf 20 10 0 -40 -20 0 20 40 60 80 100 TA - TEMPERATURE - C tr 0.1 0 -40 -20 0 20 40 60 80 100 TA - TEMPERATURE - C Figure 7. Typical Propagation Delay vs. Temperature. Figure 8. Typical Rise, Fall Times vs. Temperature. Figure 9. Test Circuit for Common Mode Transient Immunity. Figure 10. Typical Waveforms for Common Mode Transient Immunity. 9 Applications Data transfer between equipment which employs current loop circuits can be accomplished via one of three configurations: simplex, half duplex or full duplex communication. With these configurations, point-topoint and multidrop arrangements are possible. The appropriate configuration to use depends upon data rate, number of stations, number and length of lines, direction of data flow, protocol, current source location and voltage compliance value, etc. Simplex The simplex configuration, whether point to point or multidrop, gives unidirectional data flow from transmitter to transmitter(s). This is the simplest configuration for use in long line length (two wire), moderate data rate, and low current source compliance level applications. A block diagram of simplex point to point arrangement is given in Figure 11 for the HCPL-4100 transmitter optocoupler. Major factors which limit maximum data rate performance for a simplex loop are the location and compliance voltage of the loop current source as well as the total line capacitance. Application of the HCPL-4100 transmitter in a simplex loop necessitates thtat a non-isolated active receiver (containing current source) be used at the opposite end of the current loop. With long line length, large line capacitance will need to be charged to the compliance voltage level of the current source before the receiver loop current decreases to zero. This effect limits upper data rate performance. Slower data rates will occur with larger compliance voltage levels. The maximum compliance level is determined by the transmitter breakdown characteristic. In addition, adequate compliance of the current source must be available for voltage drops across station(s) during the MARK state in multidrop applications for long line lengths. In a simplex multidrop application with multiple HCPL-4100 transmitters and one non-isolated active receiver, priority of transmitters must be established. A recommended non-isolated active receiver circuit which can be used with the HCPL-4100 in point-to-point or in multidrop 20 mA current loop applications is given in Figure 12. This nonisolated active receiver current threshold must be chosen properly in order to provide adequate noise immunity as well as not to detect SPACE state current (bias current) of the HCPL-4100 transmitter. The receiver input threshold current is Vth/Rth 10 mA. A simple transistor current source provides a nominal 20 mA loop current over a VCC compliance range of 6 V dc to 27 V dc. A resistor can be used in place of the constant current source for simple applications where the wire loop distance and number of stations on the loop are fixed. A minimum transmitter output load capacitance of 1000 pF is required between pins 3 and 4 to ensure absolute stability. Length of current loop (one direction) versus minimum required DC supply voltage, VCC, of the circuit in Figure 12 is graphically illustrated in Figure 13. Multidrop configurations will require larger VCC than Figure 13 predicts in order to account for additional station terminal voltage drops. Typical data rate performance versus distance is illustrated in Figure 14 for the combination of a non-isolated active receiver and HCPL-4100 optically coupled current loop transmitter shown in Figure 12. Curves are shown for Figure 11. Simplex Point to Point Current Loop System Configuration. 10 Figure 12. Recommended Non-Isolated Active Receiver with HCPL-4100 Isolated Transmitter for Simplex Point to Point 20 mA Current Loop. 25% distortion data rate at different VCC values. 25% distortion data rate is defined as that rate at which 25% distortion occurs to output bit interval with respect to the input bit interval. Maximum data rate (dotted line) is restricted by device characteristics. An input Non-Return-toZero (NRZ) test waveform of 16 bits (0000001011111101) was used for data rate distortion measurements. Enhanced speed performance of the loop system can be obtained with lower VCC supply levels, as illustrated in Figure 14. In addition, when loop current is supplied through a resistor instead of by a current source, an additional series termination resistance equal to the characteristic line impedance can be used at the HCPL-4100 transmitter end to enhance speed of response by approximately 20%. The cable used contained five pairs of unshielded, twisted, 22 AWG wire (Dearborn #862205). Loop current is 20 mA nominal. Input and output logic supply voltages are 5 V dc. Full Duplex The full duplex point-to-point communication of Figure 15 uses a four wire system to provide simultaneous, bidirectional data communication between local and remote equipment. The basic application uses two simplex point-to-point loops which have two separate, active, non-isolated units at one common end of the loops. The other end of each loop is isolated. 40 36 32 28 V VCC = 0.00212 -- (L) + 5.7 V m RCABLE = 0.05296 /m ILOOP = 20 mA VMARK = 2.7 Vdc (HCPL-4100) VSAT = 1.5 Vdc (CURRENT SOURCE) TA = 25 C VCC - VOLTS 24 20 16 12 8 4 0 0 100 1000 10000 L - LOOP LENGTH (ONE DIRECTION) METERS Figure 13. Minimum Required Supply Voltage, VCC, vs. Loop Length for Current Loop Circuit of Figure 13. Figure 14. Typical Data Rate vs. Distance and Supply Voltage. 11 As Figure 15 illustrates, the combination of Agilent current loop optocouplers, HCPL-4100 transmitter and HCPL-4200 receiver, can be used at the isolated end of current loops. Cross talk and common mode coupling are greatly reduced when optical isolation is implemented at the same end of both loops, as shown. Full duplex data rate is limited by the non-isolated active transmitter current loop. Comments mentioned under simplex configuration apply to the full duplex case. Consult the HCPL-4200 receiver optocoupler data sheet for specified device performance. Half Duplex The half duplex configuration, whether point to point or multidrop, gives non-simultaneous bidirectional data flow from transmitters to transmitters shown in Figures 16a and 16b. This configuration allows the use of two wires to carry data back and forth between local and remote units. However, protocol must be used to determine which specific transmitter can operate at any given time. Maximum data rate for a half duplex system is limited by the loop current charging time. These considerations were explained in the Simplex configuration section. Figures 16a and 16b illustrate half duplex application for the combination of HCPL-4100/-4200 optocouplers. The unique and complementary designs of the HCPL-4100 transmitter and HCPL-4200 receiver optocouplers provide many designed-in benefits. For example, total optical isolation at one end of the current loop is easily accomplished, which results in substantial removal of common mode influences, elimination of ground potential differences and reduction of power supply requirements. With this combination of HCPL-4100/-4200 optocouplers, specific current loop noise immunity is provided, i.e., minimum SPACE state current noise immunity is 1 mA, MARK state noise immunity is 8 mA. Voltage compliance of the current source must be of an adequate level for operating all units in the loop while not exceeding 27 V dc, the maximum breakdown voltage for the HCPL-4100. Note that the HCPL-4100 transmitter will allow output loop current to conduct when input VCC power is off. Consult the HCPL-4200 receiver optocoupler data sheet for specified device performance. For more information about the HCPL-4100/-4200 optocouplers, consult Application Note 1018. Figure 15. Full Duplex Point to Point Current Loop System Configuration. Figure 16. Half Duplex Current Loop System Configurations for (a) Point to Point, (b) Multidrop. www.semiconductor.agilent.com Data subject to change. Copyright (c) 1999 Agilent Technologies Obsoletes 5954-8481 5965-3581E (11/99) |
Price & Availability of HCPL-4100300 |