Part Number Hot Search : 
BR2505 SR503 MBI10 5F212 SAN2202 TDA9965 TS2208 WJ118
Product Description
Full Text Search
 

To Download HCPL-2300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H
8 MBd Low Input Current Optocoupler Technical Data
HCPL-2300
Features
* Guaranteed Low Thresholds: IF = 0.5 mA, VF 1.5 V * High Speed: Guaranteed 5 MBd over Temperature * Versatile: Compatible with TTL, LSTTL and CMOS * Efficient 820 nm AlGaAs LED * Internal Shield for Guaranteed Common Mode Rejection * Schottky Clamped, Open Collector Output with Optional Integrated Pull-Up Resistor * Static and Dynamic Performance Guaranteed from -40C to 85C * Safety Approval UL Recognized -2500 V rms for 1 minute CSA Approved VDE 0884 Approved with VIORM = 630 V peak (Option 060)
* Microprocessor System Interfaces * Digital Isolation for A/D, D/A Conversion * RS-232-C Interface * High Speed, Long Distance Isolated Line Receiver
Hewlett-Packard designed and manufactured semiconductor devices brings new high performance capabilities to designers of isolated logic and data communication circuits. The new low current, high speed AlGaAs emitter manufactured with a unique diffused junction, has the virtue of fast rise and fall times at low drive currents. Figure 6 illustrates the propagation delay vs. input current characteristic. These unique
Description
The HCPL-2300 optocoupler combines an 820 nm AlGaAs photon emitting diode with an integrated high gain photon detector. This combination of
Functional Diagram
NC
1
8
VCC
ANODE
2
7
RL
CATHODE
3
6
VOUT
NC
4
5
GND
Applications
* Ground Loop Elimination * Computer-Peripheral Interfaces * Level Shifting
A 0.1 pF bypass capacitor must be connected between pins 5 and 8.
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may be induced by ESD. 1-288 5965-3587E
characteristics enable this device to be used in an RS-232-C interface with ground loop isolation and improved common mode rejection. As a line receiver, the HCPL-2300 will operate over longer line lengths for a given data rate because of lower IF and VF specifications. The output of the shielded integrated detector circuit is an open
collector Schottky clamped transistor. The shield, which shunts capacitively coupled common mode noise to ground, provides a guaranteed transient immunity specification of 100 V/s. The output circuit includes an optional integrated 1000 pullup resistor for the open collector. This gives designers the flexibility to use the internal resistor for pull-up to five volt logic or to use
an external resistor for connection to supply voltages up to 18 V (CMOS logic voltage). The Electrical and Switching Characteristics of the HCPL-2300 are guaranteed over a temperature range of -40C to 85C. This enables the user to confidently design a circuit which will operate under a broad range of operating conditions.
Ordering Information
Specify part number followed by Option Number (if desired). HCPL-2300# XXX 060 = VDE 0884 VIORM = 630 V peak Option 300 = Gull Wing Surface Mount Lead Option 500 = Tape/Reel Package Option (1 K min) Option data sheets available. Contact your Hewlett-Packard sales representative or authorized distributor for information.
Schematic
ICC 1000 8 7 IF + VF - 3 SHIELD A 0.1 F CAPACITOR MUST BE CONNECTED BETWEEN PINS 8 AND 5 (SEE NOTE 1). 5 2 6 VCC RL VO
GND
TRUTH TABLE (POSITIVE LOGIC) LED OUTPUT ON L OFF H
1-289
Package Outline Drawings
8-Pin DIP Package (HCPL-2300)
9.65 0.25 (0.380 0.010) TYPE NUMBER 8 7 6 5 7.62 0.25 (0.300 0.010) 6.35 0.25 (0.250 0.010)
OPTION CODE* DATE CODE
HP XXXXZ YYWW RU 1 1.19 (0.047) MAX. 2 3 4
UL RECOGNITION
1.78 (0.070) MAX. + 0.076 0.254 - 0.051 + 0.003) (0.010 - 0.002)
5 TYP. 4.70 (0.185) MAX.
0.51 (0.020) MIN. 2.92 (0.115) MIN.
1.080 0.320 (0.043 0.013)
0.65 (0.025) MAX. 2.54 0.25 (0.100 0.010) DIMENSIONS IN MILLIMETERS AND (INCHES). * MARKING CODE LETTER FOR OPTION NUMBERS. "V" = OPTION 060 OPTION NUMBERS 300 AND 500 NOT MARKED.
8-Pin DIP Package with Gull Wing Surface Mount Option 300 (HCPL-2300)
PAD LOCATION (FOR REFERENCE ONLY) 9.65 0.25 (0.380 0.010)
8 7 6 5
1.016 (0.040) 1.194 (0.047)
4.826 TYP. (0.190) 6.350 0.25 (0.250 0.010) 9.398 (0.370) 9.906 (0.390)
1
2
3
4
1.194 (0.047) 1.778 (0.070) 1.780 (0.070) MAX. 9.65 0.25 (0.380 0.010) 7.62 0.25 (0.300 0.010)
0.381 (0.015) 0.635 (0.025)
1.19 (0.047) MAX.
4.19 MAX. (0.165)
+ 0.076 0.254 - 0.051 + 0.003) (0.010 - 0.002)
1.080 0.320 (0.043 0.013) 0.635 0.130 2.54 (0.025 0.005) (0.100) BSC DIMENSIONS IN MILLIMETERS (INCHES). LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
0.635 0.25 (0.025 0.010)
12 NOM.
1-290
Thermal Profile (Option #300)
260 240 220 200 180 160 140 120 100 80 60 40 20 0 0 1 T = 145C, 1C/SEC T = 115C, 0.3C/SEC
TEMPERATURE - C
T = 100C, 1.5C/SEC
2
3
4
5
6
7
8
9
10
11
12
TIME - MINUTES
Figure 1. Maximum Solder Reflow Thermal Profile. (Note: Use of non-chlorine activated fluxes is recommended.)
Regulatory Information
The HCPL-2300 has been approved by the following organizations: UL Recognized under UL 1577, Component Recognition Program, File E55361.
CSA Approved under CSA Component Acceptance Notice #5, File CA 88324. VDE Approved according to VDE 0884/06.92 (Option 060 only)
Insulation and Safety Related Specifications
Parameter Min. External Air Gap (External Clearance) Min. External Tracking Path (External Creepage) Min. Internal Plastic Gap (Internal Clearance) Symbol L(IO1) L(IO2) Value Units 7.1 7.4 0.08 mm mm mm Conditions Measured from input terminals to output terminals, shortest distance through air Measured from input terminals to output terminals, shortest distance path along body Through insulation distance, conductor to conductor, usually the direct distance between the photoemitter and photodetector inside the optocoupler cavity DIN IEC 112/VDE 0303 PART 1 Material Group (DIN VDE 0110, 1/89, Table 1)
Tracking Resistance (Comparative Tracking Index) Isolation Group
CTI
200 IIIa
Volts
Option 300 - surface mount classification is Class A in accordance with CECC 00802.
1-291
VDE 0884 Insulation Related Characteristics (HCPL-2300 Option 060 ONLY)
Description Installation classification per DIN VDE 0110/1.89, Table 1 for rated mains voltage 300 V rms for rated mains voltage 450 V rms Climatic Classification Pollution Degree (DIN VDE 0110/1.89) Maximum Working Insulation Voltage Input to Output Test Voltage, Method b* VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec, Partial Discharge < 5 pC Input to Output Test Voltage, Method a* VIORM x 1.5 = VPR, Type and sample test, tm = 60 sec, Partial Discharge < 5 pC Highest Allowable Overvoltage* (Transient Overvoltage, tini = 10 sec) Safety Limiting Values (Maximum values allowed in the event of a failure, also see Figure 11, Thermal Derating curve.) Case Temperature Input Current Output Power Insulation Resistance at TS, VIO = 500 V Symbol Characteristic I-IV I-III 55/85/21 2 630 1181 Units
VIORM VPR
V peak V peak
VPR
945
V peak
VIOTM
6000
V peak
TS IS,INPUT PS,OUTPUT RS
175 230 600 109
C mA mW
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section, (VDE 0884), for a detailed description. Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in application.
Absolute Maximum Ratings
(No Derating Required up to 55C) Storage Temperature, TS ............................................. -55C to +125C Operating Temperature, TA ........................................... -40C to +85C Lead Solder Temperature, max .......................................... 260C for 10 s (1.6 mm below seating plane) Average Forward Input Current - IF ............................................ 5 mA[2] Reverse Input Voltage, VR .............................................................. 3.0 V Supply Voltage, VCC ............................................................... 0 V to 7.0 V Pull-Up Resistor Voltage, VRL ............................................. -0.5 V to VCC Output Collector Current, IO ............................................ -25 to 25 mA Input Power Dissipation, PI ........................................................ 10 mW Output Collector Power Dissipation, PO ..................................... 40 mW Output Collector Voltage, VO ........................................... -0.5 V to 18 V Infrared and Vapor Phase Reflow Temperature (Option #300) .......................................... see Fig. 1, Thermal Profile
Recommended Operating Conditions
Parameter Input Voltage, Low Level Input Current High Level Supply Voltage, Output Fan Out (TTL Load) Operating Temperature
1-292
0C to 85C -40C to 85C
Symbol VFL IFH VCC N TA
Min. -2.5 0.5 0.5 4.75 -40
Max. 0.8 1.0 0.75 5.25 5 85
Units V mA V C
DC Electrical Specifications
For -40C TA 85C, 4.75 V VCC 5.25 V, VFL 0.8 V, unless otherwise specified. All typicals at TA = 25C and VCC = 5 V , unless otherwise specified. See note 1. Parameter Symbol High Level Output IOH Current Low Level Output VOL Voltage High Level Supply ICCH Current Low Level Supply Current ICCL Input Forward Voltage VF Input Diode Temperature Coefficient Input Reverse Breakdown Voltage Input Capacitance Internal Pull-up Resistor VF TA BVR CIN RL Min. Typ. Max. Units Test Conditions 0.05 250 A VF = 0.8 V, VO = 18 V 0.4 4.0 6.2 1.3 -1.6 3.0 18 1000 1700 0.5 6.3 10.0 1.5 1.65 V mA mA V IF = 0.5 mA IOL (Sinking) = 8 mA IF = 0 mA, VCC = 5.25 V IF = 1.0 mA, VCC = 5.25 V TA = 25C IF = 1.0 mA Fig. Note 4 3
1.0 0.85
2
mV/C IF = 1.0 mA V pF IR = 10 A VF = 0 V, f = 1 MHz TA = 25C
680
Switching Specifications
For -40C TA 85C, 0.5 mA IFH 0.75 mA; For 0C TA 85C, 0.5 mA IFH 1.0 mA; With 4.75 V VCC 5.25 V, VFL 0.8 V, unless otherwise specified. All typicals at TA = 25C and VCC = 5 V, IFH = 0.625 mA, unless otherwise specified. See note 1. Parameter Propagation Delay Time to Logic High Output Level Propagation Delay Time to Logic Low Output Level Output Rise Time (10-90%) Output Fall Time (90-10%) Common Mode Transient Immunity at High Output Level Common Mode Transient Immunity at Low Output Level Symbol tPLH tPHL tr tf |CMH| Min. Typ. 95 85 110 35 40 20 400 Max. Units ns 160 ns 200 ns ns V/s Test Conditions Fig. Note CP = 0 pF 5, 6, 8 4, 8 CP = 20 pF 5, 8 CP = 0 pF 5, 6, 8 5, 8 CP = 20 pF 5, 8 CP = 20 pF 7, 8 8 VCM = 50 V (peak), 9, 10 VO (min.) = 2 V, RL = 560 , IF = 0 mA VCM = 50 V (peak), 9, 10 VO (max.) = 0.8 V, RL = 560 , IF = 0.5 mA 6
100
|CML|
100
400
V/s
7
1-293
Package Characteristics
For -40C TA 85C, unless otherwise specified. All typicals at TA = 25C. Parameter Symbol Input-Output Momentary VISO Withstand Voltage* Resistance, Input-Output RI-O Capacitance, Input-Output CI-O Min. 2500 Typ. Max. Units V rms pF Test Conditions RH 50%, t = 1 min, TA = 25C VI-O = 500 V f = 1 MHz Fig. Notes 3, 9 3 3
1012 0.6
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable), your equipment level safety specification, or HP Application Note 1074, "Optocoupler Input-Output Endurance Voltage."
Notes: 1. Bypassing the power supply line is required with a 0.1 F ceramic disc capacitor adjacent to each optocoupler as illustrated in Figure 19. The power supply bus for the optocoupler(s) should be separate from the bus for any active loads, otherwise a larger value of bypass capacitor (up to 0.5 F) may be needed to suppress regenerative feedback via the power supply. 2. Peaking circuits may produce transient input currents up to 100 mA, 500 ns maximum pulse width, provided average current does not exceed 5 mA.
3. Device considered a two terminal device: pins 1, 2, 3, and 4 shorted together, and pins 5, 6, 7, and 8 shorted together. 4. The tPLH propagation delay is measured from the 50% point on the trailing edge of the input pulse to the 1.5 V point on the trailing edge of the output pulse. 5. The tPHL propagation delay is measured from the 50% point on the leading edge of the input pulse to the 1.5 V point on the leading edge of the output pulse. 6. CMH is the maximum tolerable rate of rise of the common mode voltage to assure that the output will remain in a high logic state (i.e., VOUT > 2.0 V).
7. CML is the maximum tolerable rate of fall of the common mode voltage to assure that the output will remain in a low logic state (i.e., VOUT < 0.8 V). 8. CP is the peaking capacitance. Refer to test circuit in Figure 8. 9. In accordance with UL 1577, each optocoupler is momentary withstand proof tested by applying an insulation test voltage 3000 Vrms for 1 second (leakage detection current limit, II-O 5 A). This test is performed before the 100% production test for partial discharge (Method b) shown in the VDE 0884 Insulation Characteristics Table, if applicable.
Figure 2. Typical Input Diode Forward Characteristics.
Figure 3. Typical Output Voltage vs. Forward Input Current vs. Temperature.
Figure 4. Typical Logic High Output Current vs. Temperature.
1-294
Figure 6. Typical Propagation Delay vs. Forward Current.
Figure 7. Typical Rise, Fall Time vs. Temperature.
Figure 5. Typical Propagation Delay vs. Temperature and Forward Current with and without Application of a Peaking Capacitor.
Figure 8. Test Circuit for tPHL, tPLH, tr, and tf.
Figure 9. Typical Common Mode Transient Immunity vs. Common Mode Transient Amplitude.
1-295
Figure 10. Test Circuit for Common Mode Transient Immunity and Typical Waveforms.
OUTPUT POWER - PS, INPUT CURRENT - IS
800 PS (mW) 700 600 500 400 300 200 100 0 0 25 50 75 100 125 150 175 200 IS (mA)
circuits are illustrated in Figures 12-16, and 18 with corresponding component values, performance data and recommended layout in Figures 17 and 19. For -40C to 85C operating temperature range, a mid-range LED forward current (IF) of 0.625 mA is recommended in order to prevent overdriving the integrated circuit detector due to increased LED efficiency at temperatures between 0C and -40C. For narrower temperature range of 0C to 85C, a suggested operating LED current of 0.75 mA is recommended for the mid-range operating point and for minimal propagation delay skew. A peaking capacitance of 20 pF in parallel with the current limiting resistor for the LED shortens tPHL by approximately 33% and tPLH by 13%. Maintaining LED forward voltage (VF) below 0.8 V will guarantee that the HCPL-2300 output is off. The recommended shunt drive technique for TTL/LSTTL/CMOS of Figure 12 provides for optimal speed performance, no leakage current path through the LED, and reduced common mode influences associated with series
switching of a "floating" LED. Alternate series drive techniques with either an active CMOS inverter or an open collector TTL/ LSTTL inverter are illustrated in Figures 13 and 14 respectively. Open collector leakage current of 250 A has been compensated by the 3.16 K resistor (Figure 14) at the expense of twice the operating forward current. An application of the HCPL-2300 as an unbalanced line receiver for use in long line twisted wire pair communication links is shown in Figure 15. Low LED IF and VF allow longer line length, higher speed and multiple stations on the line in comparison to higher IF, VF optocouplers. Greater speed performance along with nearly infinite common mode immunity are achieved via the balanced split phase circuit of Figure 16. Basic balanced differential line receiver can be accomplished with one HCPL2300 in Figure 16, but with a typical 400 V/s common mode immunity. Data rate versus distance for both the above unbalanced and balanced line receiver applications are compared in Figure 17. The RS-232-C interface circuit of Figure 18
TS - CASE TEMPERATURE - C
Figure 11. Thermal Derating Curve, Dependence of Safety Limiting Value with Case Temperature per VDE 0884.
Applications
The HCPL-2300 optocoupler has the unique combination of low 0.5 mA LED operating drive current at a 5 MBd speed performance. Low power supply current requirement of 10 mA maximum at 5.25 V and the ability to provide isolation between logic systems fulfills numerous applications ranging from logic level translations, line receiver and party line receiver applications, microprocessor I/O port isolation, etc. The open collector output allows for wired-OR arrangement. Specific interface
1-296
provides guaranteed minimum common mode immunity of 100 V/s while maintaining the 2:1 dynamic range of IF. A recommended layout for use with an internal 1000 resistor
or an external pull-up resistor and required VCC bypass capacitor is given in Figure 19. VCC1 is used with an external pull-up resistor for output voltage levels (VO) greater than or equal to 5 V. As illustrated in Figure 19, an
optional VCC and GND trace can be located between the input and the output leads of the HCPL2300 to provide additional noise immunity at the compromise of insulation capability (VI-O).
Figure 12. Recommended Shunt Drive Circuit for Interfacing between TTL/LSTTL/CMOS Logic Systems.
Figure 13. Active CMOS Series Drive Circuit.
Figure 14. Series Drive from Open Collector TTL/LSTTL Units.
1-297
REFERENCE FIGURE 17 FOR DATA RATE vs. LINE DISTANCE L.
Figure 15. Application of HCPL-2300 as Isolated, Unbalanced Line Receiver(s).
REFERENCE FIGURE 17 FOR DATA RATE vs. LINE DISTANCE L.
Figure 16. Application of Two HCPL-2300 Units Operating as an Isolated, High Speed, Balanced, Split Phase Line Receiver with Significantly Enhanced Common Mode Immunity.
1-298
(FIGURE 16)
(FIGURE 15)
Figure 17. Typical Point to Point Data Rate vs. Length of Line for Unbalanced (Figure 15) and Balanced (Figure 16) Line Receivers Using HCPL-2300 Optocouplers.
RS-232-C SIGNAL 3 V - 25 V -3 V - -25 V
Figure 18. RS-232-C Interface Circuit with HCPL-2300. 0C < TA < 85C.
Figure 19. Recommended Printed Circuit Board Layout.
1-299


▲Up To Search▲   

 
Price & Availability of HCPL-2300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X