Part Number Hot Search : 
KGR80 MDU1513 ZL8800 LVC1G LM710I PSA1675A EW427 PDSP1882
Product Description
Full Text Search
 

To Download HCF4050B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC/HCF4049UB HCC/HCF4050B
HEX BUFFER/CONVERTERS
4049UB 4050B
.HI .HI .QUI .HI .5V,10VAND15VPARAMETRI .I .100%TESTEDFORQUI .MEETSALLREQUI
INVERTING TYPE NON-INVERTING TYPE
GH SINK CURRENT FOR DRIVING 2 TTL LOADS GH-TO-LOW LEVEL LOGIC CONVERSION ESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE GH "SINK" AND "SOURCE" CURRENT CAPABILITY C RATINGS NPUT CURRENT OF 100 nA AT 18V AND 25C FOR HCC DEVICE ESCENT CURRENT REMENTS OF JEDEC TENTATIVE STANDARD No. 13A, "STANDARD SPECIFICATIONS FOR DESCRIPTION OF "B" SERIES CMOS DEVICES"
EY (Plastic Package)
F (Ceramic Frit Seal Package)
M1 (Micro Package)
C1 (Plastic Chip Carrier)
ORDER CODES : HCC40XXBF HCF40XXBM1 HCF40XXBEY HCF40XXBC1
PIN CONNECTIONS
4049UB
DESCRIPTION The HCC4049UB/4050B (extended temperature range) and the HCF4049UB/4050B (intermediate temperature range) are monolithic integrated circuits available in 16-lead dual in-line plastic or ceramic package and plastic micro package. The HCC/HCF4049UB/4050B are inverting and non-inverting hex buffers, respectively, and feature logic-level conversion using only one supply voltage (VDD). The input-signal high level (VIH) can exceed the VDD supply voltage when these devices are used for logic level conversions. These devices are intended for use as COS/MOS to DTL/TTL converters and can drive directly two DTL/TTL loads (VDD = 5V, VOL 0.4V, and IOL 3.2mA).
June 1989 4050B
1/12
HCC/HCF4049UB/4050B
SCHEMATIC DIAGRAMS (1 of 6 identical units)
4049UB 4050B
ABSOLUTE MAXIMUM RATINGS
Symbol V DD* Vi II Pt ot Parameter Supply Voltage : HC C Types H C F Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for T o p = Full Package-temperature Range Operating Temperature : HCC Types H CF Types Storage Temperature Value - 0.5 to + 20 - 0.5 to + 18 - 0.5 to V DD + 0.5 10 200 100 - 55 to + 125 - 40 to + 85 - 65 to + 150 Unit V V V mA mW mW C C C
Top Tstg
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability. * All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol V DD VI Top Parameter Supply Voltage : HC C Types H C F Types Input Voltage Operating Temperature : H CC Types H C F Types Value 3 to 18 3 to 15 0 to V DD - 55 to + 125 - 40 to + 85 Unit V V V C C
2/12
HCC/HCF4049UB/4050B
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Symbol IL Parameter Quiescent Supply Current Test Conditions VO V DD VI (V) (V) (V) 0/ 5 0/10 0/15 0/20 0/ 5 0/10 0/15 0/ 5 0/10 0/15 5/0 10/0 15/0 0.5 1 2 4.5 9 13.5 4.5 9 13 0.5 1 1.5 2.5 4.6 9.5 13.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 0.4 0.5 1.5 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 10 16 5 10 15 5 10 15 5 5 10 15 5 5 10 15 5 10 15 5 10 15 18 15 Any Input T Lo w* Min. Max. 1 2 4 20 4 8 16 4.95 9.95 14.95 0.05 0.05 0.05 4 8 12 3.5 7 11 1 2 3 1.5 3 4 1.6 0.64 1.6 4.7 1.5 0.61 1.5 4.5 3.75 10 30 3.6 9.6 28 0.1 0.3 Value 25 C Min. Typ. Max. 0.02 1 0.02 2 0.02 4 0.04 20 0.02 4 0.02 8 0.02 16 4.95 9.95 14.95 0.05 0.05 0.05 4 8 12 3.5 7 11 1 2 3 1.5 3 4 -1.25 - 6.4 -0.51 - 1.6 -1.30 - 3.6 -3.75 - 12 -1.25 - 6.4 -0.51 - 1.6 -1.25 - 3.6 -3.75 - 12 3.2 6.4 8 16 24 48 3.2 6.4 8 16 24 48 10-5 0.1 10-5 0.3 15 5 22.5 7.5 T High* Min. Max. 30 60 120 600 30 60 120 4.95 9.95 14.95 0.05 0.05 0.05 4 8 12 3.5 7 11 1 2 3 1.5 3 4 - 0.9 -0.36 - 0.9 - 2.7 -1 -0.42 -1 -3 2.2 5.6 17 2.6 6.6 19 1 1 pF Unit
HCC Types
A
HCF Types VOH Output High Voltage Output Low Voltage Input High Voltage (4049UB) Input High Voltage (4050B) Input Low Voltage (4049UB) Input Low Voltage (4050B) Output Drive Current
V
VOL
V
VIH
V
VIH
V
VIL
V
VIL
V
IOH
HCC Types
HCF Types IOL Output Sink Current
HCC Types HCF Types
0/ 5 0/ 5 0/10 0/15 0/ 5 0/ 5 0/10 0/15 0/ 5 0/10 0/15 0/ 5 0/10 0/15 0/18 0/15
mA
mA
IIH, IIL
Input Leakage Current Input Capacitance
HCC Types HCF Types
4049UB 4050B
A
CI
(*) TLow = - 55C for HCC device : - 40C for HCF device. THigh = + 125C for HCC device : + 85C for HCF device. The Noise Margin (only HCC/HCF4050B type) for both "1" and "0" level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5V min. with VDD = 15V.
3/12
HCC/HCF4049UB/4050B
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb = 25C, C L = 50pF, R L = 200k, typical temperature coefficient for all V DD values is 0.3%/C, all input rise and fall times = 20ns)
Symbol t PL H Parameter Propagation Delay Time (4049UB) Test Conditions V I (V) V D D (V) Min. 5 10 10 15 15 t PL H Propagation Delay Time (4050B) 5 10 10 15 15 t PHL Propagation delay Time (4049UB) 5 10 10 15 15 t PHL Propagation Delay Time (4050B) 5 10 10 15 15 tTLH Transition Time 5 10 15 t T HL Transition Time 5 10 15 5 10 5 15 5 5 10 5 15 5 5 10 5 15 5 5 10 5 15 5 5 10 15 5 10 15 Value Typ. 60 32 45 25 45 70 40 45 30 40 32 20 15 15 10 55 22 50 15 50 80 40 30 30 20 15 Max. 120 65 90 50 90 140 80 90 60 80 65 40 30 30 20 110 55 100 30 100 160 80 60 60 40 30 ns ns ns ns Unit
4/12
HCC/HCF4049UB/4050B
Minimum and Maximum Voltage Transfer Characteristics for 4049UB. Minimum and Maximum Voltage Transfer Characteristics for 4050B.
Typical Voltage Transfer Characteristics as a Function of Temperature for 4049UB.
Typical Voltage Transfer Characteristics as a Function of Temperature for 4050B.
Typical Output Low (sink) Current Characteristics.
Minimum Output Low (sink) Current Characteristics.
5/12
HCC/HCF4049UB/4050B
Typical Output High (source) Current Characteristics. Minimum Output High (source) Current Characteristics.
Typical Power Dissipation per Buffer/Inverter vs. Frequency.
Typical Power Dissipation vs. Input Transition Time per Inverter for 4049UB.
Typical Power Dissipation vs. Input Transition Time per Inverter for 4050B.
Logic-Level Conversion Application.
6/12
HCC/HCF4049UB/4050B
TEST CIRCUITS Quiescent Device Current. Input Voltage.
Input Current.
7/12
HCC/HCF4049UB/4050B
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
8/12
HCC/HCF4049UB/4050B
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
9/12
HCC/HCF4049UB/4050B
SO16 (Narrow) MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
10/12
HCC/HCF4049UB/4050B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
11/12
HCC/HCF4049UB/4050B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
12/12


▲Up To Search▲   

 
Price & Availability of HCF4050B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X