Part Number Hot Search : 
4261IGN MTD2955V RLZ39B OM7915IH 319211A KID65004 M37733 MB89613R
Product Description
Full Text Search
 

To Download HC1-5504B-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HC-5504B
Data Sheet July 1998 File Number
2886.5
EIA/ITU PABX SLIC with 40mA Loop Feed
The Intersil SLIC incorporates many of the BORSHT functions on a single IC chip. This includes DC battery feed, a ring relay driver, supervisory and hybrid functions. This device is designed to maintain transmission performance in the presence of externally induced longitudinal currents. Using the unique Intersil dielectric isolation process, the SLIC can operate directly with a wide range of station battery voltages. The SLIC also provides selective denial of power. If the PBX system becomes overloaded during an emergency, the SLIC will provide system protection by denying power to selected subscriber loops. The Intersil SLIC is ideally suited for the design of new digital PBX systems by eliminating bulky hybrid transformers.
Features
* Pin for Pin Replacement for the HC-5504 * Capable of 5V or 12V (VB+) Operation * Monolithic Integrated Device * DI High Voltage Process * Compatible With Worldwide PBX Performance Requirements * Controlled Supply of Battery Feed Current for Short Loops (41mA) * Internal Ring Relay Driver * Allows Interfacing With Negative Superimposed Ringing Systems * Low Power Consumption During Standby * Switch Hook Ground Key and Ring Trip Detection Functions * Selective Denial of Power to Subscriber Loops
Ordering Information
PART NUMBER HC1-5504B-5 HC1-5504B-9 HC3-5504B-5 HC3-5504B-9 HC4P5504B-5 HC4P5504B-9 HC9P5504B-5 HC9P5504B-9 TEMP. RANGE (oC) 0 to 75 -40 to 85 0 to 75 -40 to 85 0 to 75 -40 to 85 0 to 75 -40 to 85 PACKAGE 24 Ld CERDIP 24 Ld CERDIP 24 Ld PDIP 24 Ld PDIP 28 Ld PLCC 28 Ld PLCC 24 Ld SOIC 24 Ld SOIC PKG. NO. F24.6 F24.6 E24.6 E24.6 N28.45 N28.45 M24.3 M24.3
Applications
* Solid State Line Interface Circuit for Analog and Digital PBX Systems * Direct Inward Dial (DID) Trunks * Voice Messaging PBXs * Related Literature - AN549, The HC-5502S/4X Telephone Subscriber Line Interface Circuits (SLIC) - AN571, Using Ring Sync with HC-5502A and HC-5504 SLICs
Pinouts
HC-5504B (PDIP, CERDIP, SOIC) TOP VIEW
RFS TIP RING RFS VB+ C3 DG RS RD TF 1 2 3 4 5 6 7 8 9 24 TX 23 AG 22 C4 21 RX 20 +IN 19 -IN 18 OUT 17 C2 16 RC 15 PD 14 GKD 13 SHD 12 RF 13 VB14 BG 15 N/C 16 SHD 17 GKD 18 PD VB + C3 DG N/C RS
HC-5504B (PLCC) TOP VIEW
RING TIP N/C TX AG 27 C4 26
4
3
2
1
28
5 6 7 8 9
25 RX 24 +IN 23 -IN 22 N/C 21 OUT 20 C2 19 RC
RD 10 TF 11
RF 10 VB 11
BG 12
51
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
HC-5504B
Absolute Maximum Ratings (Note 1)
Maximum Continuous Supply Voltages (VB-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -60V to 0.5V (VB+) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 15V (VB+ - VB-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75V Relay Drive Voltage (VRD) . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 15V
Thermal Information
Thermal Resistance (Typical, Note 2) JA (oC/W) CERDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . 52 PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65 PLCC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65 SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75 Maximum Junction Temperature (Hermetic Packages) . . . . . .175oC Maximum Junction Temperature (Plastic Packages) . . . . . . . .150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC (PLCC and SOIC - Lead Tips Only)
Operating Conditions
Operating Temperature Range HC-5504B-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC HC-5504B-9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC Relay Driver Voltage (VRD) . . . . . . . . . . . . . . . . . . . . . . . . . 5 to 12V Positive Supply Voltage (VB+) . . . . . . . 4.75 to 5.25 or 10.8 to 13.2V Negative Supply Voltage (VB-). . . . . . . . . . . . . . . . . . . . . -42 to -58V High Level Logic Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . 2.4V Low Level Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 0.6V Loop Resistance (RL) . . . . . . . . . . . . . . . . . . . . . . . . . 200 to 1200
Die Characteristics
Transistor Count. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 185 Diode Count. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 Die Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137 x 102 Substrate Potential. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Connected Process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Bipolar-DI
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. Absolute maximum ratings are limiting values, applied individually, beyond which the serviceability of the circuit may be impaired. Functional operability under any of these conditions is not necessarily implied. 2. JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
PARAMETER On Hook Power Dissipation Off Hook Power Dissipation Off Hook IB+ Off Hook IB+ Off Hook IBOff Hook Loop Current Off Hook Loop Current Off Hook Loop Current Fault Currents TIP to Ground RING to Ground TIP to RING TIP and RING to Ground Ring Relay Drive VOL Ring Relay Driver Off Leakage Ring Trip Detection Period Switch Hook Detection Threshold
Unless Otherwise Specified, VB- = -48V, VB+ = 12V and 5V, AG = BG = DG = 0V, Typical Parameters TA = 25oC. Min-Max Parameters are Over Operating Temperature Range CONDITIONS ILONG = 0 (Note 3), VB+ = 12V RL = 600, ILONG = 0 (Note 3), VB+ = 12V RL = 600, ILONG = 0 (Note 3), TA = -40oC RL = 600, ILONG = 0 (Note 3), TA = 25oC RL = 600, ILONG = 0 (Note 3) RL = 1200, ILONG = 0 (Note 3) RL = 1200, VB- = -42V, ILONG = 0 (Note 3) TA = 25oC RL = 200, ILONG = 0 (Note 3) MIN 17.5 36 TYP 170 425 35 21 41 MAX 235 550 6.0 5.3 41 48 UNITS mW mW mA mA mA mA mA mA
IOL = 62mA VRD = 12V, RC = 1 = HIGH, TA = 25oC RL = 600 SHD = VOL SHD = VOH 10 -
14 55 41 55 0.2 2 -
0.5 100 3 5
mA mA mA mA V A Ring Cycles mA mA
52
HC-5504B
Electrical Specifications
PARAMETER Ground Key Detection Threshold GKD = VOL GKD = VOH Loop Current During Power Denial Dial Pulse Distortion Receive Input Impedance Transmit Output Impedance 2-Wire Return Loss SRL LO ERL SRL HI Longitudinal Balance 2-Wire Off Hook 2-Wire On Hook 4-Wire Off Hook Low Frequency Longitudinal Balance R.E.A. Method (Note 3), RL = 600 0oC TA 75oC at 1kHz, 0dBm Input Level, Referenced 600 200Hz - 3400Hz Referenced to Absolute Loss at 1kHz and 0dBm Signal Level (Note 3) (Note 3) Absolute Delay 2-Wire to 4-Wire, 4 Wire to 2-Wire Trans Hybrid Loss Overload Level 2-Wire to 4-Wire, 4 Wire to 2-Wire Level Linearity 2-Wire to 4-Wire, 4 Wire to 2-Wire Balance Network Set Up for 600 Termination at 1kHz VB+ = +5V VB+ = 12V At 1kHz Referenced to 0dBm Level (Note 3) +3 to -40dBm -40 to -50dBm -50 to -55dBm Power Supply Rejection Ratio VB+ to 2-Wire VB+ to Transmit VB- to 2-Wire VB- to Transmit (Note 3) 30 - 60Hz, RL = 600 (Note 3) 36 1.5 1.75 40 2 0.05 0.1 0.3 ms dB VPEAK VPEAK dB dB dB 1 -89 5 -85 dBrnC dBm0p 0.05 0.02 0.2 0.05 dB dB 1VRMS 200Hz - 3400Hz (Note 3) IEEE Method 0oC TA 75oC (Note 3) (Note 3) Referenced to 600 + 2.16F (Note 3) 15.5 24 31 dB dB dB RL = 200 Unless Otherwise Specified, VB- = -48V, VB+ = 12V and 5V, AG = BG = DG = 0V, Typical Parameters TA = 25oC. Min-Max Parameters are Over Operating Temperature Range (Continued) CONDITIONS MIN 20 0 TYP 2 110 10 MAX 10 5 20 UNITS mA mA mA ms k
58 60 50 -
65 63 58 -
23 -67
dB dB dB dBrnC dBm0p
Insertion Loss 2-Wire to 4-Wire, 4 Wire to 2-Wire Frequency Response Idle Channel Noise 2-Wire to 4-Wire, 4 Wire to 2-Wire
-
-
15 15 15 15
-
-
dB dB dB dB
53
HC-5504B
Electrical Specifications
PARAMETER VB+ to 2-Wire VB+ to Transmit VB- to 2-Wire VB- to Transmit Logic Input Current (RS, RC, PD) Logic Inputs Logic `0' VIL Logic `1' VIH Logic Outputs Logic `0' VOL Logic `1' VOH ILOAD 800A, VB+ = 12V, 5V ILOAD 80A, VB+ = 12V ILOAD 40A, VB+ = 5V 0V VIN 5V Unless Otherwise Specified, VB- = -48V, VB+ = 12V and 5V, AG = BG = DG = 0V, Typical Parameters TA = 25oC. Min-Max Parameters are Over Operating Temperature Range (Continued) CONDITIONS 200 - 16kHz, RL = 600 MIN 30 30 30 30 TYP MAX 100 UNITS dB dB dB dB A
2.0
-
0.8 5.5
V V
2.7 2.7
0.1 5.0 -
0.5 5.5 5.0
V V V
Uncommitted Op Amp Specifications
PARAMETER Input Offset Voltage Input Offset Current Input Bias Current Differential Input Resistance Output Voltage Swing (Note 3) RL = 10K, VB+ = 12V RL = 10K, VB+ = 5V Output Resistance Small Signal GBW NOTES: 3. These parameters are controlled by design or process parameters and are not directly tested. These parameters are characterized upon initial design release, upon design changes which would affect these characteristics, and at intervals to assure product quality and specification compliance. 4. ILONG = Longitudinal Current AVCL = 1 (Note 3) (Note 3) CONDITIONS MIN TYP 5 10 20 1 6.2 3 10 1 MAX 6.6 UNITS mV nA nA M VPEAK VPEAK MHz
54
HC-5504B Pin Descriptions
28 PIN PLCC 2 24 PIN DIP/SOIC 1 SYMBOL TIP DESCRIPTION An analog input connected to the TIP (more positive) side of the subscriber loop through a 150 feed resistor and a ring relay contact. Functions with the Ring terminal to receive voice signals from the telephone and for loop monitoring purposes. An analog input connected to the RING (more negative) side of the subscriber loop through a 150 feed resistor and a ring relay contact. Functions with the Tip terminal to receive voice signals from the telephone and for loop monitoring purposes. Senses ring side of loop for ground key and ring trip detection. During ringing, the ring signal is inserted into the line at this node and RF is isolated from RFS via a relay. Positive Voltage Source - Most positive supply. VB+ is typically 12V or 5V. Capacitor #3 - An external capacitor to be connected between this terminal and analog ground. Required for proper operation of the loop current limiting function, and for filtering VB-. Typical value is 0.3F, 30V. Digital Ground - To be connected to zero potential and serves as a reference for all digital inputs and outputs on the SLIC microcircuit. Ring Synchronization Input - A TTL-compatible clock input. The clock should be arranged such that a positive pulse transition occurs on the zero crossing of the ring voltage source, as it appears at the RFS terminal. For Tip side injected systems, the RS pulse should occur on the negative going zero crossing and for Ring injected systems, on the positive going zero crossing. This ensures that the ring relay activates and deactivates when the instantaneous ring voltage is near zero. If synchronization is not required, the pin should be tied to 5V. Relay Driver - A low active open collector logic output. When enabled, the external ring relay is energized. Tip Feed - A low impedance analog output connected to the TIP terminal through a 150 feed resistor. Functions with the RF terminal to provide loop current, feed voice signals to the telephone set, and sink longitudinal current. Ring Feed - A low impedance analog output connected to the RING terminal through a 150 feed resistor. Functions with the TF terminal to provide loop current, feed voice signals to the telephone set, and sink longitudinal current. Negative Voltage Source - Most negative supply. VB- is typically -48V with an operational range of -42V to -58V. Frequently referred to as "battery". Battery Ground - To be connected to zero potential. All loop current and some quiescent current flows into this ground terminal. Switch Hook Detection - A low active LS TTL - compatible logic output. This output is enabled for loop currents exceeding 10mA and disabled for loop currents less than 5mA. Ground Key Detection - A low active LS TTL - compatible logic output. This output is enabled if the DC current into the ring lead exceeds the DC current out of the tip lead by more than 20mA, and disabled if this current difference is less than 10mA. Power Denial - A low active TTL - Compatible logic input. When enabled, the switch hook detect (SHD) and ground key detect (GKD) are not necessarily valid, and the relay driver (RD) output is disabled. Ring Command - A low active TTL - Compatible logic input. When enabled, the relay driver (RD) output goes low on the next high level of the ring sync (RS) input, as long as the SLIC is not in the power denial state (PD = 0) or the subscriber is not already off- hook (SHD = 0). Capacitor #2 - An external capacitor to be connected between this terminal and digital ground. Prevents false ground key indications from occurring during ring trip detection. Typical value is 0.15F, 10V. This capacitor is not used if ground key function is not required and (Pin 17) may be left open or connected to digital ground. The analog output of the spare operational amplifier. The output voltage swing is typically 5V. The inverting analog input of the spare operational amplifier.
3
2
RING
4
3
RFS
5 6
4 5
VB+ C3 DG (Note 5) RS
7
6
9
7
10 11
8 9
RD TF
12
10
RF
13
11
VBBG (Note 5) SHD
14
12
16
13
17
14
GKD
18
15
PD
19
16
RC
20
17
C2
21 23
18 19
OUT -IN
55
HC-5504B Pin Descriptions (Continued)
28 PIN PLCC 24 25 24 PIN DIP/SOIC 20 21 SYMBOL +IN RX DESCRIPTION The non-inverting analog input of the spare operational amplifier. Receive Input, 4-Wire Side - A high impedance analog input which is internally biased. Capacitive coupling to this input is required. AC signals appearing at this input differentially drive the Tip feed and Ring feed terminals, which in turn drive tip and ring through 300 of feed resistance on each side of the line. Capacitor #4 - An external capacitor to be connected between this terminal and analog ground. This capacitor prevents false ground key indication and false ring trip detection from occurring when longitudinal currents are induced onto the subscriber loop from near by power lines and other noise sources. This capacitor is also required for the proper operation of ring trip detection. Typical value is 0.5F, to 1.0F, 20V. This capacitor should be nonpolarized. Analog Ground - To be connected to zero potential and serves as a reference for the transmit output (TX) and receive input (RX) terminals. Transmit Output, 4-Wire Side - A low impedance analog output which represents the differential voltage across Tip and Ring. Transhybrid balancing must be performed (using the SLIC microcircuit's spare op amp) beyond this output to completely implement two to four wire conversion. This output is unbalanced and referenced to analog ground. Since the DC level of this output varies with loop current, capacitive coupling to the next stage is essential. No internal connection.
26
22
C4
27
23
AG (Note 5) TX
28
24
1, 8, 15, 22 NOTE:
NC
5. All grounds (AG, BG, and DG) must be applied before VB+ or VB-. Failure to do so may result in premature failure of the part. If a user wishes to run separate grounds off a line card, the AG must be applied first.
Functional Diagram
RS RC RD 1/2 RING RELAY TIP 150 150 2 WIRE LOOP SECONDARY PROTECTION BG VBRFS 1/2 RING RELAY RING 150 RING VOLTAGE VB RING PD SLIC MICROCIRCUIT 150 -1 RF LOOP CURRENT LIMITER LINE DRIVERS + OP AMP +IN TF VB BATTERY FEED +1 OUT RING CONTROL RING TRIP LOOP MONITORING SHD SWITCH HOOK DETECTION GKD GROUND KEY DETECTION TIP DIFF AMP
RING SYNC RING COMMAND
+
-
TX
TRANSMIT OUTPUT
-
-IN RX
RECEIVE INPUT
POWER DENIAL
56
HC-5504B Schematic Diagram
SLIC FUNCTIONAL SCHEMATIC Pin Numbers for DIP/SOIC Package
21 RX
22 C4
11 VBAT
12 BAT GND
23 ANA GND V B+
6 DIG GND
4 VB+
20
19
18 OUT VB+
+
-
VOLTAGE AND CURRENT BIAS NETWORK
VB+ TF 9 VBAT
+ A-400 TIP FEED AMP IB4
R17 VB2 IB1 IB2 IB3 IB4 IB5 IB6 IB7 IB8 VBAT IB9 IB10 IB11
VB1 VB2 VB3 VB4 VB5 +5V
A-500 OP AMP
VBAT IB3
R12
RING TRIP DETECTOR 5V V B+ A-200 LONG'L I / V AMP + VBAT IB7 IB8 R20 + VBAT VB4 GND SHORTS CURRENT LIMITING IB1 GK GKD 14 5V IB10 VB+
R7 TIP R8 1 RING FEED SENSE 3 R10 R9 R22 R11 VBAT V + VBAT R23 B QD3 QD36 VB+
-
R5 + V B+ A-100 TRANSV'L I/V AMP SWITCH HOOK DETECTOR V B+
-
+ VB3 VBAT STTL AND LOGIC INTERFACE
C2 17
R3 RING 2 R4 R1 R2 R16 R15 VB2
IB6
VBAT + R6 IB6 QD27 QD28 THERMAL LIMITING
SH
SHD 13
VB1
VBAT/2 REFERENCE R14 R18
RC 16 RFC
RF 10 VBAT IB5 A-300 RING FEED AMP +
R21
LOAD CURRENT LIMITING I B2
-
VB5
VB5
PD 15
+
R19
VBAT
R13 VBAT
VBAT
C3 5
TX 24
RS 7
RD 8
57
HC-5504B Schematic Diagram
(Continued) LOGIC GATE SCHEMATIC
C2
GK
1
2
LOGIC BIAS DELAY 6 4 8 3
5 7 9 12
SH
16 10
13 11 15 TTL TO STTL TTL TO STTL TTL TO STTL TO R21 C SCHOTTKY LOGIC 14 RELAY DRIVER
A B
C B A
STTL TO TTL
STTL TO TTL
RS
RC
PD
RD
SHD
GKD
Overvoltage Protection and Longitudinal Current Protection
The SLIC device, in conjunction with an external protection bridge, will withstand high voltage lightning surges and power line crosses. High voltage surge conditions are as specified in Table 1. The SLIC will withstand longitudinal currents up to a maximum or 30mARMS , 15mARMS per leg, without any performance degradation.
PARAMETER Longitudinal Surge Metallic Surge
TABLE 1. TEST CONDITION 10s Rise/ 1000s Fall 10s Rise/ 1000s Fall T/GND R/GND 50/60Hz Current T/GND R/GND 11 Cycles Limited to 10ARMS 700 (Plastic) 350 (Ceramic) VRMS VRMS 10s Rise/ 1000s Fall PERFORMANCE (MAX) 1000 (Plastic) 500 (Ceramic) 1000 (Plastic) 500 (Ceramic) 1000 (Plastic) 500 (Ceramic)
UNITS VPEAK VPEAK VPEAK VPEAK VPEAK VPEAK
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
58
HC-5504B Applications Diagram
5V TO 12V 15 RS1 CS1 K1
SYSTEM CONTROLLER 13 14 7 16 BALANCE NETWORK 21 24 20 19 R3 18 R2 C6 R1 ZB C5 C7 PCM SWITCHING FILTER/ NETWORK CODEC
TIP
K1A
RB1
SUBSCRIBER LOOP PRIMARY PROTECTION K1B
1
POWER SWITCH GROUND RING RING SYNC CMD DENIAL HOOK KEY 8 DETECT DETECT RD RX 1 TIP TX RB2 9 SLIC +IN TIP FEED HC-5504B -IN OP AMP VB OUT
10 RS2 CS2 3 RB4 2 RING
RING FEED RING FEED SENSE NEG. BATT. 11 C8 BATT. GND. 12 DIG. GND. 6 ANA. GND. 23 C9
C2 C3 C4 VB+ 4
17 5 22 + C2
RING PTC
RB3
C4
+
C3
-48V Z1
VB +
150VPEAK (MAX) RING GENERATOR -48V
FIGURE 1. TYPICAL LINE CIRCUIT APPLICATION WITH THE MONOLITHIC SLIC
Typical Component Values C2 = 0.15F, 10V C3 = 0.3F, 30V C4 = 0.5F to 1.0F, 10%, 20V (Should be nonpolarized) C5 = 0.5F, 20V C6 = C7 = 0.5F (10% Match Required) (Note 7) C8 = 0.01F, 100V C9 = 0.01F, 20V, 20% R1 = R2 = R3 = 100k (0.1% Match Required, 1% absolute value) ZB = 0 for 600 Terminations (Note 7). RB1 = RB2 = RB3 = RB4 = 150 (0.1% Match Required, 1% absolute value). RS1 = RS2 =1k, typically. CS1 = CS2 = 0.1F, 200V typically, depending on VRING and line length. Z1 = 150V to 200V transient protection. PTC used as ring generator ballast.
NOTES: 6. Secondary protection diode bridge recommended is a 2A, 200V type. 7. To obtain the specified transhybrid loss it is necessary for the three legs of the balance network, C6-R1 and R2 and C7-ZB-R3 , to match in impedance to within 0.3%. Thus, if C6 and C7 are 1F each, a 20% match is adequate. It should be noted that the transmit output to C6 sees a 22V step when the loop is closed. Too large a value for C6 may produce an excessively long transient at the op amp output to the PCM Filter/CODEC. A 0.5F and 100k gives a time constant of 50ms. The uncommitted op amp output is internally clamped to stay within 5.5V and also has current limiting protection. 8. All grounds (AG, BG, and DG) must be applied before VB+ or VB-. Failure to do so may result in premature failure of the part. If a user wishes to run separate grounds off a line card, the AG must be applied first. 9. Application shows Ring Injected Ringing, Balanced or Tip injected configuration may be used. 10. Pin numbers given for DIP/SOIC package.
59


▲Up To Search▲   

 
Price & Availability of HC1-5504B-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X