Part Number Hot Search : 
VN0104N3 BTA200 MM3Z22VC BUZ74A 27XF256 1008C 2N5604 2SC33
Product Description
Full Text Search
 

To Download DM74AS646 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DM74AS646 * DM74AS648 Octal Bus Transceiver and Register
October 1986 Revised March 2000
DM74AS646 * DM74AS648 Octal Bus Transceiver and Register
General Description
This device incorporates an octal bus transceiver and an octal D-type register configured to enable multiplexed transmission of data from bus to bus or internal register to bus. This bus transceiver features totem-pole 3-STATE outputs designed specifically for driving highly-capacitive or relatively low-impedance loads. The high-impedance third state and increased high-logic-level drive provide this device with the capability of being connected directly to and driving the bus lines in a bus-organized system without need for interface or pull-up components. It is particularly attractive for implementing buffer registers, I/O ports, bidirectional bus drivers, and working registers. The registers in the DM74AS646, DM74AS648 are edgetriggered D-type flip-flops. On the positive transition of the clock (CAB or CBA), the input bus data is stored. The SAB and SBA control pins are provided to select whether real-time data or stored data is transferred. A LOW input level selects real-time data, and a HIGH level selects stored data. The select controls have a "make before break" configuration to eliminate a glitch which would normally occur in a typical multiplexer during the transition between stored and real-time data. The enable G and direction control pins provide four modes of operation; real-time data transfer from bus A to B, realtime data transfer from bus B to A, real-time bus A and/or B data transfer to internal storage, or internal store data transfer to bus A or B. When the enable G pin is LOW, the direction pin selects which bus receives data. When the enable G pin is HIGH, both buses become disabled yet their input function is still enabled.
Features
s Switching specifications at 50 pF s Switching specifications guaranteed over full temperature and VCC range s Advanced oxide-isolated, ion-implanted Schottky TTL process s Functionally and pin-for-pin compatible with LS TTL counterpart s 3-STATE buffer-type outputs drive bus lines directly
Ordering Code:
Order Number DM74AS646WM DM74AS646NT DM74AS648WM DM74AS648NT Package Number M24B N24C M24B N24C Package Description 24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-100, 0.300 Wide 24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-100, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
(c) 2000 Fairchild Semiconductor Corporation
DS006324
www.fairchildsemi.com
DM74AS646 * DM74AS648
Connection Diagram
Function Table
Inputs G H L L DIR X X L L H H X X X X CAB X X X H or L X CBA X H or L X X X Data I/O (Note 1) SAB SBA A1 thru A8 B1 thru B8 X X X X L H X X X X L H X X X X Input Unspecified (Note 1) Input Output Output Input Input Input Operation or Function DM74AS646 Isolation, Hold Storage Store A and B Data Stored B Data to A Bus Stored A Data to B Bus Unspecified Store A, B Unspecified (Note 1) (Note 1) Input Store B, A Unspecified (Note 1) DM74AS648 Isolation, Hold Storage Store A and B Data Stored B Data to A Bus Stored A Data to B Bus Store A, B Unspecified (Note 1) Store B, A Unspecified (Note 1)
H or L H or L
Real Time B Data to A Bus Real Time B Data to A Bus Real Time A Data to B Bus Real Time A Data to B Bus
H--HIGH level; L--LOW level; X--irrelevant; --LOW-to-HIGH level transition Note 1: The data output functions may be enabled or disabled by various signals at the G and DIR inputs. Data input functions are always enabled, i.e., data at the bus pins will be stored on every LOW-to-HIGH transition on the clock inputs.
www.fairchildsemi.com
2
DM74AS646 * DM74AS648
Logic Diagrams
(positive logic) DM74AS646 DM74AS648
Different Modes of Control for DM74AS646, DM74AS648
Storage From A, B or A and B Transfer Stored Data to A or B (Note 2)
Real-Time Transfer Bus A to Bus B (Note 2)
Real-Time Transfer Bus B to Bus A (Note 2)
Note 2: The complement of A and B data are stored and transferred for DM74AS648
3
www.fairchildsemi.com
DM74AS646 * DM74AS648
Absolute Maximum Ratings(Note 3)
Supply Voltage Input Voltage Control Inputs I/O Ports Operating Free Air Temperature Range Storage Temperature Range Typical JA N Package M Package 41.1C/W 81.5C/W 7V 5.5V 0C to +70C -65C to +150C
Note 3: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation.
7V
Recommended Operating Conditions
Symbol VCC VIH VIL IOH IOL fCLK tW tSU tH TA Supply Voltage HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Current LOW Level Output Current Clock Frequency Width of Clock Pulse Data Setup Time (Note 4) Data Hold Time (Note 4) Free Air Operating Temperature HIGH LOW 0 5 6 6 0 0 70 Parameter Min 4.5 2 0.8 -15 48 90 Nom 5 Max 5.5 Units V V V mA mA MHz ns ns ns ns C
Note 4: The () arrow indicates the positive edge of the Clock is used for reference.
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25C. Symbol VIK VOH Parameter Input Clamp Voltage HIGH Level Output Voltage VOL II IIH IIL IO ICC LOW Level Output Voltage Input Current @ Max Input Voltage HIGH Level Input Current LOW Level Input Current Output Drive Current Supply Current (Note 5) VCC = 5.5V, VIL = 0.4V (Note 5) VCC = 5.5V, VO = 2.25V VCC = 5.5V DM74AS646 Outputs HIGH Outputs LOW Outputs Disabled Outputs HIGH DM74AS648 Outputs LOW Outputs Disabled
Note 5: For I/O ports, the parameters IIH and IIL include the OFF-State current, IOZH and IOZL.
Conditions VCC = 4.5V, II = -18 mA VCC = 4.5V, VIL = Max VIH = Min VCC = 4.5V, VIL = Min VIH = 2V, IOL = Max VCC = 5.5V VI = 7V VI = 5.5V VCC = 5.5V, VIH = 2.7V Control Inputs A or B Ports Control Inputs A or B Ports Control Inputs A or B Ports IOH = Max IOH = -3 mA
Min
Typ
Max -1.2
Units V V
2 2.4 VCC - 2 0.35 0.5 0.1 0.1 20 70 -0.5 -0.75 -30 120 130 130 110 120 120 -112 195 211 211 185 195 195 mA V mA A mA mA 3.2
VCC = 4.5V to 5.5V, IOH = -2 mA
www.fairchildsemi.com
4
DM74AS646 * DM74AS648
DM74AS646 Switching Characteristics
Symbol fMAX tPLH tPHL tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ tPZH tPZL tPHZ tPLZ Parameter Maximum Clock Frequency Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Output Enable Time to HIGH Level Output Output Enable Time to LOW Level Output Output Disable Time from HIGH Level Output Output Disable Time from LOW Level Output Output Enable Time to HIGH Level Output Output Enable Time to LOW Level Output Output Disable Time from HIGH Level Output Output Disable Time from LOW Level Output
Note 6: These parameters are measured with the internal output state of the storage register opposite to that of the bus input.
Conditions VCC = 4.5V to 5.5V, R1 = R2 = 500 CL = 50 pF
From (Input)
To (Output)
Min 90 2
Max
Units MHz
8.5 9 9 7 11 9 9 14 9 9 16 18 10 10
ns ns ns ns ns ns ns ns ns ns ns ns ns ns
CBA or CAB
A or B 2 2
A or B
B or A 1 2
SBA or SAB (Note 6)
A or B 2 2 3
Enable G
A or B 2 2 3 3
DIR
A or B 2 2
5
www.fairchildsemi.com
DM74AS646 * DM74AS648
DM74AS648 Switching Characteristics
Symbol fMAX tPLH tPHL tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ tPZH tPZL tPHZ tPLZ Parameter Maximum Clock Frequency Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Output Enable Time to HIGH Level Output Output Enable Time to LOW Level Output Output Disable Time from HIGH Level Output Output Disable Time from LOW Level Output Output Enable Time to HIGH Level Output Output Enable Time to LOW Level Output Output Disable Time from HIGH Level Output Output Disable Time from LOW Level Output
Note 7: These parameters are measured with the internal output state of the storage register opposite to that of the bus input.
Conditions VCC = 4.5V to 5.5V, R1 = R2 = 500 CL = 50 pF
From (Input)
To (Output)
Min 90 2
Max
Units MHz
8.5 9 8 7 11 9 9 15 9 9 16 18 10 10
ns ns ns ns ns ns ns ns ns ns ns ns ns ns
CAB or CBA
A or B 2 2
A or B
B or A 1 2
SBA or SAB (Note 7)
A or B 2 2 3
Enable G
A or B 2 2 3 3
DIR
A or B 2 2
www.fairchildsemi.com
6
DM74AS646 * DM74AS648
Physical Dimensions inches (millimeters) unless otherwise noted
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide Package Number M24B
7
www.fairchildsemi.com
DM74AS646 * DM74AS648 Octal Bus Transceiver and Register
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-100, 0.300 Wide Package Number N24C
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 8 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of DM74AS646

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X