|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CD4029BC Presettable Binary/Decade Up/Down Counter October 1987 Revised January 1999 CD4029BC Presettable Binary/Decade Up/Down Counter General Description The CD4029BC is a presettable up/down counter which counts in either binary or decade mode depending on the voltage level applied at binary/decade input. When binary/ decade is at logical "1", the counter counts in binary, otherwise it counts in decade. Similarly, the counter counts up when the up/down input is at logical "1" and vice versa. A logical "1" preset enable signal allows information at the "jam" inputs to preset the counter to any state asynchronously with the clock. The counter is advanced one count at the positive-going edge of the clock if the carry in and preset enable inputs are at logical "0". Advancement is inhibited when either or both of these two inputs is at logical "1". The carry out signal is normally at logical "1" state and goes to logical "0" state when the counter reaches its maximum count in the "up" mode or the minimum count in the "down" mode provided the carry input is at logical "0" state. All inputs are protected against static discharge by diode clamps to both VDD and VSS. Features s Wide supply voltage range: s High noise immunity: s Low power TTL compatibility: or 1 driving 74LS s Parallel jam inputs s Binary or BCD decade up/down counting 3V to 15V fan out of 2 driving 74L 0.45 VDD (typ.) Ordering Code: Order Number CD4029BCWM CD4029BCSJ CD4029BCN Package Number M16B M16D N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide body 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code. Connection Diagram Pin Assignments for DIP, SOIC and SOP Top View (c) 1999 Fairchild Semiconductor Corporation DS005960.prf www.fairchildsemi.com CD4029BC Logic Diagram www.fairchildsemi.com 2 CD4029BC Absolute Maximum Ratings(Note 1) (Note 2) DC Supply Voltage (VDD) Input Voltage (VIN) Storage Temperature Range (TS) Power Dissipation (PD) Dual-In-Line Small Outline Lead Temperature (TL) (Soldering, 10 seconds) 260C (Note 2) 700 mW 500 mW -0.5V to +18 VDC -0.5V to VDD + 0.5 VDC -65C to +150C Recommended Operating Conditions (Note 2) DC Supply Voltage (VDD) Input Voltage (VIN) Operating Temperature Range (TA) 3V to 15 VDC 0V to VDD VDC -40C to +85C Note 1: "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. Except for "Operating Temperature Range" they are not meant to imply that the devices should be operated at these limits. The table of "Electrical Characteristics" provides conditions for actual device operation. Note 2: VSS = 0V unless otherwise specified. DC Electrical Characteristics Symbol IDD Parameter Quiescent Device Current VDD = 5V VDD = 10V VDD = 15V VOL LOW Level Output Voltage |IO| < 1 A VDD = 5V VDD = 10V VDD = 15V VOH HIGH Level Output Voltage |IO| < 1 A VDD = 5V VDD = 10V VDD = 15V VIL LOW Level Input Voltage VIH HIGH Level Input Voltage IOL LOW Level Output Current (Note 3) IOH HIGH Level Output Current (Note 3) IIN Input Current Conditions -40C Min Max 20 40 80 0.05 0.05 0.05 4.95 9.95 14.95 1.5 3.0 4.0 3.5 7.0 11.0 0.52 1.3 3.6 -0.52 -1.3 -3.6 -0.3 0.3 3.5 7.0 11.0 0.44 1.1 3.0 -0.44 -1.1 -3.0 4.95 9.95 14.95 Min +25C Typ Max 20 40 80 0 0 0 5 10 15 1.5 3.0 4.0 0.05 0.05 0.05 +85C Min Max 150 300 600 0.05 0.05 0.05 4.95 9.95 14.95 1.5 3.0 4.0 3.5 7.0 11.0 Units A A A V V V V V V V V V V V V mA mA mA mA mA mA VDD = 5V, VO = 0.5V or 4.5V VDD = 10V, VO = 1V or 9V VDD = 15V, VO = 1.5V or 13.5V VDD = 5V, VO = 0.5V or 4.5V VDD = 10V, VO = 1V or 9V VDD = 15V, VO = 1.5V or 13.5V VDD = 5V, VO = 0.4V VDD = 10V, VO = 0.5V VDD = 15V, VO = 1.5V VDD = 5V, VO = 4.6V VDD = 10V, VO = 9.5V VDD = 15V, VO = 13.5V VDD = 15V, VIN = 0V VDD = 15V, VIN = 15V 0.88 2.25 8.8 -0.88 -2.25 -8.8 -10-5 10-5 -0.3 0.3 0.36 0.9 2.4 -0.36 -0.9 -2.4 -1.0 1.0 A A Note 3: IOH and IOL are tested one output at a time. 3 www.fairchildsemi.com CD4029BC AC Electrical Characteristics Symbol CLOCKED OPERATION tPHL or tPLH Propagation Delay Time to Q Outputs tPHL or tPLH Propagation Delay Time to Carry Output tPHL or tPLH Propagation Delay Time to Carry Output Parameter (Note 4) Conditions VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V CL = 15 pF VDD = 5V VDD = 10V VDD = 15V 285 120 95 100 50 40 160 70 55 15 10 5 180 70 55 1.5 3.7 4.5 3.1 7.4 9 5 65 285 115 95 400 165 135 80 30 25 150 60 50 265 110 90 200 85 70 570 230 195 800 330 260 160 60 50 300 120 100 530 220 180 400 170 140 7.5 360 140 110 570 240 190 200 100 80 320 135 110 ns ns ns ns ns ns ns ns ns s s s ns ns ns MHz MHz MHz pF pF ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Min Typ Max Units TA = 25C, CL = 50 pF, RL = 200k, Input trCL = tfCL = 20 ns, unless otherwise specified 200 85 70 320 135 110 400 170 140 640 270 220 ns ns ns ns ns ns tTHL or tTLH Transition Time/Q or Carry Output VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V tWH or tWL Minimum Clock Pulse Width trCL or tfCL Maximum Clock Rise and Fall Time tSU Minimum Set-Up Time fCL Maximum Clock Frequency VDD = 5V VDD = 10V VDD = 15V CIN CPD tPHL or tPLH Average Input Capacitance Power Dissipation Capacitance Propagation Delay Time to Q output Any Input Per Package (Note 5) VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V PRESET ENABLE OPERATION tPHL or tPLH Propagation Delay Time to Carry Output tWH Minimum Preset Enable Pulse Width tREM Minimum Preset Enable Removal Time CARRY INPUT OPERATION tPHL or tPLH Propagation Delay Time to Carry Output tPHL, tPLH Propagation Delay Time to Carry Output VDD = 5V VDD = 10V VDD = 15V CL = 15 pF VDD = 5V VDD = 10V VDD = 15V Note 4: *AC Parameters are guaranteed by DC correlated testing. Note 5: CPD determines the no load AC power consumption of any CMOS device. For complete explanation, see 74C Family Characteristics application note, AN-90. www.fairchildsemi.com 4 CD4029BC Logic Waveforms Decade Mode Binary Mode 5 www.fairchildsemi.com CD4029BC Switching Time Waveforms Cascading Packages Parallel Clocking Ripple Clocking Carry out lines at the 2nd or later stages may have a negative-going spike due to differential internal delays. These spikes do not affect counter operation, but if the carry out is used to trigger external circuitry the carry out should be gated with the clock. www.fairchildsemi.com 6 CD4029BC Physical Dimensions inches (millimeters) unless otherwise noted 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Body Package Number M16B 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M16D 7 www.fairchildsemi.com CD4029BC Presettable Binary/Decade Up/Down Counter Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N16E LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be reawhich, (a) are intended for surgical implant into the sonably expected to cause the failure of the life support body, or (b) support or sustain life, and (c) whose failure device or system, or to affect its safety or effectiveness. to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the www.fairchildsemi.com user. Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. |
Price & Availability of CD4029BC |