Part Number Hot Search : 
BSR13 RGP10DE FX829D2 4AA512 0Q201 24LCS62 33C900S3 CPC700
Product Description
Full Text Search
 

To Download BZX84-B3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX84 Series
Zener Diodes
Vz Range 2.4 to 75V Power Dissipation 300mW TO-236AB (SOT-23)
.122 (3.1) .110 (2.8) .016 (0.4) 3 .056 (1.43) .052 (1.33)
Top View
Mounting Pad Layout
0.037 (0.95) 0.037 (0.95)
1
2 max. .004 (0.1)
Dimensions in inches and (millimeters)
0.079 (2.0)
.007 (0.175) .005 (0.125)
.037(0.95) .037(0.95)
0.035 (0.9)
.045 (1.15) .037 (0.95)
0.031 (0.8)
.016 (0.4)
.016 (0.4)
.102 (2.6) .094 (2.4)
Features
Top View
Mechanical Data
Case: SOT-23 Plastic Package Weight: Approx. 0.008g Packaging Codes/Options: E8/10K per 13" reel (8mm tape), 30K box E9/3K per 7" reel (8mm tape), 30K box
* Silicon Planar Power Zener Diodes * The Zener voltages are graded according to the international E 24 standard. Standard Zener voltage tolerance is 5%. Replace "C" with "B" for 2% tolerance. Other voltage tolerances and other Zener voltages are available upon request. * These diodes are also available in other case styles and other configurations including: the SOD-123 case with type designation BZT52 series, the dual zener diode common anode configuration in the SOT-23 case with type designation AZ23 series and the dual zener diode common cathode configuration in the SOT-23 case with type designation DZ23 series.
Maximum Ratings and Thermal Characteristics (TA = 25C unless otherwise noted)
Parameter Zener Current Power Dissipation at Tamb = 25C Thermal Resistance Junction to Ambient Air Junction Temperature Storage Temperature Range
Notes: (1) Device on fiberglass substrate, see layout.
Symbol IZM Ptot RJA Tj TS
Value 250 300 420
(1) (1)
Unit mA mW C/W C C
150 -65 to +150
9/28/00
BZX84 Series
Zener Diodes
Electrical Characteristics
Type y = C for 5% y = B for 2% BZX84-y2V4 BZX84-y2V7 BZX84-y3 BZX84-y3V3 BZX84-y3V6 BZX84-y3V9 BZX84-y4V3 BZX84-y4V7 BZX84-y5V1 BZX84-y5V6 BZX84-y6V2 BZX84-y6V8 BZX84-y7V5 BZX84-y8V2 BZX84-y9V1 BZX84-y10 BZX84-y11 BZX84-y12 BZX84-y13 BZX84-y15 BZX84-y16 BZX84-y18 BZX84-y20 BZX84-y22 BZX84-y24 BZX84-y27 BZX84-y30 BZX84-y33 BZX84-y36 BZX84-y39 BZX84-y43 BZX84-y47 BZX84-y51 BZX84-y56 BZX84-y62 BZX84-y68 BZX84-y75 Marking Code Z11 Z12 Z13 Z14 Z15 Z16 Z17 Z1 Z2 Z3 Z4 Z5 Z6 Z7 Z8 Z9 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 Y9 Y10 Y11 Y12 Y13 Y14 Y15 Y16 Y17 Y18 Y19 Y20 Y21 Dynamic Resistance at IZT1 rzj () 70 (100) 75 (100) 80 (95) 85 (95) 85 (90) 85 (90) 80 (90) 50 (80) 40 (60) 15 (40) 6.0 (10) 6.0 (15) 6.0 (15) 6.0 (15) 6.0 (15) 8.0 (20) 10 (20) 10 (25) 10 (30) 10 (30) 10 (40) 10 (45) 15 (55) 20 (55) 25 (70) 25 (80) 30 (80) 35 (80) 35 (90) 40 (130) 45 (150) 50 (170) 60 (180) 70 (200) 80 (215) 90 (240) 95 (255)
(TA = 25C unless otherwise noted) Maximum VF = 0.9V at IF = 10mA
Temp. Coefficient of Zener Voltage at IZT1 VZ (10-4/C) -9.0 ... -4.0 -9.0 ... -4.0 -9.0 ... -3.0 -8.0 ... -3.0 -8.0 ... -3.0 -7.0 ... -3.0 -6.0 ... -1.0 -5.0 ... +2.0 -3.0. ... +4.0 -2.0 ... +6.0 -1.0 ... +7.0 +2.0 ... +7.0 +3.0 ... +7.0 +4.0 ... +7.0 +5.0 ... +8.0 +5.0 ... +8.0 +5.0 ... +9.0 +6.0 ... +9.0 +7.0 ... +9.0 +7.0 ... +9.0 +8.0 ... +9.5 +8.0 ... +9.5 +8.0 ... +10 +8.0 ... +10 +8.0 ... +10 +8.0 ... +10 +8.0 ... +10 +8.0 ... +10 +8.0 ... +10 +10 ... +12 +10 ... +12 +10 ... +12 +10 ... +12 +9.0 ... +11 +9.0 ... +12 +10 ... +12 +10 ... +12
Test Current IZT1 (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 2 2
Dynamic Resistance at IZT2 rzj () 275 300 (600) 325 (600) 350 (600) 375 (600) 400 (600) 410 (600) 425 (500) 400 (480) 80 (400) 40 (150) 30 (80) 30 (80) 40 (80) 40 (100) 50 (150) 50 (150) 50 (150) 50 (170) 50 (200) 50 (200) 50 (225) 60 (225) 60 (250) 60 (250) 65 (300) 70 (300) 75 (325) 80 (350) 80 (350) 85 (375) 85 (375) 85 (400) 100 (425) 100 (450) 150 (475) 170 (500)
Test Current IZT2 (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
Reverse Leakage Current at IR (A) VR (V) 50 20 10 5.0 5.0 3.0 3.0 3.0 2.0 1.0 3.0 2.0 1.0 0.7 0.5 0.2 0.1 0.1 0.1 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 6.0 7.0 8.0 8.0 8.0 0.7 VZnom. 0.7 VZnom. 0.7 VZnom. 0.7 VZnom. 0.7 VZnom. 0.7 VZnom. 0.7 VZnom. 0.7 VZnom. 0.7 VZnom. 0.7 VZnom. 0.7 VZnom. 0.7 VZnom. 0.7 VZnom. 0.7 VZnom. 0.7 VZnom. 0.7 VZnom. 0.7 VZnom. 0.7 VZnom.
BZX84 Series
Zener Diodes
Electrical Characteristics
Type 5% Tol. BZX84-C2V4 BZX84-C2V7 BZX84-C3 BZX84-C3V3 BZX84-C3V6 BZX84-C3V9 BZX84-C4V3 BZX84-C4V7 BZX84-C5V1 BZX84-C5V6 BZX84-C6V2 BZX84-C6V8 BZX84-C7V5 BZX84-C8V2 BZX84-C9V1 BZX84-C10 BZX84-C11 BZX84-C12 BZX84-C13 BZX84-C15 BZX84-C16 BZX84-C18 BZX84-C20 BZX84-C22 BZX84-C24 BZX84-C27 BZX84-C30 BZX84-C33 BZX84-C36 BZX84-C39 BZX84-C43 BZX84-C47 BZX84-C51 BZX84-C56 BZX84-C62 BZX84-C68 BZX84-C75 Zener Voltage range(1) at IZT1 VZ (V) min. max. 2.20 2.50 2.80 3.10 3.40 3.70 4.00 4.40 4.80 5.20 5.80 6.40 7.00 7.70 8.50 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28.0 31.0 34.0 37.0 40.0 44.0 48.0 52.0 58.0 64.0 70.0 2.60 2.90 3.20 3.50 3.80 4.10 4.60 5.00 5.40 6.00 6.60 7.20 7.90 8.70 9.60 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32.0 35.0 38.0 41.0 46.0 50.0 54.0 60.0 66.0 72.0 79.0
(TA = 25C unless otherwise noted) Maximum VF = 0.9V at IF = 10mA
Test Current IZT1 (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 2 2
Type 2% Tol. BZX84-B2V4 BZX84-B2V7 BZX84-B3 BZX84-B3V3 BZX84-B3V6 BZX84-B3V9 BZX84-B4V3 BZX84-B4V7 BZX84-B5V1 BZX84-B5V6 BZX84-B6V2 BZX84-B6V8 BZX84-B7V5 BZX84-B8V2 BZX84-B9V1 BZX84-B10 BZX84-B11 BZX84-B12 BZX84-B13 BZX84-B15 BZX84-B16 BZX84-B18 BZX84-B20 BZX84-B22 BZX84-B24 BZX84-B27 BZX84-B30 BZX84-B33 BZX84-B36 BZX84-B39 BZX84-B43 BZX84-B47 BZX84-B51 BZX84-B56 BZX84-B62 BZX84-B68 BZX84-B75
Zener Voltage range(1) at IZT1 VZ (V) min. max. 2.35 2.65 2.94 3.23 3.53 3.82 4.21 4.61 5.00 5.49 6.08 6.66 7.35 8.04 8.92 9.80 10.8 11.8 12.7 14.7 15.7 17.6 19.6 21.6 23.5 26.5 29.4 32.3 35.3 38.2 42.1 46.1 50.0 54.9 60.8 66.6 73.5 2.45 2.75 3.06 3.37 3.67 3.98 4.39 4.79 5.20 5.71 6.32 6.94 7.65 8.36 9.28 10.2 11.2 12.2 13.3 15.3 16.3 18.4 20.4 22.4 24.5 27.5 30.6 33.7 36.7 39.8 43.9 47.9 52.0 46.9 63.2 69.4 76.5
Test Current IZT1 (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 2 2
Notes: (1) Measured with pulses tp = 5 ms
BZX84 Series
Zener Diodes
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
BZX84 Series
Zener Diodes
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
500
400
300
200
100
BZX84 Series
Zener Diodes
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
BZX84 Series
Zener Diodes
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
C/W
V
C
BZX84 Series
Zener Diodes
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
C
BZX84 Series
Zener Diodes
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Layout for RJA test
Thickness: Fiberglass 0.059 in. (1.5mm) Copper leads 0.012 in. (0.3mm)
0.30 (7.5) 0.12 (3)
.04 (1)
.08 (2) .04 (1) .08 (2)
0.59 (15) 0.47 (12)
0.03 (0.8)
0.2 (5)
0.06 (1.5) 0.20 (5.1)
Dimensions in inches and (millimeters)


▲Up To Search▲   

 
Price & Availability of BZX84-B3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X