Part Number Hot Search : 
HK160 SZ3547 HK160 DB106S A1307 A1307 HK160 PST9139
Product Description
Full Text Search
 

To Download BA5970FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optical disc ICs
4-channel BTL driver for CD players and CD-ROMs
BA5970FP
The BA5970FP is a 4-channel BTL driver developed to drive CD player motors and actuators. The driver input stage contains an operational amplifier, supports a variety of input formats, and allows simple configuration of a filter. FApplications CD players, CD-ROM FFeatures 1) 4-channel BTL driver. 2) Wide dynamic range (4V when PREVCC = 8V, POWVCC = 5V, and RL = 8). 3) Internal thermal shutdown circuit. 4) Driver gain is adjustable with externally connected resistor.
5) Independent power supplies PREVCC, POWVCC (for channels 1 and 2), and POWVCC (for channels 3 and 4), and low voltage operation for a highly efficient drive. 6) Independent mute pins for channels 1 and 2 and channels 3 and 4. 7) Perfect for compact applications with the use of the HSOP28-pin power package.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)
653
Optical disc ICs
FBlock diagram
BA5970FP
FPin descriptions
654
Optical disc ICs
FInput / output circuits
BA5970FP
655
Optical disc ICs
FElectrical characteristics (unless otherwise noted, Ta = 25_C, PREVCC = 8V, POWVCC1 = 5V, FPOWVCC2 = 8V, BIAS = 2.5V, RL = 8)
BA5970FP
656
Optical disc ICs
FMeasurement circuit
BA5970FP
657
Optical disc ICs
FMeasurement circuit switch table (1) Driver block (OPB ! 1, NF ! 1, OPRL ! 1)
BA5970FP
(2)
Pre-stage operational amplifier block (VN1 = VM2 = 0V, RL ! OFF)
658
Optical disc ICs
FApplication example
BA5970FP
659
Optical disc ICs
FOperation notes (1) The BA5970FP contains a thermal shutdown circuit. When the chip temperature reaches 175_C (Typ.), the output current is muted. If the chip temperature then drops below 150_C (Typ.), then the mute is released. (2) By having the mute pin voltage pulled up to 2.0V or greater, you can mute the output current. For normal conditions, have mute pin open or at 0.5V or below. (Pin 9 mutes channels 1 and 2, and pin 20 mutes channels 3 and 4.) (3) If the voltage of the bias pin (pin 1) drops below 1.4V (Typ.), outputs are muted. For normal conditions, have the voltage above 1.7V. (4) If the power supply voltage drops below 3.8V (Typ.),
BA5970FP
internal circuits turns off. If the power supply voltage then rises to 4.0V (Typ.), the circuits turn on. (5) If the voltage of the thermal shutdown, mute ON, or bias pin drops, or if the power supply voltage drops, the mute is activated; however, in these situations, only the drivers are muted. Also, the output pin voltage becomes the internal bias voltage (approx. VCC / 2 for channels 1 and 2, and (VCC-VF) / 2 for channels 3 and 4). (6) Connect a bypass capacitor (approx. 0.1F) between the bases of the power supply pins of this IC. (7) Even though the radiation fins are connected to ground within the package, be sure to also connect them to a ground externally as well.
FElectrical characteristic curves
660
Optical disc ICs
FExternal dimensions (Units: mm)
BA5970FP
661


▲Up To Search▲   

 
Price & Availability of BA5970FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X