Part Number Hot Search : 
PJCF05LC PC177 IRGPC20 AL16L AL16L AL16L AL16L PRTR5V0
Product Description
Full Text Search
 

To Download BA3126F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Audio ICs
2-channel head switch for radio cassette recorders
BA3126F / BA3126N
The BA3126F and BA3126N are dual-channel tape head switching ICs designed for use in radio cassette players. These ICs are designed to withstand voltages of up to 120VP-PMin., and can handle large-amplitude bias signals during recording. Both devices have two channels, and are ideal for use in radio-cassette players. The package types are 14-pin SOP for the BA3126F, and 9-pin SIP for the BA3126N.
FApplications Radio-cassette players
FFeatures 1) High withstanding voltage (120VP-PMin. at f = 100kHz). 2) Low "on" resistance (P / B SW : 8, REC SW : 5)
3) Low offset voltage (P / B SW : 5.0mV, REC SW : 0.6mV)
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)
818
Audio ICs
FBlock diagram
BA3126F / BA3126N
FInternal circuit configuration
819
Audio ICs
BA3126F / BA3126N
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 9.0V, measurement circuit : Figs. 7 and 8).
820
Audio ICs
FMeasurement circuit
BA3126F / BA3126N
821
Audio ICs
FCircuit operation (1) Playback mode When the control pin voltage goes below 0.5V, the REC SW goes off and the P / B SW goes on to put the IC into playback mode. In this mode, the playback signal from the head is sent to the P / B amplifier via the REC SW. FOperation notes (1) When the voltage on the control pin drops below 0.5V, (pin 5 for the BA3126F, and pin 4 for the BA3126N) the IC switches to P / B mode . When the voltage is 0V, the maximum source current generated is 120A (ILOW). When the voltage on the control pin goes above 3.9V the IC switches to REC mode. When the voltage is 5V, the maximum sink current generated is 180A (IHIGH). When the control pin is open, the voltage on it is 3VF (approximately 2.0V). All switches are on at this time.
BA3126F / BA3126N
(2) REC mode When the control pin voltage goes above 3.9V, the P / B SW goes off and the REC SW goes on to put the IC into record mode. In this mode, the recording signal from REC amplifier is transmitted to the head via the P / B SW.
(2) P / B switch (BA3126F : pins 3 and 12, BA3126N : pins 3 and 7) This switch is on during playback. Due to the characteristics of the transistor switch, the following DC voltage is generated : VOFSP < 15mV (VCC = 9.0V, Vcont = 0V) This switch is off during recording. A built-in, high-withstanding voltage switch means that it can handle the large-amplitude bias signal generated by the bias generator. Due to variations between individual ICs, we recommend that you keep the voltage below 120VP-P (at f = 100kHz). (3) REC switch (BA3126F : pins 1 and 14, BA3126N : pins 1 and 9) This switch is on during recording. Due to the characteristics of the transistor switch, the following DC voltage is generated : VOFSP < 6mV (VCC = 9.0V, Vcont = 5V) The switch is off during playback, and the playback signal from the head is transmitted to the playback amplifier.
(4) Recommended operating power supply voltage range Operation of the basic functions of the application example circuit are guaranteed if operated within the stipulated power supply voltage and ambient temperature ranges. We cannot guarantee the ratings for the electrical characteristics, but they will not change radically if the circuit is operated within the stipulated power supply voltage and ambient temperature ranges. (5) Transient characteristics during power supply switching When the power is switched on and of in P / B mode (control pin low), a transient current may flow from the P / B SW to the REC SW. If the head is in contact with the tape, and this current flows into the head, the frequency component will be recorded as a pop sound on the tape. Pay due consideration to the power supply on / off timing and the head position relationship. (6) Playback-to-recording switching timing If a large-amplitude signal from the bias oscillator is applied when the P / B SW is on, the P / B switch may latch if there is excessive current from the bias oscillator. If this happens, the P / B SW will not switch off when the control pin is driven high, and the IC will not enter REC mode. Design the timing so that when the IC is switched from playback to recording mode, the P / B SW goes off before the large-amplitude signal from the bias oscillator is applied to the P / B SW.
822
Audio ICs
FApplication example
BA3126F / BA3126N
823
Audio ICs
FElectrical characteristics curves
BA3126F / BA3126N
FExternal dimensions (Units: mm)
824


▲Up To Search▲   

 
Price & Availability of BA3126F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X