Part Number Hot Search : 
LBS12201 TDA8758 CY28447 TA0702A STM32 ASI10567 74HC2 16F100M
Product Description
Full Text Search
 

To Download AD8072 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Very Low Cost Good Video Specifications (RL = 150 ) Gain Flatness of 0.1 dB to 10 MHz 0.05% Differential Gain Error 0.1 Differential Phase Error Low Power 3.5 mA/Amplifier Supply Current Operates on Single +5 V to +12 V Supply High Speed 100 MHz, -3 dB Bandwidth (G = +2) 500 V/ s Slew Rate Fast Settling Time of 25 ns (0.1%) Easy to Use 30 mA Output Current Output Swing to 1.3 V of Rails on Single +5 V Supply APPLICATIONS Video Line Driver Computer Video Plug-In Boards RGB or S-Video Amplifier in Component Systems PRODUCT DESCRIPTION
Low Cost, Dual/Triple Video Amplifiers AD8072/AD8073
FUNCTIONAL BLOCK DIAGRAMS 8-Lead Plastic (N), SOIC (R), and SOIC (RM) Packages
OUT1 1 -IN1 2 IN1 3 -VS 4
8
VS
7 OUT2 6 -IN2
AD8072
5
IN2
14-Lead Plastic (N), and SOIC (R) Packages
NC NC NC VS IN1 -IN1 OUT1
1 2 3 4 5 6 7 NC = NO CONNECT
14 OUT2 13 -IN2 12 IN2
The AD8072 (dual) and AD8073 (triple) are low cost, current feedback amplifiers intended for high volume, cost sensitive applications. In addition to being low cost, these amplifiers deliver solid video performance into a 150 load while consuming only 3.5 mA per amplifier of supply current. Furthermore, the AD8073 is three amplifiers in a single 14-lead narrow-body SOIC package. This makes it ideal for applications where small size is essential. Each amplifier's inputs and output are accessible providing added gain setting flexibility. These devices provide 30 mA of output current per amplifier, and are optimized for driving one back terminated video load (150 ) each. These current feedback amplifiers feature gain flatness of 0.1 dB to 10 MHz while offering differential gain and phase error of 0.05% and 0.1. This makes the AD8072 and AD8073 ideal for business and consumer video electronics. Both will operate from a single +5 V to +12 V power supply. The outputs of each amplifier swing to within 1.3 volts of either supply rail to accommodate video signals on a single +5 V supply. The high bandwidth of 100 MHz, 500 V/s of slew rate, along with settling to 0.1% in 25 ns, make the AD8072 and AD8073 useful in many general purpose, high speed applications where a single +5 V or dual power supplies up to 6 V are needed. The AD8072 is available in 8-lead plastic DIP, SOIC, and SOIC packages while the AD8073 is available in 14-lead plastic DIP and SOIC packages. Both operate over the commercial temperature range of 0C to +70C. Additionally, the AD8072ARM operates over the industrial temperature range of -40C to +85C. REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
6.1 6.0 5.9
AD8073 AD8072
11 -VS 10 IN3
9 -IN3 8 OUT3
7 6
5.8 5.7 5.6 5.5 5.4 5.3 0.1
4 3 1 dB DIV 0.1 dB DIV 2 1 0 -1 500
VS = 5V VO = 2V p-p RF = RG = 1k RL = 150 AV = 2
1
10 FREQUENCY - MHz
100
Figure 1. Large Signal Frequency Response
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2000
CLOSED-LOOP GAIN - dB
5
GAIN FLATNESS - dB
AD8072/AD8073-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (@ T = +25 C, V
A S
=
5 V, RL = 150
Min 80 8
, unless otherwise noted)
AD8072/AD8073 Typ Max 100 10 500 25 0.05 0.1 60 3 6 0.3 2 0.15 0.3 Units MHz MHz V/s ns % Degrees dB nV/Hz pA/Hz M mV mV V/C A nA/C M pF dB V V V mA mA V dB mA C
Parameter DYNAMIC PERFORMANCE -3 dB Bandwidth, Small Signal 0.1 dB Bandwidth, Small Signal Slew Rate Settling Time to 0.1% DISTORTION/NOISE PERFORMANCE Differential Gain Differential Phase Crosstalk Input Voltage Noise Input Current Noise DC PERFORMANCE Transimpedance Input Offset Voltage
Conditions RF = 1 k No Peaking, G = +2 No Peaking, G = +2 VO = 4 V Step VO = 2 V Step RF = 1 k f = 3.58 MHz, G = +2 f = 3.58 MHz, G = +2 f = 5 MHz f = 10 kHz f = 10 kHz ( IIN)
TMIN to TMAX Offset Drift Input Bias Current ( ) Input Bias Current Drift ( ) INPUT CHARACTERISTICS -Input Resistance +Input Resistance Input Capacitance Common-Mode Rejection Ratio Input Common-Mode Voltage Range OUTPUT CHARACTERISTICS +Output Voltage Swing -Output Voltage Swing Output Current Short Circuit Current POWER SUPPLY Operating Range Power Supply Rejection Ratio Quiescent Current per Amplifier OPERATING TEMPERATURE RANGE
Specifications subject to change without notice.
6 8 12
11 4 12 120 1 1.6 56 3.8 3 2.25 RL = 10 3.3 3 30 80 2.5 to 6 70 3.5 0
VCM = -3.8 V to +3.8 V
VS = 4 V to 6 V
5 +70
-2-
REV. A
AD8072/AD8073 ELECTRICAL CHARACTERISTICS (@ T = +25 C, V = +5 V, R = 150
A S L
to 2.5 V, unless otherwise noted)
Min 78 7.8 AD8072/AD8073 Typ 100 10 350 25 0.1 0.1 60 3 6 0.25 1.5 Max Units MHz MHz V/s ns % Degrees dB nV/Hz pA/Hz M mV mV V/C A nA/C M pF dB V V mA mA V dB mA C
Parameter DYNAMIC PERFORMANCE -3 dB Bandwidth, Small Signal 0.1 dB Bandwidth, Small Signal Slew Rate Settling Time to 0.1% DISTORTION/NOISE PERFORMANCE Differential Gain Differential Phase Crosstalk Input Voltage Noise Input Current Noise DC PERFORMANCE Transimpedance Input Offset Voltage
Conditions RF = 1 k No Peaking, G = +2 No Peaking, G = +2 VO = 2 V Step VO = 2 V Step RF = 1 k f = 3.58 MHz, G = +2, RL to 1.5 V f = 3.58 MHz, G = +2, RL to 1.5 V f = 5 MHz f = 10 kHz f = 10 kHz ( IIN)
TMIN to TMAX Offset Drift Input Bias Current ( ) Input Bias Current Drift ( ) INPUT CHARACTERISTICS -Input Resistance +Input Resistance Input Capacitance Common-Mode Rejection Ratio Input Common-Mode Voltage Range OUTPUT CHARACTERISTICS Output Voltage Swing Output Current Short Circuit Current POWER SUPPLY Operating Range Power Supply Rejection Ratio Quiescent Current per Amplifier OPERATING TEMPERATURE RANGE 9 3 10 120 1 1.6 54 +1.2 to +3.8 +1.5 to +3.5 RL = 10 +1.3 to +3.7 20 60
4 6 10
VCM = +1.2 V to +3.8 V
VS = +4 V to +6 V 0
2.5 to 6 64 3 4.5 +70
REV. A
-3-
AD8072/AD8073
ABSOLUTE MAXIMUM RATINGS 1 MAXIMUM POWER DISSIPATION
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13.2 V Internal Power Dissipation2 AD8072 8-Lead Plastic (N) . . . . . . . . . . . . . . . . . 1.3 Watts AD8072 8-Lead Small Outline (SO-8) . . . . . . . . . 0.9 Watts AD8072 8-Lead SOIC (RM) . . . . . . . . . . . . . . . 0.6 Watts AD8073 14-Lead Plastic (N) . . . . . . . . . . . . . . . . 1.6 Watts AD8073 14-Lead Small Outline (R) . . . . . . . . . . . 1.0 Watts Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . . VS Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . 1.25 V Output Short Circuit Duration . . . . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves Storage Temperature Range N, R, RM Packages . . . . . . . . . . . . . . . . . -65C to +125C Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300C
NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 Specification is for device in free air: 8-Lead Plastic Package: JA = 90C/W 8-Lead SOIC Package: JA = 140C/W 8-Lead SOIC Package: JA = 214C/W 14-Lead Plastic Package: JA = 75C/W 14-Lead SOIC Package: JA = 120C/W
The maximum power that can be safely dissipated by the AD8072 and AD8073 is limited by the associated rise in junction temperature. The maximum safe junction temperature for plastic encapsulated devices is determined by the glass transition temperature of the plastic, approximately +150C. Exceeding this limit temporarily may cause a shift in parametric performance due to a change in the stresses exerted on the die by the package. Exceeding a junction temperature of +175C for an extended period can result in device failure. While the AD8072 and AD8073 are internally short circuit protected, this may not be sufficient to guarantee that the maximum junction temperature (+150C) is not exceeded under all conditions. To ensure proper operation, it is necessary to observe the maximum power derating curves shown in Figures 2 and 3.
2.0
MAXIMUM POWER DISSIPATION - Watts
8-LEAD MINI-DIP PACKAGE
TJ =
150 C
1.5
8-LEAD SOIC PACKAGE 1.0
ORDERING GUIDE
Model AD8072ARM AD8072ARM-REEL AD8072ARM-REEL7 AD8072JN AD8072JR AD8072JR-REEL AD8072JR-REEL7 AD8073JN AD8073JR AD8073JR-REEL AD8073JR-REEL7 Temperature Range -40C to +85C -40C to +85C -40C to +85C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C Package Description 8-Lead SOIC 13" Reel 8-Lead SOIC 7" Reel 8-Lead SOIC 8-Lead Plastic DIP 8-Lead SOIC 13" Reel 8-Lead SOIC 7" Reel 8-Lead SOIC 14-Lead Plastic DIP 14-Lead Narrow SOIC 13" Reel 14-Lead SOIC 7" Reel 14-Lead SOIC Package Option RM-8 RM-8 RM-8 N-8 SO-8 SO-8 SO-8 N-14 R-14 R-14 R-14
0.5
SOIC
0 -50 -40 -30 -20 -10
0
10 20
30 40
50 60
70 80 90
AMBIENT TEMPERATURE - C
Figure 2. AD8072 Maximum Power Dissipation vs. Temperature
2.5
MAXIMUM POWER DISSIPATION - Watts
TJ =
150 C
2.0 14-LEAD DIP PACKAGE 1.5
14-LEAD SOIC 1.0
0.5 -50 -40 -30 -20 -10 0
10 20
30 40 50
60 70
80 90
AMBIENT TEMPERATURE - C
Figure 3. AD8073 Maximum Power Dissipation vs. Temperature
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD8072 and AD8073 feature proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
-4-
REV. A
AD8072/AD8073
7 6 5 4 3 2 1 0 0.1 0.1 VS = 5V RF = 1k RL = 150 TO 2.5V AV = 2 VIN = 100mV p-p
GAIN FLATNESS - dB
6.1 6.0 5.9 5.8 0 C, 25 C 5.7 5.6 5.5 5.4 25 C 1.0 10 FREQUENCY - MHz 100 1000 5.3 0.1 1.0 10 FREQUENCY - MHz 100 500 VS = 5V 70 C RF = 1k RL = 150 AV = 2 VIN = 100mV p-p
CLOSED-LOOP GAIN - dB
0C
70 C
Figure 4. Frequency Response Over Temperature; VS = +5 V
Figure 7. 0.1 dB Flatness vs. Frequency Over Temperature; VS = 5 V
DIFFERENTIAL PHASE - deg DIFFERENTIAL GAIN - %
7 6 5 4 3 2 1 0 0.1 0.1 VS = 5V RF = 1k RL = 150 AV = 2 VIN = 100mV p-p 0C 70 C 25 C
0.00 0.12 0.10 0.08 0.06 0.04 0.02 0.00 -0.02 VS =
0.03
0.07
0.08
MIN = 0.00 0.08 0.08
MAX = 0.09 p-p/MAX = 0.09 0.09 0.08 0.08 0.07 0.06 2
5V, RF = 1k , RL = 150
TO 1.5V, AV =
CLOSED-LOOP GAIN - dB
MIN = 0.00 0.00 0.12 0.10 0.08 0.06 0.04 0.02 0.00 -0.02 VS = 0.05 0.09 0.10 0.09 0.08 0.06
MAX = 0.10 0.06 2 0.05
p-p = 0.10 0.04 0.02
5V, RF = 1k , RL = 150
TO 1.5V, AV =
1.0
10 FREQUENCY - MHz
100
1000
1ST
2ND
3RD 4TH 5TH 6TH 7TH 8TH 9TH MODULATING RAMP LEVEL - IRE
10TH 11TH
Figure 5. Frequency Response Over Temperature; VS = 5 V
Figure 8. Differential Gain and Phase, VS = +5 V
DIFFERENTIAL PHASE - deg DIFFERENTIAL GAIN - %
6.1 6.0 5.9 GAIN FLATNESS - dB 5.8 5.7 5.6 5.5 5.4 5.3 0.1 VS = 5V RF = 1k RL = 150 TO 2.5V AV = 2 VIN = 100mV p-p 70 C
MIN = -0.03 0.00 0.00 -0.01 -0.02 -0.03 VS = 5V, RF = 1k RL = 150 AV = 2 0.00 0.00 -0.00
MAX = 0.00
p-p/MAX = 0.03
0.00 -0.01 -0.01 -0.02 -0.03 -0.03 -0.03
MIN = -0.10 0.00 0.02 0.00 -0.02 -0.04 -0.06 -0.08 -0.10 -0.12
MAX = 0.00
p-p = 0.10
0.00 -0.00 -0.02 -0.03 -0.05 -0.07 -0.08 -0.10 -0.10 -0.10
0 C, 25 C
VS =
5V,
RF = 1k RL = 150 AV = 1ST 2 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH MODULATING RAMP LEVEL - IRE 10TH 11TH
1.0
10 FREQUENCY - MHz
100
500
Figure 6. 0.1 dB Flatness vs. Frequency Over Temperature; VS = +5 V
Figure 9. Differential Gain and Phase, VS = 5 V
REV. A
-5-
AD8072/AD8073
0 -10 -20 SOIC PACKAGE DRIVE AMP 2 RECEIVE AMPS 1, 3 AD8073 RECEIVE AMP 1 AD8072 VS = 5V, 5V RF = 1k , RL = 150 AV = 2 VIN = 1V p-p AMP 2 OUTPUT
1M
0 -20
100k
OHMS ( ) -40 DEGREES -60 -80
DEGREES
CROSSTALK - dB
-30 -40 -50 -60 -70 -80 -90 0.1 0.1
10k
TZ -
-100 1k -120 100 -140 -160 10 1k -180 10k 100k 1M 10M 100M 1G FREQUENCY - Hz
1.0
10 FREQUENCY - MHz
100
500
Figure 10. Crosstalk vs. Frequency
Figure 13. Open-Loop Transimpedance vs. Frequency
-40
NORMALIZED CLOSED-LOOP GAIN - dB
3
-50
DISTORTION - dBc
-60
VS = 5V RF = 1k RL = 150 AV = 2 VOUT = 2V p-p
2 AV = 1 0 -1 -2 -3 -4 -5 -6 0.1 1 10 FREQUENCY - MHz 100 1k VS = 5V AV = 10 1
3RD HARMONIC
-70
-80
2ND HARMONIC
RF = 1k RL = 150 VOUT = 200mV p-p
AV =
2
-90
AV =
5
-100 0.1
1 FREQUENCY - MHz
10
Figure 11. Distortion vs. Frequency; VS = 5 V
Figure 14. Normalized Frequency Response; VS = 5 V
-40 VS = 5V RF = 1k RL = 150 TO 2.5V AV = 2 VOUT = 2V p-p
6.1 6.0
3RD HARMONIC
7 6
-50
-60
5.8 5.7 5.6 5.5
4 3 1 dB DIV 0.1 dB DIV 2 1 0 -1 500
-70
VS =
5V
VO = 2V p-p RF = RG = 1k RL = 150 AV = 2 TO 2.5V
-80
2ND HARMONIC
-90
5.4
-100 0.1
1 FREQUENCY - MHz
10
5.3 0.1
1
10 FREQUENCY - MHz
100
Figure 12. Distortion vs. Frequency; VS = +5 V
Figure 15. Large Signal Frequency Response
-6-
REV. A
CLOSED-LOOP GAIN - dB
5.9
5
GAIN FLATNESS - dB
DISTORTION - dBc
AD8072/AD8073
100 VS = 100 AV =
OUTPUT RESISTANCE -
5V
INPUT CURRENT NOISE - pA/ Hz
RF = 1k 2
80
10
60
40
1
20
0.1 0.1
0 1 10 FREQUENCY - MHz 100 500 1 10 100 1k FREQUENCY - Hz 10k 100k
Figure 16. Output Resistance vs. Frequency; VS = 5 V
Figure 18. Noise vs. Frequency; VS = 5 V
50
10 0 VS = 5V RF = 1k RL = 150 AV = 2 100mV p-p ON TOP OF VS
INPUT VOLTAGE NOISE - nV/ Hz
40
-10 -20 -30 -40
-PSRR
20
PSRR - dB
30
PSRR -50
10
-60
0 1 10 100 1k FREQUENCY - Hz 10k 100k
-70 0.02
0.1
1 10 FREQUENCY - MHz
100
500
Figure 17. Noise vs. Frequency; VS = 5 V
Figure 19. PSRR vs. Frequency
-5 -10 -15 -20
CMRR - dB
VIN 2V p-p 1k 1k
154 60.4 154
VOUT 150
-25 -30 -35 -40 -45 -50 -55 0.02
0.1
1 10 FREQUENCY - MHz
100
500
Figure 20. CMRR vs. Frequency; VS = 5 V
REV. A
-7-
AD8072/AD8073
1k 1k RL 150 VIN 50 0.1 F 0.1 F 0.001 F 0.001 F + + 10 F -VS 10 F VOUT
VS
Figure 21. Test Circuit; Gain = +2
250mV
20ns
250mV
10ns
Figure 22. 2 V Step Response; G = +2, VS = 5 V
Figure 25. 2 V Step Response; G = +2, VS = 2.5 V
50mV
20ns
50mV
20ns
Figure 23. 200 mV Step Response; G = +2, VS = 5 V
Figure 26. 200 mV Step Response; G = +2, VS = 2.5 V
1V
20ns
250mV
20ns
Figure 24. Sine Response; G = +2, VS = 5 V
Figure 27. Sine Response; G = +2, VS = 2.5 V
Note: VS = 2.5 V operation is identical to VS = +5 V single supply operation. -8- REV. A
AD8072/AD8073
APPLICATIONS Overdrive Recovery Capacitive Load Drive
Overdrive of an amplifier occurs when the output and/or input range are exceeded. The amplifier must recover from this overdrive condition and resume normal operation. As shown in Figure 28, the AD8072 and AD8073 recover within 75 ns from positive overdrive and 30 ns from negative overdrive.
When an op amp output drives a capacitive load, extra phase shift due to the pole formed by the op amp's output impedance and the capacitor can cause peaking or even oscillation. The top trace of Figure 30, RS = 0 , shows the output of one of the amplifiers of the AD8072/AD8073 when driving a 50 pF capacitor as shown in the schematic of Figure 31. The amount of peaking can be significantly reduced by adding a resistor in series with the capacitor. The lower trace of Figure 30 shows the same capacitor being driven with a 25 resistor in series with it. In general, the resistor value will have to be experimentally determined, but from 10 to 50 is a practical range of values to experiment with for capacitive loads of up to a few hundred pF.
VIN VOUT
RS = 0 RS = 25
1V 25ns
Figure 28. Overload Recovery; VS = 5 V, VIN = 8 V p-p, RF = 1 k, RL = 150 , G = +2
Bandwidth vs. Feedback Resistor Value
The closed-loop frequency response of a current feedback amplifier is a function of the feedback resistor. A smaller feedback resistor will produce a wider bandwidth response. However, if the feedback resistance becomes too small, the gain flatness can be affected. As a practical consideration, the minimum value of feedback resistance for the AD8072/AD8073 was found to be 649 . For resistances below this value, the gain flatness will be affected and more significant lot to lot variations in device performance will be noticed. Figure 29 shows a plot of the frequency response of an AD8072/AD8073 at a gain of two with both feedback and gain resistors equal to 649 . On the other hand, the bandwidth of a current feedback amplifier can be decreased by increasing the feedback resistance. This can sometimes be useful where it is desired to reduce the noise bandwidth of a system. As a practical matter, the maximum value of feedback resistor was found to be 2 k. Figure 29 shows the frequency response of an AD8072/AD8073 at a gain of two with both feedback and gain resistors equal to 2 k.
6.1 6.0 5.9 5.8 0.1 dB DIV 5.7 VS = 5.6 5.5 5.4 0.1 RF = 2k 1 10 FREQUENCY - MHz 100 AV = 5V 2 1 dB DIV 2 3 7 6 CLOSED-LOOP GAIN - dB
50mV
20ns
Figure 30. Capacitive Low Drive
1k 1k RS VIN = 100mV p-p 50 CL 50pF RL 1k
Figure 31. Capacitive Load Drive Circuit
GAIN FLATNESS - dB
RF = 649
5
4
RL = 150 VO = 0.2V p-p
1 0 500
Figure 29. Frequency Response vs. RF
REV. A
-9-
AD8072/AD8073
Crosstalk Layout Considerations
Crosstalk between internal amplifiers may vary depending on which amplifier is being driven and how many amplifiers are being driven. This variation typically stems from pin location on the package and the internal layout of the IC itself. Table I illustrates the typical crosstalk results for a combination of conditions.
Table I. AD8073JR Crosstalk Table (dB)
The specified high speed performance of the AD8072 and AD8073 require careful attention to board layout and component selection. Proper RF design techniques and low parasitic component selection are mandatory. The PCB should have a ground plane covering all unused portions of the component side of the board to provide a low impedance ground path. The ground plane should be removed from the area near the input pins to reduce stray capacitance. Chip capacitors should be used for supply bypassing. One end of the capacitor should be connected to the ground plane and the other within 1/8 inches of each power pin. An additional large (4.7 F-10 F) tantalum electrolytic capacitor should be connected in parallel, but not necessarily as close to the supply pins, to provide current for fast large-signal changes at the device's output. The feedback resistor should be located close to the inverting input pin in order to keep the stray capacitance at this node to a minimum. Capacitance variations of less than 1 pF at the inverting input will affect high speed performance. Stripline design techniques should be used for long signal traces (greater than about 1 inch). These should be designed with a characteristic impedance of 50 or 75 and be properly terminated at each end.
AD8073JR 1 Drive Amplifier 2 3 All Hostile
CONDITIONS
Receive Amplifier 1 2 3 X -60 -56 -60 -54 -53 X -60 -55 -60 X -54
VS = 5 V RF = 1 k, RL = 150 AV = +2 VOUT = 2 V p-p on Drive Amplifier
-10-
REV. A
AD8072/AD8073
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead Plastic DIP (N-8)
0.430 (10.92) 0.348 (8.84)
8 5
14-Lead Plastic DIP (N-14)
0.795 (20.19) 0.725 (18.42)
14 8 7
1
4
0.280 (7.11) 0.240 (6.10) 0.060 (1.52) 0.015 (0.38) 0.130 (3.30) MIN SEATING PLANE 0.325 (8.25) 0.300 (7.62) 0.195 (4.95) 0.115 (2.93)
1
0.280 (7.11) 0.240 (6.10) 0.060 (1.52) 0.015 (0.38) 0.130 (3.30) MIN
PIN 1 0.210 (5.33) MAX 0.160 (4.06) 0.115 (2.93)
PIN 1 0.210 (5.33) MAX 0.160 (4.06) 0.115 (2.93) 0.022 (0.558) 0.014 (0.356)
0.325 (8.25) 0.300 (7.62) 0.195 (4.95) 0.115 (2.93)
0.022 (0.558) 0.100 0.070 (1.77) 0.014 (0.356) (2.54) 0.045 (1.15) BSC
0.015 (0.381) 0.008 (0.204)
0.100 0.070 (1.77) (2.54) 0.045 (1.15) BSC
SEATING PLANE
0.015 (0.381) 0.008 (0.204)
8-Lead Plastic SOIC (SO-8)
0.1968 (5.00) 0.1890 (4.80)
8 1 5 4
14 1
14-Lead SOIC (R-14)
0.3444 (8.75) 0.3367 (8.55)
8 7
0.1574 (4.00) 0.1497 (3.80)
0.2440 (6.20) 0.2284 (5.80)
0.1574 (4.00) 0.1497 (3.80)
0.2440 (6.20) 0.2284 (5.80)
PIN 1 0.0098 (0.25) 0.0040 (0.10)
0.0688 (1.75) 0.0532 (1.35)
0.0196 (0.50) x 45 0.0099 (0.25)
PIN 1 0.0098 (0.25) 0.0040 (0.10)
0.0688 (1.75) 0.0532 (1.35)
0.0196 (0.50) x 45 0.0099 (0.25)
SEATING PLANE
0.0500 0.0192 (0.49) (1.27) 0.0138 (0.35) BSC
0.0098 (0.25) 0.0075 (0.19)
8 0
0.0500 (1.27) 0.0160 (0.41)
SEATING PLANE
0.0500 (1.27) BSC
0.0192 (0.49) 0.0138 (0.35)
0.0099 (0.25) 0.0075 (0.19)
8 0
0.0500 (1.27) 0.0160 (0.41)
8-Lead SOIC (RM-8)
0.122 (3.10) 0.114 (2.90)
8
5
0.122 (3.10) 0.114 (2.90)
1 4
0.199 (5.05) 0.187 (4.75)
PIN 1 0.0256 (0.65) BSC 0.120 (3.05) 0.112 (2.84) 0.006 (0.15) 0.002 (0.05) 0.018 (0.46) SEATING 0.008 (0.20) PLANE 0.043 (1.09) 0.037 (0.94) 0.011 (0.28) 0.003 (0.08) 0.120 (3.05) 0.112 (2.84) 33 27
0.028 (0.71) 0.016 (0.41)
REV. A
-11-
PRINTED IN U.S.A.
C2126-0-3/00 (rev. A)


▲Up To Search▲   

 
Price & Availability of AD8072

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X