Part Number Hot Search : 
Q6270 6041A 30BF20 DM9701F BR262 XFGIB10 D62121 SK301
Product Description
Full Text Search
 

To Download 74F139 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74F139 Dual 1-of-4 decoder/demultiplexer
Product specification IC15 Data Handbook 1990 Feb 23
Philips Semiconductors
Philips Semiconductors
Product specification
1-of-4 decoder/demultiplexer
74F139
FEATURES
* Demultiplexing capability * Two independent 1-of-4 decoders * Multifunction capability
DESCRIPTION
The 74F139 is a high speed, dual 1-of-4 decoder/demultiplexer. This device has two independent decoders, each accepting two binary weighted inputs (A0n, A1n) and providing four mutually exclusive active-Low outputs (Q0n-Q3n). Each decoder has an active-Low Enable (E). When E is High, every output is forced High. The Enable can be used as the Data input for a 1-of-4 demultiplexer application. TYPE TYPICAL PROPAGATION DELAY 5.3ns TYPICAL SUPPLY CURRENT (TOTAL) 13mA
PIN CONFIGURATION
Ea A0a A1a Q0a Q1a Q2a Q3a GND 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC Eb A0b A1b Q0b Q1b Q2b Q3b
SF00129
ORDERING INFORMATION
DESCRIPTION 16-pin plastic DIP 16-pin plastic SO COMMERCIAL RANGE VCC = 5V 10%, Tamb = 0C to +70C N74F139N N74F139D PKG DWG # SOT38-4 SOT109-1
74F139
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS Ana, Anb Ea, Eb Q0n-Q3n Address inputs Enable inputs (active Low) Data outputs (active Low) DESCRIPTION 74F (U.L.) HIGH/LOW 1.0/1.0 1.0/1.0 50/33 LOAD VALUE HIGH/LOW 20A/0.6mA 20A/0.6mA 1.0mA/20mA
NOTE: One (1.0) FAST unit load is defined as: 20A in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
1 2 3 15 14 13
IEC/IEEE SYMBOL
2 0 3 1 G
DEMUX
0 3 0 1 2
4 5 6 7 12 11 10
Ea
A0a
A1a
Eb
A0b
A1b 1
DECODER a Q0a Q1a Q2a Q3a Q0b
DECODER b 14 Q1b Q2b Q3b 13
3
4 VCC = Pin 16 GND = Pin 8
5
6
7
12
11
10
9
15
9
SF00130
SF00131
February 23, 1990
2
853-0344 98903
Philips Semiconductors
Product specification
1-of-4 decoder/demultiplexer
74F139
LOGIC DIAGRAM
Ea 1 A0a A1a 2 3 Eb 15 A0b A1b 14 13
FUNCTION TABLE
INPUTS E H L L L L A0 X L H L H A1 X L L H H Q0 H L H H H OUTPUTS Q1 H H L H H Q2 H H H L H Q3 H H H H L
NOTES: H = High voltage level L = Low voltage level X = Don't care
4 Q0a VCC= Pin 16 GND = Pin 8
5 Q1a
6 Q2a
7 Q3a
12 11 Q0b Q1b
10 9 Q2b Q3b
SF00132
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the operating free-air temperature range.) SYMBOL VCC VIN IIN VOUT IOUT Tamb Tstg Supply voltage Input voltage Input current Voltage applied to output in High output state Current applied to output in Low output state Operating free-air temperature range Storage temperature range PARAMETER RATING -0.5 to +7.0 -0.5 to +7.0 -30 to +5 -0.5 to +VCC 40 0 to +70 -65 to +150 UNIT V V mA V mA C C
RECOMMENDED OPERATING CONDITIONS
LIMITS SYMBOL VCC VIH VIL IIK IOH IOL Tamb Supply voltage High-level input voltage Low-level input voltage Input clamp current High-level output current Low-level output current Operating free-air temperature range 0 PARAMETER MIN 4.5 2.0 0.8 -18 -1 20 +70 NOM 5.0 MAX 5.5 V V V mA mA mA C UNIT
February 23, 1990
3
Philips Semiconductors
Product specification
1-of-4 decoder/demultiplexer
74F139
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.) SYMBOL PARAMETER TEST CONDITIONS1 VCC = MIN, VIL = MAX VIH = MIN, IOH = MAX Low-level Low level output voltage Input clamp voltage Input current at maximum input voltage High-level input current Low-level input current Short-circuit output current3 VCC = MIN, VIL = MAX VIH = MIN, IOL = MAX VCC = MIN, II = IIK VCC = MAX, VI = 7.0V VCC = MAX, VI = 2.7V VCC = MAX, VI = 0.5V VCC = MAX -60 10%VCC 5%VCC 10%VCC 5%VCC LIMITS MIN 2.5 2.7 3.4 0.30 0.30 -0.73 0.50 0.50 -1.2 100 20 -0.6 -150 TYP2 MAX UNIT V V V V V A A mA mA
VO OH
High-level High level output voltage
VO OL VIK II IIH IILL IOS
ICC Supply current (total) VCC = MAX 13 20 mA NOTES: 1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type. 2. All typical values are at VCC = 5V, Tamb = 25C. 3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any sequence of parameter tests, IOS tests should be performed last.
AC ELECTRICAL CHARACTERISTICS
LIMITS SYMBOL PARAMETER TEST CONDITION VCC = +5.0V Tamb = +25C CL = 50pF, RL = 500 MIN tPLH tPHL tPLH tPHL Propagation delay A0 ir A1 to Qna, Qnb Propagation delay En to Qna, Qnb Waveform 1, 2 Waveform 2 3.5 4.0 3.5 3.0 TYP 5.3 6.1 5.4 4.7 MAX 7.0 8.0 7.0 6.5 VCC = +5.0V 10% Tamb = 0C to +70C CL = 50pF, RL = 500 MIN 3.0 4.0 3.5 3.0 MAX 8.0 9.0 8.0 7.5 ns ns UNIT
AC WAVEFORMS
For all waveforms, VM = 1.5V
An
VM tPHL
VM tPLH
An, En
VM tPHL
VM tPLH
Qn
VM
VM
Qn
VM
VM
SF00133
SF00134
Waveform 1. Propagation Delay for Inverting Outputs
Waveform 2. Propagation Delay for Non-Inverting Outputs
February 23, 1990
4
Philips Semiconductors
Product specification
1-of-4 decoder/demultiplexer
74F139
TEST CIRCUIT AND WAVEFORMS
VCC NEGATIVE PULSE VIN PULSE GENERATOR RT D.U.T. VOUT 90% VM 10% tTHL (tf ) CL RL tw VM 10% tTLH (tr ) 0V 90% AMP (V)
tTLH (tr ) 90% POSITIVE PULSE VM 10% tw
tTHL (tf ) AMP (V) 90% VM 10% 0V
Test Circuit for Totem-Pole Outputs DEFINITIONS: RL = Load resistor; see AC ELECTRICAL CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance; see AC ELECTRICAL CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators.
Input Pulse Definition INPUT PULSE REQUIREMENTS family amplitude VM 74F 3.0V 1.5V rep. rate 1MHz tw 500ns tTLH 2.5ns tTHL 2.5ns
SF00006
February 23, 1990
5
Philips Semiconductors
Product specification
Dual 1-of-4 decoder/demultiplexer
74F139
DIP16: plastic dual in-line package; 16 leads (300 mil)
SOT38-4
1990 Feb 23
6
Philips Semiconductors
Product specification
Dual 1-of-4 decoder/demultiplexer
74F139
SO16: plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
1990 Feb 23
7
Philips Semiconductors
Product specification
Dual 1-of-4 decoder/demultiplexer
74F139
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 10-98 9397-750-05077
Philips Semiconductors
yyyy mmm dd 8


▲Up To Search▲   

 
Price & Availability of 74F139

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X