Part Number Hot Search : 
ML610405 A5800 T2222 STC12 LY62L 0LVEL N74F191D 00226
Product Description
Full Text Search
 

To Download 74F109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74F109 Positive J-K positive edge-triggered flip-flops
Product specification IC15 Data Handbook 1990 Oct 23
Philips Semiconductors
Philips Semiconductors
Product specification
Postive J-K positive edge-triggered flip-flops
74F109
FEATURE
* Industrial temperature range available (-40C to +85C)
DESCRIPTION
The 74F109 is a dual positive edge-triggered JK-type flip-flop featuring individual J, K, clock, set, and reset inputs; also true and complementary outputs. Set (SD) and reset (RD) are asynchronous active low inputs and operate independently of the clock (CP) input. The J and K are edge-triggered inputs which control the state changes of the flip-flops as described in the function table. Clock triggering occurs at a voltage level and is not directly related to the transition time of the positive-going pulse. The J and K inputs must be stable just one setup time prior to the low-to-high transition of the clock for predictable operation. The JK design allows operation as a D flip-flop by tying J and K inputs together. Although the clock input is level sensitive, the positive transition of the clock pulse between the 0.8V and 2.0V levels should be equal to or less than the clock to output delay time for reliable operation. TYPE 74F109 TYPICAL fmax 125MHz TYPICAL SUPPLY CURRENT (TOTAL) 12.3mA
PIN CONFIGURATION
RD0 J0 K0 CP0 SD0 Q0 Q0 GND 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC RD1 J1 K1 CP1 SD1 Q1 Q1
SF00135
ORDERING INFORMATION
ORDER CODE DESCRIPTION 16-pin plastic DIP 16-pin plastic SO COMMERCIAL RANGE VCC = 5V 10%, Tamb = 0C to +70C N74F109N N74F109D INDUSTRIAL RANGE VCC = 5V 10%, Tamb = -40C to +85C I74F109N I74F109D PKG DWG # SOT38-4 SOT109-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS J0, J1 K0, K1 CP0, CP1 SD0, SD1 RD0, RD1 Q0, Q1, Q0, Q1 J inputs K inputs Clock inputs (active rising edge) Set inputs (active Low) Reset inputs (active Low) Data outputs DESCRIPTION 74F (U.L.) HIGH/LOW 1.0/1.0 1.0/1.0 1.0/1.0 1.0/3.0 1.0/3.0 50/33 LOAD VALUE HIGH/LOW 20A/0.6mA 20A/0.6mA 20A/0.6mA 20A/1.8mA 20A/1.8mA 1.0mA/20mA
NOTE: One (1.0) FAST unit load is defined as: 20A in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
2 14 3 13
IEC/IEEE SYMBOL
2 4 1J C1 1K R S 10 7 6
4 5 1 12 11 15
CP0 SD0 RD0 CP1 SD1 RD1
J0
J1
K0 K1
3 1 5
14 Q0 Q0 Q1 Q1 12 13 15 6 7 10 9 11
2J C2 2K R S
9
VCC = Pin 16 GND = Pin 8
SF00136
SF00137
October 23, 1990
2
853-0337 00783
Philips Semiconductors
Product specification
Postive J-K positive edge-triggered flip-flops
74F109
LOGIC DIAGRAM
7, 9 6, 10
FUNCTION TABLE
INPUTS OUTPUTS J X X X X h h l l K X X X X l h l h Q H L H q q H L q Q L H H q q L H q OPERATING MODE Asynchronous set Asynchronous reset Undetermined* Hold Toggle Load "1" (set) Load "0" (reset) Hold 'no change" SD L H L H RD H L L H H H H H CP X X X
Q
Q
3, 13 K 2, 14 4, 12 5, 11 1, 15
H H H H
J CP SD RD
VCC = Pin 16 GND = Pin 8
SF00138
NOTES: H = High-voltage level h = High-voltage level one setup time prior to low-to-high clock transition L = Low-voltage level l = Low-voltage level one setup time prior to low-to-high clock transition q = Lower case indicate the state of the referenced output prior to the low-to-high clock transition X = Don't care = Low-to-high clock transition = Not low-to-high clock transition * = Both outputs will be high if both SD and RD go low simultaneously
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the operating free air temperature range.) SYMBOL VCC VIN IIN VOUT IOUT Tamb Tstg Supply voltage Input voltage Input current Voltage applied to output in High output state Current applied to output in Low output state Commercial range Operating free-air temperature range free air Industrial range Storage temperature range -40 to +85 -65 to +150 PARAMETER RATING -0.5 to +7.0 -0.5 to +7.0 -30 to +5 -0.5 to VCC 40 0 to +70 UNIT V V mA V mA C C C
RECOMMENDED OPERATING CONDITIONS
LIMITS SYMBOL VCC VIN VIL IIK IOH IOL Tamb Supply voltage High-level input voltage Low-level input voltage Input clamp current High-level output current Low-level output current Commercial range Operating free-air temperature range free air Industrial range 3 0 -40 PARAMETER MIN 4.5 2.0 0.8 -18 -1 20 +70 +85 NOM 5.0 MAX 5.5 V V V mA mA mA C C UNIT
October 23, 1990
Philips Semiconductors
Product specification
Postive J-K positive edge-triggered flip-flops
74F109
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.) SYMBOL PARAMETER TEST CONDITIONS1 VCC = MIN, VIL = MAX, VIH = MIN VCC = MIN, VIL = MAX, VIH = MIN VCC = MIN, II = IIK VCC = MAX, VI = 7.0V VCC = MAX, VI = 2.7V J, K, CPn SDn, RDn VCC = MAX, VI = 0.5V VCC = MAX, VI = 0.5V VCC = MAX -60 LIMITS MIN TYP2 MAX UNIT V 3.4 0.30 0.30 -0.73 0.50 0.50 -1.2 100 20 -0.6 -1.8 -150 V V V V A A mA mA mA
VO OH
High-level High level output voltage
IO = MAX OH IOL = MAX
10%VCC 5%VCC 10%VCC 5%VCC
2.5 2.7
VO OL VIK II IIH IIL IOS
Low-level Low level output voltage Input clamp voltage Input current at maximum input voltage High-level input current Low-level Low level input current Short-circuit output current3
ICC Supply current4 (total) VCC = MAX 12.3 17 mA NOTES: 1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type. 2. All typical values are at VCC = 5V, Tamb = 25C. 3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any sequence of parameter tests, IOS tests should be performed last. 4. Measure ICC with the clock input grounded and all outputs open, then with Q and Q outputs high in turn.
AC ELECTRICAL CHARACTERISTICS
LIMITS SYMBOL PARAMETER TEST CONDITION VCC = +5.0V Tamb = +25C CL = 50pF RL = 500 MIN fMAX tPLH tPHL tPLH tPHL Maximum clock frequency Propagation delay CPn to Qn or Qn Propagation delay SDn, RD to Qn or Qn Waveform 1 Waveform 1 Waveform 2, 3 90 3.8 4.4 3.2 3.5 TYP 125 5.3 6.2 5.2 7.0 7.0 8.0 7.0 9.0 MAX VCC = +5.0V 10% Tamb = 0C to +70C CL = 50pF RL = 500 MIN 90 3.8 4.4 3.2 3.5 8.0 9.2 8.0 10.5 MAX VCC = +5.0V 10% Tamb = -40C to +85C CL = 50pF RL = 500 MIN 90 3.8 4.4 2.8 3.5 9.0 9.2 9.0 10.5 MAX MHz ns ns UNIT
AC SETUP REQUIREMENTS
LIMITS TEST CONDITION VCC = +5.0V Tamb = +25C CL = 50pF RL = 500 MIN tsu (H) tsu(L) th (H) th (L) tw (H) tw (L) tw (L) trec Setup time, high or low Dn to CPn Hold time, high or low Dn to CPn CP pulse width, high or low SDn or RDn pulse width, low Recovery time SDn or RDn to CP Waveform 1 Waveform 1 Waveform 1 Waveform 2 Waveform 3 3.0 3.0 1.0 1.0 4.0 5.0 4.0 2.0 TYP MAX VCC = +5.0V 10% Tamb = 0C to +70C CL = 50pF RL = 500 MIN 3.0 3.0 1.0 1.0 4.0 5.0 4.0 2.0 MAX VCC = +5.0V 10% Tamb = -40C to +85C CL = 50pF RL = 500 MIN 3.0 3.0 1.0 1.0 4.0 5.0 4.0 2.0 MAX ns ns ns ns ns
SYMBOL
PARAMETER
UNIT
October 23, 1990
4
Philips Semiconductors
Product specification
Postive J-K positive edge-triggered flip-flops
74F109
AC WAVEFORMS
For all waveforms, VM = 1.5V. The shaded areas indicate when the input is permitted to change for predictable output performance.
Jn, Kn
VM tsu(L)
VM th(L) 1/fmax
VM tsu(H)
VM th(H)
CPn
VM tw(H) tPLH
VM tw(L)
VM tPHL
Qn
VM tPHL
VM tPLH
Qn
VM
VM
SF00139
Waveform 1. Propagation Delay for Data to Output, Data Setup Time and Hold Times, and Clock Width,and Maximum Clock Frequency
SDn VM
tw(L) VM
RDn tPLH Qn VM tPHL Qn VM
tw(L) VM tPHL VM
VM tPLH VM
SF00050
Waveform 2. Propagation Delay for Set and Reset to Output, Set and Reset Pulse Width
SDn or RDn
VM trec
CPn
VM
SF00051
Waveform 3. Recovery Timer for Set or Reset to Clock
October 23, 1990
5
Philips Semiconductors
Product specification
Postive J-K positive edge-triggered flip-flops
74F109
TEST CIRCUIT AND WAVEFORMS
VCC NEGATIVE PULSE VIN PULSE GENERATOR RT D.U.T. VOUT 90% VM 10% tTHL (tf ) CL RL tw VM 10% tTLH (tr ) 0V 90% AMP (V)
tTLH (tr ) 90% POSITIVE PULSE VM 10% tw
tTHL (tf ) AMP (V) 90% VM 10% 0V
Test Circuit for Totem-Pole Outputs DEFINITIONS: RL = Load resistor; see AC ELECTRICAL CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance; see AC ELECTRICAL CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators.
Input Pulse Definition INPUT PULSE REQUIREMENTS family amplitude VM 74F 3.0V 1.5V rep. rate 1MHz tw 500ns tTLH 2.5ns tTHL 2.5ns
SF00006
October 23, 1990
6
Philips Semiconductors
Product specification
Positive J-K positive edge-triggered flip-flops
74F109
DIP16: plastic dual in-line package; 16 leads (300 mil)
SOT38-4
1990 Oct 23
7
Philips Semiconductors
Product specification
Positive J-K positive edge-triggered flip-flops
74F109
SO16: plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
1990 Oct 23
8
Philips Semiconductors
Product specification
Positive J-K positive edge-triggered flip-flops
74F109
NOTES
1990 Oct 23
9
Philips Semiconductors
Product specification
Positive J-K positive edge-triggered flip-flops
74F109
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 10-98 9397-750-05069
Philips Semiconductors
yyyy mmm dd 10


▲Up To Search▲   

 
Price & Availability of 74F109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X