Part Number Hot Search : 
TEF6624 PIC30F HI7106C MAX7491 EDZ33 752E052 C7WP08L8 SG117AK
Product Description
Full Text Search
 

To Download 2SK1821-01MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK1821-01MR
FAP-IIA Series
> Features
High Speed Switching Low On-Resistance No Secondary Breakdown Low Driving Power High Voltage VGS = 30V Guarantee Avalanche Proof
N-channel MOS-FET
600V
6,5
2A
30W
> Outline Drawing
> Applications
Switching Regulators UPS DC-DC converters General Purpose Power Amplifier
> Maximum Ratings and Characteristics
- Absolute Maximum Ratings (TC=25C), unless otherwise specified
Item Drain-Source-Voltage Continous Drain Current Pulsed Drain Current Continous Reverse Drain Current Gate-Source-Voltage Max. Power Dissipation Operating and Storage Temperature Range Symbol V DS ID I D(puls) I DR V GS PD T ch T stg Rating 600 2 6 2 25 30 150 -55 ~ +150 Unit V A A A V W C C
> Equivalent Circuit
- Electrical Characteristics (TC=25C), unless otherwise specified
Item Drain-Source Breakdown-Voltage Gate Threshhold Voltage Zero Gate Voltage Drain Current Gate Source Leakage Current Drain Source On-State Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On-Time ton (ton=td(on)+tr) Turn-Off-Time toff (ton=td(off)+tf) Diode Forward On-Voltage Reverse Recovery Time Symbol V (BR)DSS V GS(th) I DSS I R g C C C t t t t V t
GSS DS(on) fs iss oss rss d(on) r d(off) f SD rr
Test conditions ID=1mA VGS=0V ID=10mA VDS=VGS VDS=600V Tch=25C VGS=0V Tch=125C VGS=30V VDS=0V ID=1A VGS=10V ID=1A VDS=25V VDS=25V VGS=0V f=1MHz VCC=300V ID=2A VGS=10V RGS=25 IF=2xIDR VGS=0V Tch=25C IF=IDR VGS=0V -dIF/dt=100A/s Tch=25C
Min. 600 2,1
Typ. 3,0 10 0,2 10 5,5 1,8 270 32 15 4 12 25 20 0,92 500
Max. 4,0 500 1,0 100 6,5 400 48 23 6 18 40 30 1,41
1
Unit V V A mA nA S pF pF pF ns ns ns ns V ns
- Thermal Characteristics Item Thermal Resistance
Symbol R th(ch-a) R th(ch-c)
Test conditions channel to air channel to case
Min.
Typ.
Max. 62,5 4,167
Unit C/W C/W
FUJI ELECTRIC GmbH; Lyoner Strae 26; D-60528 Frankfurt; Tel: 069-66 90 29-0; Fax: 069-66 90 29-56
N-channel MOS-FET
600V
6,5
2SK1821-01MR
FAP-IIA Series
Drain-Source-On-State Resistance vs. Tch Typical Transfer Characteristics
2A
30W
> Characteristics
Typical Output Characteristics
ID [A]
1
RDS(ON) []
2
ID [A]
3
VDS [V]
Tch [C]
VGS [V]
Typical Drain-Source-On-State-Resistance vs. ID
Typical Forward Transconductance vs. ID
Gate Threshold Voltage vs. Tch
RDS(ON) []
4
gfs [S]
5
VGS(th) [V]
6
ID [A]
ID [A]
Tch [C]
Typical Capacitance vs. VDS
Safe operation area
Forward Characteristics of Reverse Diode
C [nF]
7
ID [A]
8
IF [A]
9
VDS [V]
VDS [V]
VSD [V]
Allowable Power Dissipation vs. TC
Zth(ch-c) [K/W]
Transient Thermal impedance
PD [W]
10
11
Tc [C]
This specification is subject to change without notice!
t [s]


▲Up To Search▲   

 
Price & Availability of 2SK1821-01MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X