Part Number Hot Search : 
KBPC1001 BC160 47101SC MJE210 60TCL CL1117 MT6L57AT LCX244F
Product Description
Full Text Search
 

To Download 2SA1979U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
2SA1979U
PNP Silicon Transistor
Description
* Medium power amplifier
Features
* Large collector current : ICMax=-500mA * Suitable for low-Voltage operation because of its low saturation voltage * Complementary pair with 2SC5342U
Ordering Information
Type NO. 2SA1979U Marking A : hFE rank Package Code SOT-323
Outline Dimensions
unit : mm
2.0~2.2 1.2~1.3
1
1.8~2.2 1.2~1.4
3
0.2~0.4
2
0.1~0.2
0.8~1.0
0~0.1
0.1 Min.
PIN Connections 1. Base 2. Emitter 3. Collector
KST-3024-001
1
2SA1979U
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-Base voltage Collector current Collector dissipation Junction temperature Storage temperature
(Ta=25C)
Symbol
VCBO VCEO VEBO IC PC Tj Tstg
Ratings
-40 -32 -5 -500 200 150 -55~150
Unit
V V V mA mW C C
Electrical Characteristics
Characteristic
Collector-Base breakdown voltage Collector-Emitter breakdown voltage Emitter-Base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-Emitter saturation voltage Transistor frequency Collector output capacitance
(Ta=25C)
Symbol
BVCBO BVCEO BVEBO ICBO IEBO hFE* VCE(sat) fT Cob
Test Condition
IC=-100A, IE=0 IC=-1mA, IB=0 IE=-10A, IC=0 VCB=-40V, IE=0 VEB=-5V, IC=0 VCE=-1V, IC=-100mA IC=-100mA, IB=-10mA VCE=-6V, IC=-20mA VCB=-6V, IE=0, f=1MHz
Min. Typ. Max.
-40 -32 -5 70 200 7.5 -0.1 -0.1 240 -0.25 -
Unit
V V V A A V MHz pF
*
: hFE rank / O : 70~140, Y : 120~240
KST-3024-001
2
2SA1979U
Electrical Characteristic Curves
Fig. 1 PC - Ta Fig. 2 IC - VBE
Fig. 3 I C - VCE
Fig. 4 VCE(sat) - IC
Fig. 5 hFE - IC
Fig. 6 hFE -
IC
KST-3024-001
3
2SA1979U
These AUK products are intended for usage in general electronic equipments(Office and communication equipment, measuring equipment, domestic electrification, etc.). Please make sure that you consult with us before you use these AUK products in equipments which require high quality and/or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, traffic signal, combustion central, all types of safety device, etc.). AUK cannot accept liability to any damage which may occur in case these AUK products were used in the mentioned equipments without prior consultation with AUK.
KST-3024-001
4


▲Up To Search▲   

 
Price & Availability of 2SA1979U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X