|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
INTEGRATED CIRCUITS DATA SHEET TEA1110A Low voltage versatile telephone transmission circuit with dialler interface Product specification Supersedes data of 1996 Nov 26 File under Integrated Circuits, IC03 1997 Apr 22 Philips Semiconductors Product specification Low voltage versatile telephone transmission circuit with dialler interface FEATURES * Low DC line voltage; operates down to 1.6 V (excluding voltage drop over external polarity guard) * Voltage regulator with adjustable DC voltage * Provides a supply for external circuits * Symmetrical high impedance inputs (64 k) for dynamic, magnetic or piezo-electric microphones * Asymmetrical high impedance input (32 k) for electret microphones * DTMF input with confidence tone * MUTE input for pulse or DTMF dialling * Receiving amplifier for dynamic, magnetic or piezo-electric earpieces * AGC line loss compensation for microphone and earpiece amplifiers. GENERAL DESCRIPTION APPLICATION TEA1110A * Line powered telephone sets, cordless telephones, fax machines, answering machines. The TEA1110A is a bipolar integrated circuit that performs all speech and line interface functions required in fully electronic telephone sets. It performs electronic switching between speech and dialling. The IC operates at a line voltage down to 1.6 V DC (with reduced performance) to facilitate the use of telephone sets connected in parallel. All statements and values refer to all versions unless otherwise specified. QUICK REFERENCE DATA Iline = 15 mA; VEE = 0 V; RSLPE = 20 ; AGC pin connected to VEE; Zline = 600 ; f = 1 kHz; Tamb = 25 C; unless otherwise specified. SYMBOL Iline VLN ICC VCC Gvtrx PARAMETER line current operating range DC line voltage internal current consumption supply voltage for peripherals typical voltage gain microphone amplifier (not adjustable) receiving amplifier range Gvtrx gain control range for microphone and receiving amplifiers with respect to Iline = 15 mA gain reduction for microphone and receiving amplifiers VMIC = 4 mV (RMS) VIR = 4 mV (RMS) Iline = 85 mA - 19 - 43.7 - 5.9 - 33 - dB dB dB VCC = 2.9 V IP = 0 mA CONDITIONS normal operation MIN. 11 3.35 - - TYP. - - 3.65 1.1 2.9 MAX. 140 11 3.95 1.4 - UNIT mA mA V mA V with reduced performance 1 Gvtrxm MUTE = LOW - 80 - dB ORDERING INFORMATION TYPE NUMBER TEA1110A TEA1110AT PACKAGE NAME DIP14 SO14 DESCRIPTION plastic dual in-line package; 14 leads (300 mil) plastic small outline package; 14 leads; body width 3.9 mm VERSION SOT27-1 SOT108-1 1997 Apr 22 2 Philips Semiconductors Product specification Low voltage versatile telephone transmission circuit with dialler interface BLOCK DIAGRAM TEA1110A handbook, full pagewidth GAR 13 IR 7 V I QR 12 MUTE 6 14 VCC V I 1 LN DTMF 5 ATT. V I CURRENT REFERENCE MIC+ 10 3 REG 9 V I MIC- AGC CIRCUIT LOW VOLTAGE CIRCUIT TEA1110A(T) 11 8 2 SLPE VEE AGC MGG736 Fig.1 Block diagram. 1997 Apr 22 3 Philips Semiconductors Product specification Low voltage versatile telephone transmission circuit with dialler interface PINNING SYMBOL LN SLPE REG n.c. DTMF MUTE IR AGC MIC- MIC+ VEE QR GAR VCC PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 DESCRIPTION positive line terminal slope (DC resistance) adjustment line voltage regulator decoupling not connected dual-tone multi-frequency input mute input to select speech or dialling mode (active LOW) receiving amplifier input automatic gain control/ line loss compensation inverting microphone amplifier input non-inverting microphone amplifier input negative line terminal receiving amplifier output receive gain adjustment supply voltage for speech circuit and peripherals handbook, halfpage TEA1110A LN SLPE REG n.c. DTMF MUTE IR 1 2 3 14 VCC 13 GAR 12 QR 4 TEA1110A(T) 11 VEE 5 6 7 MGG735 10 MIC+ 9 MIC- 8 AGC Fig.2 Pin configuration. FUNCTIONAL DESCRIPTION All data given in this chapter are typical values, except when otherwise specified. Supply (pins LN, SLPE, VCC and REG) The supply for the TEA1110A and its peripherals is obtained from the telephone line. See Fig.3. The IC generates a stabilized reference voltage (Vref) between pins LN and SLPE. Vref is temperature compensated and can be adjusted by means of an external resistor (RVA). Vref equals 3.35 V and can be increased by connecting RVA between pins REG and SLPE (see Fig.4), or decreased by connecting RVA between pins REG and LN. The voltage at pin REG is used by the internal regulator to generate Vref and is decoupled by CREG, which is connected to VEE. This capacitor, converted into an equivalent inductance (see Section "Set impedance"), realizes the set impedance conversion from its DC value (RSLPE) to its AC value (RCC in the audio-frequency range). The voltage at pin SLPE is proportional to the line current. The voltage at pin LN is: V LN = V ref + R SLPE x I SLPE I SLPE = I line - I CC - I P - I Where: Iline = line current ICC = current consumption of the IC IP = supply current for peripheral circuits I* = current consumed between LN and VEE. The preferred value for RSLPE is 20 . Changing RSLPE will affect more than the DC characteristics; it also influences the microphone and DTMF gains, the gain control characteristics, the sidetone level and the maximum output swing on the line. 1997 Apr 22 4 Philips Semiconductors Product specification Low voltage versatile telephone transmission circuit with dialler interface TEA1110A handbook, full pagewidth Rline Iline RCC 619 LN 1 from pre amp VCC 14 IP ICC I* CVCC 100 F peripheral circuits Rexch Ish Vexch Vd TEA1110A 2 SLPE ISLPE RSLPE 20 3 REG CREG 4.7 F MGG737 11 VEE Fig.3 Supply configuration. The internal circuitry of the TEA1110A is supplied from pin VCC. This voltage supply is derived from the line voltage by means of a resistor (RCC) and must be decoupled by a capacitor CVCC. It may also be used to supply peripheral circuits such as dialling or control circuits. The VCC voltage depends on the current consumed by the IC and the peripheral circuits as shown by the formula: V CC = V CC0 - R CCint x ( I P - I rec ) V CC0 = V LN - R CC x I CC (see also Figs 5 and 6). RCCint is the internal equivalent resistance of the voltage supply, and Irec is the current consumed by the output stage of the earpiece amplifier. The DC line current flowing into the set is determined by the exchange supply voltage (Vexch), the feeding bridge resistance (Rexch), the DC resistance of the telephone line (Rline) and the reference voltage (Vref). With line currents below 7.5 mA, the internal reference voltage (generating Vref) is automatically adjusted to a lower value. This means that more sets can operate in parallel with DC line voltages (excluding the polarity guard) down to an absolute minimum voltage of 1.6 V. At currents below 7.5 mA, the circuit has limited sending and receiving levels. This is called the low voltage area. MGD176 handbook, halfpage 6.0 Vref (V) 5.0 4.0 (1) (2) 3.0 104 105 106 RVA () 107 (1) Influence of RVA on Vref. (2) Vref without influence of RVA. Fig.4 Reference voltage adjustment by RVA. 1997 Apr 22 5 Philips Semiconductors Product specification Low voltage versatile telephone transmission circuit with dialler interface Set impedance In the audio frequency range, the dynamic impedance is mainly determined by the RCC resistor. The equivalent impedance of the circuit is illustrated in Fig.7. Microphone amplifier (pins MIC+ and MIC-) The TEA1110A has symmetrical microphone inputs. The input impedance between pins MIC+ and MIC- is 64 k (2 x 32 k). The voltage gain from pins MIC+/MIC- to pin LN is set at 43.7 dB (typ). Automatic gain control is provided on this amplifier for line loss compensation. Receiving amplifier (pins IR, GAR and QR) The receiving amplifier has one input (IR) and one output (QR). The input impedance between pin IR and pin VEE is 20 k. The voltage gain from pin IR to pin QR is set at 33 dB (typ). The gain can be decreased by connecting an external resistor RGAR between pins GAR and QR; the adjustment range is 14 dB. Two external capacitors CGAR (connected between GAR and QR) and CGARS (connected between GAR and VEE) ensure stability. The CGAR capacitor provides a first-order low-pass filter. The cut-off frequency corresponds to the time constant CGAR x (RGARint // RGAR). RGARint is the internal resistor which sets the gain with a typical value of 125 k. The condition CGARS = 10 x CGAR must be fulfilled to ensure stability. The output voltage of the receiving amplifier is specified for continuous wave drive. The maximum output swing depends on the DC line voltage, the RCC resistor, the ICC current consumption of the circuit, the IP current consumption of the peripheral circuits and the load impedance. Automatic gain control is provided on this amplifier for line loss compensation. Automatic gain control (pin AGC) The TEA1110A performs automatic line loss compensation. The automatic gain control varies the gain of the microphone amplifier and the gain of the receiving amplifier in accordance with the DC line current. The control range is 5.9 dB (which corresponds approximately to a line length of 5 km for a 0.5 mm diameter twisted-pair copper cable with a DC resistance of 176 /km and an average attenuation of 1.2 dB/km). The IC can be used with different configurations of feeding bridge (supply voltage and bridge resistance) by connecting an external resistor RAGC between pins AGC 1997 Apr 22 6 TEA1110A and VEE. This resistor enables the Istart and Istop line currents to be increased (the ratio between Istart and Istop is not affected by the resistor). The AGC function is disabled when pin AGC is left open-circuit. Mute function (pin MUTE) The mute function performs the switching between the speech mode and the dialling mode. When MUTE is LOW, the DTMF input is enabled and the microphone and receiving amplifiers inputs are disabled. When MUTE is HIGH, the microphone and receiving amplifiers inputs are enabled while the DTMF input is disabled. A pull-up resistor is included at the input. DTMF amplifier (pin DTMF) When the DTMF amplifier is enabled, dialling tones may be sent on line. These tones can be heard in the earpiece at a low level (confidence tone). The TEA1110A has an asymmetrical DTMF input. The input impedance between DTMF and VEE is 20 k. The voltage gain from pin DTMF to pin LN is 25.3 dB. The automatic gain control has no effect on the DTMF amplifier. handbook, halfpage 2.5 MBE783 IP (mA) 2 1.5 1 0.5 (2) (1) 0 0 1 2 3 VCC (V) 4 (1) With RVA resistor. (2) Without RVA resistor. Fig.5 Typical current IP available from VCC for peripheral circuits at Iline = 15 mA. Philips Semiconductors Product specification Low voltage versatile telephone transmission circuit with dialler interface SIDETONE SUPPRESSION TEA1110A handbook, halfpage RCCint VCC The TEA1110A anti-sidetone network comprising RCC//Zline, Rast1, Rast2, Rast3, RSLPE and Zbal (see Fig.8 ) suppresses the transmitted signal in the earpiece. Maximum compensation is obtained when the following conditions are fulfilled: PERIPHERAL CIRCUIT VCCO Irec R SLPE x R ast1 = R CC x ( R ast2 + R ast3 ) IP MBE792 ( R ast2 x ( R ast3 + R SLPE ) ) k = ---------------------------------------------------------------------( R ast1 x R SLPE ) Z bal = k x Z line The scale factor k is chosen to meet the compatibility with a standard capacitor from the E6 or E12 range for Zbal. In practice, Zline varies considerably with the line type and the line length. Therefore, the value of Zbal should be for an average line length which gives satisfactory sidetone suppression with short and long lines. The suppression also depends on the accuracy of the match between Zbal and the impedance of the average line. The anti-sidetone network for the TEA1110A (as shown in Fig.12) attenuates the receiving signal from the line by 32 dB before it enters the receiving amplifier. The attenuation is almost constant over the whole audio frequency range. A Wheatstone bridge configuration (see Fig.9) may also be used. More information on the balancing of an anti-sidetone bridge can be obtained in our publication "Applications Handbook for Wired Telecom Systems, IC03b", order number 9397 750 00811. VEE Fig.6 VCC supply voltage for peripherals. handbook, halfpage LN RP REG CREG 4.7 F RCC 619 VCC CVCC 100 F MBE788 LEQ Vref SLPE RSLPE 20 VEE Leq = CREG x RSLPE x RP. RP = internal resistance. RP = 15.5 k. Fig.7 Equivalent impedance between LN and VEE. 1997 Apr 22 7 Philips Semiconductors Product specification Low voltage versatile telephone transmission circuit with dialler interface TEA1110A handbook, full pagewidth LN Zline RCC Rast1 VEE Im IR Zir Rast2 RSLPE Rast3 SLPE Zbal MBE787 Fig.8 Equivalent circuit of TEA1110A family anti-sidetone bridge. handbook, full pagewidth LN Zline RCC Zbal VEE Im IR Zir RSLPE Rast1 RA SLPE MBE786 Fig.9 Equivalent circuit of an anti-sidetone network in a Wheatstone bridge configuration. 1997 Apr 22 8 Philips Semiconductors Product specification Low voltage versatile telephone transmission circuit with dialler interface LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VLN PARAMETER positive continuous line voltage repetitive line voltage during switch-on or line interruption Vn(max) Iline Ptot maximum voltage on all pins line current total power dissipation TEA1110A TEA1110AT Tstg Tamb HANDLING This device meets class 2 ESD test requirements [Human Body Model (HBM)], in accordance with "MIL STD 883C - method 3015". THERMAL CHARACTERISTICS SYMBOL Rth j-a PARAMETER thermal resistance from junction to ambient in free air; mounted on epoxy board 40.1 x 19.1 x 1.5 mm (TEA1110A) thermal resistance from junction to ambient in free air; mounted on epoxy board 40.1 x 19.1 x 1.5 mm (TEA1110AT) VALUE 85 130 storage temperature operating ambient temperature RSLPE = 20 ; see Figs 10 and 11 Tamb = 75 C; see Figs 10 and 11 CONDITIONS MIN. VEE - 0.4 VEE - 0.4 VEE - 0.4 - TEA1110A MAX. 12 13.2 VCC + 0.4 140 V V V UNIT mA - - -40 -25 588 384 +125 +75 mW mW C C UNIT K/W K/W 1997 Apr 22 9 Philips Semiconductors Product specification Low voltage versatile telephone transmission circuit with dialler interface TEA1110A MBH275 handbook, halfpage 150 I line handbook, halfpage I (mA) 130 150 line (mA) 130 MGD859 (1) 110 (1) 90 (2) (3) 70 (4) 110 (2) (3) (4) 90 70 (5) 50 50 30 2 4 6 8 10 12 V LN V SLPE (V) (1) (2) (3) (4) (5) 30 2 4 6 8 10 12 VLN_VSLPE(V) (1) Tamb = 45 C; Ptot = 0.615 W. (2) Tamb = 55 C; Ptot = 0.538 W. (3) Tamb = 65 C; Ptot = 0.461 W. (4) Tamb = 75 C; Ptot = 0.384 W. Tamb = 35 C; Ptot = 1.058 W. Tamb = 45 C; Ptot = 0.941 W. Tamb = 55 C; Ptot = 0.823 W. Tamb = 65 C; Ptot = 0.705 W. Tamb = 75 C; Ptot = 0.588 W. Fig.10 SO14 Safe operating area (TEA1110AT). Fig.11 DIP14 Safe operating area (TEA1110A). 1997 Apr 22 10 Philips Semiconductors Product specification Low voltage versatile telephone transmission circuit with dialler interface TEA1110A CHARACTERISTICS Iline = 15 mA; VEE = 0 V; RSLPE = 20 ; AGC pin connected to VEE; Zline = 600 ; f = 1 kHz; Tamb = 25 C; unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT Supplies (pins VLN, VCC, SLPE and REG) Vref VLN stabilized voltage between LN and SLPE DC line voltage Iline = 1 mA Iline = 4 mA Iline = 15 mA Iline = 140 mA VLN(exR) VLN(T) ICC VCC RCCint Zi DC line voltage with an external resistor RVA DC line voltage variation with temperature referred to 25 C internal current consumption supply voltage for peripherals RVA(SLPE-REG) = 27 k Tamb = -25 to +75 C VCC = 2.9 V IP = 0 mA 3.1 - - 3.35 - - - - - - 3.35 1.6 2.3 3.65 - 4.4 30 1.1 2.9 550 3.6 - - 3.95 6.9 - - 1.4 - 620 V V V V V V mV mA V equivalent supply voltage resistance IP = 0.5 mA input impedance differential between pins MIC+ and MIC- single-ended between pins MIC+/MIC- and VEE Microphone amplifier (pins MIC+ and MIC-) - - VMIC = 4 mV (RMS) f = 300 to 3400 Hz Tamb = -25 to +75 C 42.7 - - - Iline = 15 mA; THD = 2% Iline = 4 mA, THD = 10% psophometrically weighted (P53 curve) 1.4 - - 64 32 43.7 0.2 0.3 80 1.7 0.8 - - 44.7 - - - - - k k dB dB dB dB V V dBmp Gvtx Gvtx(f) Gvtx(T) CMRR voltage gain from MIC+/MIC- to LN gain variation with frequency referred to 1 kHz gain variation with temperature referred to 25 C common mode rejection ratio VLN(max)(rms) maximum sending signal (RMS value) Vnotx noise output voltage at pin LN; pins MIC+/MIC- shorted through 200 -78.5 - Receiving amplifier (pins IR, QR and GAR) Zi Gvrx Gvrx(f) Gvrx(T) input impedance voltage gain from IR to QR gain variation with frequency referred to 1 kHz gain variation with temperature referred to 25 C VIR = 4 mV (RMS) f = 300 to 3400 Hz Tamb = -25 to +75 C - 32 - - 20 33 0.2 0.3 - 34 - - k dB dB dB 1997 Apr 22 11 Philips Semiconductors Product specification Low voltage versatile telephone transmission circuit with dialler interface SYMBOL Gvrxr PARAMETER gain voltage reduction range CONDITIONS external resistor connected between GAR and QR IP = 0 mA sine wave drive; RL = 150 ; THD = 2% IP = 0 mA sine wave drive; RL = 450 ; THD = 2% Vnorx(rms) noise output voltage at pin QR (RMS value) Gvrx = 33 dB; IR open-circuit; RL = 150 ; psophometrically weighted (P53 curve) - MIN. TYP. - TEA1110A MAX. 14 UNIT dB Vo(rms) maximum receiving signal (RMS value) - 0.25 - V - 0.35 - V - -87 - dBVp Automatic gain control (pin AGC) Gvtrx Iline = 85 mA gain control range for microphone and receiving amplifiers with respect to Iline = 15 mA highest line current for maximum gain lowest line current for minimum gain - 5.9 - dB Istart Istop Zi Gvdtmf Gvdtmf(f) Gvdtmf(T) Gvct - - - VDTMF = 20 mV (RMS); MUTE = LOW f = 300 to 3400 Hz Tamb = -25 to +75 C VDTMF = 20 mV (RMS); RL = 150 24.1 - - - 23 56 - - - 26.5 - - - mA mA DTMF amplifier (pin DTMF) input impedance voltage gain from DTMF to LN gain variation with frequency referred to 1 kHz gain variation with temperature referred to 25 C voltage gain from DTMF to QR (confidence tone) 20 25.3 0.2 0.4 -15 k dB dB dB dB Mute function (pin MUTE) VIL VIH IMUTE Gvtrxm LOW level input voltage HIGH level input voltage input current gain reduction for microphone and receiving amplifiers MUTE = LOW VEE - 0.4 VEE + 1.5 - - 1.5 80 VEE + 0.3 V A dB VCC + 0.4 V 1997 Apr 22 12 andbook, full pagewidth 1997 Apr 22 Rast1 130 k CIR IR QR CGAR 100 pF GAR MIC+ MUTE MIC- SLPE REG AGC VEE CVCC 100 F BF473 supply for peripheral circuits Rpd6 BC547 68 k PD input BC558 470 k CGARS 1 nF Rast3 390 Zbal RSLPE 20 CREG 4.7 F DTMF signal from dial and control circuits Rpd4 Rast2 3.92 k VCC Rpd5 470 k LN RCC 619 Philips Semiconductors APPLICATION INFORMATION Rprotect 10 a/b VDR 95 V 4x BAS11 telephone line TEA1110A(T) b/a BZX79C10 Low voltage versatile telephone transmission circuit with dialler interface 13 Rpd1 470 k BC547 BZX79C10 Rpd2 470 k BSN254 Rlimit Rpd3 1 M 3.9 MGG738 Product specification TEA1110A Fig.12 Typical application of the TEA1110A in sets with Pulse Dialling or Flash facilities. Philips Semiconductors Product specification Low voltage versatile telephone transmission circuit with dialler interface PACKAGE OUTLINES SO14: plastic small outline package; 14 leads; body width 3.9 mm TEA1110A SOT108-1 D E A X c y HE vMA Z 14 8 Q A2 A1 pin 1 index Lp 1 e bp 7 wM L detail X (A 3) A 0 2.5 scale 5 mm DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm A max. 1.75 A1 0.25 0.10 A2 1.45 1.25 A3 0.25 0.01 bp 0.49 0.36 c 0.25 0.19 D (1) 8.75 8.55 E (1) 4.0 3.8 0.16 0.15 e 1.27 0.050 HE 6.2 5.8 0.24 0.23 L 1.05 0.041 Lp 1.0 0.4 0.039 0.016 Q 0.7 0.6 0.028 0.024 v 0.25 0.01 w 0.25 0.01 y 0.1 0.004 Z (1) 0.7 0.3 0.028 0.012 inches 0.069 0.0098 0.057 0.0039 0.049 0.019 0.0098 0.35 0.014 0.0075 0.34 8 0o o Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT108-1 REFERENCES IEC 076E06S JEDEC MS-012AB EIAJ EUROPEAN PROJECTION ISSUE DATE 91-08-13 95-01-23 1997 Apr 22 14 Philips Semiconductors Product specification Low voltage versatile telephone transmission circuit with dialler interface TEA1110A DIP14: plastic dual in-line package; 14 leads (300 mil) SOT27-1 D seating plane ME A2 A L A1 c Z e b1 b 14 8 MH wM (e 1) pin 1 index E 1 7 0 5 scale 10 mm DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 4.2 0.17 A1 min. 0.51 0.020 A2 max. 3.2 0.13 b 1.73 1.13 0.068 0.044 b1 0.53 0.38 0.021 0.015 c 0.36 0.23 0.014 0.009 D (1) 19.50 18.55 0.77 0.73 E (1) 6.48 6.20 0.26 0.24 e 2.54 0.10 e1 7.62 0.30 L 3.60 3.05 0.14 0.12 ME 8.25 7.80 0.32 0.31 MH 10.0 8.3 0.39 0.33 w 0.254 0.01 Z (1) max. 2.2 0.087 Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT27-1 REFERENCES IEC 050G04 JEDEC MO-001AA EIAJ EUROPEAN PROJECTION ISSUE DATE 92-11-17 95-03-11 1997 Apr 22 15 Philips Semiconductors Product specification Low voltage versatile telephone transmission circuit with dialler interface SOLDERING Introduction There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "IC Package Databook" (order code 9398 652 90011). DIP SOLDERING BY DIPPING OR BY WAVE The maximum permissible temperature of the solder is 260 C; solder at this temperature must not be in contact with the joint for more than 5 seconds. The total contact time of successive solder waves must not exceed 5 seconds. The device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (Tstg max). If the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. REPAIRING SOLDERED JOINTS Apply a low voltage soldering iron (less than 24 V) to the lead(s) of the package, below the seating plane or not more than 2 mm above it. If the temperature of the soldering iron bit is less than 300 C it may remain in contact for up to 10 seconds. If the bit temperature is between 300 and 400 C, contact may be up to 5 seconds. SO REFLOW SOLDERING Reflow soldering techniques are suitable for all SO packages. Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. TEA1110A Several techniques exist for reflowing; for example, thermal conduction by heated belt. Dwell times vary between 50 and 300 seconds depending on heating method. Typical reflow temperatures range from 215 to 250 C. Preheating is necessary to dry the paste and evaporate the binding agent. Preheating duration: 45 minutes at 45 C. WAVE SOLDERING Wave soldering techniques can be used for all SO packages if the following conditions are observed: * A double-wave (a turbulent wave with high upward pressure followed by a smooth laminar wave) soldering technique should be used. * The longitudinal axis of the package footprint must be parallel to the solder flow. * The package footprint must incorporate solder thieves at the downstream end. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Maximum permissible solder temperature is 260 C, and maximum duration of package immersion in solder is 10 seconds, if cooled to less than 150 C within 6 seconds. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. REPAIRING SOLDERED JOINTS Fix the component by first soldering two diagonallyopposite end leads. Use only a low voltage soldering iron (less than 24 V) applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C. 1997 Apr 22 16 Philips Semiconductors Product specification Low voltage versatile telephone transmission circuit with dialler interface DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values TEA1110A This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. 1997 Apr 22 17 Philips Semiconductors Product specification Low voltage versatile telephone transmission circuit with dialler interface NOTES TEA1110A 1997 Apr 22 18 Philips Semiconductors Product specification Low voltage versatile telephone transmission circuit with dialler interface NOTES TEA1110A 1997 Apr 22 19 Philips Semiconductors - a worldwide company Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 4 Rue du Port-aux-Vins, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Shivsagar Estate, A Block, Dr. Annie Besant Rd. Worli, MUMBAI 400 018, Tel. +91 22 4938 541, Fax. +91 22 4938 722 Indonesia: see Singapore Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Rua do Rocio 220, 5th floor, Suite 51, 04552-903 Sao Paulo, SAO PAULO - SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 829 1849 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 632 2000, Fax. +46 8 632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2686, Fax. +41 1 481 7730 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777 For all other countries apply to: Philips Semiconductors, Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1997 Internet: http://www.semiconductors.philips.com SCA54 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Printed in The Netherlands 417027/1200/02/pp20 Date of release: 1997 Apr 22 Document order number: 9397 750 02077 |
Price & Availability of TEA1110 |