Part Number Hot Search : 
UPC258C5 40221 1N4151 P4SMA91A MD100 HC123 GS1MWG CTN393
Product Description
Full Text Search
 

To Download STM-2016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Data Sheet
Product Description
The Stanford Microdevices' STM-2016 is a high linearity active mixer for use in a wide variety of communication systems covering the 1800-2200 MHz frequency bands. This device operates from a single 5V supply and provides 9dB of conversion gain while requiring only 0dBm input to the integrated LO driver. The STM-2016 also includes an integrated on chip IF amplifier and is fabricated using silicon germanium device technology. The STM-2016 incorporates internal matching on each RF, IF, and LO port to enhance ease of use and to reduce the number of external components required. The IF and LO ports can be driven differential or single ended. Each broadband port has been designed to minimize performance degradation while operating into highly reactive components such as SAW filters.
STM-2016
1800 - 2200 MHz High Linearity Silicon Germanium Active Transmit Mixer
16 pin TSSOP with Exposed Pad Package Body: 0.20 x 0.17 x 0.04 (inches) 5.0 x 4.4 x 1.0 (mm)
Functional Block Diagram
VEE VCC VEE RFN RFP VEE VCC IFN 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VEE VCC VEE LON LOP VEE VCC IFP
Product Features
* * * * * *
Active mixer with conversion gain No need for separate external LO driver Low LO drive level required to drive mixer IF and LO ports may be driven single-ended Single supply operation (+5V) Broadband resistive 50 impedances on all three ports
Applications
* *
Digital and spread spectrum communication systems 1800-2200 MHz transceivers for base station infrastructure equipment
Key Specifications
Parameters RF Frequency Range IF Frequency Range Output IP3 Output P1dB Conversion Gain SSB Noise Figure IF1 = IF2 = -20 dBm/tone Test Conditions (VCC=5.0V, I=190mA, T=25C) Unit MHz MHz dBm dBm dB dB Min. 1800 10 200 +15 +3.5 9 9 Typ. Max. 2200 300
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 1
http://www.stanfordmicro.com 05/04/01 rev 1.0
Advanced Data Sheet 670 0+] 7UDQVPLW 0L[HU
Absolute Maximum Ratings
Parameters Supply Voltage LO Input RF Input Operating Temperature Storage Temperature Value +6.0 +10 +15 -40 to +85 -65 to +150 Unit VDC dBm dBm C C
Test Conditions
VCC TA IF Input LO Input +5.0V +25C -20 dBm @ 200 MHz 0 dBm @ 1760 MHz
Product Specifications - AC Performance
Parameters RF Frequency Range IF Frequency Range Output IP3 Output P1dB Conversion Gain SSB Noise figure RF Return Loss LO Return Loss IF Return Loss LO Drive IF1 = IF2 = -20 dBm/tone Additional Test Conditions Unit MHz MHz dBm dBm dB dB dB dB dB dBm -3 Min. 1800 10 200 +15 +3.5 9 9 14 14 14 0 +3 Typ. Max. 2200 300
Product Specifications - Isolation Performance
Parameters Leakage (LO-RF) Leakage (LO-IF) Additional Test Conditions Unit dBm dBm Min. Typ. -25 -30 Max.
Product Specifications - Miscellaneous
Parameters Supply Voltage Supply Current Thermal Resistance Additional Test Conditions Unit V mA C/W Min. +4.75 Typ. +5.0 190 TBD Max. +5.25
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 2
http://www.stanfordmicro.com 05/04/01 rev 1.0
Advanced Data Sheet 670 0+] 7UDQVPLW 0L[HU
Typical Device Performance
Conversion Gain
VCC = 5.0V, RF = 1.96GHz, IF = 200MHz
12 10 Gain (dB) 8 6 4 2 1.8 1.9 2.0 RF Frequency (GHz) 2.1 2.2
Return Loss at RF Input
VCC = 5.0V
0 Return Loss (dB) -5 -10 -15 -20 -25 1.8 1.9 2.0 RF Frequency (GHz) 2.1 2.2
Return Loss at LO Input
VCC = 5.0V
0 -5 Return Loss (dB) -10 -15 -20 -25 -30 -35 1.6 1.7 1.8 LO Frequency (GHz) 1.9 2.0 Return Loss (dB) 0 -10 -20 -30 -40 -50 50
Return Loss at IF Input
VCC = 5.0V
100
150
200
250
300
IF Frequency (MHz)
NOTE: The data shown in the graphs above demonstrates the STM-2016 performance tuned to the PCS band.
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 3
http://www.stanfordmicro.com 05/04/01 rev 1.0
Advanced Data Sheet 670 0+] 7UDQVPLW 0L[HU
Pin Out Description
Pin # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Function VEE VCC VEE RFN RFP VEE VCC IFN IFP VCC VEE LOP LON VEE VCC VEE Ground Positive supply (+5V) Ground RF input, negative terminal RF input, positive terminal Ground Positive supply (+5V) IF output, negative terminal IF output, positive terminal Positive supply (+5V) Ground LO input, positive terminal LO input, negative terminal Ground Positive supply (+5V) Ground Nominal DC voltage is 2.3V. (Internally biased) Input should be ACcoupled. Nominal DC voltage is 2.3V. (Internally biased) Input should be ACcoupled. Nominal DC voltage is 2.2V. (Internally biased) Input should be ACcoupled Nominal DC voltage is 2.2V. (Internally biased) Input should be ACcoupled Nominal DC voltage is 2.3V. (Internally biased) Output should be AC-coupled. Nominal DC voltage is 2.3V. (Internally biased) Output should be AC-coupled. Description Additional Comments
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 4
http://www.stanfordmicro.com 05/04/01 rev 1.0
Advanced Data Sheet 670 0+] 7UDQVPLW 0L[HU
Part Number Ordering Information Caution: ESD Sensitive
Appropriate precaution in handling, packaging and testing devices must be observed.
Part Number STM-2016 Reel Size TBD Devices/Reel TBD
Part Symbolization
The part will be symbolized with a "TBD" marking designator on the top surface of the package.
Package Dimensions ("16" Package)
NOTE 1. PACKAGE BODY SIZES EXCLUDE MOLD FLASH PROTRUSIONS OR GATE BURRS 2. TOLERANCE 0.1 mm UNLESS OTHERWISE SPECIFIED 3. COPLANARITY : 0.1 mm 4. CONTROLLING DIMENSION IS MILLIMETER. CONVERTED INCH DIMENSIONS ARE NOT NECESSARILY EXACT. 5. FOLLOWED FROM JEDEC MO-153
SYMBOLS
DIMENSIONS IN MILLIMETERS
DIMENSIONS IN INCHES
A A1 A2 b C D D1 E E1 E2 e L y
MIN --- 0.00 0.80 0.19 0.09 4.90 --- --- 4.30 --- --- 0.45 --- 0
NOM --- --- 1.00 --- --- 5.00 2.80 6.40 4.40 2.80 0.65 0.60 --- ---
MAX 1.15 0.10 1.05 0.30 0.20 5.10 --- --- 4.50 --- --- 0.75 0.10 8
MIN --- 0.000 0.031 0.007 0.004 0.193 --- --- 0.169 --- --- 0.018 --- 0
NOM --- --- 0.039 --- --- 0.197 0.110 0.252 0.173 0.110 0.026 0.024 --- ---
MAX 0.045 0.004 0.041 0.012 0.008 0.201 --- --- 0.177 --- --- 0.030 0.004 8
12(4X)
Test PCB Pad Layout
1.25
0.25 0.74 0.4 0.74 3.0
3.0
0.33 via
0.7
0.9
6.9
- Indicates metalization
all units are in mm - vias connect pad to underlying ground plane
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 5
http://www.stanfordmicro.com 05/04/01 rev 1.0
Advanced Data Sheet
Demo Test Board Schematic
+5V CON 1 Lfil VCC C30 2 A10 STM-2016 C3 VCC VEE VCC A8 A9 C4 VEE RFN RFP C5 VCC C20 VEE VCC IFN VEE VCC VEE LON LOP VEE VCC IFP C21 VCC C12 A12 C11 A11 VCC C1
670 0+] 7UDQVPLW 0L[HU
C7 A2
C9
A7
Bill of Materials
Component Designator A10 A7, A8, A12 CON A9, A11 A2 Lfil C1, C3, C20, C21, C30 C7, C9 C4, C5 C11, C12 1:1 1:1 1uH 6.8pF 100pF 2.2pF 4.7pF Value Qty 1 3 1 2 1 1 5 2 2 2 Vendor SMDI Johnson Components Digikey Panasonic Mini-Circuits Digikey Venkel Venkel Venkel Venkel Part Number STM-2016 142-0701-851 S1212-36-ND EHF-FD1619 TC1-1 PCD1008CT-ND C0603COG500-6R8CNE C0603COG500-101JNE C0603COG500-2R2CNE C0603COG500-4R7CNE Description SiGe Transmit Mixer SMA connector, end launch with tab, for 62 mil pitch thick board 2-pin header RF transformer IF transformer Inductor, 1210 footprint, min. 200mA rating Capacitor, 0603 footprint Capacitor, 0603 footprint Capacitor, 0603 footprint Capacitor, 0603 footprint
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 6
http://www.stanfordmicro.com 05/04/01 rev 1.0
Advanced Data Sheet 670 0+] 7UDQVPLW 0L[HU
Demo Test Board (Fully Assembled PCB)
2.00
2 1 C30 CON
2.00
Lfil
A8 C4 A9 C5 C20 C7 C9 C3 A10 C1 C11 A11 C12 C21 A12
A2
A7
Note: Dimensions in inches
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 7
http://www.stanfordmicro.com 05/04/01 rev 1.0


▲Up To Search▲   

 
Price & Availability of STM-2016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X