Part Number Hot Search : 
MMBT4416 WP1503EC T2001 AMBE2000 FCD4N60 71256 BF620 SRS045
Product Description
Full Text Search
 

To Download STM-1116 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
Product Description
The Sirenza Microdevices' STM-1116 is a high linearity active mixer for use in a wide variety of communication systems covering the 800-1000 MHz frequency bands. This device operates from a single 5V supply and provides 14 dB of conversion gain while requiring only 0dBm input to the integrated LO driver. The STM-1116 also includes an integrated on chip IF amplifier and is fabricated using Silicon Germanium (SiGe) device technology. The RF and LO ports can be driven differential or single ended. Each broadband port has been designed to minimize performance degradation while operating into highly reactive components such as SAW filters. The device is packaged in an industry standard 16 pin TSSOP with exposed paddle for superb RF and thermal ground.
STM-1116
800 - 1000 MHz High Linearity Active Transmit Mixer
16 pin TSSOP with Exposed Ground Pad Package Footprint: 0.197 x 0.252 inches (5.0 x 6.4 mm) Package Height: 0.039 inches (1.0 mm)
Product Features
Functional Block Diagram
VEE VCC VEE RFN RFP VEE VCC IFN 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VEE VCC VEE LON LOP VEE VCC IFP
* * * * * * *
Active mixer with 14 dB conversion gain Integrated 0dBm LO drive and IF amplifier Differential or single-ended input Single supply operation (+5V) Broadband resistive 50 impedance on all three ports Low LO-RF leakage AMPS/GSM/CDMA800 tansmitters
Applications
Product Specifications
Parameters RF Frequency Range LO Frequency Range IF Frequency Range Conversion Gain SSB Noise Figure Output IP3 Output P1dB Leakage (LO-RF) Leakage (LO-IF) RF, LO, IF Return Loss Matched to 50, see Note 1, page 3 Supply Voltage (Vcc) Supply Current LO Drive Thermal Resistance Matched to 50 junction-case IF1 = IF2 = -20 dBm/tone, 1 MHz spacing Test Conditions: TA = 25C, VCC = 5.0V, PLO = 0dBm, PIF = -20dBm, IF = 200MHz Unit MHz MHz MHz dB dB dBm dBm dBm dBm dB V mA dBm C/W -3 +4.75 17 5 Min. 800 600 30 9 200 12 9.0 21 7 -35 -40 14 +5.0 200 0 25 +3 -3 +5.25 +4.75 -25 -30 Typ. Max. 900 700 400 16 11 19 6 Min. 900 700 30 11 200 14 9.0 22 8.5 -30 -35 14 +5.0 200 0 25 +3 +5.25 -20 -25 Typ. Max. 1000 800 400 16 11
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or ommisions. Sirenza Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2002 Sirenza Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC 1
http://www.sirenza.com EDS102185 Rev B
800-1000MHz Typical Device Performance
Conversion Gain vs Temperature Plo=0 dBm
18
Conversion Gain (dB)
16 14 12 10 8 6 4 85C 25C -40C
Output IP3 (dBm)
800
850
900 Frequency (MHz)
950
1000
Conversion Gain vs LO Drive T=25 C
Conversion Gain (dB)
16
Output IP3 (dBm) 26 24 22 20 18 16 14 800
14 12 10 8 6 4 -3 dBm 0 dBm +3 dBm
800
850
900 Frequency (MHz)
950
1000
Leakages Plo=0 dBm at pins T=25 C (Note 2)
16 Noise Figure (dB)
0 Leakage (dBm) -10 -20 -30 -40 -50 -60 500 600 700 800 900 1000 LO-RF LO-IF
Frequency (MHz)
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC 2
rexiM timsnarT evitcA eGiS 6111-MTS
Output IP3 vs Temperature Plo=0 dBm
26 24 22 20 18 16 14 800 85C 25C -40C 850 900 Frequency (MHz) 950 1000
Output IP3 vs LO Drive T=25 C
-3 dBm 0 dBm +3 dBm 850 900 Frequency (MHz) 950 1000
Noise Figure vs Temperature Plo=0 dBm
14 12 10 8 6 4 800
85C 25C -40C
850
900 Frequency (MHz)
950
1000
http://www.sirenza.com EDS102185 Rev B
800-1000MHz Typical Device Performance (continued)
RF & LO Return Loss (Note 1)
0 Return Loss (dB) -5 -10 -15 -20 -25 400
Output P1dB (dBm) 12
RF RL LO RL
600
800
1000
1200
RF Frequency (MHz)
IF Return Loss (Note 1)
0 -5
Output P1dB (dBm) 12 10 8 6 4 2 0 800
Return Loss (dB)
-10 -15 -20 -25 -30 -35 0 100 200 IFFrequency (MHz) 300 400
Note 1: The return losses shown were measured with the STM-1116 mounted on our FR4 evaluation boards . The RF port was matched for the GSM band, and the IF port matched for 200 MHz. Similar return losses are achievable at other frequencies using standard matching practices. Note 2: LO-IF leakage measurement has not been adjusted for the loss through the IF (TC1-1) balun.
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC 3
rexiM timsnarT evitcA eGiS 6111-MTS
Output P1dB vs Temperature Plo=0 dBm
10 8 6 4 2 0 800 850 900 Frequency (MHz) 85C 25C -40C 950 1000
Output P1dB vs LO Drive T=25 C
-3 dBm 0 dBm +3 dBm
850
900 Frequency (MHz)
950
1000
http://www.sirenza.com EDS102185 Rev B
Package Dimensions ("16" Package)
Dimensions in inches (mm)
STM 1116 LOT ID
Part #
NOTES: 1. PACKAGE BODY SIZES EXCLUDE MOLD FLASH PROTRUSIONS OR GATE BURRS. 2. TOLERANCE .004" (0.1mm) UNLESS OTHERWISE SPECIFIED. 3. COPLANARITY: .004" (0.1mm) 4. CONTROLLING DIMENSION IS MILLIMETER, CONVERTED INCH DIMENSIONS ARE NOT NECESSARILY EXACT. 5. FOLLOWED FROM JEDEC MO-153.
Pin Out Description
Pin # Function Description Additional Comments
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
VEE VCC VEE RFN RFP VEE VCC IFN IFP VCC VEE LOP LON VEE VCC VEE
Ground Positive supply (+5V) Ground RF output, negative terminal RF output, positive terminal Ground Positive supply (+5V) IF input, negative terminal IF input, positive terminal Positive supply (+5V) Ground LO input, positive terminal LO input, negative terminal Ground Positive supply (+5V) Ground Nominal DC voltage is 2.3V. (Internally biased) Input should be AC-coupled. Nominal DC voltage is 2.3V. (Internally biased) Input should be AC-coupled. Nominal DC voltage is 2.3V. (Internally biased) Input should be AC-coupled. Nominal DC voltage is 2.3V. (Internally biased) Input should be AC-coupled. Nominal DC voltage is 2.3V. (Internally biased) Output should be AC-coupled. Nominal DC voltage is 2.3V. (Internally biased) Output should be AC-coupled.
Absolute Maximum Ratings
Parameters Value Unit
Supply Voltage (Vcc) LO Input (LOP+LON) IF Input (IFP, IFN) Operating Temperature Storage Temperature
+6.0 +10 +15 -40 to +85 -65 to +150
VDC dBm dBm C C
Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation the device voltage and current must not exceed the maximum operating values specified in the table on page one.
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC 4
rexiM timsnarT evitcA eGiS 6111-MTS
Suggested PCB Pad Layout
0.049 (1.25) 0.118 (3.0) 0.012 (0.30) 0.024 (0.63) 0.014 (0.35) 0.118 (3.0) 0.010 (0.25) via 0.028 (0.7)
0 8
0.035 (0.9) 0.272 (6.9) all units are in inches (mm) - Indicates metalization - vias connect pad to underlying ground plane
Part Number Ordering Information
Devices/Reel Part Number STM-1116 Reel Size 7" Min. 500 Max. 1000
Moisture sensitivity level 1 - no special handling required Caution: ESD Sensitive
Appropriate precaution in handling, packaging and testing devices must be observed.
http://www.sirenza.com EDS102185 Rev B
800-1000MHz Application Schematic
+5V CON 1 Lfil VCC C30 2 A10 STM-1116 C3 VCC VEE VCC A8 A9 L1 C5 VCC C20 C4 VEE RFN RFP VEE VCC IFN VEE VCC VEE LON LOP VEE VCC IFP
VCC
VCC
C7 A2
C9
A7
Bill of Materials (for 800-1000MHz Evaluation Board P/N EEB102189)
Component Designator Value Qty Vendor Part Number Description
A10 A7, A8, A12 CON A9, A11 A2 Lfil C1, C3, C20, C21, C30 C7, C9 C4, C5 L1 C11, C12 1:1 1:1 1uH 27pF 100pF 5.6pF 39nH 22pF
1 3 1 2 1 1 5 2 2 1 2
SMDI Johnson Components Digikey Panasonic Mini-Circuits Digikey Venkel Venkel Venkel TOKO Venkel
STM-1116 142-0701-851 S1212-36-ND EHF-FD1618 TC1-1 PCD1008CT-ND C0603COG500-270JNE C0603COG500-101JNE C0603COG500-5R6CNE LL1608-FS39NJ C0603COG500-220JNE Phone: (800) SMI-MMIC 5
522 Almanor Ave., Sunnyvale, CA 94085
rexiM timsnarT evitcA eGiS 6111-MTS
C1 C11 A11 A12 C12 C21
50.80
2 1 C30 CO N
50.80
Lfil
A8 L1 C3 C4 C5 C20 C7 C9 C12 C21 A10 C1 C11 A11 A12
A9
A2
A7
SiGe Transmit Mixer SMA connector, end launch with tab, for 62 mil pitch thick board 2-pin header RF transformer IF transformer Inductor, 1210 footprint, min. 200mA rating Capacitor, 0603 footprint Capacitor, 0603 footprint Capacitor, 0603 footprint Inductor, 0603 footprint Capacitor, 0603 footprint http://www.sirenza.com EDS102185 Rev B
SiGe Transmit Mixer: General Test Set-Up
STM-1116
IF RF+
-20dBm
IF Match
IF+ IFRF-
LO+ - for intermodulation tests, IF sources are needed in addition to an IF combiner. The suggested tone spacing is 1MHz.
+1dBm
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC 6
rexiM timsnarT evitcA eGiS 6111-MTS
RF OUT RF Match LOLO Match LO
http://www.sirenza.com EDS102185 Rev B


▲Up To Search▲   

 
Price & Availability of STM-1116

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X