Part Number Hot Search : 
FW241 MJE13003 051AE MZT3011 SNC15061 30N60C MM3Z4V3 FW236
Product Description
Full Text Search
 

To Download STGB3NB60FD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STGP3NB60F - STGD3NB60F STGP3NB60FD-STGF3NB60FD-STGB3NB60FD N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESHTM IGBT
TYPE STGP3NB60F STGD3NB60F STGP3NB60FD STGF3NB60FD STGB3NB60FD
s s s s s s s
VCES 600 V 600 V 600 V 600 V 600 V
VCE(sat) (Typ) @125C < 2.4 V < 2.4 V < 2.4 V < 2.4 V < 2.4 V
IC @125C 3A 3A 3A 3A 3A
3 1 2
1 2
3
TO-220
TO-220FP
HIGH INPUT IMPEDANCE (VOLTAGE DRIVEN) LOW ON-VOLTAGE DROP (Vcesat) LOW GATE CHARGE HIGH CURRENT CAPABILITY OFF LOSSES INCLUDE TAIL CURRENT HIGH FREQUENCY OPERATION SHORT CIRCUIT RATED
3
3 1
1
D2PAK
DPAK
INTERNAL SCHEMATIC DIAGRAM DESCRIPTION Using the latest high voltage technology based on a patented strip layout, STMicroelectronics has designed an advanced family of IGBTs, the PowerMESHTM IGBTs, with outstanding performances. The suffix "F" identifies a family optimized to achieve very low switching times for frequency applications (<40 KHz) APPLICATIONS s MOTOR CONTROLS s SMPS AND PFC IN BOTH HARD SWITCHING AND RESONANT TOPOLOGIES Std. Version "D" Version
ORDERING INFORMATION
SALES TYPE STGP3NB60F STGD3NB60FT4 STGP3NB60FD STGF3NB60FD STGB3NB60FDT4 MARKING GP3NB60F GD3NB60F GP3NB60FD GF3NB60FD GB3NB60FD PACKAGE TO-220 DPAK TO-220 TO-220FP D2PAK PACKAGING TUBE TAPE & REEL TUBE TUBE TAPE & REEL
June 2003
1/14
STGP3NB60F/STGD3NB60F/STGP3NB60FD/STGF3NB60FD/STGB3NB60FD
ABSOLUTE MAXIMUM RATINGS
Symbol VCES VECR VGE IC IC ICM ( ) If (1) Ifm (1) PTOT VISO Tstg Tj Parameter
TO-220/D2PAK
Value
TO-220FP DPAK
Unit
Collector-Emitter Voltage (VGS = 0) Emitter-Collector Voltage Gate-Emitter Voltage Collector Current (continuous) at TC = 25C Collector Current (continuous) at TC = 100C Collector Current (pulsed) Forward Current Forward Current Pulsed Total Dissipation at TC = 25C Derating Factor Insulation Withstand Voltage A.C. Storage Temperature Max. Operating Junction Temperature 68 0.55 --
600 20 20 6 3 24 3 24 25 0.2 2500 - 55 to 150 150 60 0.47 --
V V V A A A A A W W/C V C C
( ) Pulse width limited by safe operating area (1) For "D" version only
THERMAL DATA
TO-220/D2PAK TO-220FP DPAK
Rthj-case Rthj-amb Rthc-h
Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal Resistance Case-heatsink Typ
1.8 62.5
5 0.5
2.1 100
C/W C/W C/W
ELECTRICAL CHARACTERISTICS (TCASE = 25C UNLESS OTHERWISE SPECIFIED) MAIN PARAMETERS
Symbol VBR(CES) ICES IGES VGE(th) VCE(sat) Parameter Collector-Emitter Breakdown Voltage Collector cut-off (VGE = 0) Gate-Emitter Leakage Current (VCE = 0) Gate Threshold Voltage Collector-Emitter Saturation Voltage Test Conditions IC = 250 A, VGE = 0 VCE = Max Rating, TC = 25C VCE = Max Rating, TC = 125C VGE = 20V , VCE = 0 VCE = VGE, IC = 250 A VGE = 15 V, IC = 3 A VGE = 15 V, IC = 3 A, Tj =125C 3 1.9 1.6 Min. 600 50 100 100 5 2.4 Typ. Max. Unit V A A nA V V V
2/14
STGP3NB60F/STGD3NB60F/STGP3NB60FD/STGF3NB60FD/STGB3NB60FD
SWITCHING PARAMETERS
Symbol gfs Cies Coes Cres Qg Qge Qgc td(on) tr (di/dt)on Eon tc tr(Voff) td(off) tf Eoff(**) Ets tc tr(Voff) td(off) tf Eoff(**) Ets Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Emitter Charge Gate-Collector Charge Turn-on Delay Time Rise Time Turn-on Current Slope Turn-on Switching Losses Cross-over Time Off Voltage Rise Time Delay Time Fall Time Turn-off Switching Loss Total Switching Loss Cross-over Time Off Voltage Rise Time Delay Time Fall Time Turn-off Switching Loss Total Switching Loss Test Conditions VCE = 25 V, Ic = 3 A VCE = 25 V, f = 1 MHz, V GE = 0 Min. Typ. 2 230 33 6 16 1.5 8 12.5 4 840 31 220 60 105 150 125 149 490 174 230 305 295 326 20 Max. Unit S pF pF pF nC nC nC ns ns A/s
VCE = 480 V, IC = 3 A, VGE = 15 V VCC = 480 V, IC = 3 A RG = 10, VGE = 15 V VCC= 480 V, IC = 3 A RG=10 VGE = 15 V,Tj = 125C Vcc = 480 V, IC = 3 A, RGE = 10 , VGE = 15 V Tj = 25 C
J
ns ns ns ns
J J
ns ns ns ns
Vcc = 480 V, IC = 3 A, RGE = 10 , VGE = 15 V Tj = 125 C
J J
COLLECTOR-EMITTER DIODE ("D" VERSION)
Symbol Vf trr Qrr Irrm Parameter Forward On-Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Test Conditions If = 1.5 A If = 1.5 A, Tj = 125 C If = 3 A ,VR = 35 V, Tj =125C, di/dt = 100 A/s Min. Typ. 1.31 0.95 45 70 2.7 Max. 1.8 Unit V V ns nC A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by max. junction temperature. (**)Losses include Also the Tail (Jedec Standardization)
3/14
STGP3NB60F/STGD3NB60F/STGP3NB60FD/STGF3NB60FD/STGB3NB60FD
Output Characteristics Transfer Characteristics
Transconductance
Collector-Emitter On Voltage vs Temperature
Collector-Emitter On Voltage vs Collector Current Normalized Collector-Emitter On Voltage vs Temp.
4/14
STGP3NB60F/STGD3NB60F/STGP3NB60FD/STGF3NB60FD/STGB3NB60FD
Gate Threshold vs Temperature Normalized Breakdown Voltage vs Temperature
Capacitance Variations
Gate Charge vs Gate-Emitter Voltage
Total Switching Losses vs Gate Resistance
Total Switching Losses vs Temperature
5/14
STGP3NB60F/STGD3NB60F/STGP3NB60FD/STGF3NB60FD/STGB3NB60FD
Emitter-collector Diode Characteristics Turn-Off SOA
Thermal Impedance for TO-220 / D2PAK
Thermal Impedance for TO-220FP
Thermal Impedance for DPAK
6/14
STGP3NB60F/STGD3NB60F/STGP3NB60FD/STGF3NB60FD/STGB3NB60FD
Fig. 1: Gate Charge test Circuit Fig. 2: Test Circuit For Inductive Load Switching
7/14
STGP3NB60F/STGD3NB60F/STGP3NB60FD/STGF3NB60FD/STGB3NB60FD
TO-220 MECHANICAL DATA
mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 oP Q
8/14
STGP3NB60F/STGD3NB60F/STGP3NB60FD/STGF3NB60FD/STGB3NB60FD
TO-220FP MECHANICAL DATA
DIM. MIN. A B D E F F1 F2 G G1 H L2 L3 L4 L6 L7 O 28.6 9.8 15.9 9 3 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 30.6 10.6 16.4 9.3 3.2 1.126 0.385 0.626 0.354 0.118 mm TYP. MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
A
B
L3 L6 L7
F1
D
F
G1
E H F2
123 L2 L4
G
9/14
STGP3NB60F/STGD3NB60F/STGP3NB60FD/STGF3NB60FD/STGB3NB60FD
TO-252 (DPAK) MECHANICAL DATA
mm MIN. A A1 A2 B B2 C C2 D E G H L2 L4 V2 0.60 0o 2.20 0.90 0.03 0.64 5.20 0.45 0.48 6.00 6.40 4.40 9.35 0.8 1.00 8o 0.024 0o TYP. MAX. 2.40 1.10 0.23 0.90 5.40 0.60 0.60 6.20 6.60 4.60 10.10 MIN. 0.087 0.035 0.001 0.025 0.204 0.018 0.019 0.236 0.252 0.173 0.368 0.031 0.039 0o inch TYP. MAX. 0.094 0.043 0.009 0.035 0.213 0.024 0.024 0.244 0.260 0.181 0.398
DIM.
P032P_B
10/14
STGP3NB60F/STGD3NB60F/STGP3NB60FD/STGF3NB60FD/STGB3NB60FD
D2PAK MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 8 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch
3
11/14 1
STGP3NB60F/STGD3NB60F/STGP3NB60FD/STGF3NB60FD/STGB3NB60FD
DPAK FOOTPRINT
TUBE SHIPMENT (no suffix)*
All dimensions are in millimeters
All dimensions are in millimeters
TAPE AND REEL SHIPMENT (suffix "T4")*
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R
W
BASE QTY 2500
mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40
15.7 16.3
inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574 0.618
0.641
MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1
* on sales type
12/14
D PAK FOOTPRINT
STGP3NB60F/STGD3NB60F/STGP3NB60FD/STGF3NB60FD/STGB3NB60FD 2
TUBE SHIPMENT (no suffix)*
TAPE AND REEL SHIPMENT (suffix "T4")*
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 * on sales 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
13/14
STGP3NB60F/STGD3NB60F/STGP3NB60FD/STGF3NB60FD/STGB3NB60FD
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
14/14


▲Up To Search▲   

 
Price & Availability of STGB3NB60FD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X