Part Number Hot Search : 
FDP18N20 TB7101F RT7247A XN1113 74AC11 MSDW1042 74AC11 ZMM5235B
Product Description
Full Text Search
 

To Download STC128M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
STC128M
NPN Silicon Transistor
Features
* * * * * Low saturation medium current application Extremely low collector saturation voltage Suitable for low voltage large current drivers High DC current gain and large current capability Low on resistance : RON=0.6(Max.) (IB=1mA)
Ordering Information
Type NO. STC128M Marking C128 Package Code TO-92M
Outline Dimensions
unit :
mm
4.00.1
0.44 REF 0.52 REF
1.27 Typ. 2.540.1.
1
2
3
14.00.40 0.7 Typ. 3.00.1 3.8 Min. 0.42 Typ.
3.00.1
PIN Connections 1. Emitter 2. Collector 3. Base
KST-1003-000
1
STC128M
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-base voltage Collector current Collector dissipation Junction temperature Storage temperature
Symbol
VCBO VCEO VEBO IC PC Tj Tstg
Ratings
20 15 6.5 1 400 150 -55~150
Unit
V V V A mW C C
Electrical Characteristics
Characteristic
Collector-base breakdown voltage Collector-Emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-Emitter saturation voltage Transistor frequency Collector output capacitance On resistance
Symbol
BVCBO BVCEO BVEBO ICBO IEBO hFE VCE(sat) fT Cob RON
Test Condition
IC=50A, IE=0 IC=1mA, IB=0 IE=50A, IC=0 VCB=20V, IE=0 VEB=6V, IC=0 VCE=1V, IC=100mA IC=500mA, IB=50mA VCE=5V, IC=50mA VCB=10V, IE=0, f=1MHz f=1KHz, IB=1Ma, VIN=0.3V
Min. Typ. Max.
20 15 6.5 150 0.1 260 5 0.6 0.1 0.1 0.3 -
Unit
V V V A A V MHz pF
KST-1003-000
2
STC128M
Electrical Characteristic Curves
Fig. 1 PC -Ta Fig. 1 COb-VCB
Fig. 3 hFE-IC
Fig. 1 VCE(sat)-IC
Fig. 4 RON-IB
KST-1003-000
3


▲Up To Search▲   

 
Price & Availability of STC128M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X