Part Number Hot Search : 
TTP224 ATMEGA DNK1201M PBL3771N ILA3654Q STD5KA36 BUZ50B AA102
Product Description
Full Text Search
 

To Download STB6NC80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP6NC80Z - STP6NC80ZFP STB6NC80Z - STB6NC80Z-1
N-CHANNEL 800V - 1.5 - 5.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESHTMIII MOSFET
TYPE STP6NC80Z/FP STB6NC80Z/-1
s s
VDSS 800V 800V
RDS(on) < 1.8 < 1.8
ID 5.4 A 5.4 A
1 3
s s s
TYPICAL RDS(on) = 1.5 EXTREMELY HIGH dv/dt AND CAPABILITY GATE-TO- SOURCE ZENER DIODES 100% AVALANCHE TESTED VERY LOW GATE INPUT RESISTANCE GATE CHARGE MINIMIZED
DPAK TO-220
3 1 2
TO-220FP
12
3
DESCRIPTION The third generation of MESH OVERLAYTM Power MOSFETs for very high voltage exhibits unsurpassed on-resistance per unit area while integrating back-toback Zener diodes between gate and source. Such arrangement gives extra ESD capability with higher ruggedness performance as requested by a large variety of single-switch applications. APPLICATIONS SINGLE-ENDED SMPS IN MONITORS, COMPUTER AND INDUSTRIAL APPLICATION s WELDING EQUIPMENT
s
IPAK (Tabless TO-220)
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VDGR VGS ID ID IDM (1) PTOT IGS VESD(G-S) dv/dt VISO Tstg Tj Parameter Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Gate-source Current (q) Gate source ESD(HBM-C=100pF, R=15K) Peak Diode Recovery voltage slope Insulation Winthstand Voltage (DC) Storage Temperature Max. Operating Junction Temperature
.(*)Pulse
Value STP(B)6NC80Z(-1) 800 800 25 5.4 3.4 21 125 1 50 3 3 --65 to 150 150 2000 5.4(*) 3.4(*) 21(*) 40 0.32 STP6NC80ZFP
Unit V V V A A A W W/C mA KV V/ns V C C
(*)Pulse width limited by safe operating area
December 2002
(1)ISD 5.4A, di/dt 100A/s, VDD V(BR)DSS, Tj TJMAX width Limited by maximum temperature allowed 1/13
STP6NC80Z/FP/STP6NC80Z-1
THERMAL DATA
TO-220 / DPAK / IPAK Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose 1 30 300 TO-220FP 3.13 C/W C/W C
AVALANCHE CHARACTERISTICS
Symbol IAR EAS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 C, ID = IAR, VDD = 50 V) Max Value 5.4 237 Unit A mJ
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) OFF
Symbol V(BR)DSS BVDSS/TJ IDSS IGSS Parameter Drain-source Breakdown Voltage Breakdown Voltage Temp. Coefficient Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Test Conditions ID = 250 A, VGS = 0 ID = 1 mA, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 20V Min. 800 0.9 1 50 10 Typ. Max. Unit V V/C A A A
ON (1)
Symbol VGS(th) RDS(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance Test Conditions VDS = VGS, ID = 250A VGS = 10V, ID = 3 A Min. 3 Typ. 4 1.5 Max. 5 1.8 Unit V
DYNAMIC
Symbol gfs (1) Ciss Coss Crss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VDS > ID(on) x RDS(on)max, ID = 3A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. 7 1600 125 12 Max. Unit S pF pF pF
2/13
STP6NC80Z/FP/STP6NC80Z-1
ELECTRICAL CHARACTERISTICS (CONTINUED) SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge VDD = 640V, ID = 6A, VGS = 10V Test Conditions VDD = 400 V, ID = 3 A RG = 4.7 VGS = 10V (see test circuit, Figure 3) Min. Typ. 26 10 45 12 18 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbol tr(Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Conditions VDD = 640V, ID = 6 A, RG = 4.7, VGS = 10V (see test circuit, Figure 5) Min. Typ. 11 13 19 Max. Unit ns ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 5.4 A, VGS = 0 ISD = 6 A, di/dt = 100A/s, VDD = 50V, Tj = 150C (see test circuit, Figure 5) 850 8.1 19 Test Conditions Min. Typ. Max. 5.4 21 1.6 Unit A A V ns C A
GATE-SOURCE ZENER DIODE
Symbol BVGSO T Rz Parameter Gate-Source Breakdown Voltage Voltage Thermal Coefficient Dynamic Resistance Test Conditions Igs= 1mA (Open Drain) T=25C Note(3) ID = 50 mA, VGS = 0 Min. 25 1.3 90 Typ. Max. Unit V 10-4/C
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area. 3. VBV = T (25-T) BVGSO(25)
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components.
3/13
STP6NC80Z/FP/STP6NC80Z-1
Safe Operating Area For TO-220 /DPAK/IPAK Safe Operating Area For TO-220FP
Thermal Impedance For TO-220 /DPAK/IPAK
Thermal Impedance For TO-220FP
Output Characteristics
Transfer Characteristics
4/13
STP6NC80Z/FP/STP6NC80Z-1
Transconductance Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
Normalized Gate Threshold Voltage vs Temp.
Normalized On Resistance vs Temperature
5/13
STP6NC80Z/FP/STP6NC80Z-1
Source-drain Diode Forward Characteristics
6/13
STP6NC80Z/FP/STP6NC80Z-1
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
7/13
STP6NC80Z/FP/STP6NC80Z-1
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
A
C
D1
L2
D
F1
G1
E
Dia. L5 L7 L6 L4
P011C
L9
8/13
F2
F
G
H2
STP6NC80Z/FP/STP6NC80Z-1
TO-220FP MECHANICAL DATA
DIM. MIN. A B D E F F1 F2 G G1 H L2 L3 L4 L6 L7 O 28.6 9.8 15.9 9 3 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 30.6 10.6 16.4 9.3 3.2 1.126 0.385 0.626 0.354 0.118 mm TYP. MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
A
B
L3 L6 L7
F1
D
F
G1
E H F2
123 L2 L4
G
9/13
STP6NC80Z/FP/STP6NC80Z-1
TO-262 (I2PAK) MECHANICAL DATA
mm MIN. A A1 B B2 C C2 D e E L L1 L2 4.4 2.49 0.7 1.14 0.45 1.23 8.95 2.4 10 13.1 3.48 1.27 TYP. MAX. 4.6 2.69 0.93 1.7 0.6 1.36 9.35 2.7 10.4 13.6 3.78 1.4 MIN. 0.173 0.098 0.027 0.044 0.017 0.048 0.352 0.094 0.393 0.515 0.137 0.050 inch TYP. MAX. 0.181 0.106 0.036 0.067 0.023 0.053 0.368 0.106 0.409 0.531 0.149 0.055
DIM.
A
C2
B2
B
E
L1 L2 D L
P011P5/E
10/13
e
A1
C
STP6NC80Z/FP/STP6NC80Z-1
TO-263 (D2PAK) MECHANICAL DATA
mm MIN. A A1 B B2 C C2 D E G L L2 L3 4.4 2.49 0.7 1.14 0.45 1.21 8.95 10 4.88 15 1.27 1.4 TYP. MAX. 4.6 2.69 0.93 1.7 0.6 1.36 9.35 10.4 5.28 15.85 1.4 1.75 MIN. 0.173 0.098 0.027 0.044 0.017 0.047 0.352 0.393 0.192 0.590 0.050 0.055 inch TYP. MAX. 0.181 0.106 0.036 0.067 0.023 0.053 0.368 0.409 0.208 0.624 0.055 0.068
DIM.
D
A
C C2 DET AIL "A"
DET AIL "A" A1 B2 B
E
G
L2
L
L3
P011P6/E
A2
11/13
STP6NC80Z/FP/STP6NC80Z-1
D2PAK FOOTPRINT
TUBE SHIPMENT (no suffix)*
TAPE AND REEL SHIPMENT (suffix "T4")*
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W
12/13
BASE QTY 1000
mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1
inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574
0.35 0.0098 0.0137 0.933 0.956
* on sales type
STP6NC80Z/FP/STP6NC80Z-1
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
13/13


▲Up To Search▲   

 
Price & Availability of STB6NC80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X