Part Number Hot Search : 
474J400 NTE5536 NB3N551 NTE5643 EM61400 CEB730G BC239BTA C74VHC2
Product Description
Full Text Search
 

To Download STB6NB90 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STB6NB90
N - CHANNEL 900V - 1.7 - 5.8A - D2PAK PowerMESHTM MOSFET
PRELIMINARY DATA
TYPE STB6NB90
s s s s s s
V DSS 900 V
R DS(on) < 2.0
ID 5.8 A
TYPICAL RDS(on) = 1.7 EXTREMELY HIGH dv/dt CAPABILITY 100% AVALANCHE TESTED VERY LOW INTRINSIC CAPACITANCES GATE CHARGE MINIMIZED ADD SUFFIX "T4" FOR ORDERING IN TAPE & REEL (500 UNITS) D2PAK TO-263
DESCRIPTION Using the latest high voltage MESH OVERLAYTM process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company's proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics. APPLICATIONS HIGH CURRENT, HIGH SPEED SWITCHING s SWITCH MODE POWER SUPPLIES (SMPS) s DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE
s
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DS V DGR V GS ID ID I DM (*) P tot dv/dt(1) Tstg Tj Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at T c = 25 o C Drain Current (continuous) at T c = 100 o C Drain Current (pulsed) Total Dissipation at T c = 25 o C Derating Factor Peak Diode Recovery voltage slope Storage Temperature Max. Operating Junction Temperature Value 900 900 30 5.8 3.6 23 135 1.08 4.5 -65 to 150 150 Unit V V V A A A W W/ o C V/ns
o o
C C
(*) Limited only by maximum temperature allowed
(1) ISD 6 A, di/dt 200 A/s, VDD V(BR)DSS, Tj TJMAX
February 1999
1/5
STB6NB90
THERMAL DATA
R thj-case
Rthj-amb
R thc-sink Tl
Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature For Soldering Purpose
0.92 62.5 0.5 300
C/W oC/W o C/W o C
o
AVALANCHE CHARACTERISTICS
Symbol IAR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by T j max) Single Pulse Avalanche Energy (starting T j = 25 o C, I D = I AR , V DD = 50 V) Max Value 5.8 750 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbol V (BR)DSS I DSS IGSS Parameter Drain-source Breakdown Voltage Test Conditions I D = 250 A V GS = 0 Min. 900 1 50 100 Typ. Max. Unit V A A nA
Zero Gate Voltage V DS = Max Rating Drain Current (V GS = 0) V DS = Max Rating Gate-body Leakage Current (V DS = 0) V GS = 30 V
T c = 125 o C
ON ()
Symbol V GS(th) R DS(on) I D(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance V DS = V GS V GS = 10V Test Conditions I D = 250 A ID = 3 A 5.8 Min. 3 Typ. 4 1.7 Max. 5 2 Unit V A
On State Drain Current V DS > I D(on) x R DS(on)max V GS = 10 V
DYNAMIC
Symbol g fs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions V DS > I D(on) x R DS(on)max V DS = 25 V f = 1 MHz ID = 3 A V GS = 0 Min. 1.5 Typ. 6 1400 160 18 Max. Unit S pF pF pF
2/5
STB6NB90
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbol t d(on) tr Qg Q gs Q gd Parameter Turn-on delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions V DD = 450 V R G = 4.7 V DD = 720 V ID = 3 A VGS = 10 V ID =6 A V GS = 10 V Min. Typ. 20 15 40 10 18 55 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbol tr(Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Conditions V DD = 720 V ID =6 A R G = 4.7 V GS = 10 V Min. Typ. 15 15 25 Max. Unit ns ns ns
SOURCE DRAIN DIODE
Symbol ISD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 5.8 A V GS = 0 650 4.6 14 I SD = 6 A di/dt = 100 A/s V DD = 100 V T j = 150 o C Test Conditions Min. Typ. Max. 5.8 23 1.6 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
3/5
STB6NB90
TO-263 (D2PAK) MECHANICAL DATA
mm MIN. A A1 B B2 C C2 D E G L L2 L3 4.4 2.49 0.7 1.14 0.45 1.21 8.95 10 4.88 15 1.27 1.4 TYP. MAX. 4.6 2.69 0.93 1.7 0.6 1.36 9.35 10.4 5.28 15.85 1.4 1.75 MIN. 0.173 0.098 0.027 0.044 0.017 0.047 0.352 0.393 0.192 0.590 0.050 0.055 inch TYP. MAX. 0.181 0.106 0.036 0.067 0.023 0.053 0.368 0.409 0.208 0.624 0.055 0.068
DIM.
D
A
A2
C C2 DET AIL "A"
DET AIL "A" A1 B2 B
E
G
L2
L
L3
P011P6/E
4/5
STB6NB90
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com .
5/5


▲Up To Search▲   

 
Price & Availability of STB6NB90

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X