Part Number Hot Search : 
CT1G0 T1210 T1210 HYS64T KBU8G Z15D681 26000 045SPBF
Product Description
Full Text Search
 

To Download STB60N03L-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STB60N03L-10
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
PRELIMIRARY DATA TYPE STB60N03L-10
s s s s s s s s
V DSS 30 V
R DS(on) < 0.01
ID 60 A
s
s
TYPICAL RDS(on) = 0.0085 AVALANCHE RUGGED TECHNOLOGY 100% AVALANCHE TESTED REPETITIVE AVALANCHE DATA AT 100oC LOW GATE CHARGE HIGH CURRENT CAPABILITY 175 oC OPERATING TEMPERATURE APPLICATION ORIENTED CHARACTERIZATION THROUGH-HOLE I2PAK (TO-262) POWER PACKAGE IN TUBE (SUFFIX "-1") SURFACE-MOUNTING D2PACK (TO-263) POWER PACKAGE IN TUBE (NO SUFFIX) OR IN TAPE & REEL (SUFFIX "T4")
3 12
3 1
I2PAK TO-262
D2PAK TO-263
APPLICATIONS HIGH CURRENT, HIGH SPEED SWITCHING s SOLENOID AND RELAY DRIVERS s REGULATORS s DC-DC & DC-AC CONVERTERS s AUTOMOTIVE ENVIRONMENT (INJECTION, ABS, AIR-BAG, LAMPDRIVERS, Etc.)
s
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DS VDGR V GS ID ID I DM (*) P tot T stg Tj Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at T c = 25 C Drain Current (continuous) at T c = 100 o C Drain Current (pulsed) Total Dissipation at T c = 25 C Derating Factor Storage Temperature Max. Operating Junction Temperature
o o
Value 30 30 20 60 42 240 150 1 -65 to 175 175
Unit V V V A A A W W/ o C
o o
C C
(*) Pulse width limited by safe operating area
March 1996
1/6
STB60N03L-10
THERMAL DATA
R thj-case R thj-amb R thj-amb Tl Thermal Resistance Junction-case Thermal Resistance Junction-ambient Thermal Resistance Case-sink Maximum Lead Temperature For Soldering Purpose Max Max Typ 1 62.5 0.5 300
o o
C/W C/W o C/W o C
AVALANCHE CHARACTERISTICS
Symbol I AR E AS EAR I AR Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by T j max, < 1%) Single Pulse Avalanche Energy (starting T j = 25 o C, ID = I AR , V DD = 25 V) Repetitive Avalanche Energy (pulse width limited by T j max, < 1%) Avalanche Current, Repetitive or Not-Repetitive (T c = 100 o C, pulse width limited by T j max, < 1%) Max Value 60 600 150 42 Unit A mJ mJ A
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbol V (BR)DSS I DSS I GSS Parameter Drain-source Breakdown Voltage Test Conditions I D = 250 A VGS = 0 Min. 30 250 1000 100 Typ. Max. Unit V A A nA
Zero Gate Voltage V DS = Max Rating Drain Current (V GS = 0) V DS = Max Rating x 0.8 Gate-body Leakage Current (V DS = 0) V GS = 20 V
T c = 125 o C
ON ()
Symbol V GS(th) R DS(on) Parameter Gate Threshold Voltage V DS = VGS Static Drain-source On Resistance Test Conditions ID = 250 A T c = 100 o C T c = 25 o C T c = 100 o C 60 Min. 1 Typ. 1.7 0.0085 0.0012 Max. 2.5 0.01 0.02 0.015 0.03 Unit V A
V GS = 10 V I D = 30 A V GS = 10 V I D = 30 A V GS = 5 V I D = 30 A V GS = 5 V I D = 30 A
ID(on)
On State Drain Current V DS > I D(on) x R DS(on)max V GS = 10 V
DYNAMIC
Symbol g fs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions V DS > I D(on) x R DS(on)max V DS = 25 V f = 1 MHz I D = 30 A V GS = 0 Min. 30 Typ. 50 3500 1200 450 Max. Unit S pF pF pF
2/6
STB60N03L-10
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbol t d(on) tr (di/dt) on Qg Q gs Q gd Parameter Turn-on Time Rise Time Turn-on Current Slope Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions V DD = 15 V R G = 4.7 V DD = RG = V DD = 10 V I D = 38 A V GS = 5 V ID = V GS = V I D = 60 A V GS = 15 V 130 Min. Typ. 40 400 Max. Unit ns ns A/s nC
SWITCHING OFF
Symbol t r(Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Conditions V DD = 24 V I D = 75 A R G = 4.7 V GS = 5 V (see test circuit, figure 5) Min. Typ. 60 240 310 Max. Unit ns ns ns
SOURCE DRAIN DIODE
Symbol I SD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 60 A I SD = 75 A V DD = 0 V V GS = 0 di/dt = 10 A/s o T j = 150 C 100 0.25 5 Test Conditions Min. Typ. Max. 60 240 1.5 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
3/6
STB60N03L-10
TO-262 (I2PAK) MECHANICAL DATA
mm MIN. A A1 B B1 B2 C C2 D e E L L1 L2 4.3 2.49 0.7 1.2 1.25 0.45 1.21 9 2.44 10 13.2 3.48 1.27 TYP. MAX. 4.6 2.69 0.93 1.38 1.4 0.6 1.36 9.35 2.64 10.28 13.5 3.78 1.37 MIN. 0.169 0.098 0.027 0.047 0.049 0.017 0.047 0.354 0.096 0.393 0.519 0.137 0.050 inch TYP. MAX. 0.181 0.106 0.036 0.054 0.055 0.023 0.053 0.368 0.104 0.404 0.531 0.149 0.054
DIM.
A
C2
B2
B
E
L1 L2 D L
4/6
e
A1
C
STB60N03L-10
TO-263 (D2PAK) MECHANICAL DATA
mm MIN. A A1 B B2 C C2 D E G L L2 L3 4.3 2.49 0.7 1.25 0.45 1.21 9 10 4.88 15 1.27 1.4 TYP. MAX. 4.6 2.69 0.93 1.4 0.6 1.36 9.35 10.28 5.28 15.85 1.37 1.75 MIN. 0.169 0.098 0.027 0.049 0.017 0.047 0.354 0.393 0.192 0.590 0.050 0.055 inch TYP. MAX. 0.181 0.106 0.036 0.055 0.023 0.053 0.368 0.404 0.208 0.624 0.054 0.068
DIM.
E C2 L2
A
D L L3
B2 B G
A1 C
5/6
STB60N03L-10
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1995 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A ...
6/6


▲Up To Search▲   

 
Price & Availability of STB60N03L-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X