Part Number Hot Search : 
V130LA2 BR1008S VNQ6004 S29AL0 R2030 IP1717 FMS6418 ALO40
Product Description
Full Text Search
 

To Download STB55NE06L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STB55NE06L
N - CHANNEL ENHANCEMENT MODE " SINGLE FEATURE SIZETM " POWER MOSFET
PRELIMINARY DATA TYPE STB55NE06L
s s s s s
V DSS 60 V
R DS(on) < 0.022
ID 55A
s
TYPICAL RDS(on) = 0.018 EXCEPTIONAL dv/dt CAPABILITY 100% AVALANCHE TESTED LOW GATE CHARGE 100 oC APPLICATION ORIENTED CHARACTERIZATION FOR THROUGH-HOLE VERSION CONTACT SALES OFFICE
3 1
DESCRIPTION This Power Mosfet is the latest development of SGS-THOMSON unique "Single Feature SizeTM " strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalance characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. APPLICATIONS HIGH CURRENT, HIGH SPEED SWITCHING s SOLENOID AND RELAY DRIVERS s MOTOR CONTROL, AUDIO AMPLIFIERS s DC-DC & DC-AC CONVERTERS s AUTOMOTIVE ENVIRONMENT (INJECTION, ABS, AIR-BAG, LAMPDRIVERS, Etc. )
s
D2PAK TO-263 (suffix "T4")
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DS V DGR V GS ID ID IDM (*) P tot dv/dt T stg Tj March 1998 Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at T c = 25 C Drain Current (continuous) at T c = 100 C Drain Current (pulsed) Total Dissipation at T c = 25 o C Derating Factor Peak Diode Recovery voltage slope Storage Temperature Max. Operating Junction Temperature
o o
Value 60 60 15 55 39 220 130 0.86 7 -65 to 175 175
(1) ISD 55 A, di/dt 300 A/s, VDD V(BR)DSS, Tj TJMAX
Unit V V V A A A W W/ o C V/ns
o o
C C 1/5
(*) Pulse width limited by safe operating area
STB55NE06L
THERMAL DATA
R thj-case
Rthj-amb
R thc-sink Tl
Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature For Soldering Purpose
1.15 62.5 0.5 300
C/W oC/W o C/W o C
o
AVALANCHE CHARACTERISTICS
Symbol I AR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by T j max, < 1%) Single Pulse Avalanche Energy (starting T j = 25 o C, I D = I AR , VDD = 15 V) Max Value 55 250 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbol V (BR)DSS I DSS I GSS Parameter Drain-source Breakdown Voltage Test Conditions I D = 250 A VGS = 0 Min. 60 1 10 100 Typ. Max. Unit V A A nA
Zero Gate Voltage V DS = Max Rating Drain Current (V GS = 0) V DS = Max Rating Gate-body Leakage Current (V DS = 0) V GS = 15 V
T c =125 o C
ON ()
Symbol V GS(th) R DS(on) ID(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance V DS = VGS V GS = 5 V V GS = 10 V Test Conditions ID = 250 A I D = 27.5 A I D = 27.5 A 55 Min. 1 Typ. 1.7 0.022 0.019 Max. 2.5 0.028 0.022 Unit V A
On State Drain Current V DS > I D(on) x R DS(on)max V GS = 10 V
DYNAMIC
Symbol g fs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions V DS > I D(on) x R DS(on)max V DS = 25 V f = 1 MHz I D =27.5 A V GS = 0 Min. 20 Typ. 30 2800 375 100 3750 500 140 Max. Unit S pF pF pF
2/5
STB55NE06L
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbol t d(on) tr Qg Q gs Q gd Parameter Turn-on Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions V DD = 30 V R G =4.7 V DD = 48 V I D = 27.5 A V GS = 5 V I D = 55 A VGS = 5 V Min. Typ. 40 100 40 13 20 Max. 55 140 55 Unit ns ns nC nC nC
SWITCHING OFF
Symbol t r(Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Conditions V DD = 48 V I D = 55 A R G =4.7 V GS = 5 V Min. Typ. 25 40 65 Max. 35 55 90 Unit ns ns ns
SOURCE DRAIN DIODE
Symbol I SD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 55 A I SD = 55 A V DD = 30 V VGS = 0 di/dt = 100 A/s o T j = 150 C 65 180 5.5 Test Conditions Min. Typ. Max. 55 220 1.5 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
3/5
STB55NE06L
TO-263 (D2PAK) MECHANICAL DATA
mm MIN. A A1 B B2 C C2 D E G L L2 L3 4.3 2.49 0.7 1.25 0.45 1.21 8.95 10 4.88 15 1.27 1.4 TYP. MAX. 4.6 2.69 0.93 1.4 0.6 1.36 9.35 10.28 5.28 15.85 1.4 1.75 MIN. 0.169 0.098 0.027 0.049 0.017 0.047 0.352 0.393 0.192 0.590 0.050 0.055 inch TYP. MAX. 0.181 0.106 0.036 0.055 0.023 0.053 0.368 0.404 0.208 0.624 0.055 0.068
DIM.
E C2 L2
A
D L L3
B2 B G
A1 C
P011P6/C
4/5
STB55NE06L
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1998 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A ...
5/5


▲Up To Search▲   

 
Price & Availability of STB55NE06L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X