|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
STP3NK60Z - STP3NK60ZFP STB3NK60Z-STD3NK60Z-STD3NK60Z-1 N-CHANNEL 600V - 3.3 - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESHTMPower MOSFET TYPE STP3NK60Z STP3NK60ZFP STB3NK60Z STD3NK60Z STD3NK60Z-1 s s s s s s VDSS 600 600 600 600 600 V V V V V RDS(on) < 3.6 < 3.6 < 3.6 < 3.6 < 3.6 ID 2.4 A 2.4 A 2.4 A 2.4 A 2.4 A Pw 45 W 20 W 45 W 45 W 45 W 1 3 2 TYPICAL RDS(on) = 3.3 EXTREMELY HIGH dv/dt CAPABILITY 100% AVALANCHE TESTED GATE CHARGE MINIMIZED VERY LOW INTRINSIC CAPACITANCES VERY GOOD MANUFACTURING REPEATIBILITY TO-220 1 3 TO-220FP D2PAK 3 1 1 3 2 DPAK IPAK DESCRIPTION The SuperMESHTM series is obtained through an extreme optimization of ST's well established stripbased PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. Such series complements ST full range of high voltage MOSFETs including revolutionary MDmeshTM products. INTERNAL SCHEMATIC DIAGRAM APPLICATIONS HIGH CURRENT, HIGH SPEED SWITCHING s IDEAL FOR OFF-LINE POWER SUPPLIES, ADAPTORS AND PFC s LIGHTING s ORDERING INFORMATION SALES TYPE STP3NK60Z STP3NK60ZFP STB3NK60ZT4 STD3NK60Z-1 STD3NK60ZT4 July 2003 MARKING P3NK60Z P3NK60ZFP B3NK60Z D3NK60Z D3NK60Z PACKAGE TO-220 TO-220FP D2PAK IPAK DPAK PACKAGING TUBE TUBE TAPE & REEL TUBE TAPE & REEL 1/15 STP3NK60Z /FP - STB3NK60Z - STD3NK60Z - STD3NK60Z-1 ABSOLUTE MAXIMUM RATINGS Symbol Parameter STP3NK60Z STB3NK60Z Value STP3NK60ZFP STD3NK60Z STD3NK60Z-1 Unit VDS VDGR VGS ID ID IDM ( ) PTOT VESD(G-S) dv/dt (1) VISO Tj Tstg Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Gate source ESD(HBM-C=100pF, R=1.5K) Peak Diode Recovery voltage slope Insulation Withstand Voltage (DC) Operating Junction Temperature Storage Temperature 2.4 1.51 9.6 45 0.36 600 600 30 2.4 (*) 1.51 (*) 9.6 (*) 20 0.16 2100 4.5 2500 -55 to 150 2.4 (*) 1.51 (*) 9.6 (*) 45 0.36 V V V A A A W W/C V V/ns V C ( ) Pulse width limited by safe operating area (1) ISD 2.4 A, di/dt 200A/s, VDD V(BR)DSS, Tj TJMAX. (*) Limited only by maximum temperature allowed THERMAL DATA TO-220 D2PAK Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose 2.78 62.5 300 TO-220FP 6.25 DPAK IPAK 2.78 100 C/W C/W C AVALANCHE CHARACTERISTICS Symbol IAR EAS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 C, ID = IAR, VDD = 50 V) Max Value 2.4 150 Unit A mJ GATE-SOURCE ZENER DIODE Symbol BVGSO Parameter Gate-Source Breakdown Voltage Test Conditions Igs= 1mA (Open Drain) Min. 30 Typ. Max. Unit V PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components. 2/15 STP3NK60Z /FP - STB3NK60Z - STD3NK60Z - STD3NK60Z-1 ELECTRICAL CHARACTERISTICS (TCASE =25C UNLESS OTHERWISE SPECIFIED) ON/OFF Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on) Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Gate Threshold Voltage Static Drain-source On Resistance Test Conditions ID = 1 mA, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 20 V VDS = VGS, ID = 50 A VGS = 10 V, ID = 1.2 A 3 3.75 3.3 Min. 600 1 50 10 4.5 3.6 Typ. Max. Unit V A A A V DYNAMIC Symbol gfs (1) Ciss Coss Crss Coss eq. (3) Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Equivalent Output Capacitance Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDS = 20 V, ID = 1.2 A VDS = 25 V, f = 1 MHz, VGS = 0 Min. Typ. 1.8 311 43 8 26 Max. Unit S pF pF pF pF VGS = 0, VDS = 0 to 400 V SWITCHING ON Symbol td(on) tr Qg Qgs Qgd Test Conditions VDD = 300 V, ID = 1.5 A RG = 4.7 VGS = 10 V (Resistive Load see, Figure 3) VDD = 400 V, ID = 2.4 A, VGS = 10 V Min. Typ. 9 14 11.8 2.6 6.4 Max. Unit ns ns nC nC nC SWITCHING OFF Symbol td(off) tf tr(Voff) tf tc Parameter Turn-off Delay Time Fall Time Off-voltage Rise Time Fall Time Cross-over Time Test Conditions VDD = 480 V, ID = 3 A RG = 4.7 VGS = 10 V (Resistive Load see, Figure 3) VDD = 480 V, ID = 3 A, RG = 4.7, VGS = 10 V (Inductive Load see, Figure 5) Min. Typ. 19 14 11 14 24 Max. Unit ns ns ns ns ns SOURCE DRAIN DIODE Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 2.4 A, VGS = 0 ISD = 3 A, di/dt = 100A/s VDD = 35V, Tj = 150C (see test circuit, Figure 5) 306 948 6.2 Test Conditions Min. Typ. Max. 2.4 9.6 1.6 Unit A A V ns nC A Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area. 3. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS. 3/15 STP3NK60Z /FP - STB3NK60Z - STD3NK60Z - STD3NK60Z-1 Safe Operating Area Thermal Impedance Safe Operating Area For TO-220FP Thermal Impedance For TO-220FP Output Characteristics Transfer Characteristics 4/15 STP3NK60Z /FP - STB3NK60Z - STD3NK60Z - STD3NK60Z-1 Transconductance Static Drain-source On Resistance Gate Charge vs Gate-source Voltage Capacitance Variations Normalized Gate Threshold Voltage vs Temp. Normalized On Resistance vs Temperature 5/15 STP3NK60Z /FP - STB3NK60Z - STD3NK60Z - STD3NK60Z-1 Source-drain Diode Forward Characteristics Normalized BVDSS vs Temperature Maximum Avalanche Energy vs Temperature 6/15 STP3NK60Z /FP - STB3NK60Z - STD3NK60Z - STD3NK60Z-1 Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform Fig. 3: Switching Times Test Circuit For Resistive Load Fig. 4: Gate Charge test Circuit Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times 7/15 STP3NK60Z /FP - STB3NK60Z - STD3NK60Z - STD3NK60Z-1 TO-220 MECHANICAL DATA DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107 A C D1 L2 D F1 G1 E Dia. L5 L7 L6 L4 P011C L9 8/15 F2 F G H2 STP3NK60Z /FP - STB3NK60Z - STD3NK60Z - STD3NK60Z-1 TO-220FP MECHANICAL DATA mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409 DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O A B L3 L6 L7 F1 F D G1 H F2 L2 L5 E 123 L4 G 9/15 STP3NK60Z /FP - STB3NK60Z - STD3NK60Z - STD3NK60Z-1 D2PAK MECHANICAL DATA mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 4 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch 10/15 3 1 STP3NK60Z /FP - STB3NK60Z - STD3NK60Z - STD3NK60Z-1 TO-252 (DPAK) MECHANICAL DATA mm MIN. A A1 A2 B B2 C C2 D E G H L2 L4 V2 0.60 0 o DIM. 2.20 0.90 0.03 0.64 5.20 0.45 0.48 6.00 6.40 4.40 9.35 inch MAX. 2.40 1.10 0.23 0.90 5.40 0.60 0.60 6.20 6.60 4.60 10.10 MIN. 0.087 0.035 0.001 0.025 0.204 0.018 0.019 0.236 0.252 0.173 0.368 0.031 1.00 8 o TYP. TYP. MAX. 0.094 0.043 0.009 0.035 0.213 0.024 0.024 0.244 0.260 0.181 0.398 0.8 0.024 0 o 0.039 0o P032P_B 11/15 STP3NK60Z /FP - STB3NK60Z - STD3NK60Z - STD3NK60Z-1 TO-251 (IPAK) MECHANICAL DATA DIM. MIN. A A1 A3 B B2 B3 B5 B6 C C2 D E G H L L1 L2 0.45 0.48 6 6.4 4.4 15.9 9 0.8 0.8 0.3 0.95 0.6 0.6 6.2 6.6 4.6 16.3 9.4 1.2 1 0.017 0.019 0.236 0.252 0.173 0.626 0.354 0.031 0.031 2.2 0.9 0.7 0.64 5.2 mm TYP. MAX. 2.4 1.1 1.3 0.9 5.4 0.85 0.012 0.037 0.023 0.023 0.244 0.260 0.181 0.641 0.370 0.047 0.039 MIN. 0.086 0.035 0.027 0.025 0.204 inch TYP. MAX. 0.094 0.043 0.051 0.031 0.212 0.033 H A C C2 L2 D B3 B6 A1 L = = 3 B5 B A3 = B2 = G = E L1 1 2 = 0068771-E 12/15 STP3NK60Z /FP - STB3NK60Z - STD3NK60Z - STD3NK60Z-1 DPAK FOOTPRINT TUBE SHIPMENT (no suffix)* All dimensions are in millimeters All dimensions are in millimeters TAPE AND REEL SHIPMENT (suffix "T4")* REEL MECHANICAL DATA DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992 TAPE MECHANICAL DATA DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R W BASE QTY 2500 mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40 15.7 16.3 inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574 0.618 0.641 MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1 * on sales type 13/15 STP3NK60Z /FP - STB3NK60Z - STD3NK60Z - STD3NK60Z-1 D2PAK FOOTPRINT TUBE SHIPMENT (no suffix)* TAPE AND REEL SHIPMENT (suffix "T4")* REEL MECHANICAL DATA DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992 TAPE MECHANICAL DATA DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W 14/15 BASE QTY 1000 mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956 * on sales type STP3NK60Z /FP - STB3NK60Z - STD3NK60Z - STD3NK60Z-1 Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com 15/15 |
Price & Availability of STB3NK60Z |