Part Number Hot Search : 
2SB980 EL8302IU 68600 FAN8741G FAN8741G SMC13 MA300 95YMX6T
Product Description
Full Text Search
 

To Download STA124M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
STA124M
PNP Silicon Transistor
Features
* Suitable for low voltage large current drivers * High DC current gain and large current capability * Complementary pair with STC128M
Ordering Information
Type NO. STA124M Marking A124 Package Code TO-92M
Outline Dimensions
unit : mm
4.00.1
0.44 REF 0.52 REF
1.27 Typ. 2.540.1.
1
2
3
14.00.40 0.7 Typ. 3.00.1 3.8 Min. 0.42 Typ.
3.00.1
PIN Connections 1. Emitter 2. Collector 3. Base
KST-I005-000
1
STA124M
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-Base voltage Collector current Collector dissipation Junction temperature Storage temperature
(Ta=25C)
Symbol
VCBO VCEO VEBO IC PC Tj Tstg
Ratings
-15 -12 -6.5 -1 400 150 -55~150
Unit
V V V A mW C C
Electrical Characteristics
Characteristic
Collector-Base breakdown voltage Collector-Emitter breakdown voltage Emitter-Base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-Emitter saturation voltage Transistor frequency Collector output capacitance
(Ta=25C)
Symbol
BVCBO BVCEO BVEBO ICBO IEBO hFE VCE(sat) fT Cob
Test Condition
IC=-50A, IE=0 IC=-1mA, IB=0 IE=-50A, IC=0 VCB=-15V, IE=0 VEB=-6V, IC=0 VCE=-1V, IC=-100mA IC=-500mA, IB=-50mA VCE=-5V, IC=-50mA VCB=-10V, IE=0, f=1MHz
Min. Typ. Max.
-15 -12 -6.5 200 -0.2 260 5 -0.1 -0.1 450 -0.4 -
Unit
V V V A A V MHz pF
KST-I005-000
2
STA124M
Fig. 1 PC - Ta Fig. 2 IC - VBE
Fig. 3 hFE-IC
Fig. 4 VCE(sat)-IC
KST-I005-000
3


▲Up To Search▲   

 
Price & Availability of STA124M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X