Part Number Hot Search : 
C124GC XR2206M MN101 PDF246 C33840 C4072D Z15L102 AD8574AR
Product Description
Full Text Search
 

To Download ST16C2552 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ac
SEPTEMBER 2003
ST16C2552
2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
REV. 4.2
GENERAL DESCRIPTION
The ST16C2552 (2552) is a dual universal asynchronous receiver and transmitter (UART). The ST16C2552 is an improved version of the PC16552 UART. The 2552 provides enhanced UART functions with 16 byte FIFOs, a modem control interface, and data rates up to 4 Mbps. Onboard status registers provide the user with error indications and operational status. System interrupts and modem control features may be tailored by external software to meet specific user requirements. Indepedendent programmable baud rate generators are privded to select transmit and receive clock rates from 50 Bps to 4 Mbps. The baud rate generator can be configured for either crystal or external clock input. An internal loop-back capability allows onboard diagnostics. The 2552 provides block mode data transfers (DMA) through FIFO controls. DMA transfer monitoring is provided through the signals TXRDY# and RXRDY#. An Alternate Function Register provides the user with the ability to initialize both UARTs concurrently. The 2552 is available in the 44-PLCC package.
FEATURES
Added feature in devices with top marking "A2 YYWW" and newer:
s
5 Volt Tolerant Inputs
* Pin-to-pin and functionally compatible to National
PC16552 and Exar's XR16L2752 and XR16C2852
* 4 Mbps transmit/receive operation (64 MHz
External Clock Frequency)
* 2 Independent UART Channels
s s
Register Set Compatible to 16C550 16 byte Transmit FIFO to reduce the bandwidth requirement of the external CPU 16 byte Receive FIFO with error tags to reduce the bandwidth requirement of the external CPU 4 selectable RX FIFO Trigger Levels Fixed Transmit FIFO interrupt trigger level Full Modem Interface (CTS#, RTS#, DSR#, DTR#, RI#, CD#)
s
s s s
APPLICATIONS
* DMA operation and DMA monitoring via TXRDY#
and RXRDY# pins
* Portable Appliances * Telecommunication Network Routers * Ethernet Network Routers * Cellular Data Devices * Factory Automation and Process Controls
* UART internal register sections A & B may be
written to concurrently
* Multi-Function
output allows functions with few I/O pins even, odd, or no parity
more
package
* Programmable character lengths (5, 6, 7, 8) with * Crystal oscillator or external clock input
FIGURE 1. ST16C2552 BLOCK DIAGRAM
A2:A0 D7:D0 IOR# IOW# CS# CHSEL INTA INTB TXRDYA# TXRDYB# MFA#
(OP2A#, BAUDOUTA#, or RXRDYA#)
3.3V or 5V VCC GND UART Channel A UART Regs BRG 8-bit Data Bus Interface 16 Byte TX FIFO TX & RX 16 Byte RX FIFO RXA (or RXIRA) TXB (or TXIRB) RXB (or RXIRB) Crystal Osc/Buffer Modem Control Logic XTAL1 XTAL2 CTS#A/B, RI#A/B, CD#A/B, DSR#A/B DTR#A/B, RTS#A/B
2552BLK
TXA (or TXIRA)
UART Channel B (same as Channel A)
MFB#
(OP2B#, BAUDOUTB#, or RXRDYB#)
Reset
Exar Corporation 48720 Kato Road, Fremont CA, 94538 * (510) 668-7000 * FAX (510) 668-7017 * www.exar.com
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO FIGURE 2. PIN OUT ASSIGNMENT
ac
REV. 4.2
TXRDYA#
DSRA# 41
44
43
42
40
6
5
4
3
2
1
CTSA#
CDA#
RIA#
VCC
D4
D3
D2
D1
D0
D5 D6 D7 A0 XTAL1
7 8 9 10 11
39 38 37 36
RXA TXA DTRA# RTSA#
35 MFA#
GND 12 XTAL2 A1 13 14
ST16C2552 44-pin PLCC
34 33 32 31
INTA VCC TXRDYB# RIB#
A2 15 CHSEL 16 INTB 17 CS# 18 MFB# 19 IOW# 20 RESET 21 GND 22 RTSB# 23 IOR# 24 RXB 25 TXB 26 DTRB# 27 CTSB# 28
30 CDB# 29 DSRB#
ORDERING INFORMATION
PART NUMBER ST16C2552CJ ST16C2552IJ PACKAGE 44-Lead PLCC 44-Lead PLCC OPERATING TEMPERATURE RANGE 0C to +70C -40C to +85C DEVICE STATUS Active Active
2
ac
REV. 4.2
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
PIN DESCRIPTIONS
Pin Description
NAME 44-PLCC PIN # TYPE DESCRIPTION
DATA BUS INTERFACE A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 IOR# 15 14 10 9 8 7 6 5 4 3 2 24 I Address data lines [2:0]. These 3 address lines select one of the internal registers in UART channel A/B during a data bus transaction.
I/O
Data bus lines [7:0] (bidirectional).
I
Input/Output Read Strobe (active low). The falling edge instigates an internal read cycle and retrieves the data byte from an internal register pointed to by the address lines [A2:A0]. The data byte is placed on the data bus to allow the host processor to read it on the rising edge. Input/Output Write Strobe (active low). The falling edge instigates an internal write cycle and the rising edge transfers the data byte on the data bus to an internal register pointed by the address lines. UART chip select (active low). This function selects channel A or B in accordance with the logical state of the CHSEL pin. This allows data to be transferred between the user CPU and the 2552. Channel Select - UART channel A or B is selected by the logical state of this pin when the CS# pin is a logic 0. A logic 0 on the CHSEL selects the UART channel B while a logic 1 selects UART channel A. Normally, CHSEL could just be an address line from the user CPU such as A3. Bit-0 of the Alternate Function Register (AFR) can temporarily override CHSEL function, allowing the user to write to both channel register simultaneously with one write cycle when CS# is low. It is especially useful during the initialization routine. UART channel A Interrupt output (active high). A logic high indicates channel A is requesting for service. For more details, see Figures 16- 21. UART channel B Interrupt output (active high). A logic high indicates channel B is requesting for service. For more details, see Figures 16- 21.
IOW#
20
I
CS#
18
I
CHSEL
16
I
INTA INTB TXRDYA#
34 17 1
O O O
UART channel A Transmitter Ready (active low). The output provides the TX FIFO/THR status for transmit channel A. If it is not used, leave it unconnected.
UART channel B Transmitter Ready (active low). The output provides the TX FIFO/ THR status for transmit channel B. If it is not used, leave it unconnected.
TXRDYB#
32
O
MODEM OR SERIAL I/O INTERFACE
3
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO Pin Description
NAME MFA# 44-PLCC PIN # 35 TYPE O DESCRIPTION
ac
REV. 4.2
Multi-Function Output Channel A. This output pin can function as the OP2A#, BAUDOUTA#, or RXRDYA# pin. One of these output signal functions can be selected by the user programmable bits 1-2 of the Alternate Function Register (AFR). These signal functions are described as follows: 1) OP2A# - When OP2A# (active low) is selected, the MF# pin is a logic 0 when MCR bit-3 is set to a logic 1 (see MCR bit-3). MCR bit-3 defaults to a logic 1 condition after a reset or power-up. 2) BAUDOUTA# - When BAUDOUTA# function is selected, the 16X Baud rate clock output is available at this pin. 3) RXRDYA# - RXRDYA# (active low) is intended for monitoring DMA data transfers. See Table 2 for more details. If it is not used, leave it unconnected.
MFB#
19
O
Multi-Function Output ChannelB. This output pin can function as the OP2B#, BAUDOUTB#, or RXRDYB# pin. One of these output signal functions can be selected by the user programmable bits 1-2 of the Alternate Function Register (AFR). These signal functions are described as follows: 1) OP2B# - When OP2B# (active low) is selected, the MF# pin is a logic 0 when MCR bit-3 is set to a logic 1 (see MCR bit-3). MCR bit-3 defaults to a logic 1 condition after a reset or power-up. 2) BAUDOUTB# - When BAUDOUTB# function is selected, the 16X Baud rate clock output is available at this pin. 3) RXRDYB# - RXRDYB# (active low) is intended for monitoring DMA data transfers. See Table 2 for more details. If it is not used, leave it unconnected.
TXA RXA RTSA# CTSA# DTRA# DSRA# CDA#
38 39 36 40 37 41 42
O I O I O I I
UART channel A Transmit Data. If it is not used, leave it unconnected. UART channel A Receive Data. Normal receive data input must idle at logic 1 condition. If it is not used, tie it to VCC or pull it high via a 100k ohm resistor. UART channel A Request-to-Send (active low) or general purpose output. If it is not used, leave it unconnected. UART channel A Clear-to-Send (active low) or general purpose input. This input should be connected to VCC when not used. This input has no effect on the UART. UART channel A Data-Terminal-Ready (active low) or general purpose output. If it is not used, leave it unconnected. UART channel A Data-Set-Ready (active low) or general purpose input. This input should be connected to VCC when not used. This input has no effect on the UART. UART channel A Carrier-Detect (active low) or general purpose input. This input should be connected to VCC when not used. This input has no effect on the UART.
4
ac
REV. 4.2
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
Pin Description
NAME RIA# TXB RXB RTSB# CTSB# DTRB# DSRB# CDB# RIB# 44-PLCC PIN # 43 26 25 23 28 27 29 30 31 TYPE I O I O I O I I I DESCRIPTION UART channel A Ring-Indicator (active low) or general purpose input. This input should be connected to VCC when not used. This input has no effect on the UART. UART channel B Transmit Data. If it is not used, leave it unconnected. UART channel B Receive Data. Normal receive data input must idle at logic 1 condition. If it is not used, tie it to VCC or pull it high via a 100k ohm resistor. UART channel B Request-to-Send (active low) or general purpose output. If it is not used, leave it unconnected. UART channel B Clear-to-Send (active low) or general purpose input. This input should be connected to VCC when not used. This input has no effect on the UART. UART channel B Data-Terminal-Ready (active low) or general purpose output. If it is not used, leave it unconnected. UART channel B Data-Set-Ready (active low) or general purpose input. This input should be connected to VCC when not used. This input has no effect on the UART. UART channel B Carrier-Detect (active low) or general purpose input. This input should be connected to VCC when not used. This input has no effect on the UART. UART channel B Ring-Indicator (active low) or general purpose input. This input should be connected to VCC when not used. This input has no effect on the UART.
ANCILLARY SIGNALS XTAL1 XTAL2 RESET 11 13 21 I O I Crystal or external clock input. Crystal or buffered clock output. Reset (active high) - A longer than 40 ns logic 1 pulse on this pin will reset the internal registers and all outputs. The UART transmitter output will be held at logic 1, the receiver input will be ignored and outputs are reset during reset period (see External Reset Conditions). 3.3V to 5V power supply. All inputs are 5V tolerant for devices with top marking of "A2 YYWW" and newer. Power supply common, ground.
VCC GND
44, 33 22, 12
Pwr Pwr
Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain.
5
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO 1.0 PRODUCT DESCRIPTION
ac
REV. 4.2
The 2552 provides serial asynchronous receive data synchronization, parallel-to-serial and serial-to-parallel data conversions for both the transmitter and receiver sections. These functions are necessary for converting the serial data stream into parallel data that is required with digital data systems. Synchronization for the serial data stream is accomplished by adding start and stops bits to the transmit data to form a data character (character orientated protocol). Data integrity is ensured by attaching a parity bit to the data character. The parity bit is checked by the receiver for any transmission bit errors. The electronic circuitry to provide all these functions is fairly complex especially when manufactured on a single integrated silicon chip. The 2552 represents such an integration with greatly enhanced features. The 2552 is fabricated with an advanced CMOS process.
The 2552 is an upward solution that provides a dual UART capability with 16 bytes of transmit and receive FIFO memory, instead of none in the 16C2450. The 2552 is designed to work with high speed modems and shared network environments, that require fast data processing time. Increased performance is realized in the 2552 by the transmit and receive FIFO's. This allows the external processor to handle more networking tasks within a given time. For example, the ST16C2450 without a receive FIFO, will require unloading of the RHR in 93 microseconds (This example uses a character length of 11 bits, including start/stop bits at 115.2 Kbps). This means the external CPU will have to service the receive FIFO less than every 100 microseconds. However with the 16 byte FIFO in the 2552, the data buffer will not require unloading/loading for 1.53 ms. This increases the service interval giving the external CPU additional time for other applications and reducing the overall UART interrupt servicing time. In addition, the 4 selectable receive FIFO trigger interrupt levels is uniquely provided for maximum data throughput performance especially when operating in a multi-channel environment. The FIFO memory greatly reduces the bandwidth requirement of the external controlling CPU, increases performance, and reduces power consumption.
The 2552 is capable of operation up to 4 Mbps with a 64 MHz clock. With a crystal or external clock input of 14.7456 MHz the user can select data rates up to 921.6 Kbps. The rich feature set of the 2552 is available through internal registers. Selectable receive FIFO trigger levels, selectable TX and RX baud rates, and modem interface controls are all standard features. Following a power on reset or an external reset, the 2552 is software compatible with the 16L2752 and 16C2852.
6
ac
REV. 4.2
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
2.0 FUNCTIONAL DESCRIPTIONS 2.1 CPU Interface The CPU interface is 8 data bits wide with 3 address lines and control signals to execute data bus read and write transactions. The 2552 data interface supports the Intel compatible types of CPUs and it is compatible to the industry standard 16C550 UART. No clock (oscillator nor external clock) is required to operate a data bus transaction. Each bus cycle is asynchronous using CS#, IOR# and IOW# signals. Both UART channels share the same data bus for host operations. The data bus interconnections are shown in Figure 3. FIGURE 3. ST16C2552 DATA BUS INTERCONNECTIONS
D0 D1 D2 D3 D4 D5 D6 D7 A0 A1 A2 IOR# IOW # UART_CS# UART_CHSEL UART_INTA UART_INTB TXRDYA# (RXRDYA#) TXRDYB# (RXRDYB#) UART_RESET
D0 D1 D2 D3 D4 D5 D6 D7 A0 A1 A2 IOR# IOW# CS# CHSEL INTA INTB TXRDYA# (RXRDYA#) TXRDYB# (RXRDYB#) RESET
VCC TXA RXA DTRA# RTSA# CTSA#
VCC
UART Channel A
DSRA# CDA# RIA# (OP2A#) (BAUDOUTA#) TXB RXB UART Channel B DTRB# RTSB# CTSB# DSRB# CDB# RIB# (OP2B#) (BAUDOUTB#) GND
Serial Interface of RS-232, RS-485
Serial Interface of RS-232, RS-485
2750int Pins in parentheses become available through the MF# pin. MF# A/B becomes RXRDY# A/B when AFR[2:1] = '10'. MF# A/B becomes OP2# A/B when AFR[2:1] = '00'. MF# A/B becomes BAUDOUT# A/B when AFR[1:0] = '01'.
.
2.2
Device Reset
The RESET input resets the internal registers and the serial interface outputs in both channels to their default state (see the Table 11). An active high pulse of longer than 40 ns duration will be required to activate the reset function in the device. 2.3 Channel A and B Selection The UART provides the user with the capability to bi-directionally transfer information between an external CPU and an external serial communication device. A logic 0 on chip select pin (CS#) allows the user to select the UART and then using the channel select (CHSEL) pin, the user can select channel A or B to configure, send transmit data and/or unload receive data to/from the UART. Individual channel select functions are shown in Table 1. TABLE 1: CHANNEL A AND B SELECT
CS# 1 0 0 CHSEL X 1 0 FUNCTION UART de-selected Channel A selected Channel B selected
7
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO 2.4 Channel A and B Internal Registers
ac
REV. 4.2
Each UART channel in the 2552 has a set of enhanced registers for controlling, monitoring and data loading and unloading. The configuration register set is compatible to those already available in the standard single 16C550 and dual ST16C2550. These registers function as data holding registers (THR/RHR), interrupt status and control registers (ISR/IER), a FIFO control register (FCR), receive line status and control registers (LSR/ LCR), modem status and control registers (MSR/MCR), programmable data rate (clock) divisor registers (DLL/ DLM), and a user accessible scratchpad register (SPR). Beyond the general 16C2550 features and capabilities, the 2552 offers the Alternate Function Register which allows simultaneous writes to both channels. All the register functions are discussed in full detail later in "Section 3.0, UART INTERNAL REGISTERS" on page 15. 2.5 Simultaneous Write to Channel A and B During a write mode cycle, the setting of Alternate Function Register (AFR) bit-0 to a logic 1 will override the CHSEL selection and allows a simultaneous write to both UART channel sections. This functional capability allow the registers in both UART channels to be modified concurrently, saving individual channel initialization time. Caution should be exercised, however, when using this capability. Any in-process serial data transfer may be disrupted by changing an active channel's mode. 2.6 DMA Mode The device does not support direct memory access. The DMA Mode (a legacy term) in this document doesn't mean "direct memory access" but refers to data block transfer operation. The DMA mode affects the state of the RXRDY# A/B (MF# A/B becomes RXRDY# A/B output when AFR[2:1] = `10') and TXRDY# A/B output pins. The transmit and receive FIFO trigger levels provide additional flexibility to the user for block mode operation. The LSR bits 5-6 provide an indication when the transmitter is empty or has an empty location(s) for more data. The user can optionally operate the transmit and receive FIFO in the DMA mode (FCR bit-3=1). When the transmit and receive FIFO are enabled and the DMA mode is disabled (FCR bit-3 = 0), the 2552 is placed in single-character mode for data transmit or receive operation. When DMA mode is enabled (FCR bit-3 = 1), the user takes advantage of block mode operation by loading or unloading the FIFO in a block sequence determined by the programmed trigger level. The following table show their behavior. Also see Figures 16 through 21. TABLE 2: TXRDY# AND RXRDY# OUTPUTS IN FIFO AND DMA MODE
PINS FCR BIT-0=0 (FIFO DISABLED) FCR BIT-0=1 (FIFO ENABLED) FCR Bit-3 = 0 (DMA Mode Disabled) RXRDY# A/B 0 = 1 byte. 1 = no data. TXRDY# A/B 0 = THR empty. 1 = byte in THR. 0 = at least 1 byte in FIFO 1 = FIFO empty. 0 = FIFO empty. 1 = at least 1 byte in FIFO. FCR Bit-3 = 1 (DMA Mode Enabled) 1 to 0 transition when FIFO reaches the trigger level, or timeout occurs. 0 to 1 transition when FIFO empties. 0 = FIFO has at least 1 empty location. 1 = FIFO is full.
8
ac
REV. 4.2
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
2.7
INTA and INTB Ouputs
The INTA and INTB interrupt outputs change according to the operating mode and enahnced features setup. Tables 3 and 4 summarize the operating behavior for the transmitter and receiver. Also see Figures 16 through 21. TABLE 3: INTA AND INTB PINS OPERATION FOR TRANSMITTER
FCR BIT-0 = 0 (FIFO DISABLED) INTA/B Pin 0 = a byte in THR 1 = THR empty 0 = at least 1 byte in FIFO 1 = FIFO empty FCR BIT-0 = 1 (FIFO ENABLED)
TABLE 4: INTA AND INTB PIN OPERATION FOR RECEIVER
FCR BIT-0 = 0 (FIFO DISABLED) INTA/B Pin 0 = no data 1 = 1 byte 0 = FIFO below trigger level FCR BIT-0 = 1 (FIFO ENABLED)
1 = FIFO above trigger level
2.8
Crystal Oscillator or Ext. Clock Input
The 2552 includes an on-chip oscillator (XTAL1 and XTAL2) to produce a clock for both UART sections in the device. The CPU data bus does not require this clock for bus operation. The crystal oscillator provides a system clock to the Baud Rate Generators (BRG) section found in each of the UART. XTAL1 is the input to the oscillator or external clock buffer input with XTAL2 pin being the output. See "Programmable Baud Rate Generator" on page 10. FIGURE 4. TYPICAL OSCILLATOR CONNECTIONS
XTAL1
XTAL2 R1 0-120 (Optional)
R2 500 - 1 Y1 C1 22-47 pF C2 22-47 pF
1.8432 MHz to 24 MHz
The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant, fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100ppm frequency tolerance) connected externally between the XTAL1 and XTAL2 pins (see Figure 2), with an external 500k to 1 M resistor across it. Alternatively, an external clock can be connected to the XTAL1 pin to clock the internal baud rate generator for standard or custom rates. Typical oscillator connections are shown in Figure 4. For further reading on oscillator circuit please see application note DAN108 on EXAR's web site.
9
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO 2.9 Programmable Baud Rate Generator
ac
REV. 4.2
A single baud rate generator is provided for the transmitter and receiver, allowing independent TX/RX channel control. The programmable Baud Rate Generator is capable of operating with a crystal frequency of up to 24 MHz. However, with an external clock input on XTAL1 pin and a 2K ohms pull-up resistor on XTAL2 pin (as shown in Figure 5) it can extend its operation up to 64 MHz (4Mbps serial data rate) at room temperature and 5.0V. FIGURE 5. EXTERNAL CLOCK CONNECTION FOR EXTENDED DATA RATE
vcc gn d
E xte rn a l C lo c k
XTAL1
VCC R1 2K XTAL2
To obtain maximum data rate, it is necessary to use full rail swing on the clock input. See external clock operating frequency over power supply voltage chart in Figure 6. FIGURE 6. OPERATING FREQUENCY CHART. REQUIRES A 2K OHMS PULL-UP RESISTOR ON XTAL2 PIN TO INCREASE
OPERATING SPEED.
XTAL1 External Clock Frequency in MHz.
Operating frequency for ST16C2550 with external clock and a 2K ohms pull-up resistor on XTAL2 pin.
80 70 60 50 40 30
-40oC 25oC 85oC
3.0 3.5 4.0 4.5 5.0 5.5 Suppy Voltage
The 2552 divides the basic external clock by 16. The basic 16X clock provides table rates to support standard and custom applications using the same system design. The Baud Rate Generator divides this 16X clock by any divisor from 1 to 216 -1. The rate table is configured via the DLL and DLM internal register functions. Customized Baud Rates can be achieved by selecting the proper divisor values for the MSB and LSB sections of baud rate generator.
10
ac
REV. 4.2
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
Table 5 shows the standard data rates available with a 14.7456 MHz crystal or external clock at 16X sampling rate. When using a non-standard frequency crystal or external clock, the divisor value can be calculated for DLL/DLM with the following equation.
divisor (decimal) = (XTAL1 or External clock frequency ) / (serial data rate x 16)
TABLE 5: TYPICAL DATA RATES WITH A 14.7456 MHZ CRYSTAL OR EXTERNAL CLOCK
OUTPUT Data Rate MCR Bit-7=0 400 2400 4800 9600 19.2k 38.4k 76.8k 153.6k 230.4k 460.8k 921.6k DIVISOR FOR 16x Clock (Decimal) 2304 384 192 96 48 24 12 6 4 2 1 DIVISOR FOR 16x Clock (HEX) 900 180 C0 60 30 18 0C 06 04 02 01 DLM PROGRAM VALUE (HEX) 09 01 00 00 00 00 00 00 00 00 00 DLL PROGRAM VALUE (HEX) 00 80 C0 60 30 18 0C 06 04 02 01 DATA RATE ERROR (%) 0 0 0 0 0 0 0 0 0 0 0
2.10
Transmitter
The transmitter section comprises of an 8-bit Transmit Shift Register (TSR) and 16 bytes of FIFO which includes a byte-wide Transmit Holding Register (THR). TSR shifts out every data bit with the 16X internal clock. A bit time is 16 clock periods. The transmitter sends the start-bit followed by the number of data bits, inserts the proper parity-bit if enabled, and adds the stop-bit(s). The status of the FIFO and TSR are reported in the Line Status Register (LSR bit-5 and bit-6). 2.10.1 Transmit Holding Register (THR) - Write Only The transmit holding register is an 8-bit register providing a data interface to the host processor. The host writes transmit data byte to the THR to be converted into a serial data stream including start-bit, data bits, parity-bit and stop-bit(s). The least-significant-bit (Bit-0) becomes first data bit to go out. The THR is the input register to the transmit FIFO of 16 bytes when FIFO operation is enabled by FCR bit-0. Every time a write operation is made to the THR, the FIFO data pointer is automatically bumped to the next sequential data location. 2.10.2 Transmitter Operation in non-FIFO Mode The host loads transmit data to THR one character at a time. The THR empty flag (LSR bit-5) is set when the data byte is transferred to TSR. THR flag can generate a transmit empty interrupt (ISR bit-1) when it is enabled by IER bit-1. The TSR flag (LSR bit-6) is set when TSR becomes completely empty.
11
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ac
REV. 4.2
FIGURE 7. TRANSMITTER OPERATION IN NON-FIFO MODE
Data Byte
Transmit Holding Register (THR)
THR Interrupt (ISR bit-1) Enabled by IER bit-1
16X Clock
Transmit Shift Register (TSR)
M S B
L S B
TXNOFIFO1
2.10.3
Transmitter Operation in FIFO Mode
The host may fill the transmit FIFO with up to 16 bytes of transmit data. The THR empty flag (LSR bit-5) is set whenever the FIFO is empty. The THR empty flag can generate a transmit empty interrupt (ISR bit-1) when the transmit empty interrupt is enabled by IER bit-1. The TSR flag (LSR bit-6) is set when the FIFO and the TSR become empty.
FIGURE 8. TRANSMITTER OPERATION IN FIFO MODE
Transmit FIFO Data Byte
THR
THR Interrupt (ISR bit-1) when TX FIFO becomes empty. FIFO is enabled by FCR bit-0=1.
16X Clock
Transmit Data Shift Register (TSR)
TXFIFO1
2.11
Receiver
The receiver section contains an 8-bit Receive Shift Register (RSR) and 16 bytes of FIFO which includes a byte-wide Receive Holding Register (RHR). The RSR uses the 16X for timing. It verifies and validates every bit on the incoming character in the middle of each data bit. On the falling edge of a start or false start bit, an internal receiver counter starts counting at the 16X. After 8 clocks the start bit period should be at the center of the start bit. At this time the start bit is sampled and if it is still a logic 0 it is validated. Evaluating the start bit in this manner prevents the receiver from assembling a false character. The rest of the data bits and stop bits are sampled and validated in this same manner to prevent false framing. If there were any error(s), they are
12
ac
REV. 4.2
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
reported in the LSR register bits 2-4. Upon unloading the receive data byte from RHR, the receive FIFO pointer is bumped and the error tags are immediately updated to reflect the status of the data byte in RHR register. RHR can generate a receive data ready interrupt upon receiving a character or delay until it reaches the FIFO trigger level. Furthermore, data delivery to the host is guaranteed by a receive data ready time-out interrupt when data is not received for 4 word lengths as defined by LCR[1:0] plus 12 bits time. This is equivalent to 3.74.6 character times. The RHR interrupt is enabled by IER bit-0. 2.11.1 Receive Holding Register (RHR) - Read-Only The Receive Holding Register is an 8-bit register that holds a receive data byte from the Receive Shift Register. It provides the receive data interface to the host processor. The RHR register is part of the receive FIFO of 16 bytes by 11-bits wide, the 3 extra bits are for the 3 error tags to be reported in LSR register. When the FIFO is enabled by FCR bit-0, the RHR contains the first data character received by the FIFO. After the RHR is read, the next character byte is loaded into the RHR and the errors associated with the current data byte are immediately updated in the LSR bits 2-4. FIGURE 9. RECEIVER OPERATION IN NON-FIFO MODE
16X Clock Receive Data Shift Register (RSR) Data Bit Validation
Receive Data Characters
Receive Data Byte and Errors
Error Tags in LSR bits 4:2
Receive Data Holding Register (RHR)
RHR Interrupt (ISR bit-2)
RXFIFO1
FIGURE 10. RECEIVER OPERATION IN FIFO MODE
16X Clock Receive Data Shift Register (RSR) Data Bit Validation
Receive Data Characters
16 bytes by 11-bit wide FIFO Error Tags (16-sets)
RX FIFO
RHR Interrupt (ISR bit-2) when FIFO fills up to trigger level. FIFO is Enabled by FCR bit-0=1
Error Tags in LSR bits 4:2
Receive Data Byte and Errors
RHR
RXFI
13
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO 2.12 Internal Loopback
ac
REV. 4.2
The 2552 UART provides an internal loopback capability for system diagnostic purposes. The internal loopback mode is enabled by setting MCR register bit-4 to logic 1. All regular UART functions operate normally. Figure 11 shows how the modem port signals are re-configured. Transmit data from the transmit shift register output is internally routed to the receive shift register input allowing the system to receive the same data that it was sending. The TX pin is held at logic 1 or mark condition while RTS# and DTR# are de-asserted, and CTS#, DSR# CD# and RI# inputs are ignored. Caution: the RX input must be held to a logic 1 during loopback test else upon exiting the loopback test the UART may detect and report a false "break" signal. FIGURE 11. INTERNAL LOOP BACK IN CHANNEL A AND B
VCC Transmit Shift Register (THR/FIFO) MCR bit-4=1 Receive Shift Register (RHR/FIFO) Internal Data Bus Lines and Control Signals VCC RTSA#/RTSB# RTS# RXA/RXB TXA/TXB
Modem / General Purpose Control Logic
CTS# VCC DTR# DSR# OP1# RI# VCC OP2#
CTSA#/CTSB DTRA#/DTRB#
DSRA#/DSRB#
RIA#/RIB#
(OP2A#/OP2B#)
CD#
CDA#/CDB#
14
ac
REV. 4.2
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
3.0 UART INTERNAL REGISTERS Each of the UART channel in the 2552 has its own set of configuration registers selected by address lines A0, A1 and A2 with CS# and CHSEL selecting the channel. The registers are 16C550 compatible. The complete register set is shown in Table 6 and Table 7. TABLE 6: UART CHANNEL A AND B UART INTERNAL REGISTERS
A2,A1,A0 ADDRESSES REGISTER READ/WRITE COMMENTS
16C550 COMPATIBLE REGISTERS 0 00 RHR - Receive Holding Register THR - Transmit Holding Register DLL - Div Latch Low Byte DLM - Div Latch High Byte AFR - Alternate Function Register IER - Interrupt Enable Register ISR - Interrupt Status Register FCR - FIFO Control Register LCR - Line Control Register MCR - Modem Control Register LSR - Line Status Register Reserved MSR - Modem Status Register Reserved SPR - Scratch Pad Register Read-only Write-only Read/Write Read/Write Read/Write Read/Write Read-only Write-only Read/Write Read/Write Read-only Write-only Read-only Write-only Read/Write LCR[7] = 0
0 0 0 0 0
00 01 10 01 10
LCR[7] = 1 LCR[7] = 1 LCR[7] = 1 LCR[7] = 0 LCR[7] = 0
0 1 1
11 00 01
1
10
1
11
15
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
.
ac
REV. 4.2
TABLE 7: INTERNAL REGISTERS DESCRIPTION.
ADDRESS A2-A0 REG NAME READ/ WRITE BIT-7 BIT-6 BIT-5 BIT-4 BIT-3 BIT-2 BIT-1 BIT-0 COMMENT
16C550 Compatible Registers 000 000 001 RHR THR IER RD WR RD/WR Bit-7 Bit-7 0 Bit-6 Bit-6 0 Bit-5 Bit-5 0 Bit-4 Bit-4 0 Bit-3 Bit-3 Bit-2 Bit-2 Bit-1 Bit-1 Bit-0 Bit-0
Modem RX Line TX RX Stat. Stat. Empty Data Int. Int. Int Int. Enable Enable Enable Enable INT INT INT INT Source Source Source Source Bit-3 Bit-2 Bit-1 Bit-0 DMA Mode Enable Parity Enable TX FIFO Reset Stop Bits RX FIFO Reset FIFOs Enable
LCR[7] = 0
010
ISR
RD
FIFOs FIFOs Enabled Enabled RX FIFO RX FIFO Trigger Trigger Bit-1 Bit-0 Divisor Enable Set TX Break
0
0
010
FCR
WR
0
0
011
LCR
RD/WR
Set Parity
Even Parity
Word Word Length Length Bit-1 Bit-0
100
MCR
RD/WR
0
0
0
Internal OP2# Rsvd RTS# DTR# Loop- Output (OP1#) Output Output back Control Control Control Enable RX Break RX Framing Error Delta CD# Bit-3 RX Parity Error Delta RI# Bit-2 RX Overrun Error Delta DSR# Bit-1 RX Data Ready Delta CTS# Bit-0
101
LSR
RD
RX FIFO Global Error CD# Input Bit-7
THR & TSR Empty RI# Input Bit-6
THR Empty
110 111
MSR SPR
RD RD/WR
DSR# Input Bit-5
CTS# Input Bit-4
Baud Rate Generator Divisor 000 001 010 DLL DLM AFR RD/WR RD/WR RD/WR Bit-7 Bit-7 0 Bit-6 Bit-6 0 Bit-5 Bit-5 0 Bit-4 Bit-4 0 Bit-3 Bit-3 0 Bit-2 Bit-2
RXRDY# Select
Bit-1 Bit-1
Bit-0 Bit-0 LCR[7] = 1
Baudout# ConcurSelect rent Write
4.0 INTERNAL REGISTER DESCRIPTIONS 4.1 4.2 Receive Holding Register (RHR) - Read- Only Transmit Holding Register (THR) - Write-Only See "Receiver" on page 12. See "Transmitter" on page 11.
16
ac
REV. 4.2
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
4.3
Baud Rate Generator Divisors (DLL and DLM) - Read/Write
The Baud Rate Generator (BRG) is a 16-bit counter that generates the data rate for the transmitter. The rate is programmed through registers DLL and DLM which are only accessible when LCR bit-7 is set to `1'. See "Programmable Baud Rate Generator" on page 10. for more details. 4.4 Interrupt Enable Register (IER) - Read/Write The Interrupt Enable Register (IER) masks the interrupts from receive data ready, transmit empty, line status and modem status registers. These interrupts are reported in the Interrupt Status Register (ISR). 4.4.1 IER versus Receive FIFO Interrupt Mode Operation When the receive FIFO (FCR BIT-0 = 1) and receive interrupts (IER BIT-0 = 1) are enabled, the RHR interrupts (see ISR bits 2 and 3) status will reflect the following: A. The receive data available interrupts are issued to the host when the FIFO has reached the programmed trigger level. It will be cleared when the FIFO drops below the programmed trigger level. B. FIFO level will be reflected in the ISR register when the FIFO trigger level is reached. Both the ISR register status bit and the interrupt will be cleared when the FIFO drops below the trigger level. C. The receive data ready bit (LSR BIT-0) is set as soon as a character is transferred from the shift register to the receive FIFO. It is reset when the FIFO is empty. 4.4.2 IER versus Receive/Transmit FIFO Polled Mode Operation When FCR BIT-0 equals a logic 1 for FIFO enable; resetting IER bits 0-3 enables the ST16C2552 in the FIFO polled mode of operation. Since the receiver and transmitter have separate bits in the LSR either or both can be used in the polled mode by selecting respective transmit or receive control bit(s). A. LSR BIT-0 indicates there is data in RHR or RX FIFO. B. LSR BIT-1 indicates an overrun error has occurred and that data in the FIFO may not be valid. C. LSR BIT 2-4 provides the type of receive data errors encountered for the data byte in RHR, if any. D. LSR BIT-5 indicates transmit FIFO is empty. E. LSR BIT-6 indicates when both the transmit FIFO and TSR are empty. F. LSR BIT-7 indicates a data error in at least one character in the RX FIFO. IER[0]: RHR Interrupt Enable The receive data ready interrupt will be issued when RHR has a data character in the non-FIFO mode or when the receive FIFO has reached the programmed trigger level in the FIFO mode.
* Logic 0 = Disable the receive data ready interrupt (default). * Logic 1 = Enable the receiver data ready interrupt.
IER[1]: THR Interrupt Enable This bit enables the Transmit Ready interrupt which is issued whenever the TX FIFO becomes empty.
* Logic 0 = Disable Transmit Ready interrupt (default). * Logic 1 = Enable Transmit Ready interrupt.
IER[2]: Receive Line Status Interrupt Enable If any of the LSR register bits 1, 2, 3 or 4 is a logic 1, it will generate an interrupt to inform the host controller about the error status of the current data byte in FIFO. LSR bit-1 generates an interrupt immediately when the character has been received. LSR bits 2-4 generate an interrupt when the character with errors is read out of the FIFO.
* Logic 0 = Disable the receiver line status interrupt (default). * Logic 1 = Enable the receiver line status interrupt.
17
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO IER[3]: Modem Status Interrupt Enable
ac
REV. 4.2
* Logic 0 = Disable the modem status register interrupt (default). * Logic 1 = Enable the modem status register interrupt.
IER[7:4]: Reserved 4.5 Interrupt Status Register (ISR) - Read-Only The UART provides multiple levels of prioritized interrupts to minimize external software interaction. The Interrupt Status Register (ISR) provides the user with four interrupt status bits. Performing a read cycle on the ISR will give the user the current highest pending interrupt level to be serviced, others are queued up to be serviced next. No other interrupts are acknowledged until the pending interrupt is serviced. The Interrupt Source Table, Table 8, shows the data values (bits 0-3) for the interrupt priority levels and the interrupt sources associated with each of these interrupt levels. 4.5.1 Interrupt Generation:
* LSR is by any of the LSR bits 1, 2, 3 and 4. * RXRDY is by RX trigger level. * RXRDY Time-out is by a 4-char plus 12 bits delay timer. * TXRDY is by TX trigger level or TX FIFO empty. * MSR is by any of the MSR bits 0, 1, 2 and 3.
4.5.2 Interrupt Clearing:
* LSR interrupt is cleared by a read to the LSR register. * RXRDY interrupt is cleared by reading data until FIFO falls below the trigger level. * RXRDY Time-out interrupt is cleared by reading RHR. * TXRDY interrupt is cleared by a read to the ISR register or writing to THR. * MSR interrupt is cleared by a read to the MSR register.
]
TABLE 8: INTERRUPT SOURCE AND PRIORITY LEVEL
PRIORITY LEVEL 1 2 3 4 5 ISR REGISTER STATUS BITS BIT-3 0 1 0 0 0 0 BIT-2 1 1 1 0 0 0 BIT-1 1 0 0 1 0 0 BIT-0 0 0 0 0 0 1 LSR (Receiver Line Status Register) RXRDY (Receive Data Time-out) RXRDY (Received Data Ready) TXRDY (Transmit Ready) MSR (Modem Status Register) None (default) SOURCE OF INTERRUPT
ISR[0]: Interrupt Status
* Logic 0 = An interrupt is pending and the ISR contents may be used as a pointer to the appropriate interrupt
service routine.
* Logic 1 = No interrupt pending (default condition).
ISR[3:1]: Interrupt Status These bits indicate the source for a pending interrupt at interrupt priority levels (See Interrupt Source Table 8). ISR[5:4]: Reserved
18
ac
REV. 4.2
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ISR[7:6]: FIFO Enable Status These bits are set to a logic 0 when the FIFOs are disabled. They are set to a logic 1 when the FIFOs are enabled. 4.6 FIFO Control Register (FCR) - Write-Only This register is used to enable the FIFOs, clear the FIFOs, set the transmit/receive FIFO trigger levels, and select the DMA mode. The DMA, and FIFO modes are defined as follows: FCR[0]: TX and RX FIFO Enable
* Logic 0 = Disable the transmit and receive FIFO (default). * Logic 1 = Enable the transmit and receive FIFOs. This bit must be set to logic 1 when other FCR bits are
written or they will not be programmed. FCR[1]: RX FIFO Reset This bit is only active when FCR bit-0 is a `1'.
* Logic 0 = No receive FIFO reset (default) * Logic 1 = Reset the receive FIFO pointers and FIFO level counter logic (the receive shift register is not
cleared or altered). This bit will return to a logic 0 after resetting the FIFO. FCR[2]: TX FIFO Reset This bit is only active when FCR bit-0 is a `1'.
* Logic 0 = No transmit FIFO reset (default). * Logic 1 = Reset the transmit FIFO pointers and FIFO level counter logic (the transmit shift register is not
cleared or altered). This bit will return to a logic 0 after resetting the FIFO. FCR[3]: DMA Mode Select Controls the behavior of the TXRDY# and RXRDY# pins. See DMA operation section for details.
* Logic 0 = Normal Operation (default). * Logic 1 = DMA Mode.
FCR[5:4]: Reserved FCR[7:6]: Receive FIFO Trigger Select (logic 0 = default, RX trigger level =1) These 2 bits are used to set the trigger level for the receive FIFO. The UART will issue a receive interrupt when the number of the characters in the FIFO crosses the trigger level. Table 9 shows the complete selections. TABLE 9: TRANSMIT AND RECEIVE FIFO TRIGGER LEVEL SELECTION
FCR BIT-7 0 0 1 1 FCR BIT-6 0 1 0 1 RECEIVE TRIGGER LEVEL 1 (default) 4 8 14 COMPATIBILITY Table-A. 16C550, 16C2550, 16C2552, 16C554, 16C580 compatible.
4.7
Line Control Register (LCR) - Read/Write
The Line Control Register is used to specify the asynchronous data communication format. The word or character length, the number of stop bits, and the parity are selected by writing the appropriate bits in this register.
19
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO LCR[1:0]: TX and RX Word Length Select These two bits specify the word length to be transmitted or received.
BIT-1 0 0 1 1 BIT-0 0 1 0 1 WORD LENGTH 5 (default) 6 7 8
ac
REV. 4.2
LCR[2]: TX and RX Stop-bit Length Select The length of stop bit is specified by this bit in conjunction with the programmed word length.
BIT-2 0 1 1 WORD
LENGTH
STOP BIT LENGTH (BIT TIME(S)) 1 (default) 1-1/2 2
5,6,7,8 5 6,7,8
LCR[3]: TX and RX Parity Select Parity or no parity can be selected via this bit. The parity bit is a simple way used in communications for data integrity check. See Table 10 for parity selection summary below.
* Logic 0 = No parity. * Logic 1 = A parity bit is generated during the transmission while the receiver checks for parity error of the
data character received. LCR[4]: TX and RX Parity Select If the parity bit is enabled with LCR bit-3 set to a logic 1, LCR BIT-4 selects the even or odd parity format.
* Logic 0 = ODD Parity is generated by forcing an odd number of logic 1's in the transmitted character. The
receiver must be programmed to check the same format (default).
* Logic 1 = EVEN Parity is generated by forcing an even number of logic 1's in the transmitted character. The
receiver must be programmed to check the same format.
20
ac
REV. 4.2
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
LCR[5]: TX and RX Parity Select If the parity bit is enabled, LCR BIT-5 selects the forced parity format.
* LCR[5] = logic 0, parity is not forced (default). * LCR[5] = logic 1 and LCR[4] = logic 0, parity bit is forced to a logical 1 for the transmit and receive data. * LCR[5] = logic 1 and LCR[4] = logic 1, parity bit is forced to a logical 0 for the transmit and receive data.
TABLE 10: PARITY SELECTION
LCR BIT-5 LCR BIT-4 LCR BIT-3 X 0 0 1 1 X 0 1 0 1 0 1 1 1 1 PARITY SELECTION No parity Odd parity Even parity Force parity to mark, "1" Forced parity to space, "0"
LCR[6]: Transmit Break Enable When enabled, the Break control bit causes a break condition to be transmitted (the TX output is forced to a "space', logic 0, state). This condition remains, until disabled by setting LCR bit-6 to a logic 0.
* Logic 0 = No TX break condition (default). * Logic 1 = Forces the transmitter output (TX) to a "space", logic 0, for alerting the remote receiver of a line
break condition. LCR[7]: Baud Rate Divisors Enable Baud rate generator divisor (DLL/DLM) enable.
* Logic 0 = Data registers are selected. (default) * Logic 1 = Divisor latch registers are selected.
4.8 Modem Control Register (MCR) or General Purpose Outputs Control - Read/Write The MCR register is used for controlling the serial/modem interface signals or general purpose inputs/outputs. MCR[0]: DTR# Output The DTR# pin is a modem control output. If the modem interface is not used, this output may be used as a general purpose output.
* Logic 0 = Force DTR# output to a logic 1 (default). * Logic 1 = Force DTR# output to a logic 0.
MCR[1]: RTS# Output The RTS# pin is a modem control output. If the modem interface is not used, this output may be used as a general purpose output.
* Logic 0 = Force RTS# output to a logic 1 (default). * Logic 1 = Force RTS# output to a logic 0.
MCR[2]: OP1# Output OP1# is not available as an output pin on the 2552. But it is available for use during Internal Loopback Mode. In the Loopback Mode, this bit is used to write the state of the modem RI# interface signal.
21
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO MCR[3]: OP2# Output
ac
REV. 4.2
OP2# is available as an output pin on the 2552 when AFR[2:1] = `00'. In the Loopback Mode, MCR[3] is used to write the state of the modem CD# interface signal. Also see pin descriptions for MF# pins.
* Logic 0 = Forces OP2# output to a logic 1 (default). * Logic 1 = Forces OP2# output to a logic 0.
MCR[4]: Internal Loopback Enable
* Logic 0 = Disable loopback mode (default). * Logic 1 = Enable local loopback mode, see loopback section and Figure 11.
MCR[7:5]: Reserved 4.9 Line Status Register (LSR) - Read Only This register provides the status of data transfers between the UART and the host. LSR[0]: Receive Data Ready Indicator
* Logic 0 = No data in receive holding register or FIFO (default). * Logic 1 = Data has been received and is saved in the receive holding register or FIFO.
LSR[1]: Receiver Overrun Flag
* Logic 0 = No overrun error (default). * Logic 1 = Overrun error. A data overrun error condition occurred in the receive shift register. This happens
when additional data arrives while the FIFO is full. In this case the previous data in the receive shift register is overwritten. Note that under this condition the data byte in the receive shift register is not transferred into the FIFO, therefore the data in the FIFO is not corrupted by the error. LSR[2]: Receive Data Parity Error Tag
* Logic 0 = No parity error (default). * Logic 1 = Parity error. The receive character in RHR does not have correct parity information and is suspect.
This error is associated with the character available for reading in RHR. LSR[3]: Receive Data Framing Error Tag
* Logic 0 = No framing error (default). * Logic 1 = Framing error. The receive character did not have a valid stop bit(s). This error is associated with
the character available for reading in RHR. LSR[4]: Receive Break Tag
* Logic 0 = No break condition (default). * Logic 1 = The receiver received a break signal (RX was a logic 0 for at least one character frame time). In the
FIFO mode, only one break character is loaded into the FIFO. The break indication remains until the RX input returns to the idle condition, "mark" or logic 1. LSR[5]: Transmit Holding Register Empty Flag This bit is the Transmit Holding Register Empty indicator. This bit indicates that the transmitter is ready to accept a new character for transmission. In addition, this bit causes the UART to issue an interrupt to the host when the THR interrupt enable is set. The THR bit is set to a logic 1 when the last data byte is transferred from the transmit holding register to the transmit shift register. The bit is reset to logic 0 concurrently with the data loading to the transmit holding register by the host. In the FIFO mode this bit is set when the transmit FIFO is empty, it is cleared when the transmit FIFO contains at least 1 byte. LSR[6]: THR and TSR Empty Flag This bit is set to a logic 1 whenever the transmitter goes idle. It is set to logic 0 whenever either the THR or TSR contains a data character. In the FIFO mode this bit is set to a logic 1 whenever the transmit FIFO and transmit shift register are both empty.
22
ac
REV. 4.2
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
LSR[7]: Receive FIFO Data Error Flag
* Logic 0 = No FIFO error (default). * Logic 1 = A global indicator for the sum of all error bits in the RX FIFO. At least one parity error, framing error
or break indication is in the FIFO data. This bit clears when there is no more error(s) in the FIFO. 4.10 Modem Status Register (MSR) - Read Only This register provides the current state of the modem interface signals, or other peripheral device that the UART is connected. Lower four bits of this register are used to indicate the changed information. These bits are set to a logic 1 whenever a signal from the modem changes state. These bits may be used as general purpose inputs/outputs when they are not used with modem signals. MSR[0]: Delta CTS# Input Flag
* Logic 0 = No change on CTS# input (default). * Logic 1 = The CTS# input has changed state since the last time it was monitored. A modem status interrupt
will be generated if MSR interrupt is enabled (IER bit-3). MSR[1]: Delta DSR# Input Flag
* Logic 0 = No change on DSR# input (default). * Logic 1 = The DSR# input has changed state since the last time it was monitored. A modem status interrupt
will be generated if MSR interrupt is enabled (IER bit-3). MSR[2]: Delta RI# Input Flag
* Logic 0 = No change on RI# input (default). * Logic 1 = The RI# input has changed from a logic 0 to a logic 1, ending of the ringing signal. A modem status
interrupt will be generated if MSR interrupt is enabled (IER bit-3). MSR[3]: Delta CD# Input Flag
* Logic 0 = No change on CD# input (default). * Logic 1 = Indicates that the CD# input has changed state since the last time it was monitored. A modem
status interrupt will be generated if MSR interrupt is enabled (IER bit-3). MSR[4]: CTS Input Status Normally MSR bit-4 bit is the compliment of the CTS# input. However in the loopback mode, this bit is equivalent to the RTS# bit in the MCR register. The CTS# input may be used as a general purpose input when the modem interface is not used. MSR[5]: DSR Input Status Normally this bit is the compliment of the DSR# input. In the loopback mode, this bit is equivalent to the DTR# bit in the MCR register. The DSR# input may be used as a general purpose input when the modem interface is not used. MSR[6]: RI Input Status Normally this bit is the compliment of the RI# input. In the loopback mode this bit is equivalent to bit-2 in the MCR register. The RI# input may be used as a general purpose input when the modem interface is not used. MSR[7]: CD Input Status Normally this bit is the compliment of the CD# input. In the loopback mode this bit is equivalent to bit-3 in the MCR register. The CD# input may be used as a general purpose input when the modem interface is not used. 4.11 Scratch Pad Register (SPR) - Read/Write This is a 8-bit general purpose register for the user to store temporary data. The content of this register is preserved during sleep mode but becomes 0xFF (default) after a reset or a power off-on cycle.
23
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO 4.12 Baud Rate Generator Registers (DLL and DLM) - Read/Write
ac
REV. 4.2
The concatenation of the contents of DLM and DLL gives the 16-bit divisor value which is used to calculate the baud rate:
* Baud Rate = (Clock Frequency / 16) / Divisor
See MCR bit-7 and the baud rate table also. 4.13 Alternate Function Register (AFR) - Read/Write This register is used to select specific modes of MF# operation and to allow both UART register sets to be written concurrently. AFR[0]: Concurrent Write Mode When this bit is set, the CPU can write concurrently to the same register in both UARTs. This function is intended to reduce the dual UART initialization time. It can be used by the CPU when both channels are initialized to the same state. The external CPU can set or clear this bit by accessing either register set. When this bit is set, the channel select pin still selects the channel to be accessed during read operations. The user should ensure that LCR Bit-7 of both channels are in the same state before executing a concurrent write to the registers at address 0, 1, or 2.
* Logic 0 = No concurrent write (default). * Logic 1 = Register set A and B are written concurrently with a single external CPU I/O write operation.
AFR[2:1]: MF# Output Select These bits select a signal function for output on the MF# A/B pins. These signal function are described as: OP2#, BAUDOUT#, or RXRDY#. Only one signal function can be selected at a time.
BIT-2 0 0 1 1 BIT-1 0 1 0 1 MF# FUNCTION OP2# (default) BAUDOUT# RXRDY# Reserved
AFR[7:3]: Reserved All are initialized to logic 0.
24
ac
REV. 4.2
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO TABLE 11: UART RESET CONDITIONS FOR CHANNEL A AND B
REGISTERS RESET STATE
DLL DLM AFR RHR THR IER FCR ISR LCR MCR LSR MSR SPR
I/O SIGNALS
Bits 7-0 = 0xXX Bits 7-0 = 0xXX Bits 7-0 = 0x00 Bits 7-0 = 0xXX Bits 7-0 = 0xXX Bits 7-0 = 0x00 Bits 7-0 = 0x00 Bits 7-0 = 0x01 Bits 7-0 = 0x00 Bits 7-0 = 0x00 Bits 7-0 = 0x60 Bits 3-0 = Logic 0 Bits 7-4 = Logic levels of the inputs inverted Bits 7-0 = 0xFF
RESET STATE
TX MF# RTS# DTR# TXRDY# INT
Logic 1 Logic 1 Logic 1 Logic 1 Logic 0 Logic 0
25
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ac
REV. 4.2
ABSOLUTE MAXIMUM RATINGS
Power Supply Range Voltage at Any Pin Operating Temperature Storage Temperature Package Dissipation 7 Volts GND-0.3 V to VCC+0.3 V -40o to +85oC -65o to +150oC 500 mW
TYPICAL PACKAGE THERMAL RESISTANCE DATA (MARGIN OF ERROR: 15%)
Thermal Resistance (44-PLCC) theta-ja = 50oC/W, theta-jc = 21oC/W
ELECTRICAL CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS
UNLESS OTHERWISE NOTED: TA=0O TO 70OC (-40O TO +85OC FOR INDUSTRIAL GRADE PACKAGE), VCC IS 2.97V TO 5.5V
TOP MARKING "A2 YYWW"
AND NEWER
SYMBOL
PARAMETER
LIMITS LIMITS LIMITS LIMITS 3.3V 5.0V 3.3V 5.0V MIN MAX MIN MAX MIN MAX MIN MAX -0.3 2.4 -0.3 2.0 0.6 VCC 0.8 VCC -0.5 3.0 -0.5 2.2 0.6 VCC 0.8 VCC 0.4 0.4 2.4 2.0 10 10 5 1.2 10 10 5 3 2.0 10 10 5 1.2 10 10 5 3 0.4 2.4 -0.3 2.4 -0.3 2.0 0.6 5.5 0.8 5.5 -0.5 3.0 -0.5 2.2 0.6 5.5 0.8 5.5 0.4
UNITS CONDITIONS
VILCK VIHCK VIL VIH VOL VOL VOH VOH IIL IIH CIN ICC
Clock Input Low Level Clock Input High Level Input Low Voltage Input High Voltage Output Low Voltage Output Low Voltage Output High Voltage Output High Voltage Input Low Leakage Current Input High Leakage Current Input Pin Capacitance Power Supply Current
V V V V V V V V uA uA pF mA IOL = 6 mA IOL = 4 mA IOH = -6 mA IOH = -1 mA
26
ac
REV. 4.2
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
AC ELECTRICAL CHARACTERISTICS
TA=0O TO 70OC (-40O TO +85OC FOR INDUSTRIAL GRADE PACKAGE), VCC IS 2.97 TO 5.5V 70 PF LOAD WHERE APPLICABLE
SYMBOL PARAMETER LIMITS 3.3 MIN MAX 20 17 30 5 10 66 35 40 35 0 40 40 20 5 50 40 40 1 45 45 8 24 45 1 45 45 8 40 40 8 25 0 25 30 15 5 40 35 35 1 40 40 24 40 1 40 40 8 0 5 50 25 30 25 15 8 64 LIMITS 5.0 MIN MAX 24 MHz ns MHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns Bclk ns ns Bclk ns Bclk ns ns Bclk ns UNIT
CLK OSC TAS TAH TCS TRD TDY TRDV TDD TWR TDY TDS TDH TWDO TMOD TRSI TSSI TRRI TSI TINT TWRI TSSR TRR TWT TSRT TRST
Crystal Frequency Clock Pulse Duration External Clock Frequency Address Setup Time Address Hold Time Chip Select Width IOR# Strobe Width Read Cycle Delay Data Access Time Data Disable Time IOW# Strobe Width Write Cycle Delay Data Setup Time Data Hold Time Delay From IOW# To Output Delay To Set Interrupt From MODEM Input Delay To Reset Interrupt From IOR# Delay From Stop To Set Interrupt Delay From IOR# To Reset Interrupt Delay From Start To Interrupt Delay From Initial INT Reset To Transmit Start Delay From IOW# To Reset Interrupt Delay From Stop To Set RXRDY# Delay From IOR# To Reset RXRDY# Delay From IOW# To Set TXRDY# Delay From Center of Start To Reset TXRDY# Reset Pulse Width
27
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ac
REV. 4.2
AC ELECTRICAL CHARACTERISTICS
TA=0O TO 70OC (-40O TO +85OC FOR INDUSTRIAL GRADE PACKAGE), VCC IS 2.97 TO 5.5V 70 PF LOAD WHERE APPLICABLE
SYMBOL PARAMETER LIMITS 3.3 MIN MAX 1 216-1 LIMITS 5.0 MIN 1 MAX 216-1 Hz UNIT
N Bclk
Baud Rate Divisor Baud Clock
16X of data rate
FIGURE 12. CLOCK TIMING
CLK CLK
EXTERNAL CLOCK
OSC
FIGURE 13. MODEM INPUT/OUTPUT TIMING FOR CHANNELS A & B
IOW # Active T W DO RTS# DTR# Change of state Change of state
CD# CTS# DSR# T MOD INT
Change of state
Change of state
T MOD Active T RSI Active Active
IOR#
Active
Active
Active T MOD
RI#
Change of state
28
ac
REV. 4.2
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
FIGURE 14. DATA BUS READ TIMING
A0-A2 TAS
Valid Address TAS
Valid Address
TCS CSA#/ CSB#
TAH
TCS
TAH
TDY TRD IOR# TRD
TRDV D0-D7 Valid Data
TDD
TRDV Valid Data
TDD
RDTm
FIGURE 15. DATA BUS WRITE TIMING
A0-A2 TAS
Valid Address TAS
Valid Address
TCS CSA#/ CSB#
TAH
TCS
TAH
TDY TWR IOW# TWR
TDS D0-D7 Valid Data
TDH
TDS Valid Data
TDH
16Write
29
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO FIGURE 16. RECEIVE READY AND INTERRUPT TIMING [NON-FIFO MODE] FOR CHANNELS A & B
RX
Start Bit Stop Bit TSSR 1 Byte in RHR TSSR
ac
REV. 4.2
D0:D7
D0:D7 TSSR 1 Byte in RHR TSSR
D0:D7 TSSR 1 Byte in RHR TSSR
INT
RXRDY#
Active Data Ready TRR
Active Data Ready TRR
Active Data Ready TRR
IOR#
(Reading data out of RHR)
RXNFM
FIGURE 17. TRANSMIT READY & INTERRUPT TIMING [NON-FIFO MODE] FOR CHANNELS A & B
TX
(Unloading) IER[1] enabled Start Bit Stop Bit
D0:D7
D0:D7
D0:D7
ISR is read
ISR is read
ISR is read
INT*
TWRI TSRT TWRI TSRT TWRI TSRT
TXRDY#
TWT
TWT
TWT
IOW#
(Loading data into THR)
*INT is cleared when the ISR is read or when data is loaded into the THR.
TXNonFIFO
30
ac
REV. 4.2
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
FIGURE 18. RECEIVE READY & INTERRUPT TIMING [FIFO MODE, DMA DISABLED] FOR CHANNELS A & B
Start Bit
RX
S D0:D7 Stop Bit
S D0:D7 T
D0:D7
TSSI
S D0:D7 T
S D0:D7 T S D0:D7 T
S D0:D7 T
RX FIFO drops below RX Trigger Level
INT
TSSR
RXRDY# First Byte is Received in RX FIFO IOR#
(Reading data out of RX FIFO)
RX FIFO fills up to RX Trigger Level or RX Data Timeout
FIFO Empties
TRRI
TRR
RXINTDMA#
FIGURE 19. RECEIVE READY & INTERRUPT TIMING [FIFO MODE, DMA ENABLED] FOR CHANNELS A & B
Start Bit Stop Bit
RX
S D0:D7
S D0:D7 T
D0:D7
TSSI
S D0:D7 T
S D0:D7 T S D0:D7 T
S D0:D7 T
RX FIFO drops below RX Trigger Level
INT RX FIFO fills up to RX Trigger Level or RX Data Timeout RXRDY#
TSSR
FIFO Empties
TRRI
TRR
IOR#
(Reading data out of RX FIFO)
RXFIFODMA
31
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ac
REV. 4.2
FIGURE 20. TRANSMIT READY & INTERRUPT TIMING [FIFO MODE, DMA MODE DISABLED] FOR CHANNELS A & B
Stop Bit
TX FIFO Empty
Start Bit
Last Data Byte Transmitted S D0:D7 T S D0:D7 T T S D0:D7 T S D0:D7 T S D0:D7 T TSRT TX FIFO no longer empty
TX
(Unloading) IER[1] enabled
S D0:D7 T
ISR is read
INT*
TWRI Data in TX FIFO TSI TX FIFO Empty
TXRDY#
TWT
IOW#
(Loading data into FIFO)
*INT is cleared when the ISR is read or when there is at least one character in the FIFO.
TXDMA#
FIGURE 21. TRANSMIT READY & INTERRUPT TIMING [FIFO MODE, DMA MODE ENABLED] FOR CHANNELS A & B
TX FIFO Empty
Start Bit
Stop Bit
Last Data Byte Transmitted S D0:D7 T S D0:D7 T T S D0:D7 T S D0:D7 T S D0:D7 T
TX
(Unloading) IER[1] enabled
S D0:D7 T
ISR is read TX FIFO no longer empty
TSRT TSI
INT*
TWRI
TX FIFO Empty
TXRDY#
TX FIFO Full
At least 1 empty location in FIFO
TWT
IOW#
(Loading data into FIFO)
*INT is cleared when the ISR is read or when there is at least one character in the FIFO.
TXDMA
32
ac
REV. 4.2
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
PACKAGE DIMENSIONS (44 PIN PLCC)
4 4 L E A D P L A S T IC L E A D E D C H IP C A R R IE R (P L C C )
R e v. 1 .00
D D1 4 5 x H 2 44 4 5 x H 1 C S e a tin g P la n e A2
2
1
B1
D
D1
D3
B
D2
e
R D3 A1 A
Note: The control dimension is the millimeter column
INCHES SYMBOL A A1 A2 B B1 C D D1 D2 D3 e H1 H2 R MIN 0.165 0.090 0.020 0.013 0.026 0.008 0.685 0.650 0.590 MAX 0.180 0.120 --0.021 0.032 0.013 0.695 0.656 0.630 MILLIMETERS MIN 4.19 2.29 0.51 0.33 0.66 0.19 17.40 16.51 14.99 MAX 4.57 3.05 --0.53 0.81 0.32 17.65 16.66 16.00
0.500 typ. 0.050 BSC 0.042 0.042 0.025 0.056 0.048 0.045
12.70 typ. 1.27 BSC 1.07 1.07 0.64 1.42 1.22 1.14
33
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ac
REV. 4.2
34
ac
REV. 4.2
ST16C2552 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
Revision History
Date February 2002
Revision 4.0
Description Changed to standard style format. Text descriptions were clarified and simplified (eg. DMA operation, FIFO mode vs. Non-FIFO mode operations etc). Clarified timing diagrams. Renamed Rclk (Receive Clock) to Bclk (Baud Clock) and timing symbols. Added TAH, TCS and OSC. Minor clarifications in text descriptions. Changed A0-A7 in Figures 14 and 15 to A0-A2. Changed to single column format. Corrected A2 and A0 pin numbers in Pin Descriptions. Added Device Status to Ordering Information. Devices
with top markings of "A2 YYWW" and newer have 5V tolerant inputs. Devices with top markings of "CC YYWW" and older do not have 5V tolerant inputs.
March 2002 September 2003
4.1 4.2
NOTICE
EXAR Corporation reserves the right to make changes to the products contained in this publication in order to improve design, performance or reliability. EXAR Corporation assumes no responsibility for the use of any circuits described herein, conveys no license under any patent or other right, and makes no representation that the circuits are free of patent infringement. Charts and schedules contained here in are only for illustration purposes and may vary depending upon a user's specific application. While the information in this publication has been carefully checked; no responsibility, however, is assumed for inaccuracies. EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless EXAR Corporation receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances. Copyright 2003 EXAR Corporation Datasheet September 2003. Send your UART technical inquiry with technical details to hotline: uarttechsupport@exar.com. Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.
35


▲Up To Search▲   

 
Price & Availability of ST16C2552

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X