Part Number Hot Search : 
5KP64 6G4CXSEN 1003F 100CT LBT19101 C3346 DPS48J12 5253B
Product Description
Full Text Search
 

To Download SST4392 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N/PN/SST4391 SERIES
Linear Integrated Systems
FEATURES Replacement for Siliconix 2N/PN/SST4391, 4292, & 4393 LOW ON RESISTANCE FAST SWITCHING ABSOLUTE MAXIMUM RATINGS1 @ 25 C (unless otherwise stated) Maximum Temperatures Storage Temperature (2N) Storage Temperature (PN/SST) Junction Operating Temperature (2N) Junction Operating Temperature (PN/SST) Maximum Power Dissipation Continuous Power Dissipation (2N) Continuous Power Dissipation (PN/SST) Maximum Currents Gate Current Maximum Voltages Gate to Drain or Source (2N/PN) Gate to Drain or Source (SST) -40V -35V 50mA 1800mW 350mW -65 to 200C -55 to 150C -55 to 200C -55 to 150C
S
1
SINGLE N-CHANNEL JFET SWITCH
rDS(on) 30 tON 15ns 2N SERIES
TO-18 BOTTOM VIEW D
2 3
PN SERIES
TO-92 BOTTOM VIEW
SST SERIES
SOT-23 TOP VIEW D
1 3
G
DSG 123
S
2
G
STATIC ELECTRICAL CHARACTERISTICS @25 C (unless otherwise stated) SYM. BVGSS VGS(off) VGS(F) VDS(on) CHARACTERISTIC Gate to Source Breakdown Voltage Gate to Source Cutoff Voltage 2N/PN SST 2N/PN SST 0.7 0.25 Drain to Source On Voltage 2N PN SST 2N/SST PN -5 -5 -5 0.3 0.35 IDSS Drain to Source 2 Saturation Current Gate Leakage Current Gate Operating Current 50 50 50 -100 -1000 0.4 150 100 25 25 25 -100 -1000 75 100 5 5 5 -100 -1000 pA VGS = -20V, VDS = 0V VDG = 15V, ID = 10mA 30 60 mA VDS = 20V, VGS = 0V 0.4 TYP 4391 MIN -40 -35 -4 -4 -10 -10 1 MAX 4392 MIN -40 -35 -2 -2 -5 -5 1 MAX 4393 MIN -40 -35 -0.5 -0.5 -3 -3 1 0.4 V MAX UNIT CONDITIONS IG = -1A, VDS = 0V VDS = 20V, ID = 1nA VDS = 15V, ID = 10nA IG = 1mA, VDS = 0V VGS = 0V, ID = 3mA VGS = 0V, ID = 6mA VGS = 0V, ID = 12mA
Gate to Source Forward Voltage
IGSS IG
Linear Integrated Systems
* 4042 Clipper Court * Fremont, CA 94538 * Tel: 510 490-9160 * Fax: 510 353-0261
STATIC ELECTRICAL CHARACTERISTICS CONT. @25 C (unless otherwise stated) SYM. CHARACTERISTIC TYP 5 2N ID(off) Drain Cutoff Current PN SST rDS(on) Drain to Source On Resistance 5 5 5 5 5 5 1000 100 30 100 60 100 100
4391 MIN MAX
4392 MIN MAX 100
4393 MIN MAX 100
UNIT
CONDITIONS VDS = 20V, VGS = -5V VDS = 20V, VGS = -7V VDS = 20V, VGS = -12V
100 1000 1000 pA
VDS = 20V, VGS = -5V VDS = 20V, VGS = -7V VDS = 20V, VGS = -12V VDS = 10V, VGS = -10V VGS = 0V, ID = 1mA
DYNAMIC ELECTRICAL CHARACTERISTICS @25 C (unless otherwise stated) SYM. gfs gos rds(on) Ciss CHARACTERISTIC Forward Transconductance Output Conductance Drain to Source On Resistance 2N Input Capacitance PN SST 2N PN SST Crss Reverse Transfer Capacitance 2N PN SST 2N PN SST en Equivalent Input Noise Voltage 12 12 13 3.3 3.5 3.6 3.2 3.4 3.5 2.8 3.0 3.1 3
nV/Hz
TYP 6 25
4391 MIN MAX
4392 MIN MAX
4393 MIN MAX
UNIT mS S
CONDITIONS VDS = 20V, ID = 1mA f = 1kHz VGS = 0V, ID = 0A f = 1kHz VDS = 20V, VGS = 0V f = 1MHz
30 14 16
60 14 16
100 14 16 3.5 5
VDS = 0V, VGS = -5V f = 1MHz pF VDS = 0V, VGS = -7V f = 1MHz
3.5 5 3.5 5
VDS = 0V, VGS = -12V f = 1MHz VDS = 10V, ID = 10mA f = 1kHz
SWITCHING ELECTRICAL CHARACTERISTICS @25 C (unless otherwise stated) SYM. td(on) Turn On Time tr td(off) Turn Off Time tf CHARACTERISTIC 2N/PN SST 2N/PN SST 2N/PN SST 2N/PN SST TYP 2 2 2 2 6 6 13 13 15 20 30 20 35 50 5 5 5 ns VDD = 10V, VGS(H) = 0V 4391 MIN MAX 15 4392 MIN MAX 15 4393 MIN MAX 15 UNIT CONDITIONS
Linear Integrated Systems
* 4042 Clipper Court * Fremont, CA 94538 * Tel: 510 490-9160 * Fax: 510 353-0261
SWITCHING CIRCUIT CHARACTERISTICS SYM. VGS(L) RL ID(on) 4391 -12V 800 12mA 4392 -7V 1600 6mA 4393 -5V 3200 3mA
SWITCHING TEST CIRCUIT
VDD
VGS(H)
RL OUT
VGS(L)
1k
51
51
TO-18
Three Lead
0.195 DIA. 0.175 0.030 MAX. 0.230 DIA. 0.209 0.150 0.115
0.170 0.195 0.175 0.195
TO-92
0.130 0.155 0.045 0.060
0.89 1.03
SOT-23
1
1.78 2.05 0.37 0.51
LS XXX YYWW
3 2
1.20 1.40 2.10 2.64 0.085 0.180
2.80 3.04
3 LEADS
0.019 DIA. 0.016 0.100
0.500 MIN.
0.016 0.022 0.500 0.610 0.014 0.020
0.89 1.12
0.050
2
1 2 3
0.013 0.100
0.55 DIMENSIONS IN MILLIMETERS
1
3
0.095 0.105 0.045 0.055 DIMENSIONS IN INCHES.
45 0.046 0.036 0.048 0.028
NOTES
1.
2.
Absolute maximum ratings are limiting values above which serviceability may be impaired. Pulse test: PW 300s, Duty Cycle 3%
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
Linear Integrated Systems
* 4042 Clipper Court * Fremont, CA 94538 * Tel: 510 490-9160 * Fax: 510 353-0261


▲Up To Search▲   

 
Price & Availability of SST4392

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X