Part Number Hot Search : 
0505S STTA5012 043045 2SC43 TFS150C DS99144 MM1522 89C516RD
Product Description
Full Text Search
 

To Download SST4391 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-Channel JFET Switch
CORPORATION
2N4391 - 2N4393 / PN4391 - PN4393 / SST4391 - SST4393
FEATURES ABSOLUTE MAXIMUM RATINGS (TA = 25oC unless otherwise noted) Gate-Source or Gate-Drain Voltage . . . . . . . . . . . . . . . . -40V Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA Storage Temperature Range . . . . . . . . . . . . . -65oC to +200oC Operating Temperature Range . . . . . . . . . . . -55oC to +200oC Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300oC TO-18 TO-92 SOT-23 Power Dissipation 1.8W 360mW 350mW Derate above 25oC 10mW/ oC 3.3mW/ oC 2.8mW/ oC Plastic Storage. . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +150oC Operating . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +135oC
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
G,C D S S DG DS G
* rds(on)<300 Ohms (2N4391) * ID(OFF)<100pA * Switches 10VAC With 15V Supplies (4392, 4393)
PIN CONFIGURATION
TO - 92
TO-18 TO-92
ORDERING INFORMATION Part Package Hermetic TO-18 Plastic TO-92 Plastic SOT-23 Sorted Chips in Carriers Temperature Range -55oC to +200oC -55oC to +135oC -55oC to +135oC -55oC to +200oC 2N4391/93 PN4391/93 SST4391/93 X2N4391/93
5001
G
SOT-23
D S
PRODUCT MARKING (SOT-23) SST4391 SST4392 SST4393 N01 N02 N03
CORPORATION
2N4391 - 2N4393 / PN4391 - PN4393 SST4391 - SST4393
ELECTRICAL CHARACTERISTICS (TA = 25oC unless otherwise specified)
SYMBOL PARAMETER 4391 -100 IGSS BVGSS Gate Reverse Current -200 Gate-Source Breakdown Voltage -40 100 ID(off) Drain Cutoff Current 200 VGS(f) VGS(off) IDSS VDS(on) rDS(on) rds(on) Ciss Gate-Source Forward Voltage Gate-Source Cutoff Voltage Saturation Drain Current (Note 1) Drain-Source ON Voltage Static Drain-Source ON Resistance Drain-Source ON Resistance Common-Source Input Capacitance (Note 2) Common-Source Reverse Transfer Capacitance (Note 2) 3.5 td tr toff tf Turn-ON Delay Time (Note 2) Rise Time (Note 2) Turn-OFF Delay Time (Note 2) Fall Time (Note 2) 15 5 20 15 15 5 35 20 15 5 50 30 ns -4 50 1 -10 150 0.4 30 30 14 -2 25 200 1 -5 75 0.4 60 60 14 -0.5 5 200 1 V -3 30 0.4 100 100 14 3.5 Crss 3.5 pF VDS = 0 mA V nA -40 100 -200 -40 100 -200 nA V pA VDS = 20V IG = -1A, VDS = 0 VGS = -5V (4393) VGS = -7V (4392) VGS = -12V (4391) TA = 150 oC IG = 1mA, VDS = 0 VDS = 20V, ID = 1nA VDS = 20V, VGS = 0 VGS = 0 ID = 3mA (4393) ID = 6mA (4392) ID = 12mA (4391) 4392 -100 4393 -100 MIN MAX MIN MAX MIN MAX UNITS pA VGS = -20V, VDS = 0 TA = 150 oC TEST CONDITIONS
VGS = 0, I D = 1mA VGS = 0, I D = 0 VDS = 20V, VGS = 0 VGS = -5V VGS = -7V VGS = -12V VDD = 10V, VGS(on) = 0 4391 4392 4393 ID(on) 12mA 6 3 VGS(off) -12V -7 -5 f = 1MHz f = 1kHz
NOTES: 1. Pulse test required, pulse width = 300s, duty cycle 3%. 2. For design reference only, not 100% tested.
SWITCHING TIMES TEST CIRCUIT
RL D PULSE IN 1 k VIN SCOPE 51 RL =
51 VDD
1000pF 51 VOUT 9.6 ID(ON) - 51
0010


▲Up To Search▲   

 
Price & Availability of SST4391

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X