Part Number Hot Search : 
SY89845U KRA309 0XS18D7 AD2S93 74HC42 4G102G1G OPF391A AN6337S
Product Description
Full Text Search
 

To Download PAC470R4GQR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CALIFORNIA MICRO DEVICES
PACR4G
High Performance Bus Termination Network
Features
* Designed especially for High Performance computers/servers * Provides high speed bus termination * Reduces ground bounce with ground pin placement / Ultra low crosstalk * Terminates 20 lines in a QSOP package
Applications
* High Performance servers * High Performance desk top systems * GTL, NTL, ECL terminator
Product Description
High speed microprocessors demand unique, high speed bus termination. The PACR4G Termination Network provides 20 terminations per package and meets the requirements for high speed terminations. This Termination Network provides high performance, high reliability, and low cost through manufacturing efficiency. The termination resistor elements are fabricated using state-of-the-art thin film manufacturing. This integrated solution is silicon-based and has the same reliability characteristics as any of today's microprocessor products. The thin film resistors have very high stability over temperature, over applied voltage and over life. In addition the QSOP industry standard packaging is easy to handle in manufacturing and yields a high reliability similar to other semiconductor components.
S TA N D A R D S P E C I F I C AT I O N S
Absolute Tolerance (R) Operating Temperature Range Power Rating/Resistor Storage Temperature Package Power Rating Crosstalk 1% 0C to 70C 100mW -65C to 150C 1.00w, Max <2% typical
R 24 23 R
SCHEMATIC CONFIGURATION
22 R 21 20 19 R R 18 17 16 15 R R R 14 R 13 R
R
R
R
R
R
R
R
R
R
R
S TA N D A R D VA L U E S
R (W) 47 50 56 68 90 Code 470 500 560 680 900
1
2
3
4
5
6
7
8
9
10
11 12
S TA N D A R D PA R T O R D E R I N G I N F O R M AT I O N
Package R Code 470 500 560 680 900 Pins 24 24 24 24 24 Style QSOP QSOP QSOP QSOP QSOP Ordering Part Number Tubes PAC470R4GQ/T PAC500R4GQ/T PAC560R4GQ/T PAC680R4GQ/T PAC680R4GQ/T Tape & Reel PAC470R4GQ/R PAC500R4GQ/R PAC560R4GQ/R PAC680R4GQ/R PAC680R4GQ/R Part Marking PAC470R4GQ PAC500R4GQ PAC560R4GQ PAC680R4GQ PAC680R4GQ
C0970500
(c) 2000 California Micro Devices Corp. All rights reserved. 7/18/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
CALIFORNIA MICRO DEVICES
Signal at Termination and Victim Line (TA = 25OC) (See Test Circuit)
PACR4G
Channel 1 (500mV/division) Termination Signal, Channel 2 (50mV/division) Victim Voltage. The victim voltage crosstalk measures 35mV in the critical areas around the system clock. The system clock occurs approximately 4ns before each data transition. The horizontal dashed lines are 35mV apart. The time scale is 5.0ns/division. (The signal voltage rise and fall times have been adjusted at the driver to conform to Intel specifications.) Measurements made using Tektronix TDS820 6 GHz Digitizing Oscilloscope with P6207 FET Probes.
15mV Cha 500mV/De 15mV
Cha 250mV/De
Test Circuit Block Diagram
(c)2000 California Micro Devices Corp. All rights reserved.
2
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
7/18/2000
CALIFORNIA MICRO DEVICES
Test Circuit
TP1 TP1 PB1 GND JP1 1 2 3 4 5 6 7 8
POWER
PACR4G
GND VCC_5 GND VCC_3 GND VCC_1.5 GND GND
VCC_3
W1 SMA PULSE_GEN
2 4 6 8 11 13 15 17
U2 1A1 1A2 1A3 1A4 2A1 2A2 2A3 2A4 1G 2G 74FCT244
GND
VCC_5 VCC_1.5
BUFFER1 GND GND RIN1 100 RIN2 100 GND
1Y1 1Y2 1Y3 1Y4 2Y1 2Y2 2Y3 2Y4
18 16 14 12 9 7 5 3
BUFFER1
GATE1 GATE2 GATE3 GATE4
1 19
TP4 PB4
TP4
GND
GND
VCC_5
C17
GND U1 VCC_5 VCC_1.5 C8 0.1uF 1 2 3 5 6 7 8 9 10 12 13 14 15 16 17
19 20 21 22 23 24
0.1uF /CEAB CLKAB B1
B2 B3 B4 B5 B6
GND
GND GND
/OEAB LEAB A1
A2 A3 VCC_3 A4 A5 A6
56 55 54 52 51 49 48 47 45 44 43 42 41 40
38 37 36 35 34 33 GTL1 GTL2 GTL3
GND
VCC_1.5
R3 1K
GND
R1
VCC_3
GATE1
VREF
56
GND
R4 2K GND
C9 0.1uF
GATE2
C24 1000pF
C25 0.1uF
GATE3
A7 A8 A9 A10 A11 A12 A13 A14 A15 VCC_3 A16 A17
CLKIN /OEBA LEBA
B7 B8 B9 B10 B11 B12 B13 B14 B15 VREF B16 B17
CLKOUT CLKBA /CEBA
GTL4 GTL5 GTL6 GTL7 GTL8 GTL9 GTL10 GTL11 GTL_TEST VREF VICTIM
C15 1000pF
C16 0.1uF
GND
GND
GATE4 GND VCC_3
VCC_3 GND C10 0.1uF
GND
26 27 28
31 30 29
C13 1000pF
C14 0.1uF
VCC_5
GND C11 0.1uF
74GTL16616
VCC_5 GND GND
GND
GND
C12 0.1uF
GND
TP5 PB5 VICTIM
VCC_1.5
GND
U3
R2
GTL1
VTT GTL2 GTL3 GTL3 VTT GTL4 GTL4 VTT GTL2 GTL6
56 C18 1000pF C19 0.1uF
GND
1 2 3 4 5 6 7 8 9 10 11 12
R R G R R R G R R G R R PRN331B
R R G R R G R R R G R R
24 23 22 21 20 19 18 17 16 15 14 13
GTL11 GTL11 VTT GTL7 GTL9
VTT
GTL9 GTL8 GTL8 VTT GTL7 GTL6
VCC_1.5
C20 1000pF
C21 0.1uF
TP3 PB3 GND
C22 1000pF
C23 0.1uF
TP3 GND
GND
(c) 2000 California Micro Devices Corp. All rights reserved. 7/18/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
3


▲Up To Search▲   

 
Price & Availability of PAC470R4GQR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X