Part Number Hot Search : 
LD2X10 AP04N SXX18 LZA2B SA211 SA211 PC1602 PBSS41
Product Description
Full Text Search
 

To Download PAC470GQR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CALIFORNIA MICRO DEVICES
PACRG
P/Active High Performance GTL/ECL Local Termination Network
Features
* Designed especially for Pentium Pro and RISCbased computers/servers * Provides high speed bus termination * Reduces ground bounce with center ground pin placement * Terminates 22 lines in a QSOP package * Saves board space and reduces assembly cost Product Description CAMD's P/Active RG GTL+ Local Bus Terminator is ideal for Pentium Pro and related high speed bus termination applications where a resistor approach is deemed suitable. This device also meets the high-speed bus termination demands of microprocessors like Motorola's PowerPC, DEC's Alpha, Sun's SPARC, and SGI's MIPs processor, as well as other high performance RISC processors for embedded control applications. The PACRG offers 22 terminations per package and meets all related Intel specifications for Pentium Pro termination requirements. Four popular values are available for a variety of bus termination applications and line impedance requirements: 47, 50, 56 and 68 ohms. The P/Active RG Termination Networks provide high performance, high reliability, and low cost through manufacturing efficiency. The termination resistor elements are fabricated using proprietary state-of-the-art thin film technology. CAMD's highly integrated solution is siliconbased and has the same enhanced reliability characteristics as today's microprocessor products. The thin film resistors have very high stability over a wide temperature range, over applied voltage, and over life. In addition, the QSOP industry standard packaging is manufacturingfriendly and yields the high reliability of other semiconductor components. The P/Active RG Pentium Pro Termination Network provides a complete 300 point termination solution in only 14 QSOP packages.
Refer to AP-201 Termination Application Note and AP-203 GTL+ Termination Application Note for further information.
Applications
* Pentium Pro servers * Pentium Pro desk top systems * GTL, ECL terminator for embedded processor busses
S TA N D A R D S P E C I F I C AT I O N S
Absolute Tolerance (R) Operating Temperature Range Power Rating/Resistor Storage Temperature Package Power Rating 5% 0C to 70C 100mW -65C to 150C 1.00w, Max
RT 24 23 RT 22
PIN DIAGRAM
21 20 19 18 17 16 15 14 13
S TA N D A R D VA L U E S
R () 47 50 56 68 Code 470 500 560 680
1 2 3 4 5 6 7 8 9 10 11 12
S TA N D A R D PA R T O R D E R I N G I N F O R M AT I O N
Package R Code 470(1%) 500(1%) 560(1%) 680(1%) Pins 24 24 24 24 Style QSOP QSOP QSOP QSOP Ordering Part Number Tubes PAC470RGQ/T PAC500RGQ/T PAC560RGQ/T PAC680RGQ/T Tape & Reel PAC470RGQ/R PAC500RGQ/R PAC560RGQ/R PAC680RGQ/R Part Marking PAC470RGQ PAC500RGQ PAC560RGQ PAC680RGQ
+'"
(c) 2000 California Micro Devices Corp. All rights reserved. 8/10/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
CALIFORNIA MICRO DEVICES
Signal at Termination and Victim Line (TA=25OC) (See Test Circuit)
PACRG
Channel 1 (500mV/division) Termination Signal, Channel 2 (250mV/division) Victim Voltage. The victim voltage crosstalk measures 65mV in the critical areas around the system clock. The system clock occurs approximately 4ns before each data transition. The horizontal dashed lines are 65mV apart. The time scale is 5.0ns/division. The signal voltage rise and fall times have been adjusted at the driver to conform to Intel specifications.) Measurements made using Tektronix TDS820 6 GHz Digitizing Oscilloscope with P6207 FET Probes.
Cha 500mV/De
Cha 250mV/De
Test Circuit Block Diagram
(c)2000 California Micro Devices Corp. All rights reserved.
2
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
8/10/2000
CALIFORNIA MICRO DEVICES
PACRG
Test Circuit
TP1 TP1
PB1 GND
JP1 1 2 3 4 5 6 7 8 POWER
GND GND VCC_5 GND VCC_3 GND VCC_1.5 GND GND VCC_5 W1 SMA PULSE_GEN 2 4 6 8 11 13 15 17 1 19 U2 1A1 1A2 1A3 1A4 2A1 2A2 2A3 2A4 1G 2G 74FCT244 GND GND 1Y1 1Y2 1Y3 1Y4 2Y1 2Y2 2Y3 2Y4 18 16 14 12 9 7 5 3 BUFFER1
VCC_3
VCC_1.5
BUFFER1 GND RIN1 100 RIN2 100 GND
GATE1 GATE2 GATE3 GATE4
TP4 PB4
TP4
GND
VCC_5
C17
GND
U1
VCC_5 1 2 3 5 6 7 8 9 10 12 13 14 15 16 17 19 20 21 22 23 24 26 27 28 /OEAB LEAB A1 /CEAB CLKAB B1 56 55 54 52 51 49 48 47 45 44 43 42 41 40 38 37 36 35 34 33 31 30 29
0.1uF
GND VCC_1.5 GND
VCC_1.5
C8 0.1uF
GND GND GND VCC_3
R3 1K
GATE1
VREF
GND
C9 0.1uF
A2 A3 VCC_3 A4 A5 A6
A7 A8 A9 A10 A11 A12 A13 A14 A15 VCC_3 A16 A17 CLKIN /OEBA LEBA 74GTL16616
B2 B3 B4 B5 B6
B7 B8 B9 B10 B11 B12 B13 B14 B15 VREF B16 B17 CLKOUT CLKBA /CEBA
R1 GTL1 GTL2 GTL3
GTL4 GTL5 GTL6 GTL7 GTL8 GTL9 GTL10 GTL11 GTL_TEST VREF VICTIM
56
C15 1000pF C16 0.1uF
GATE2
C24 1000pF
C25 0.1uF
R4 2K
GND
GATE3
GND
GND GND VCC_3 VCC_3
GATE4
GND C10 0.1uF GND
C13 1000pF
C14 0.1uF
VCC_5 GND C11 0.1uF GND
VCC_5
GND
GND
GND
C12 0.1uF
GND
TP5 PB5 VICTIM
VCC_1.5
GND
U3
R2 GTL1 1 2 3 4 5 6 7 8 9 10 11 12 R R R R R G R R R R R R PRN331A TP3 PB3 TP3 R R R R R G R R R R R R 24 23 22 21 20 19 18 17 16 15 14 13 GTL11 GTL11 GTL10 GTL10 GTL9
56 C18 1000pF C19 0.1uF
GTL2 GTL2 GTL3 VTT
GTL3 GTL4 GTL4 GTL5 GTL5 GTL6
VTT
GTL9 GTL8 GTL8 GTL7 GTL7 GTL6
VCC_1.5
GND
C20 1000pF
C21 0.1uF
C22 1000pF
C23 0.1uF
GND
GND
GND
(c) 2000 California Micro Devices Corp. All rights reserved. 8/10/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
3


▲Up To Search▲   

 
Price & Availability of PAC470GQR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X