Part Number Hot Search : 
MAX528 M52358VP SD1434 BDV65A ZMM5241 NF03L ISL6840 FTS2015
Product Description
Full Text Search
 

To Download PAC470FRPIQ24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CALIFORNIA MICRO DEVICES
PACRPI
P/ActiveTM 1% Tolerance Precision Isolated Series Termination Network
Features
* Highly integrated series termination network * 1% absolute tolerance terminations * Ultra-low cross talk * 11 terminating lines/package * Saves board space and improves system reliability * Reduces assembly cost and rework
Applications
* PC Desktop and PC-based Server systems * Engineering Workstations * Embedded RISC processor systems * Series Termination
Product Description
The PACTMRPI series terminator network offers high performance, high reliability, and low cost through manufacturing efficiency. The resistor termination elements are fabricated using state-of-the-art thin film manufacturing. The resistor elements are specified at 1% tolerance for the most demanding termination requirements. This integrated solution is silicon-based and has the same reliability characteristics as any of today's microprocessor products. The thin film resistors have excellent stability over temperature, applied voltage, and product life. In addition, the QSOP industry standard packaging is easy to handle in manufacturing and provides interconnect reliability on par with other common semiconductor components.
PIN DIAGRAM
24 R1 23 R 22 R 21 R 20 R 19 18 R 17 R 16 R 15 R 14 R 13 R
1
2
3
4
5
6
7
8
9
10
11
12
Faraday Shield
S TA N D A R D PA R T O R D E R I N G I N F O R M AT I O N
Package R Code 220 330 470 510 560 680 Pins 24 24 24 24 24 24 Style QSOP QSOP QSOP QSOP QSOP QSOP Tubes PAC220FRPIQ24/T PAC330FRPIQ24/T PAC470FRPIQ24/T PAC510FRPIQ24/T PAC560FRPIQ24/T PAC680FRPIQ24/T Ordering Part Number Tape & Reel PAC220FRPIQ24/R PAC330FRPIQ24/R PAC470FRPIQ24/R PAC510FRPIQ24/R PAC560FRPIQ24/R PAC680FRPIQ24/R Part Marking PAC220FRPIQ24 PAC330FRPIQ24 PAC470FRPIQ24 PAC510FRPIQ24 PAC560FRPIQ24 PAC680FRPIQ24
P/ActiveTM and PACTM are trademarks of California Micro Devices. 1 California Micro Devices manufactures products covered by one or more of U.S. Pat. Nos. 5,355,014, 5,370,766, and 5,514,612, 5,706,163, and other pending applications.
(c) 2000 California Micro Devices Corp. All rights reserved. 8/16/2000
C1390800
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
CALIFORNIA MICRO DEVICES
PACRPI
S TA N D A R D VA L U E S
R () Isolated 22 33 47 51 56 68 R Code 220 330 470 510 560 680
S TA N D A R D S P E C I F I C AT I O N S
Absolute Tolerance (0C to 70C) 1% Operating Temperature Range 0C to 70C Crosstalk Victim Voltage (see test circuit) 2% (Typical) Power Rating/Resistor 100mW Minimum Insulation Resistance 10,000M
Typical Frequency Response Characteristics (QSOP Package, TA = 25OC)
47
Ressistance vs. Frequency
Impedance vs. Frequency Impedance is measured using an HP4291A S-Parameters are measured using an HP8753C
(c)2000 California Micro Devices Corp. All rights reserved.
2
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
8/16/2000
CALIFORNIA MICRO DEVICES
Crosstalk Test Circuit (TA=25OC)
PACRPI 51
PACRPI
V Pulse Generator 5V, 10MHz, >1ns Rise/Fall Time
V = Victim Voltage All lines except victim line are driven
(c) 2000 California Micro Devices Corp. All rights reserved. 8/16/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
3


▲Up To Search▲   

 
Price & Availability of PAC470FRPIQ24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X