Part Number Hot Search : 
BQ040 5A001 8TEEI D2000 S1022 SP804RCN T6250430 1N505906
Product Description
Full Text Search
 

To Download ON3171 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoisolators (Photocouplers)
CNC1S171
Optoisolator
For isolated signal transmission Features
High current transfer ratio : CTR >50% High I/O isolation voltage : VISO = 5000 Vrms (min.) Fast response : tr = 2 s, tf = 3 s(typ.) Low dark current : ICEO < 100nA VDE approved (VDE0884) UL listed (No. E79920) BSI certified (BS415 No. 7889, BS7002 No. 7890) SEMKO certified (No. 9625004) DEMKO certified (No. 305848) NEMKO certified (No. 199633176) FIMKO certified (No. 191784) CSA approved (No. CA109151)
4.580.3
Unit : mm
5.0 max. 0.3 min. 1 2 4 3
4-0.50.1 4-1.20.15 2.540.25
2.54 min.
7.620.3 6.20.5
3.850.3 2.0
0.25 -0 10~12
+0.15
Absolute Maximum Ratings (Ta = 25C)
Parameter Reverse voltage (DC) Forward current (DC) Input (Light emitting diode) Pulse forward current Power dissipation Collector current Output (Photo Collector to emitter voltage transistor) Emitter to collector voltage Collector power dissipation Isolation voltage, input to output Total power dissipation Operating ambient temperature Storage temperature Symbol Ratings VR IF IFP*1 PD
*2
Unit V mA A mW mA V V mW Vrms mW C C
1
4
6 50 1 75 50 80 7 150 5000 200
2 Pin connection
3
1: Anode 2: Cathode 3: Emitter 4: Collector
IC VCEO VECO PC
*3
VISO PT
Topr -30 to +100 Tstg -55 to +125
Pulse width 100 s, repeat 100 pps Input power derating ratio is 0.75 mW/C at Ta 25C. *3 Output power derating ratio is 1.5 mW/C at Ta 25C.
*1 *2
Electrical Characteristics (Ta = 25C)
Parameter Input Forward voltage (DC) characteristics Capacitance between pins Collector cutoff current Output Collector to emitter voltage characteristics Collector to emitter capacitance DC current transfer ratio Isolation voltage, input to output Transfer Isolation resistance, input to output characteristics Rise time Fall time
*1 DC *2 *3
Symbol IR VF Ct VR = 3V IF = 50mA
Conditions
min
typ 1.35 15 5
max 10 1.5 100
Unit A V pF nA V pF
Reverse current (DC)
VR = 0V, f = 1MHz 80
ICEO VCE = 20V VCEO IC = 100A CC VISO CISO RISO tr*2 tf*3 VCE = 10V, f = 1MHz 50 5000 t = 1 min., RH < 60% f = 1MHz VISO = 500V VCC = 10V, IC = 5mA, RL = 100 1011 CTR*1*4 VCE = 10V, IF = 5mA
10 600 0.7 2 3 0.1 0.2
% Vrms pF s s V
Isolation capacitance, input to output
Collector to emitter saturation voltage VCE(sat) IF = 20mA, IC = 1mA
current transfer ratio (CTR) is a ratio of output current against DC input current. tr : Time required for the collector current to increase from 10% to 90% of its final value tf : Time required for the collector current to decrease from 90% to 10% of its initial value
1
CNC1S171
Optoisolators (Photocouplers)
*4 CTR
classifications Q 50 to 120 R 100 to 250 S 200 to 600
Class CTR (%)
PC , PD -- Ta
Collector power dissipation , power dissipation PC , PD (mW)
160 PC 60
IF -- VF
10 2 Ta = 25C 50 VCC = 10V Ta = 25C
IC -- IF
IC (mA) Collector current
120
IF (mA)
10
40
Forward current
80 PD
30
1
20
40
10 -1
10
0 - 20
0 0 20 40 60 80 100 120
0
0.9
1.0
1.1
1.2
1.3
1.4
10 -2 10 -1
1
10
10 2
Ambient temperature Ta (C )
Forward voltage VF (V)
Forward current IF (mA)
IC -- VCE
40 50mA 40mA 10 2
IC -- VCE(sat)
Ta = 25C 160
IC -- Ta
VCC = 5V
IC (mA)
IC (mA)
30
IF = 50mA 10 20mA 10mA 5mA
IC (%) Relative output current
30mA 25mA
120 IF = 10mA 5mA 10mA 1mA 5mA
1mA 80
Collector current
20
20mA 15mA 12mA 10mA
Collector current
1
2mA
10
0
0
8
16
9mA 8mA 7mA 6mA 5mA 4mA 3mA 2mA 1mA 24 32 40
40
10 -1
0
0.1
0.2
0.3
0.4
0.5
0.6
0 - 50
0
50
100
Collector to emitter voltage VCE (V)
Collector to emitter saturation voltage VCE(sat) (V)
Ambient temperature Ta (C )
2
Optoisolators (Photocouplers)
CNC1S171
ICEO -- Ta
10 VCE = 30V 20V 1 10V 10 10 2
tr -- IC
VCC = 10V Ta = 25C 10 2
tf -- IC
VCC = 10V Ta = 25C
ICEO (A)
10 500 100
RL = 1k 500
tr (s)
10 -1
tf (s)
RL = 1k
100 1
Rise time
Dark current
10 -2
10 -1 10 -3
Sig.IN Sig. OUT 50
VCC Sig. OUT RL 90% 10%
Fall time
1
10 -1
Sig.IN Sig. OUT 50
VCC Sig. OUT RL 90% 10%
,, ,,
10 -4 - 40 - 20
0
20
40
60
80
100
10 -2 10 -1
tr
tf
10 2
,,
10 -2 10 -1 1
td
tr
10
td
tf
10 2
1
10
Ambient temperature Ta (C )
Collector current IC (mA)
Collector current IC (mA)
Frequency characteristics
10 Ta = 25C
Measurement circuit of frequency characteristics
+10V +10V 50k 100F 16V
P (dB) Relative power output
1
,, ,
Sig.IN - 50
IF = 5mA 2mA
10 -1
Sig.OUT
+
10 -2
5k 50
Sig.OUT 50
10 -3
1
10
10 2
10 3
Frequency f (kHz)
,, , ,,
3


▲Up To Search▲   

 
Price & Availability of ON3171

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X