Part Number Hot Search : 
T28HC D29AM SR310 54HC14 D2425DE 2N6250 CJ22C AK2368
Product Description
Full Text Search
 

To Download NLAST4599 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NLAST4599 Low Voltage Single Supply SPDT Analog Switch
The NLAST4599 is an advanced high speed CMOS single pole double throw analog switch fabricated with silicon gate CMOS technology. It achieves high speed propagation delays and low ON resistances while maintaining low power dissipation. This switch controls analog and digital voltages that may vary across the full power-supply range (from VCC to GND). The device has been designed so the ON resistance (RON) is much lower and more linear over input voltage than RON of typical CMOS analog switches. The channel select input structure provides protection when voltages between 0 V and 5.5 V are applied, regardless of the supply voltage. This input structure helps prevent device destruction caused by supply voltage input/output voltage mismatch, battery backup, hot insertion, etc.
http://onsemi.com MARKING DIAGRAMS
SOT-23/TSOP-6/SC-59 DT SUFFIX CASE 318G
A1d 1
* * * * * * * * * *
Select Pin Compatible with TTL Levels Channel Select Input Over-Voltage Tolerant to 5.5 V Fast Switching and Propagation Speeds Break-Before-Make Circuitry Low Power Dissipation: ICC = 2 mA (Max) at TA = 25C Diode Protection Provided on Channel Select Input Improved Linearity and Lower ON Resistance over Input Voltage Latch-up Performance Exceeds 300 mA ESD Performance: HBM > 2000 V; MM > 200 V Chip Complexity: 38 FETs
SC-70/SC-88/SOT-363 DF SUFFIX CASE 419B
A1d 1
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section of this data sheet.
SELECT 1 V+ 2 GND 3
6 5 4
NO COM NC
FUNCTION TABLE Figure 1. Pin Assignment
Select L H ON Channel NC NO
2X1 COM U
Figure 2. Logic Symbol
(c) Semiconductor Components Industries, LLC, 2002
November, 2002 - Rev. 6
U U
CHANNEL SELECT
2X0
NO NC
1
Publication Order Number: NLAST4599/D
NLAST4599
ABSOLUTE MAXIMUM RATINGS (Note 1)
Symbol VCC VIS VIN IIK PD TSTG TL TJ VESD Positive DC Supply Voltage Analog Input Voltage (VNO or VCOM) Digital Select Input Voltage DC Current, Into or Out of Any Pin Power Dissipation in Still Air Storage Temperature Range Lead Temperature, 1mm from Case for 10 seconds Junction Temperature Under Bias ESD Withstand Voltage Human Body Model (Note 2) Machine Model (Note 3) Charged Device Model (Note 4) Above VCC and Below GND at 125C (Note 5) SC-88 TSOP6 SC-88 TSOP6 Parameter Value -0.5 to +7.0 -0.5 VIS VCC )0.5 -0.5 VI + 7.0 $50 200 200 -65 to +150 260 150 2000 200 N/A $300 333 333 Unit V V V mA mW C C C V
ILATCH- UP qJA
Latch-Up Performance Thermal Resistance
mA C/W
Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute maximum-rated conditions is not implied. Functional operation should be restricted to the Recommended Operating Conditions. 1. Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. 2. Tested to EIA/JESD22-A114-A 3. Tested to EIA/JESD22-A115-A 4. Tested to JESD22-C101-A 5. Tested to EIA/JESD78
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN VIS TA tr, tf DC Supply Voltage Digital Select Input Voltage Analog Input Voltage (NC, NO, COM) Operating Temperature Range Input Rise or Fall Time, SELECT VCC = 3.3 V + 0.3 V VCC = 5.0 V + 0.5 V Characteristics Min 2.0 GND GND -55 0 0 Max 5.5 5.5 VCC +125 100 20 Unit V V V C ns/V
NORMALIZED FAILURE RATE
DEVICE JUNCTION TEMPERATURE VERSUS TIME TO 0.1% BOND FAILURES
Junction Temperature 5C 80 90 100 110 120 130 140 Time, Hours 1,032,200 419,300 178,700 79,600 37,000 17,800 8,900 Time, Years 117.8 47.9 20.4 9.4 4.2 2.0 1.0
FAILURE RATE OF PLASTIC = CERAMIC UNTIL INTERMETALLICS OCCUR TJ = 130C TJ = 120C TJ = 100C TJ = 110C TJ = 90C TJ = 80C 100 TIME, YEARS
1 1 10 1000
Figure 3. Failure Rate vs. Time Junction Temperature
http://onsemi.com
2
NLAST4599
DC CHARACTERISTICS - Digital Section (Voltages Referenced to GND)
Guaranteed Limit Symbol VIH Parameter Minimum High- Level Input Voltage, Select Input Maximum Low- Level Input Voltage, Select Input Maximum Input Leakage Current, Select Input Power Off Leakage Current Maximum Quiescent Supply Current VIN = 5.5 V or GND VIN = 5.5 V or GND Select and VIS = VCC or GND Condition VCC 3.0 4.5 5.5 3.0 4.5 5.5 5.5 0 5.5 -55 to 255C 2.0 2.0 2.0 0.5 0.8 0.8 +0.1 +10 1.0 <855C 2.0 2.0 2.0 0.5 0.8 0.8 +1.0 +10 1.0 <1255C 2.0 2.0 2.0 0.5 0.8 0.8 +1.0 +10 2.0 Unit V
VIL
V
IIN IOFF ICC
A A A
DC ELECTRICAL CHARACTERISTICS - Analog Section
Guaranteed Limit Symbol RON Parameter Maximum "ON" Resistance (Figures 17 - 23) ON Resistance Flatness (Figures 17 - 23) ON Resistance Match Between Channels NO or NC Off Leakage Current (Figure 9) COM ON Leakage Current (Figure 9) Condition VIN = VIL or VIH VIS = GND to VCC IINI < 10.0 mA VIN = VIL or VIH IINI < 10.0 mA VIS = 1V, 2V, 3.5V VIN = VIL or VIH IINI < 10.0 mA VNO or VNC = 3.5 V VIN = VIL or VIH VNO or VNC = 1.0 VCOM 4.5 V VIN = VIL or VIH VNO 1.0 V or 4.5 V with VNC floating or VNO 1.0 V or 4.5 V with VNO floating VCOM = 1.0 V or 4.5 V VCC 2.5 3.0 4.5 5.5 4.5 -55 to 255C 85 45 30 25 4 <855C 95 50 35 30 4 <1255C 105 55 40 35 5 Unit W
RFLAT
(ON)
W
DRON
(ON)
4.5
2
2
3
W
INC(OFF) INO(OFF) ICOM(ON)
5.5 5.5
1 1
10 10
100 100
nA nA
http://onsemi.com
3
NLAST4599
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Guaranteed Max Limit VCC Symbol tON Parameter Turn-On Time (Figures 12 and 13) Test Conditions RL = 300 W, CL = 35 pF (Figures 5 and 6) (V) 2.5 3.0 4.5 5.5 2.5 3.0 4.5 5.5 2.5 3.0 4.5 5.5 VIS (V) 2.0 2.0 3.0 3.0 2.0 2.0 3.0 3.0 2.0 2.0 3.0 3.0 -55 to 25_C Min 5 5 2 2 1 1 1 1 1 1 1 1 Typ* 23 16 11 9 7 5 4 3 12 11 6 5 Max 28 21 16 14 12 10 9 8 <85_C Min 5 5 2 2 1 1 1 1 1 1 1 1 Max 30 25 20 20 15 15 12 12 <125_C Min 5 5 2 2 1 1 1 1 1 1 1 1 Max 30 25 20 20 15 15 12 12 Unit ns
tOFF
Turn-Of f Time (Figures 12 and 13)
RL = 300 W, CL = 35 pF (Figures 5 and 6)
ns
tBBM
Minimum Break- Before- Make Time Break Before
VIS = 3.0 V (Figure 4) RL = 300 W, CL = 35 pF F
ns
*Typical Characteristics are at 25_C.
Typical @ 25, VCC = 5.0 V CIN CNO or CNC CCOM C(ON) Maximum Input Capacitance, Select Input Analog I/O (switch off) Common I/O (switch off) Feedthrough (switch on) 8 10 10 20 pF
ADDITIONAL APPLICATION CHARACTERISTICS (Voltages Referenced to GND Unless Noted)
VCC Symbol BW Parameter Maximum On-Channel -3dB Bandwidth or Minimum Frequency Response (Figure 10) Maximum Feedthrough On Loss Condition VIN = 0 dBm VIN centered between VCC and GND (Figure 7) VIN = 0 dBm @ 100 kHz to 50 MHz VIN centered between VCC and GND (Figure 7) f = 100 kHz VIS = 1 V RMS kHz; VIN centered between VCC and GND (Figure 7) VIN = VCC to GND, FIS = 20 kHz tr = tf = 3 ns RIS = 0 W, CL = 1000 pF Q = CL * VOUT (Figure 8) FIS = 20 Hz to 100 kHz, RL = Rgen = 600 W, CL = 50 pF VIS = 5.0 VPP sine wave V 3.0 30 45 4.5 5.5 55 3.0 4.5 5.5 3.0 4.5 5.5 3.0 5.5 Typical 25C 170 200 200 -2 2 -2 2 -2 -93 93 -93 93 -93 1.5 3.0 Unit MHz
VONL
dB
VISO
Off Channel Off-Channel Isolation (Figure 10) Charge Injection Select Input to In ut Common I/O (g (Figure 15) )
dB
Q
pC C
THD
Total Harmonic Distortion THD + Noise (Figure 14)
5.5
0.1
%
http://onsemi.com
4
NLAST4599
DUT VCC 0.1 mF 300 Output VOUT 35 pF Input
VCC GND tBMM 90% Output 90% of VOH
Switch Select Pin GND
Figure 4. tBBM (Time Break-Before-Make)
VCC DUT VCC 0.1 mF Open Output VOUT 300 35 pF Output VOL tON tOFF Input 0V VOH 90% 90% 50% 50%
Input
Figure 5. tON/tOFF
VCC DUT Output Open 300 VOUT 35 pF Input
VCC 50% 0V VOH Output VOL 10% 10% 50%
Input
tOFF
tON
Figure 6. tON/tOFF
http://onsemi.com
5
NLAST4599
50 Reference Input Output 50 Generator 50 DUT Transmitted
Channel switch control/s test socket is normalized. Off isolation is measured across an off channel. On loss is the bandwidth of an On switch. VISO, Bandwidth and VONL are independent of the input signal direction. VISO = Off Channel Isolation = 20 Log VONL = On Channel Loss = 20 Log VOUT for VIN at 100 kHz VIN
VOUT for VIN at 100 kHz to 50 MHz VIN
Bandwidth (BW) = the frequency 3 dB below VONL
Figure 7. Off Channel Isolation/On Channel Loss (BW)/Crosstalk (On Channel to Off Channel)/VONL
DUT Open Output VIN
VCC GND CL Output Off Off VOUT
VIN
On
Figure 8. Charge Injection: (Q)
100
10
LEAKAGE (nA)
1
ICOM(ON)
0.1
ICOM(OFF)
0.01
VCC = 5.0 V INO(OFF)
0.001
-55
-20
25
70
85
125
TEMPERATURE (C)
Figure 9. Switch Leakage vs. Temperature
http://onsemi.com
6
NLAST4599
0 -20
Bandwidth (ON-RESPONSE) PHASE (Degree)
0
10
-40 (dB)
Off Isolation
20
-60 VCC = 5.0 V TA = 25_C
30 VCC = 5.0 V TA = 25_C
-80
-100 0.01
0.1
1 10 FREQUENCY (MHz)
100 200
0.01
0.1
1 10 FREQUENCY (MHz)
100 200
Figure 10. Bandwidth and Off-Channel Isolation
Figure 11. Phase vs. Frequency
30 25 20 15 10 5 0 2.5 tOFF (ns) tON (ns) TIME (ns)
30 VCC = 4.5 V 25 20 15 10 5 0 -55 tON tOFF
TIME (ns)
3
3.5
4
4.5
5
-40
25 Temperature (C)
85
125
VCC (VOLTS)
Figure 12. tON and tOFF vs. VCC at 255C
Figure 13. tON and tOFF vs. Temp
1 VINpp = 3.0 V VCC = 3.6 V THD + NOISE (%)
3.0 2.5 2.0 Q (pC) 1.5 1.0 0.5 0 VCC = 3 V VCC = 5 V
0.1 VINpp = 5.0 V VCC = 5.5 V
0.01 1 10 FREQUENCY (kHz) 100
-0.5 0 1 2 VCOM (V) 3 4 5
Figure 14. Total Harmonic Distortion Plus Noise vs. Frequency
Figure 15. Charge Injection vs. COM Voltage
http://onsemi.com
7
NLAST4599
100 10 1 ICC (nA) 0.1 0.01 0.001 0.0001 0.00001 -40 VCC = 3.0 V 20 VCC = 5.0 V -20 0 20 60 80 100 120 0 0.0 1.0 VCC = 5.5 V 2.0 3.0 VIS (VDC) 4.0 5.0 6.0 RON () 60 VCC = 2.5 V 40 VCC = 3.0 V VCC = 4.0 V 100 VCC = 2.0 V 80
Temperature (C)
Figure 16. ICC vs. Temp, VCC = 3 V & 5 V
Figure 17. RON vs. VCC, Temp = 255C
100 90 80 70 RON () RON () 125C 25C -55 C 85C 0.5 1.0 1.5 2.0 2.5 60 50 40 30 20 10 0 0.0
100 90 80 70 60 50 40 30 20 10 0 0.0 125C 0.5 25C -55 C 85C 1.0 1.5 VIS (VDC) 2.0 2.5 3.0
VIS (VDC)
Figure 18. RON vs Temp, VCC = 2.0 V
Figure 19. RON vs. Temp, VCC = 2.5 V
50 45 40 35 RON () RON () 30 25 20 15 10 5 0 0.0 -55 C 0.5 125C 85C 25C
30 25 20 15 10 5 0 0.0 -55 C 85C 125C
25C
1.0
1.5
2.0
2.5
3.0
3.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIS (VDC)
VIS (VDC)
Figure 20. RON vs. Temp, VCC = 3.0 V
Figure 21. RON vs. Temp, VCC = 4.5 V
http://onsemi.com
8
NLAST4599
25 125C 25
20
20 125C
RON ()
25C 10 85C 5 -55 C
RON ()
15
15 25C 10 85C 5 -55 C
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 VIS (VDC)
VIS (VDC)
Figure 22. RON vs. Temp, VCC = 5.0 V
Figure 23. RON vs. Temp, VCC = 5.5 V
DEVICE ORDERING INFORMATION
Device Nomenclature Device Order Number NLAST4599DFT2 NLAST4599DTT1 Circuit Indicator NL NL Device Function 4599 4599 Package Suffix DF DT Tape & Reel Suffix T2 T1 Package Type (Name/SOT#/ Common Name) SC-70 / SC-88 / SOT-363 SOT-23 / TSOP-6 / SC-59 Tape and Reel Size 178 mm (7") 3000 Unit 178 mm (7") 3000 Unit
Technology AS AS
CAVITY TAPE
TOP TAPE
TAPE TRAILER (Connected to Reel Hub) NO COMPONENTS 160 mm MIN
COMPONENTS DIRECTION OF FEED
TAPE LEADER NO COMPONENTS 400 mm MIN
Figure 24. Tape Ends for Finished Goods
TAPE DIMENSIONS mm 2.00 4.00 4.00 1.50 TYP 1.75
8.00 $0.30
3.50 $0.50
1 1.00 MIN DIRECTION OF FEED
Figure 25. SC70-6/SC-88/SOT-363 DFT2 and SOT23-6/TSOP-6/SC59-6 DTT1 Reel Configuration/Orientation
http://onsemi.com
9
NLAST4599
t MAX
1.5 mm MIN (0.06 in) 20.2 mm MIN (0.795 in)
13.0 mm $0.2 mm (0.512 in $0.008 in)
A
50 mm MIN (1.969 in)
FULL RADIUS
G
Figure 26. Reel Dimensions
REEL DIMENSIONS
Tape Size 8 mm T and R Suffix T1, T2 A Max 178 mm (7 in) G 8.4 mm, + 1.5 mm, -0.0 (0.33 in + 0.059 in, -0.00) t Max 14.4 mm (0.56 in)
DIRECTION OF FEED
BARCODE LABEL POCKET HOLE
Figure 27. Reel Winding Direction
http://onsemi.com
10
NLAST4599
PACKAGE DIMENSIONS
A G
SC70-6/SC-88/SOT-363 DF SUFFIX CASE 419B-02 ISSUE L
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 419B-01 OBSOLETE, NEW STANDARD 419B-02. DIM A B C D G H J K N S INCHES MIN MAX 0.071 0.087 0.045 0.053 0.031 0.043 0.004 0.012 0.026 BSC --- 0.004 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087 MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.10 0.10 0.30 0.65 BSC --- 0.10 0.10 0.25 0.10 0.30 0.20 REF 2.00 2.20
6
5
4
S
1 2 3
-B-
D 6 PL
0.2 (0.008) N
M
B
M
J C
H
K
0.5 mm (min)
1.9 mm
http://onsemi.com
11
EEE EEE EEE EEE EEE EEE EEE
EEE EEE EEE EEE EEE EEE EEE
0.4 mm (min)
0.65 mm 0.65 mm
NLAST4599
PACKAGE DIMENSIONS
A L
6 5 1 2 4 3
SOT23-6/TSOP-6/SC59-6 DT SUFFIX CASE 318G-02 ISSUE H
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. DIM A B C D G H J K L M S MILLIMETERS MIN MAX 2.90 3.10 1.30 1.70 0.90 1.10 0.25 0.50 0.85 1.05 0.013 0.100 0.10 0.26 0.20 0.60 1.25 1.55 0_ 10 _ 2.50 3.00 INCHES MIN MAX 0.1142 0.1220 0.0512 0.0669 0.0354 0.0433 0.0098 0.0197 0.0335 0.0413 0.0005 0.0040 0.0040 0.0102 0.0079 0.0236 0.0493 0.0610 0_ 10 _ 0.0985 0.1181
S
B
D G M 0.05 (0.002) H C K J
0.037 0.95 0.074 1.9
0.037 0.95
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada JAPAN: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
12
EEE EEE EEE EEE EEE EEE
0.039 1.0
0.094 2.4
EEE EEE EEE EEE EEE EEE
0.028 0.7 inches mm
NLAST4599/D


▲Up To Search▲   

 
Price & Availability of NLAST4599

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X