Part Number Hot Search : 
AD7399 RLPBF PCM1740E 80T05 SC140 UGN314 11N60 05M03
Product Description
Full Text Search
 

To Download NJM2871A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJM2871/A, NJM2872/A
LOW DROPOUT VOLTAGE REGULATOR
s GENERAL DESCRIPTION The NJM2871/A, NJM2872/A are low dropout voltage regulators designed for cellular phone application. Advanced Bipolar technology achieves low noise, high ripple rejection and low quiescent current. s PACKAGE OUTLINE
NJM2871F/AF NJM2872F/AF
s FEATURES qHigh Ripple Rejection 70dB typ. (f=1kHz) qOutput Noise Voltage Vno=30Vrms (Cp=0.01F) qOutput capacitor with 1.0uF ceramic capacitor (Vo2.7V) qOutput Current Io(max.)=150mA qHigh Precision Output Vo2% Vo1%:A Version qLow Dropout Voltage 0.10V typ. (Io=60mA) qON/OFF Control (Active High) qOperating Voltage Range +2.5V+14V (Vo2.0V version) qInternal Short Circuit Current Limit qInternal Thermal Overload Protection qBipolar Technology qPackage Outline MTP5 (MTP5:2.8x2.9x1.1mm)
s PIN CONFIGURATION
1 2 3 4 5
NJM2871F/AF
PIN FUNCTION 5 1. CONTROL (Active High) 1 2 2. GND 3. NOISE BYPASS 3 4 4. VOUT 5. VIN NJM2872F/AF
PIN FUNCTION 1.VIN 2.GND 3.CONTROL (Active High) 4.NOISE BYPASS 5.VOUT
s EQUIVALENT CIRCUIT
VIN Cont
Thermal Protection
VOUT
Noise Bypass
Bandgap Reference
GND
NJM2871/A, NJM2872/A
s ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL Input Voltage VIN Control Voltage VCONT Power Dissipation PD Operating Temperature Topr Storage Temperature Tstg (Ta=25C) RATINGS UNIT +14 V +14(note 1) V 200 mW -40 +85 C -40 +125 C (note 1) When input voltage is less than +14V, the absolute maximum control voltage is equal to the input voltage. s ELECTRICAL CHARACTERISTICS (Vo>2.0V version : VIN=Vo+1V, CIN=0.1F, Co=1.0uF: Vo2.7V (Co=2.2uF: Vo2.6V), Cp=0.01F, Ta=25C) PARAMETER SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Io=30mA -2% +2% V - Output Voltage Vo Io=30mA, A Version -1% +1% V - Io=0mA, expect Icont Quiescent Current 120 180 IQ A - Quiescent Current VCONT=0V 100 nA IQ(OFF) - - at Control OFF Output Current Io 150 200 mA Vo-0.3V Line Regulation 0.10 %/V Vo/VIN VIN=Vo+1V Vo+6V, Io=30mA - - Load Regulation 0.03 %/mA Vo/Io Io=0 100mA - - Dropout Voltage Io=60mA 0.10 0.18 V VI-O - ein=200mVrms,f=1kHz, Io=10mA Ripple Rejection RR 70 dB - - VIN=Vo+1V, Vo=3V Version Average Temperature Ta=085C, Io=10mA, 0.2 mV/C - - Coefficient of Output Voltage Vo/Ta Vo=3V Version f=10Hz80kHz, Io=10mA, Output Noise Voltage VNO 30 Vrms - - Vo=3V Version Control Voltage for ON-state VCONT(ON) 1.6 V - - Control Voltage for OFF-state VCONT(OFF) 0.6 V - - (Vo2.0V version : VIN=Vo+1V, CIN=0.1F, Co=4.7uF, Cp=0.01F, Ta=25C) PARAMETER SYMBOL TEST CONDITION Io=30mA Output Voltage Vo Io=30mA, A Version Io=0mA, expect Icont Quiescent Current IQ Quiescent Current VCONT=0V IQ(OFF) at Control OFF Output Current Io Vo-0.3V Line Regulation Vo/VIN VIN=Vo+1V Vo+6V, Io=30mA Load Regulation Vo/Io Io=0 100mA ein=200mVrms,f=1kHz, Io=10mA Ripple Rejection RR VIN=Vo+1V, Vo=1.8V Version Average Temperature Ta=085C, Io=10mA, Coefficient of Output Voltage Vo/Ta Vo=1.8V Version f=10Hz80kHz, Io=10mA, Output Noise Voltage VNO Vo=1.8V Version Control Voltage for ON-state VCONT(ON) Control Voltage for OFF-state VCONT(OFF)
MIN. -2% -1% - - 150 - - - - -
TYP. - - 120 - 200 - - 75 0.13 22
MAX. +2% +1% 180 100 0.10 0.03 - - -
UNIT V V A nA mA %/V %/mA dB mV/C Vrms V V
1.6 - - 0.6 - - (note 2) The above specification is a common specification for all output voltages. Therefore, it may be different from the individual specification for a specific output voltage.
NJM2871/A, NJM2872/A
s OUTPUT VOLTAGE RANK LIST Device Name VOUT Device Name 1.5V NJM287xx15 NJM287xx285 1.8V NJM287xx29 NJM287xx18 2.1V NJM287xx03 NJM287xx21 2.5V NJM287xx31 NJM287xx25 2.6V NJM287xx26 NJM287xx32 2.7V NJM287xx27 NJM287xx33 2.8V NJM287xx28 NJM287xx34
VOUT 2.85V 2.9V 3.0V 3.1V 3.2V 3.3V 3.4V
Device Name NJM287xx35 NJM287xx38 NJM287xx04 NJM287xx05
VOUT 3.5V 3.8V 4.0V 5.0V
s TEST CIRCUIT
A
VIN
IIN VIN VOUT IOUT 0.1uF 1.0uF *note1 (ceramic)
V
VOUT
A V
VCONT
ICONT CONTROL GND
NOISE BYPASS Cp=0.01uF
*note1 2.0V < Vo 2.6V version : Co=2.2uF(ceramic) Vo 2.0V version : Co=4.7uF(ceramic)
NJM2871/A, NJM2872/A
s TYPICAL APPLICATION x In case that ON/OFF Control is not required:
VIN
VIN 0.1uF
VOUT
VOUT
1.0uF *note1 (ceramic) R (0300k) CONTROL GND NOISE BYPASS Cp=0.01uF
*note1 2.0V < Vo 2.6V version : Co=2.2uF(ceramic) Vo 2.0V version : Co=4.7uF(ceramic)
Connect control terminal to VIN terminal The quiescent current can be reduced by using a resistance "R". Instead, it increases the minimum operating voltage. For further information, please refer to Figure "Output Voltage vs. Control Voltage".
y In use of ON/OFF CONTROL:
VIN
VIN
VOUT
VOUT
0.1uF R CONTROL GND NOISE BYPASS
1.0uF *note1 (ceramic)
Cp=0.01uF
*note1 2.0V < Vo 2.6V version : Co=2.2uF(ceramic) Vo 2.0V version : Co=4.7uF(ceramic)
State of control terminal: *"H" output is enabled. * "L" or "open" output is disabled. Noise bypass Capacitance Cp
Noise bypass capacitance Cp reduces noise generated by band-gap reference circuit.
Noise level and ripple rejection will be improved when larger Cp is used.
Use of smaller Cp value may cause oscillation. Use the Cp value of 0.01uF greater to avoid the problem.
NJM2871/A, NJM2872/A
s ELECTRICAL CHARACTERISTICS
NJM2871/A, NJM2872/A
s ELECTRICAL CHARACTERISTICS
NJM2871/A, NJM2872/A
s ELECTRICAL CHARACTERISTICS
NJM2871/A, NJM2872/A
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.


▲Up To Search▲   

 
Price & Availability of NJM2871A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X