Part Number Hot Search : 
ISD2564 3MC060 CLL4122 100MB 5932B 5932B 2SC184 12250
Product Description
Full Text Search
 

To Download NJG1553BF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJG1553BF 1.9GHz BAND MIXER GaAs MMIC
nGENARAL DESCRIPTION NJG1553BF is a GaAs MMIC MIXER IC with built-in local amplifier for 1.9GHz PCS applications. This mixer features high conversion gain, low noise figure and low distortion.
nPACKAGE OUTLINE
NJG1553BF
nFEATURES
lLow Voltage Operation lLow Current Consumption lHigh Conversion Gain lLow noise figure lHigh Input IP3 lSmall package +2.7V 7.0mA 11dB typ. @fRF=1960MHz, PRF=-30dBm fLO=2090MHz, PLO=-10dBm 7dB typ. @fRF=1960MHz, fLO=2090MHz, PLO=-10dBm -1dBm typ. @fRF1=1960.0MHz, fRF2=1960.1MHz, PRF=-30dBm fLO=2090MHz, PLO=-10dBm MTP6 (Mount Size: 2.8x2.9x1.2mm)
nPIN CONFIGURATION
F Type (Top View) 1 6
Package orientation mark
2
5
3
4
Pin Connection 1. IFOUT 2. BPC 3. VLO 4. LOIN 5. GND 6. RFIN
NOTE: Please note that any information on this catalog will be subject to change.
-1-
NJG1553BF
nABSOLUTE MAXIMUM RATINGS
PARAMETER Mixer Supply Voltage Local amp. Supply Voltage Mixer RF Input Power Mixer LO Input Power Power Dissipation Operating Temperature Storage Temperature SYMBOL VMIX VLO PRFIN PLOIN PD Topr Tstg CONDITIONS (Ta=25C, Zs=Zl=50) RATINGS UNITS 6.5 V 6.5 V 10 dBm 10 dBm 150 mW -30~+85 C -40~+150 C
VMIX=VLO=2.7V VMIX=VLO=2.7V
nRECOMMENDED OPERATING RANGE
PARAMETER Supply Voltage Mixer Supply Voltage Local Amp. SYMBOL VMIX VLO
CONDITIONS
MIN 2.5 2.5
TYP 2.7 2.7
MAX 5.8 5.8
UNITS V V
nELECTRICAL CHARACTERISTICS (DC CHARACTERISTICS)
PARAMETER Mixer Current Local Amp. Current SYMBOL CONDITIONS IMIX PRF=OFF, PLO=OFF ILO PRF=OFF, PLO=OFF MIN TYP 5.0 2.0 MAX 7.0 3.2 UNITS mA mA
nELECTRICAL CHARACTERISTICS (AC CHARACTERISTICS)
(VMIX=VLO=2.7V, fRF=1960MHz, fLO=2090MHz, fIF=130MHz, PRF=-30dBm, PLO=-10dBm, Ta=25C, Zs=Zl=50, Measuring Test Circuit) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Operating RF Frequency freq 1930 1960 1990 MHz Conversion Gain GC 9 11 dB Input 3rd Order IIP3 fRF=1960.0+1960.1MHz -1 dBm Intercept Point Noise Figure NF 7.0 8.5 dB
-2-
NJG1553BF
nTERMINAL EXPLANATION
PIN No.
SYMBOL
DESCRIPTIONS IF signal output terminal of mixer. External matching circuit is required. Please connect mixer power supply through inductor (L6, L7) as shown in test circuit. Please place bypass capacitors (C6, C7, C8) close to C2. Bypass capacitor terminal of mixer. Local amplifier power supply terminal. Please place R1 and L5 close to this terminal as shown in test circuit, and place bypass capacitors (C3, C4) close to R1 and L5. Local power input terminal of local amplifier. External matching circuit is required. Ground terminal (0V). Please place grounding VIAs as close as possible. RF signal input terminal of mixer. External matching circuit is required.
1
IFOUT
2
BPC
3
VLO
4 5 6
LOIN GND RFIN
-3-
NJG1553BF
nTYPICAL CHARACTERISTICS Conversion Gain,NF vs. RF frequency
VMIX =VLO=2.7V,IMIX =5.0mA,ILO=1.9mA, fIF=130MHz,Upper LOCAL,P =-30dBm,PLO=-10dBm RF
12 11.5 10 9.5 12 13
OIP3,IIP3 vs. RF frequency
VMIX =VLO=2.7V,IMIX =5.0mA,ILO=1.9mA, Upper LOCAL,PRF=-30dBm,PLO=-10dBm
6 5 4 3 2 1 0 -1 1990
Conversion Gain(dB)
11 10.5 10 9.5 9 8.5 8 7.5 7 1930
Conversion Gain
9 8.5 11
OIP3
OIP3(dBm)
NF(dB)
8 7.5 7
10 9 8 7
NF
6.5 6 5.5 5 1990
IIP3
1940
1950
1960
1970
1980
6 1930
1940
1950
1960
1970
1980
RF frequency(MHz)
RF frequency(MHz)
Conversion Gain,NF vs. LO Power
VMIX =VLO=2.7V,IMIX=5.0mA,ILO=1.9mA, f RF=1960MHz,fLO=2090MHz,fIF=130MHz,PRF=-30dBm
12 10 20 15
OIP3,IIP3 vs. LO Power
V
MIX
=V =2.7V,I
LO
MIX
=5.0mA,I =1.9mA,
LO
fRF=1960.0+1960.1MHz,fLO=2090MHz,PRF=-30dBm
4
Convsrsion Gain
18 10 16
OIP3
2
Conversion Gain(dB)
8 6 4 2 0
OIP3(dBm)
NF(dB)
14 12 10 8
5
IIP3
0
0
-2
NF
-2 -4 -30 6 4 -25 -20 -15 -10 -5 0 5
-5
-4
-10 -35
-6 -30 -25 -20 -15 -10 -5 0 5
LO Power(dBm)
LO Power(dBm)
IF,IM3 vs. RF Power
V
10 0 -10
MIX
=V =2.7V,I
LO
MIX
=5.0mA,I =1.9mA,
LO
fRF=1960.0+1960.1MHz,fO=2090MHz,PO=-10dBm OIP3=11.5dBm IIP3=0.5dBm
IF,IM3(dBm)
-20 -30 -40 -50 -60 -70 -80 -40
IF
IM3
-35
-30
-25
-20
-15
-10
-5
0
RF Power(dBm)
-4-
IIP3(dBm)
IIP3(dBm)
NJG1553BF
nTYPICAL CHARACTERISTICS
RFIN port Impedance
LOIN port Impedance
IFOUT port Impedance
-5-
NJG1553BF
nAPPLICATION CIRCUIT
Table: The parts used in the circuit above PCS BAND Upper LOCAL Remarks PART ID fLO=2090MHz fIF=130MHz L1 8.2nH TAIYO-YUDEN(HK1608) L2 8.2nH TAIYO-YUDEN(HK1608) L3 3.9nH TAIYO-YUDEN(HK1608) L4 10nH TAIYO-YUDEN(HK1608) L5 4.7nH TAIYO-YUDEN(HK1608) L6 100nH TAIYO-YUDEN(HK1608) L7 56nH TAIYO-YUDEN(HK1608) C1 1000pF MURATA(GRM39) C2 10pF MURATA(GRM39) C3 10pF MURATA(GRM39) C4 100pF MURATA(GRM39) C5 1000pF MURATA(GRM39) C6 10pF MURATA(GRM39) C7 100pF MURATA(GRM39) C8 1000pF MURATA(GRM39) R1 1608 Size 180 R2 1608 Size 82
-6-
NJG1553BF
nRECOMMENDED PCB DESIGN
IFOUT
VLO
C4 C3 R1 L5 C1
C5 L7 L6 C8 C7 C6 C2
VMIX
LOIN
L3
NJG1553BF L1 R2 L4 L2
RFIN
PCB: FR-4 t=0.5mm Microstrip Line Width=1mm PCB Size: 22.5x30.0mm
PRECAUTIONS
[1] [2] [3] [4] [5] Please place a inductor L1 at about 3.5mm distance from RFIN terminal (Pin #6). Please place a inductor L3 at about 3.5mm distance from LOIN terminal (Pin #4). Please place a capacitor C1 close to by-pass capacitor terminal (Pin #2). Please place capacitors C6, C7, C8 close to C2. Please place capacitors C3, C4 close to R1 and L5.
-7-
NJG1553BF
nMEASURING BLOCK DIAGRAM
SG (RF1)
ISO.1 6dB ATT
Power Comb.
VMIX=VLO=2.7V DUT Spectrum
RFIN
SG (RF2) ISO.2
IFOUT Analyzer LOIN
SG (LO) IF, IM3 Measuring Block Diagram
VMIX=VLO=2.7V BPF 6dB ATT
Noise Source
DUT
IFOUT LOIN NF Meter
RFIN
BPF SG (LO) Noise Figure Measuring Block Diagram
-8-
NJG1553BF
nPACKAGE OUTLINE (MTP6)
Lead material Lead surface finish Molding material Unit Weight
: Copper : Solder plating : Epoxy resin : mm : 14mg
Cautions on using this product This product contains Gallium-Arsenide (GaAs) which is a harmful material. * Do NOT eat or put into mouth. * Do NOT dispose in fire or break up this product. * Do NOT chemically make gas or powder with this product. * To waste this product, please obey the relating law of your country. This product may be damaged with electric static discharge (ESD) or spike voltage. Please handle with care to avoid these damages.
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
-9-


▲Up To Search▲   

 
Price & Availability of NJG1553BF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X