Part Number Hot Search : 
16160 CM400 BR3506 641MH CPZ18 BR3508 1109342 BCR3AS
Product Description
Full Text Search
 

To Download MT91600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MT91600
Programmable SLIC Preliminary Information
Features
* * * * * * * * * Transformerless 2W to 4W conversion Controls battery feed to line Programmable line impedance Programmable network balance impedance Off-hook and dial pulse detection Ring ground over-current protection Programmable gain Programmable constant current feed -22V to -72V battery operation
DS5057 ISSUE 7 August 1999
Package Information MT91600 28 Pin SSOP Package -40C to +85C
Description
The Mitel MT91600 provides an interface between a switching system and a subscriber loop, mainly for short loop SLIC applications. The functions provided by the MT91600 include battery feed, programmable constant current, 2W to 4W conversion, off-hook and dial pulse detection, user definable line and network balance impedance's and the capability of programming the audio gain externally. The device is fabricated as a CMOS circuit in a 28 pin SSOP package.
Applications
Line interface for: * * * * PABX/ONS Intercoms Key Telephone Systems Control Systems
X3
X2
X1
TD
Tip Drive Controller
Audio Gain & Network Balance Circuit
VX VR
TF TIP RING RF C3A C3B RV RD Over-Current Protection Circuit Relay Driver Ring Drive Controller Loop Supervision Line Sense 2 W to 4 W Conversion & Line Impedance Z3 Z2 Z1 RLYC RLYD
IC
VREF
SHK
C1
C2A
C2B
VDD GND VEE
Figure 1 - Functional Block Diagram
1
MT91600
VDD TD TF TIP RING VREF IC RF RV RD C3A C3B C2B C2A 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 VEE GND RLYD RLYC SHK C1 X2 VR X3 VX X1 Z3 Z2 Z1
Preliminary Information
Figure 2 - Pin Connections
Pin Description
Pin # 1 2 3 4 5 6 Name VDD TD TF TIP RING VREF Positive supply rail, +5V. Tip Drive (Output). Controls the Tip transistor. Tip Feed. Connects to the Tip transistor and to the TIP lead via the Tip feed resistor. Tip. Connects to the TIP lead of the telephone line. Ring. Connects to the RING lead of the telephone line. Reference Voltage (Input). This pin is used to set the subscribers loop constant current. Changing the input voltage sets the current to any desired value within the working limits. VREF is related to VLC. Internal Connection (Input). This pin must be connected to GND for normal operation. Ring Feed. Connects to the RING lead via the Ring feed resistor. Ring Voltage and Audio Feed. Connects directly to the Ring drive transistor and also to Ring Feed via a relay. Ring Drive (Output). Controls the Ring transistor. A filter capacitor for over-current protection is connected between this pin and GND. A filter capacitor for over-current protection is connected between this pin and GND. A capacitor for loop current stability is connected between this pin and C2A. A capacitor for loop current stability is connected between this pin and C2B. Line Impedance Node 1. A resistor of scaled value "k" is connected between Z1 and Z2. This connection can not be left open circuit. Line Impedance Node 2. This is the common connection node between Z1 and Z3. Line Impedance Node 3. A network either resistive or complex of scaled value "k" is connected between Z3 and Z2. This connection can not be left open circuit. Gain Node 1. This is the common node between Z3 and VX where resistors are connected to set the 2W to 4W gain. Transmit Audio (Output). This is the 4W analog signal to the SLIC. Gain Node 3. This is the common node between VR and the audio input from the CODEC or switching network where resistors are fitted to sets the 4W to 2W gain Receive Audio (Input). This is the 4W analog signal to the SLIC. Description
7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
IC RF RV RD C3A C3B C2B C2A Z1 Z2 Z3 X1 VX X3 VR
2
Preliminary Information
Pin Description (continued)
Pin # 22 23 24 25 26 27 28 Name X2 C1 SHK RLYC RLYD GND VEE Description
MT91600
Gain Node 2. Networks, either resistive or complex, are connected between this node, VR and GND to set the Network Balance Impedance for the SLIC. A filter capacitor for ring trip is connected between this pin and GND. Switch Hook (Output). This pin indicates the line state of the subscribers telephone. The output can also be used for dial pulse monitoring. SHK is high in off-hook state. Relay Control (Input). An active high on this pin will switch RLYD low. Inverted Output of RLYC. It is used to drive the bipolar transistor that drives the relay (see Figure 5.) Ground. Return path for +5V and -5V. This should also be connected back to the return path for the loop battery, LGND and relay drive ground RLYGND. Negative supply rail, -5V. 4W to 2W gain: Gain 4 - 2 = 20*Log [0.891 * (R14 / R15)]
Functional Description
The MT91600 is the analog SLIC for use in a 4 Wire switched system. The SLIC performs all of the normal interface functions between the CODEC or switching system and the analog telephone line such as 2W to 4W conversion, constant current feed, ringing and ring trip detection, current limiting, switch hook indication and line and network balance impedance setting using minimal external components. Refer to Figure designation. 5 for MT91600 components
Impedance Programming
The MT91600 allows the designer to set the device's impedance across TIP and RING, (ZTR), and network balance impedance, (ZNB), separately with external low cost components. For a resistive load, the impedance (ZTR) is set by R11 and R18. For a complex load, the impedance (ZTR) is set by R11, R18, R19 & C8 (see Figure 5.) The network balance, (ZNB), is set by R16, R17 & C3 (see Figure 5.) The network balance impedance should calculated once the 2W - 4W gain has been set. be
2 Wire to 4 Wire Conversion
The hybrid performs 2 wire to 4 wire conversion by taking the 4 wire signal from an analog switch or voice CODEC, a.c. coupled to VR, and converting it to a 2 wire differential signal at tip and ring. The 2 wire signal applied to tip and ring by the telephone is converted to a 4 wire signal, a.c. coupled to Vx which is the output from the SLIC to the analog switch or voice CODEC.
Line Impedance
For optimum performance, the characteristic impedance of the line, (Zo), and the device's impedance across TIP and RING, (ZTR), should match. Therefore: Zo = ZTR The relationship between Zo and the components that set ZTR is given by the formula: Zo / ( R1+R2) = kZo / R11 where kZo = ZLZ ZLZ = R18, for a resistive load. ZLZ = [R18 + (R19 // C8)], for a complex load.
3
Gain Control
It is possible to set the Transmit and Receive gains by the selection of the appropriate external components. The gains can be calculated by the formulae: 2W to 4W gain: Gain 2 - 4 = 20*Log [ R13 / R12]
MT91600
The value of k can be set by the designer to be any value between 20 and 250. Three rules to ensure the correct operation of the circuit: (A) R18 + R19 > 50k (B) R1 = R2. (C) R11 > =50k It is advisable to place these components as close as possible to the SLIC.
Preliminary Information
The MT91600's programmable current range is between 18mA to 32mA.
Line Drivers & Overcurrent Protection
The Line Drivers control the external Battery Feed circuit which provide power to the line and allows bidirectional audio transmission. The loop supervision circuitry provides bias to the line drivers to feed a constant current while the overcurrent protection circuitry prevents the ring driver from causing the ring transistor to overload. The line impedance presented by the Line Driver circuitry is determined by the external network, which may be purely resistive or complex, allowing the circuit to be configured for use in any application. The impedance can also be fixed to one value and modified to look like a different value by reflecting an impedance through the SLIC from an intelligent CODEC or DSP module. There is long term protection on the RING output against accidental short circuits that may be applied either across TIP/RING to GND or RING to GND. This high current will be sensed and limited to a value that will protect the circuit. In situations where an accidental short circuit occurs either across TIP/RING to GND or RING to GND, an excessive amount of current will flow through the ring drive transistor, Q3. Although the MT91600 will sense this high current and limit it, if the power rating of Q3 is not high enough, it may suffer permanent damage. In this case, a power sharing resistor, R23, can be inserted (see Figure 5) to dissipate some of the power. Capacitor C13 is inserted to provide an a.c. ground point. The criteria for selecting a value for the power sharing resistor R23 can be found in the application section of this datasheet.
Network Balance Impedance
The network balance impedance, (ZNB), will set the transhybrid loss performance for the circuit. The balance of the circuit is independent of the 4 - 2 Wire gain but is a function of the 2 - 4 Wire gain. The method of setting the values for R16 and R17 is given by the formula: R17 = [1.782 * Zo / ( Zo+ZNB) * ( R13 / R12 )] R17 + R16 [1 + R13 / R12] where ZNB is the network balance impedance of the SLIC and Zo is the line impedance. (R16 + R17) >= 50k It is advisable to place these components as close as possible to the SLIC.
Loop Supervision & Dial Pulse Detection
The Loop Supervision circuit monitors the state of the phone line and when the phone goes "Off Hook" the SHK pin goes high to indicate this state. This pin reverts to a low state when the phone goes back "On Hook" or if the loop resistance is too high for the circuit to continue to support a constant current. The SHK output can also be monitored for dialing information when used in a dial pulse system.
Ringing and Ring Trip Detection
Ringing is applied to the line by disconnecting pin 8, RF, from pin 9, RV, and connecting it to a ringing source which is battery backed. This may be done by use of an electro-mechanical relay. The SLIC is capable of detecing an Off Hook condition during ringing by filtering out the large A.C. component by use of the external components connected to pin 23. This filter allows an Off Hook condition to be monitored at SHK, pin 24.
Constant Current Control
The SLIC employs a feedback circuit to supply a constant feed current to the line. This is done by sensing the sum of the voltages across the feed resistors, R1 and R2, and comparing it to the input reference voltage, Vref, that determines the constant current feed current.
4
Preliminary Information
When using DTMF signalling only i.e. pulse dialling is not used, the capacitor, C7, can be permanently connected to ground and does not require to be switched out during dialling.
MT91600
From Figure 3 with R1 = R2 = 220 For I LOOP = 25mA, V LC = 0V, Vbat=-48V
R3 43k VLC C9 100nF R4 130k MT91600
Power up Sequence
The circuit should be powered up in the following order: AGND, VEE, VDD, VBAT.
6
VREF
Application
The following Application section is intended to demonstrate to the user the methods used in calculating and selecting the external programming components in implementing the MT91600 as an analog line interface in a communication system. The programming component values calculated below results in the optimum performance of the device. Refer to Figure designation. 5 for MT91600 components ILOOP = 1.07 * Vs (R1 +R2)
VBAT
Figure 3 - Resistor Divider C9 is inserted to ensure pin 6, Vref, remains at a.c. ground. 100nF is recommended. ILOOP can also be set by directly driving Vref with a low impedance voltage source. (See Figure 4). It is recommended that a small resistor be placed in series with the Vref pin. In this case: where, Vs < 0
Component Selection
Feed Resistors (R1, R2)
Vs 2k 6 VREF
The selection of feed resistors, R1 and R2, can significantly affect the performance of the MT91600. It is recommended that their values fall in the range of: 200 <= R1 <= 250 where, R1 = R2 The resistors should have a tolerance of 1% (0.15% matched) and a power rating of 1 Watt. Loop Current Setting (R3, R4, C9) By using a resistive divider network, (Figure 3), it is possible to maintain the required voltage at Vref to set ILOOP. The loop current programming is based on the following relationship: ILOOP = - [ F * VLC + G * VBAT] * Ko * H (R1 +R2) where, F = R4 / (R4 + R3) G = R3 / (R4 +R3) Ko = 200000 / (200000 + (R4//R3) ) H = 1.07 ILOOP is in Ampere
C9 100nF
MT91600
Figure 4 - Direct Voltage Calculating Component Values For AC Transmission There are five parameters a designer should know before starting the component calculations. These five parameters are: 1) 2) 3) 4) 5) characteristic impedance of the line Zo network balance impedance ZNB value of the feed resistors (R1 and R2) 2W to 4W transmit gain 4W to 2W receive gain
The following example will outline a step by step procedure for calculating component values. Given:
5
MT91600
Zo = 600, ZNB= 600, R1=R2= 220 Gain 2 - 4 = -1dB, Gain 4 - 2 = -1dB Step 1: Gain Setting (R12, R13, R14, R15) Gain 2 - 4 = 20 Log [ R13 / R12] -1 dB = 20 Log [R13 / R12] R12 = 112.2k, R13 = 100k. Gain 4 - 2 = 20 Log [0.891 * [R14 / R15)] -1 dB = 20 Log [0.891 * [R14 / R15)] R14 = 100k, R15 = 100k.
Preliminary Information
Given Zo = 220 + (820 // 120nF) Zo / ( R1+R2) = kZo / R11 where, kZo = [R18 + (R19 // C8)] Choose a standard value for C8 to find a suitable value for k. Since 1nF exists, let C8 = 1nF then, k = 120nF / C8 k = 120nF / 1nF k =120 R18 = k * 220 R18 = 120 * 220 R18 = 26400 R19 = k * 820 R19 = 120 * 820 R19 = 98400 R18 = 26k4, R19 = 98k4 From (Equation 1) R11 = k * (R1 + R2) R11 = 120 * (220 + 220) R11 = 52k8 (Equation 1)
Step 2: Impedance Matching (R11, R18, R19, C8) a) Zo / ( R1+R2) = kZo / R11 600/(220+220) = (k*600)/R11 let k = 125 R11 = 55k. b) In general, kZo = ZLZ where: ZLZ = R18, for a resistive load. ZLZ = [R18 + (R19 // C8)], for a complex load. Since we are dealing with a resistive load in this example ZLZ = R18, and therefore: kZo = R18 (125 * 600)= R18 R18 = 75k. Step 3: Network Balance Impedance (R16, R17) R17 = [1.782 * Zo / ( Zo+ZNB) * ( R13 / R12 )] R17 + R16 [1 + R13 / R12)] R17 = 0.4199 R17 + R16 set R17 = 100k, R16 becomes 138k. R16 = 138k, R17 = 100k. Complex Line Impedance, Zo In situations where the characteristic impedance of the line Zo is a complex value, determining the component values for impedance matching (R11, R18, R19, C8) is as follows:
Power Sharing Resistor (R23) To determine the value of R23, use the following equations: R23(max)= |Vbat(min)| - 100 - (2*R2 + Lr + DCRP) 30mA R23(min)= |Vbat(max)| - Pd(max) - R2 40mA 1.6mA where, Vbat(min/max) = the expected variation of Vbat. R2 = the feed resistor. Lr = maximum DC loop resistance. DCRP = DC resistance of the phone set. Pd(max) = the maximum power dissipation of the ring drive transistor Q3. If R23(max) > R23(min), then set R23 to be the geometric center: R23 = Square Root (R23(max) * R23(min))
6
Preliminary Information
If R23(max) < R23(min), then a violation has occurred. Pd(max) will have to be increased. A numerical example: Given: R2 = 220 Lr = 325 (2.5km of 28 gauge wire, averaged at 65/km) DCRP = 200 Pd(max) = 1.5W Vbat = -48V +/- 10% (i.e. -43V to -53V) Therefore: R23(max) = (43/30mA) - 100 - (2 * 220 + 325 + 200) = 1433.3 - 100 - 965 R23(max) = 368.3 R23(min) = (53/40mA) - (1.5/1.6mA) - 220 = 1325 - 937.5 - 220 R23(min) = 167.5 R23 = Square Root ( 368.3 * 167.5 ) R23 = 248.4
MT91600
7
MT91600
VEE VDD 1 SHK RLYC Q4 C4 D1 VLC R3 R4 VBAT VBAT D2a D2b R22 3 R1 TIP R21 PR1 R20 RING R2 8 D3b 9 R5 VDD R7
RD C3A C3B C2B RV Z1 RF Z2 Z3 TF X3 VX
Preliminary Information
C7 C6 K1b 28
SHK RLYC
27
GND
7
IC
23
C1 X2
VDD VEE
C3 22 R16 R14 R17
24 25 26
VR 21
VRLY K1
RLYD
C11
20 19
R15 VX
VRIN
6 C9
VREF
Q1
C12 2
TD X1
18
MT91600 R12 17
4
TIP
ZLZ
5
RING
16
VBAT K1a D3a
15
C2A
~
90 Vrms
R6 Q2 C5 R9
10 C1
11
12 C10
13
14 R10 C2 Impedance ZLZ Resistive Load Zo Complex Load Zo R18 R19
VBAT=-48V Q3 R8
R23
C13
R18
R11
R13
C8
VBAT
Figure 5 - Typical application
8
Preliminary Information
MT91600
Component List* for a Typical Application with a Resistive 600 Line Impendance - Refer to
Figure 5 for component designation and recommended configuration
Resistor Values R1 R3 R5 R7 R9 R11 R13 R15 R17 R19 R21 R23 220 1% (0.15% matched), 1W 43k 220 3k 1k 55k 100k 100k 100k 0 2k 248 Capacitor Values C1 C3 C5 C7 C9 C11 C13 100nF, 5% 100pF, 5% 3.3nF, 5% 100nF, 20% 100nF, 20% 47pF, 20% 100nF 20% Diodes and Transistors D1 D3a/b Q2 Q4 BAS16 or equivalent BAV99 dual diode or equivalent 2N2907 or MPSA92 or MMBTA92 2N2907 or MPSA92 or MMBTA92 D2a/b Q1 Q3 BAV99 dual diode or equivalent 2N2222 or MPSA42 or MMBTA42 2N2222 or MPSA42 or MMBTA42 C2 C4 C6 C8 C10 C12 300nF, 5% 33nF, 20% 1uF, 20%, 16V 0F 100nF, 5% 33nF, 10% R2 R4 R6 R8 R10 R12 R14 R16 R18 R20 R22 220 1% (0.15% matched), 1W 130k 75k 1k 560k 112k 100k 138k 75k 2k 1k
Note: All resistors are 1/4 W, 1% unless otherwise indicated. *Assumes Z o = ZNB = 600, Gain 2 - 4 = -1dB, Gain 4 - 2 = -1dB. Decoupling capacitors, (1uF, 100V, 20%), can be added to V DD, VEE, VBAT and V RLY to provide improved PSRR performance.
K1 = Electro-mechanical relay, 5V, DPDT/2 FORM C PR1 = This device must always be fitted to ensure damage does not occur from inductive loads.For simple applications, PR1 can be replaced by a single TVS, such as 1.5KE220C, across tip and ring. For applications requiring lightning and mains cross protection further circuitry will be required and the following protection devices are suggested: P2353AA, P2353AB (Teccor), THBT20011, THBT20012, THBT200S (SGSThomson), TISP2290, TSSP8290L (T.I.)
9
MT91600
Absolute Maximum Ratings*
Parameter 1 DC Supply Voltages Sym VDD VEE VBAT Vring VREF -20 Min -0.3 -6.5 -80 Max +6.5 +0.3 +0.3 100 +0.3 200 Iring 30 45 Tstg Pdiss -65 +150 0.10 500 Units V V V Vrms V V
Preliminary Information
.
Comments
Limited by the Drive transistor, Q3. Superimposed on VBAT Note 1 MAX 1ms (with power on)
2 3 4 5 6 7 8 9
Ringing Voltages Voltage setting for Loop Current Overvoltage Tip/GND Ring/GND, Tip/Ring Ringing Current Ring Ground over-current Storage Temp Package Power Dissipation ESD Rating
mA. RMS mA C W V +85C max, VBAT = -48V Human Body Model Note 3 Note 2
*Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
Note 1: Voltage at Vref pin set by VLC and potential divider. Note 2: Tip and Ring must not be shorted together and to ground at the same time. Note 3: The device contains circuitry to protect the inputs from static voltage up to 500V. However, precautions should be taken to avoid static charge build up when handling the device.
Recommended Operating Conditions
Parameter 1 Operating Supply Voltages Ringing Voltage Voltage setting for Loop Current Sym VDD VEE VBAT Vring VREF Min 4.75 -5.25 -72 0 Typ 5.00 -5.00 -48 50 -10.3 Max 5.25 -4.75 -22 Units V V V VRMS V Note 4 ILOOP = 25mA, R1=R2=220 VBAT = -48V Test Conditions
2 3
4
Operating Temperature
To
-40
+25
+85
C
Typical figures are at 25C with nominal supply voltages and are for design aid only Electrical Characteristics are over Recommended Operating Conditions unless otherwise stated. Typical figures are at 25C with nominal + 5V supplies and are for design aid only. Note 4: 16 to 68 Hz superimposed on a VBAT.
10
Preliminary Information
DC Electrical Characteristics
Characteristics 1 Supply Current Sym IDD IEE IBAT PC I LOOP 22 Min Typ Max 11 8.5 45 90 28 Units mA mA mA mW mA Standby/Active
MT91600
Test Conditions
25 60 25
2 3
Power Consumption Constant Current Line Feed Programmable Loop Current Range Operating Loop (inclusive of Telephone Set) Off Hook Detection Threshold RLYC Input Low Voltage Input High Voltage SHK Output Low Voltage Output High Voltage Dial Pulse Distortion ON OFF
VREF = -10.3V Test circuit as Fig. 6 VBAT = -48V
4 5
ILOOP RLOOP
18 1200 450
32
mA ILOOP = 18mA VBAT = -48V ILOOP = 18mA VBAT = -22V VREF = -10.3V VBAT = -48V See Note 5. ILOOP = 25mA lil = 50A lih = +50A Lol = 8mA Loh = -0.4mA
6
SHK
20
mA
7
Vil Vih
Vol Voh
0.4 2.0
0.7
V V V V ms ms
8
0.4 2.7 +4 +4
8
Electrical Characteristics are over Recommended Operating Conditions unless otherwise stated. Typical figures are at 25C with nominal +5V and are for design aid only. Note 5: Off hook detection is related to loop current.
11
MT91600
AC Electrical Characteristics
Characteristics 1 2 3 4 5 Ring Trip Detect Time Output Impedance at VX Gain 4-2 @ 1kHz Gain Relative to 1kHz Transhybrid Loss THL 20 -1.3 Sym Tt Min Typ 100 10 -1 0.15 25 -0.8 Max 300
Preliminary Information
Units mS dB dB dB
Test Conditions
Note 6 Test circuit as Fig. 8 300Hz - 3400Hz Note 6 300Hz - 3400Hz Test circuit as Fig. 8 Note 6 Test circuit as Fig. 7 300Hz to 3400Hz Note 6 300Hz - 3400Hz Test circuit as Fig. 10 3dBm, 1kHz @ 2W 1Vrms, 1KHz @ 4W Input 0.5Vrms, 1KHz Test circuit as Fig. 9 200Hz to 3400Hz Test circuit as Fig. 9 200Hz to 1000Hz 1000Hz to 3400Hz Cmessage Filter Cmessage Filter
6 7 8
Gain 2-4 @ 1kHz Gain Relative to 1kHz Return Loss at 2-Wire RL
-1.3
-1 0.15
-0.8
dB dB
20
30
dB
9
Total Harmonic Distortion @2W @VX
THD 0.3 0.3 CMR LCL 35 42 55 58 48
Nc
1.0 1.0
% % dB dB dB dB
10 11 12 13
Common Mode Rejection 2 wire to Vx Longitudinal to Metallic Balance Metallic to Longitudinal Balance Idle Channel Noise @2W @VX
12 12 PSRR
dBrnC dBrnC
14
Power Supply Rejection Ratio at 2W and VX Vdd Vee
23 23
dB dB
0.1Vp-p @ 1kHz
Electrical Characteristics are over Recommended Operating Conditions unless otherwise stated. Typical figures are at 25C with nominal +5V and are for design aid only. Note 6: Assumes Zo = ZNB = 600 and both transmit and receive gains are programmed externally to -1dB, i.e. Gain 2-4 = -1dB, Gain 4-2 = -1dB.
Mechanical Information Refer to the latest copy of the Mitel data book for details of the outline for the 28 Pin SSOP package.
12
Preliminary Information
Test Circuits
MT91600
Figures 6,7,8,9,10 are for illustrating the principles involved in making measurements and do not necessarily reflect the actual method used in production testing.
TIP Zo ILoop SLIC 6 R4 R3 C9 VLC
RING VBAT
Figure 6 - Loop current programming
20 TIP Zo __ 2 VS 19
R15
VX R13
~
Zo __ 2
VTR
SLIC 18
17 RING Gain = 20*Log(VX/VTR)
Figure 7 - 2-4 Wire Gain
R12
19 TIP 22 21 Zo VTR SLIC R14 C11 R16
VX C3
R17
Gain = 20*Log(VTR/VS) THL = 20*Log(VX/VS)
RING
20
R15
~V
S
Figure 8 - 4-2 Wire Gain & Transhybrid Loss
13
MT91600
Preliminary Information
TIP Zo __ 2 VTR VS SLIC
20
R15
19
VX
~
Zo __ 2 RING
Long. Bal. = 20*Log(VTR/VS) CMR = 20*Log(VX/VS)
Figure 9 - Longitudinal Balance & CMR
20 Zo R VS TIP 17
R15
~
R
VZ
SLIC 16
R19
R18
C8
RING Gain = 20*Log(2*VZ/VS)
15
Figure 10 - Return Loss
14
R11
Package Outlines
Pin 1
E
A
C L H
e Notes: 1) Not to scale 2) Dimensions in inches 3) (Dimensions in millimeters) 4) Ref. JEDEC Standard M0-150/M0118 for 48 Pin 5) A & B Maximum dimensions include allowable mold flash
D A2
A1 B
20-Pin
Dim
24-Pin Min
0.002 (0.05)
28-Pin Min Max
0.079 (2) 0.002 (0.05)
48-Pin Min
0.095 (2.41) 0.008 (0.2)
Min
A A1 B C D E e A2 H L 0.27 (6.9) 0.2 (5.0) 0.002 (0.05) 0.0087 (0.22)
Max
0.079 (2)
Max
0.079 (2)
Max
0.110 (2.79) 0.016 (0.406) 0.0135 (0.342) 0.010 (0.25)
0.013 (0.33) 0.008 (0.21) 0.295 (7.5) 0.22 (5.6)
0.0087 (0.22)
0.013 (0.33) 0.008 (0.21)
0.0087 (0.22)
0.013 (0.33) 0.008 (0.21)
0.008 (0.2)
0.31 (7.9) 0.2 (5.0)
0.33 (8.5) 0.22 (5.6)
0.39 (9.9) 0.2 (5.0)
0.42 (10.5) 0.22 (5.6)
0.62 (15.75) 0.291 (7.39)
0.63 (16.00) 0.299 (7.59)
0.025 BSC (0.635 BSC) 0.065 (1.65) 0.29 (7.4) 0.022 (0.55) 0.073 (1.85) 0.32 (8.2) 0.037 (0.95)
0.025 BSC (0.635 BSC) 0.065 (1.65) 0.29 (7.4) 0.022 (0.55) 0.073 (1.85) 0.32 (8.2) 0.037 (0.95)
0.025 BSC (0.635 BSC) 0.065 (1.65) 0.29 (7.4) 0.022 (0.55) 0.073 (1.85) 0.32 (8.2) 0.037 (0.95)
0.025 BSC (0.635 BSC) 0.089 (2.26) 0.395 (10.03) 0.02 (0.51) 0.099 (2.52) 0.42 (10.67) 0.04 (1.02)
Small Shrink Outline Package (SSOP) - N Suffix
General-11
http://www.mitelsemi.com
World Headquarters - Canada Tel: +1 (613) 592 2122 Fax: +1 (613) 592 6909 North America Tel: +1 (770) 486 0194 Fax: +1 (770) 631 8213 Asia/Pacific Tel: +65 333 6193 Fax: +65 333 6192 Europe, Middle East, and Africa (EMEA) Tel: +44 (0) 1793 518528 Fax: +44 (0) 1793 518581
Information relating to products and services furnished herein by Mitel Corporation or its subsidiaries (collectively "Mitel") is believed to be reliable. However, Mitel assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Mitel or licensed from third parties by Mitel, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Mitel, or non-Mitel furnished goods or services may infringe patents or other intellectual property rights owned by Mitel. This publication is issued to provide information only and (unless agreed by Mitel in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Mitel without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Mitel's conditions of sale which are available on request.
M Mitel (design) and ST-BUS are registered trademarks of MITEL Corporation Mitel Semiconductor is an ISO 9001 Registered Company Copyright 1999 MITEL Corporation All Rights Reserved Printed in CANADA TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of MT91600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X