Part Number Hot Search : 
1N626 ML601J24 2SC3007 MAX10 13U01 TIC22 TIC22 STD5KA70
Product Description
Full Text Search
 

To Download MMST6427 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMST6427
NPN SURFACE MOUNT DARLINGTON TRANSISTOR Features
* * * * Epitaxial Planar Die Construction Ideal for Medium Power Amplification and Switching High Current Gain Ultra-Small Surface Mount Package
B
SOT-323
A C BC E G H K M
Dim A B C D E G H J K L M
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
0.65 Nominal
Mechanical Data
* * * * * * * * Case: SOT-323, Molded Plastic Case Material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking (See Page 2): K1D Ordering & Date Code Information: See Page 2 Weight: 0.006 grams (approx.)
J
D
F
L
C
a
All Dimensions in mm
B
E
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RqJA Tj, TSTG MMST6427 40 40 12 500 200 625 -55 to +150 Unit V V V mA mW K/W C
Characteristic
Collector Current - Continuous (Note 1) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage and Temperature Range Note:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
DS30166 Rev. 3 - 1
1 of 2 www.diodes.com
MMST6427
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 2) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current ON CHARACTERISTICS (Note 2) DC Current Gain Collector-Emitter Saturation Voltage Base- Emitter Saturation Voltage Base- Emitter On Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Input Capacitance
@ TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO Min 40 40 12 3/4 3/4 3/4 10,000 20,000 14,000 3/4 3/4 3/4 Max 3/4 3/4 3/4 50 1.0 50 100,000 200,000 140,000 1.2 1.5 2.0 1.75 Unit V V V nA mA nA Test Condition IC = 100mA, IE = 0 IC = 100mA, IB = 0 IE = 10mA, IC = 0 VCB = 30V, IE = 0 VCE = 25V, IB = 0 VEB = 10V, IC = 0 IC = 10mA, VCE = 5.0V IC = 100mA, VCE = 5.0V IC = 500mA, VCE = 5.0V IC = 50mA, IB = 0.5mA IC = 500mA, IB = 0.5mA IC = 500mA, IB = 0.5mA IC = 50mA, VCE =5.0V VCB = 10V, f = 1.0MHz, IE = 0 VEB = 0.5V, f = 1.0MHz, IC = 0
hFE VCE(SAT) VBE(SAT) VBE(ON) Cobo Cibo
3/4 V V V pF pF
8.0 Typical 15 Typical
Ordering Information (Note 3)
Device MMST6427-7 Notes: Packaging SOT-323 Shipping 3000/Tape & Reel
2. Short duration test pulse used to minimize self-heating effect. 3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K1D
K1D= Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code 1998 J Jan 1 1999 K Feb 2 2000 L March 3 2001 M Apr 4 2002 N May 5 2003 P Jun 6 2004 R Jul 7 2005 S Aug 8 2006 T Sep 9 2007 U Oct O 2008 V Nov N 2009 W Dec D
DS30166 Rev. 3 - 1
2 of 2 www.diodes.com
YM
MMST6427


▲Up To Search▲   

 
Price & Availability of MMST6427

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X