Part Number Hot Search : 
1R00G TPC18A PM6MMXX 00220 LLST300 1058193 SM100 UG2KB05
Product Description
Full Text Search
 

To Download MM74HC595 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM74HC595 8-Bit Shift Registers with Output Latches
September 1983 Revised February 1999
MM74HC595 8-Bit Shift Registers with Output Latches
General Description
The MM74HC595 high speed shift register utilizes advanced silicon-gate CMOS technology. This device possesses the high noise immunity and low power consumption of standard CMOS integrated circuits, as well as the ability to drive 15 LS-TTL loads. This device contains an 8-bit serial-in, parallel-out shift register that feeds an 8-bit D-type storage register. The storage register has 8 3-STATE outputs. Separate clocks are provided for both the shift register and the storage register. The shift register has a direct-overriding clear, serial input, and serial output (standard) pins for cascading. Both the shift register and storage register use positive-edge triggered clocks. If both clocks are connected together, the shift register state will always be one clock pulse ahead of the storage register. The 74HC logic family is speed, function, and pin-out compatible with the standard 74LS logic family. All inputs are protected from damage due to static discharge by internal diode clamps to VCC and ground.
Features
s Low quiescent current: 80 A maximum (74HC Series) s Low input current: 1 A maximum s 8-bit serial-in, parallel-out shift register with storage s Wide operating voltage range: 2V-6V s Cascadable s Shift register has direct clear s Guaranteed shift frequency: DC to 30 MHz
Ordering Code:
Order Number MM74HC595M MM74HC595WM MM74HC595SJ MM74HC595MTC MM74HC595N Package Number M16A M16B M16D MTC16 N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 16-Lead Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Truth Table
RCK X X SCK X X SCLR X L G H L Function QA thru QH = 3-STATE Shift Register cleared QH = 0 X H L Shift Register clocked QN = Qn-1, Q0 = SER X H L Contents of Shift Register transferred to output latches
Top View
(c) 1999 Fairchild Semiconductor Corporation
DS005342.prf
www.fairchildsemi.com
MM74HC595
Logic Diagram
(positive logic)
www.fairchildsemi.com
2
MM74HC595
Absolute Maximum Ratings(Note 1)
(Note 2) Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) Clamp Diode Current (IIK, IOK) DC Output Current, per pin (IOUT) DC VCC or GND Current, per pin (ICC) Storage Temperature Range (TSTG) Power Dissipation (PD) (Note 3) S.O. Package only Lead Temperature (TL) (Soldering 10 seconds) 260C (Note 4)
VCC 2.0V 4.5V 6.0V VIL Maximum LOW Level Input Voltage VOH Minimum HIGH Level Output Voltage VIN = VIH or VIL |IOUT| 20 A 2.0V 4.5V 6.0V QH VIN = VIH or VIL |IOUT| 4.0 mA |IOUT| 5.2 mA QA thru QH VIN = VIH or VIL |IOUT| 6.0 mA |IOUT| 7.8 mA VOL Maximum LOW Level Output Voltage VIN = VIH or VIL |IOUT| 20 A 2.0V 4.5V 6.0V QH VIN = VIH or VIL |IOUT| 4 mA |IOUT| 5.2 mA QA thru QH VIN = VIH or VIL |IOUT| 6.0 mA |IOUT| 7.8 mA IIN IOZ ICC Maximum Input Current Maximum 3-STATE Output Leakage Maximum Quiescent Supply Current VOUT = VCC or GND G = V IH VIN = VCC or GND IOUT = 0 A 6.0V 6.0V VIN = VCC or GND 4.5V 6.0V 6.0V 4.5V 6.0V 4.5V 6.0V 4.5V 6.0V 2.0V 4.5V 6.0V
Recommended Operating Conditions
Min Supply Voltage (VCC) DC Input or Output Voltage (VIN, VOUT) Operating Temperature Range (TA) Input Rise or Fall Times (tr, tf) VCC = 2.0V VCC = 4.5V VCC = 6.0V 0 -40 VCC +85 1000 500 400 V C ns ns ns 2 Max 6 Units V
-0.5 to +7.0V -1.5 to VCC +1.5V -0.5 to VCC +0.5V 20 mA 35 mA 70 mA -65C to +150C 600 mW 500 mW
Note 1: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Note 2: Unless otherwise specified all voltages are referenced to ground. Note 3: Power Dissipation temperature derating -- plastic "N" package: - 12 mW/C from 65C to 85C.
DC Electrical Characteristics
Symbol VIH Parameter Minimum HIGH Level Input Voltage Conditions
TA = 25C Typ 1.5 3.15 4.2 0.5 1.35 1.8 2.0 4.5 6.0 4.2 5.2 4.2 5.7 0 0 0 0.2 0.2 0.2 0.2 1.9 4.4 5.9 3.98 5.48 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.26 0.26 0.1 0.5 8.0
TA = -40 to 85C TA = -55 to 125C Guaranteed Limits 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.84 5.34 3.84 5.34 0.1 0.1 0.1 0.33 0.33 0.33 0.33 1.0 5.0 80 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.7 5.2 3.7 5.2 0.1 0.1 0.1 0.4 0.4 0.4 0.4 1.0 10 160
Units V V V V V V V V V V V V V V V V V V V V A A A
Note 4: For a power supply of 5V 10% the worst case output voltages (VOH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage current (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
3
www.fairchildsemi.com
MM74HC595
AC Electrical Characteristics
VCC = 5V, TA = 25C, tr = tf = 6 ns Symbol fMAX tPHL, tPLH tPHL, tPLH tPZH, tPZL tPHZ, tPLZ tS tS tS Parameter Maximum Operating Frequency of SCK Maximum Propagation Delay, SCK to QH' Maximum Propagation Delay, RCK to QA thru QH Maximum Output Enable Time from G to QA thru QH Maximum Output Disable Time from G to QA thru QH Minimum Setup Time from SER to SCK Minimum Setup Time from SCLR to SCK Minimum Setup Time from SCK to RCK (Note 5) tH tW Minimum Hold Time from SER to SCK Minimum Pulse Width of SCK or RCK
Note 5: This setup time ensures the register will see stable data from the shift-register outputs. The clocks may be connected together in which case the storage register state will be one clock pulse behind the shift register.
Conditions
Typ 50
Guaranteed Limit 30 20 30
Units MHz ns ns
CL = 45 pF CL = 45 pF RL = 1 k CL = 45 pF RL = k CL = 5 pF
12 18
17 15
28 25
ns ns
20 20
ns ns
40
ns
0 16
ns ns
AC Electrical Characteristics
VCC = 2.0-6.0V, CL = 50 pF, tr = tf = 6 ns (unless otherwise specified) Symbol fMAX Parameter Maximum Operating Frequency tPHL, tPLH Maximum Propagation Delay from SCK to QH CL = 50 pF CL = 150 pF CL = 50 pF CL = 150 pF CL = 50 pF CL = 150 pF tPHL, tPLH Maximum Propagation CL = 50 pF CL = 50 pF CL = 150 pF CL = 50 pF CL = 150 pF tPHL, tPLH Maximum Propagation Delay from SCLR to QH Delay from RCK to QA thru QH CL = 150 pF Conditions CL = 50 pF VCC 2.0V 4.5V 6.0V 2.0V 2.0V 4.5V 4.5V 6.0V 6.0V 2.0V 2.0V 4.5V 4.5V 6.0V 6.0V 2.0V 4.5V 6.0V TA = 25C Typ 10 45 50 58 83 14 17 10 14 70 105 21 28 18 26 6 30 35 210 294 42 58 36 50 175 245 35 49 30 42 175 35 30 TA = -40 to 85C TA = -55 to 125C Guaranteed Limits 4.8 24 28 265 367 53 74 45 63 220 306 44 61 37 53 221 44 37 4.0 20 24 315 441 63 88 54 76 265 368 53 74 45 63 261 52 44 MHz MHz MHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Units
www.fairchildsemi.com
4
MM74HC595
AC Electrical Characteristics
Symbol Parameter
(Continued)
TA = 25C Typ 75 100 15 20 13 17 75 15 13 175 245 35 49 30 42 175 35 30 100 20 17 50 10 9 100 20 17 5 5 5 30 9 8 80 16 14 1000 500 400 25 7 6 60 12 10 75 15 13 90 150 TA = -40 to 85C TA = -55 to 125C Guaranteed Limits 220 306 44 61 37 53 220 44 37 125 25 21 63 13 11 125 25 21 5 5 5 100 20 18 1000 500 400 75 15 13 95 19 16 265 368 53 74 45 63 265 53 45 150 30 25 75 15 13 150 30 26 5 5 5 120 24 22 1000 500 400 90 18 15 110 22 19 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns pF pF
Conditions RL = 1 k CL = 50 pF CL = 150 pF CL = 50 pF CL = 150 pF CL = 50 pF CL = 150 pF
VCC
Units
tPZH, tPZL Maximum Output Enable from G to QA thru QH
2.0V 2.0V 4.5V 4.5V 6.0V 6.0V 2.0V 4.5V 6.0V
tPHZ, tPLZ Maximum Output Disable Time from G to QA thru QH tS Minimum Setup Time from SER to SCK tR Minimum Removal Time from SCLR to SCK tS Minimum Setup Time from SCK to RCK tH Minimum Hold Time SER to SCK tW Minimum Pulse Width of SCK or SCLR tr , tf Maximum Input Rise and Fall Time, Clock tTHL, tTLH Maximum Output Rise and Fall Time QA-QH tTHL, tTLH Maximum Output Rise & Fall Time QH CPD Power Dissipation Capacitance, Outputs Enabled (Note 6) CIN COUT Maximum Input Capacitance Maximum Output Capacitance
RL = 1 k CL = 50 pF
2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V G = VCC G = GND
5 15
10 20
10 20
10 20
pF pF
Note 6: CPD determines the no load dynamic power consumption, PD = CPD VCC2f + ICC VCC, and the no load dynamic current consumption, IS = CPD VCC f + ICC.
5
www.fairchildsemi.com
MM74HC595
Timing Diagram
www.fairchildsemi.com
6
MM74HC595
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M16B
7
www.fairchildsemi.com
MM74HC595
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M16D
www.fairchildsemi.com
8
MM74HC595
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC16
9
www.fairchildsemi.com
MM74HC595 8-Bit Shift Registers with Output Latches
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual--Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N16E
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be reawhich, (a) are intended for surgical implant into the sonably expected to cause the failure of the life support body, or (b) support or sustain life, and (c) whose failure device or system, or to affect its safety or effectiveness. to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the www.fairchildsemi.com user.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.


▲Up To Search▲   

 
Price & Availability of MM74HC595

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X