Part Number Hot Search : 
2SC4403 BC847A XXXGX 1N4688 LTS367HR FS782 20100CT TPL10215
Product Description
Full Text Search
 

To Download MM4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON SEMICONDUCTOR
TECHNICAL SPECIFICATION
MM4148
1N4148 mini-MELF SIGNAL DIODE
Absolute Maximum Ratings (Ta=25C) Items Symbol Ratings Unit Reverse Voltage VR 75 V Reverse Recovery trr 4 ns Time Power Dissipation P 500 mW 3.33mW/C (25C) Forward Current IF 150 mA Junction Temp. Tj -65 to 200 C Storage Temp. Tstg -65 to 200 C Mechanical Data
Items Package Case Lead/Finish Chip Materials Mini MELF Hermetically sealed glass Double stud/Solder Plating Glass Passivated
m i n i -MEL F
1.40 1.30
0.4 0.2
2 Places
3.40 3.20
Dimensions in millimeters
Electrical Characteristics (Ta=25C) Ratings Minimum Breakdown Voltage @IR= 100uA Peak Forward Surge Current PW< 1sec. Maximum Forward Voltage IF= 10mA Maximum Reverse Current VR= 20V VR= 75V VR= 20V, Tj= 150C Maximum Junction Capacitance VR= 0, f= 1 MHz Maximum Reverse Recovery Time IF= 10mA, VR= 6V, IRR= 1mA, RL= 100 Maximum Thermal Resistance Maximum Rectification Efficiency Vrf= 2V, f= 100MHz
Symbol BV IFsurge VF IR
Ratings 100 500 1.0 0.025 5.0 50 4 4 0.35 0.45
Unit V mA V uA
Cj trr RJA
pF ns C/mW -
RECTRON USA
1315 John Reed Court, Industry, CA 91745 Tel: (626) 333-3802 Fax: (626) 330-6296 www.rectron.com


▲Up To Search▲   

 
Price & Availability of MM4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X