Part Number Hot Search : 
CMD6392 SF2089C LB8659FN D620CT SD125 CEPF630 X222M U9280
Product Description
Full Text Search
 

To Download MC74HC132A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74HC132A Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
High-Performance Silicon-Gate CMOS
The MC74HC132A is identical in pinout to the LS132. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs. The HC132A can be used to enhance noise immunity or to square up slowly changing waveforms.
http://onsemi.com MARKING DIAGRAMS
14 PDIP-14 N SUFFIX CASE 646 MC74HC132AN AWLYYWW 1 14 SOIC-14 D SUFFIX CASE 751A 1 A = Assembly Location WL or L = Wafer Lot YY or Y = Year WW or W = Work Week Y1 HC132A AWLYWW
* * * * * * *
Output Drive Capability: 10 LSTTL Loads Outputs Directly Interface to CMOS, NMOS, and TTL Operating Voltage Range: 2.0 to 6.0 V Low Input Current: 1.0 A High Noise Immunity Characteristic of CMOS Devices In Compliance with the Requirements Defined by JEDEC Standard No. 7A Chip Complexity: 72 FETs or 18 Equivalent Gates
LOGIC DIAGRAM
A1 1 3 B1 A2 2 4 6 B2 A3 5 Y = AB 9 8 B3 10 Y3 Y2
PIN ASSIGNMENT
A1 B1 Y1 A2 B2 Y2 GND 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VCC B4 A4 Y4 B3 A3 Y3
A4 12 11 B4 13 PIN 14 = VCC PIN 7 = GND Y4
ORDERING INFORMATION
Device MC74HC132AN MC74HC132AD MC74HC132ADR2 Package PDIP-14 SOIC-14 SOIC-14 Shipping 2000 / Box 55 / Rail 2500 / Reel
FUNCTION TABLE
Inputs A L L H H B L H L H Output Y H H H L
(c) Semiconductor Components Industries, LLC, 2000
1
March, 2000 - Rev. 7
Publication Order Number: MC74HC132A/D
MC74HC132A
IIIIIIIIIIIIIIIIIIIIII I I I II I II I IIIIIIIIIIII III I I I I II I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I II I I I II I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I II I I I IIIIIIIIIIIIIIIIIIIIII I I I II I I I II I I II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I II I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIII I I I I IIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIII II I II IIIIIIIIIIIIIIIIIIIIII II I I IIII I II I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII III I I IIIIIIIIIIIIIIIIIIIIIII II I IIII I II I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII II I II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII II I
II II I I IIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII II I II II I I I IIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII II I III IIIIIIIIIIIIIIIIIIIIIII II III II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II II I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS*
Symbol VCC Vin Parameter Value Unit V V V DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) - 0.5 to + 7.0 - 1.5 to VCC + 1.5 - 0.5 to VCC + 0.5 20 25 50 750 500 Vout Iin DC Output Voltage (Referenced to GND) DC Input Current, per Pin mA mA mA Iout DC Output Current, per Pin ICC PD DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Storage Temperature Plastic DIP SOIC Package mW Tstg TL - 65 to + 150 260
_C _C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND (Vin or Vout) VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
v
v
Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
*Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. Derating -- Plastic DIP: - 10 mW/_C from 65_ to 125_C SOIC Package: - 7 mW/_C from 65_ to 125_C For high frequency or heavy load considerations, see Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
RECOMMENDED OPERATING CONDITIONS
Symbol VCC Parameter
Min 2.0 0
Max 6.0
Unit V V
DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND)
Vin, Vout TA
VCC
Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1)
- 55 --
+ 125 no limit*
_C
ns
tr, tf
*When Vin
X 0.5 VCC, ICC >> quiescent current.
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit - 40_C to + 85_C 1.5 3.15 4.2
Symbol
Parameter
Test Conditions
VCC V 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0
25_C 1.5 3.15 4.2 1.0 2.3 3.0 0.9 2.0 2.6 0.3 0.9 1.2
- 55_C to + 125_C 1.5 3.15 4.2
Unit V
VT+ max
Maximum Positive-Going Input Threshold Voltage (Figure 3) Minimum Positive-Going Input Threshold Voltage (Figure 3)
Vout = 0.1 V |Iout| 20 A
v v v v v v
VT+ min
Vout = 0.1 V |Iout| 20 A
0.95 2.25 2.95 0.95 2.05 2.65 0.3 0.9 1.2
0.95 2.25 2.95 0.95 2.05 2.65 0.3 0.9 1.2
V
VT- max
Maximum Negative-Going Input Threshold Voltage (Figure 3) Minimum Negative-Going Input Threshold Voltage (Figure 3)
Vout = VCC - 0.1 V |Iout| 20 A Vout = VCC - 0.1 V |Iout| 20 A
V
VT- min
V
VHmax Note 2 VHmin Note 2
Maximum Hysteresis Voltage (Figure 3) Minimum Hysteresis Voltage (Figure 3)
Vout = 0.1 V or VCC - 0.1 V |Iout| 20 A Vout = 0.1 V or VCC - 0.1 V |Iout| 20 A
1.2 2.25 3.0 0.2 0.4 0.5
1.2 2.25 3.0 0.2 0.4 0.5
1.2 2.25 3.0 0.2 0.4 0.5
V
V
NOTE: 1. VHmin > (VT+ min) - (VT- max); VHmax = (VT+ max) + (VT- min). NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
http://onsemi.com
2
MC74HC132A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I II I I I I III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I III I I I I I II I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I II I I I IIII IIIIIIIIIIIIIIIIIIIIII I I II II I I I II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I III I I I I I II I I I II I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I II I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I II I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII III II II I I I I I IIIIIIIIIIIIIIIIIIIIII I II I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I III I I I I I II I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I
Guaranteed Limit Symbol VOH Parameter Minimum High-Level Output Voltage Vin T- min or VT+ max |Iout| 20 A Vin
vV v
Test Conditions
VCC V 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0
- 55 to 25_C 1.9 4.4 5.9
v 85_C v 125_C
1.9 4.4 5.9 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4
Unit V
v-VT- min or VT+ max |Iout| v 4.0 mA |Iout| v 5.2 mA v
|Iout| |Iout|
3.98 5.48 0.1 0.1 0.1
3.84 5.34 0.1 0.1 0.1
VOL
Maximum Low-Level Output Voltage
Vin VT+ max |Iout| 20 A VinVT+ max
V
v 4.0 mA v 5.2 mA
0.26 0.26
0.33 0.33
Iin
Maximum Input Leakage Current
Vin = VCC or GND Vin = VCC or GND Iout = 0 A
0.1 1.0
1.0 10
1.0 40
A A
ICC
Maximum Quiescent Supply Current (per Package)
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6.0 ns)
Guaranteed Limit
Symbol tPLH, tPHL tTLH, tTHL Cin
Parameter
VCC V 2.0 4.5 6.0 2.0 4.5 6.0 --
- 55 to 25_C 125 25 21 75 15 13 10
v 85_C v 125_C
155 31 26 95 19 16 10 190 38 32 110 22 19 10
Unit ns
Maximum Propagation Delay, Input A or B to Output Y (Figures 1 and 2) Maximum Output Transition Time, Any Output (Figures 1 and 2) Maximum Input Capacitance
ns
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D). Typical @ 25C, VCC = 5.0 V CPD Power Dissipation Capacitance (Per Gate)* 24 pF
* Used to determine the no-load dynamic power consumption: P D = C PD V CC 2 f + I CC V CC . For load considerations, see Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D). tr INPUT A OR B 90% 50% 10% tPHL 90% 50% 10% tTHL tPLH tf VCC GND OUTPUT DEVICE UNDER TEST CL* TEST POINT
Y
tTLH *Includes all probe and jig capacitance
Figure 1. Switching Waveforms
Figure 2. Test Circuit
http://onsemi.com
3
MC74HC132A
VT , TYPICAL INPUT THRESHOLD VOLTAGE (VOLTS 4
3 VHtyp 2
1
2
3 4 5 VCC, POWER SUPPLY VOLTAGE (VOLTS) VHtyp = (VT + typ) - (VT - typ)
6
Figure 3. Typical Input Threshold, VT+, VT- Versus Power Supply Voltage
VCC Vout
Vin (a) A SCHMITT TRIGGER SQUARES UP INPUTS (a) WITH SLOW RISE AND FALL TIMES VCC VH Vin VT + VT - GND VOH Vin
(b) A SCHMITT TRIGGER OFFERS MAXIMUM NOISE (b) IMMUNITY VCC VH VT + VT - GND VOH
Vout VOL
Vout VOL
Figure 4. Typical Schmitt-Trigger Applications
http://onsemi.com
4
MC74HC132A
PACKAGE DIMENSIONS
PDIP-14 N SUFFIX CASE 646-06 ISSUE L
14 8
B
1 7
NOTES: 1. LEADS WITHIN 0.13 (0.005) RADIUS OF TRUE POSITION AT SEATING PLANE AT MAXIMUM MATERIAL CONDITION. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 4. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M N INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.300 BSC 0_ 10_ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.62 BSC 0_ 10_ 0.39 1.01
A F C N H G D
SEATING PLANE
L
J K M
SOIC-14 D SUFFIX CASE 751A-03 ISSUE F
-A-
14 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
-B-
1 7
P 7 PL 0.25 (0.010)
M
B
M
G C
R X 45 _
F
-T-
SEATING PLANE
D 14 PL 0.25 (0.010)
K
M
M
S
J
TB
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
http://onsemi.com
5
MC74HC132A
Notes
http://onsemi.com
6
MC74HC132A
Notes
http://onsemi.com
7
MC74HC132A
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
NORTH AMERICA Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line: 303-675-2167 or 800-344-3810 Toll Free USA/Canada N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (M-F 1:00pm to 5:00pm Munich Time) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (M-F 1:00pm to 5:00pm Toulouse Time) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (M-F 12:00pm to 5:00pm UK Time) Email: ONlit@hibbertco.com EUROPEAN TOLL-FREE ACCESS*: 00-800-4422-3781 *Available from Germany, France, Italy, England, Ireland CENTRAL/SOUTH AMERICA: Spanish Phone: 303-308-7143 (Mon-Fri 8:00am to 5:00pm MST) Email: ONlit-spanish@hibbertco.com ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong & Singapore: 001-800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5740-2745 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC74HC132A/D


▲Up To Search▲   

 
Price & Availability of MC74HC132A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X