|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Order this document by MC33201/D Rail-to-Rail Operational Amplifiers The MC33201/2/4 family of operational amplifiers provide rail-to-rail operation on both the input and output. The inputs can be driven as high as 200 mV beyond the supply rails without phase reversal on the outputs, and the output can swing within 50 mV of each rail. This rail-to-rail operation enables the user to make full use of the supply voltage range available. It is designed to work at very low supply voltages ( 0.9 V) yet can operate with a supply of up to +12 V and ground. Output current boosting techniques provide a high output current capability while keeping the drain current of the amplifier to a minimum. Also, the combination of low noise and distortion with a high slew rate and drive capability make this an ideal amplifier for audio applications. * Low Voltage, Single Supply Operation (+1.8 V and Ground to +12 V and Ground) * Input Voltage Range Includes both Supply Rails MC33201 MC33202 MC33204 LOW VOLTAGE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS NC 1 8 1 8 7 6 5 NC VCC Output NC 2 Inputs 3 VEE 4 P SUFFIX PLASTIC PACKAGE CASE 626 (Single, Top View) * * * * * * * * Output Voltage Swings within 50 mV of both Rails No Phase Reversal on the Output for Over-driven Input Signals High Output Current (ISC = 80 mA, Typ) Low Supply Current (ID = 0.9 mA, Typ) 600 Output Drive Capability Extended Operating Temperature Ranges (-40 to +105C and -55 to +125C) Typical Gain Bandwidth Product = 2.2 MHz Offered in New TSSOP Package Including Standard SOIC and DIP Packages 14 14 1 1 8 1 Output 1 1 2 Inputs 1 3 VEE 4 2 1 8 7 6 VCC Output 2 D SUFFIX PLASTIC PACKAGE CASE 751 (SO-8) Inputs 2 5 (Dual, Top View) ORDERING INFORMATION Operational Amplifier Function Operating Temperature Range TA= -40 to +105C TA = -55 to +125C TA= -40 to +105C TA = -55 to +125C Device MC33201D MC33201P Package SO-8 Plastic DIP SO-8 Plastic DIP SO-8 Plastic DIP SO-8 Plastic DIP SO-14 P SUFFIX PLASTIC PACKAGE CASE 646 D SUFFIX PLASTIC PACKAGE CASE 751A (SO-14) 14 1 Single Si l MC33201VD MC33201VP MC33202D MC33202P Dual Dl MC33202VD MC33202VP MC33204D MC33204DTB MC33204P Qd Quad MC33204VD MC33204VDTB MC33204VP TA = -55 to 55 +125C +125 C SO-14 TSSOP-14 Plastic DIP (c) Motorola, Inc. 1996 Output 1 1 2 Inputs 1 3 1 DTB SUFFIX PLASTIC PACKAGE CASE 948G (TSSOP-14) 14 Output 4 4 13 12 11 10 Inputs 4 VEE Inputs 3 Output 3 TA= -40 to +105C 40 105C TSSOP-14 Plastic DIP VCC 4 5 Inputs 2 6 2 3 9 8 Output 2 7 (Quad, Top View) Rev 2 MOTOROLA ANALOG IC DEVICE DATA 1 MC33201 MC33202 MC33204 DC ELECTRICAL CHARACTERISTICS (TA = 25C) Characteristic Input Offset Voltage VIO (max) MC33201 MC33202 MC33204 Output Voltage Swing VOH (RL = 10 k) VOL (RL = 10 k) Power Supply Current per Amplifier (ID) VCC = 2.0 V VCC = 3.3 V VCC = 5.0 V Unit mV 8.0 10 12 1.9 0.10 1.125 8.0 10 12 3.15 0.15 1.125 6.0 8.0 10 4.85 0.15 1.125 Vmin Vmax mA Specifications at VCC = 3.3 V are guaranteed by the 2.0 V and 5.0 V tests. VEE = Gnd. MAXIMUM RATINGS Rating Supply Voltage (VCC to VEE) Input Differential Voltage Range Common Mode Input Voltage Range (Note 2) Output Short Circuit Duration Maximum Junction Temperature Storage Temperature Maximum Power Dissipation Symbol VS VIDR VCM ts TJ Tstg PD Value +13 (Note 1) VCC + 0.5 V to VEE - 0.5 V (Note 3) +150 - 65 to +150 (Note 3) Unit V V V sec C C mW NOTES: 1. The differential input voltage of each amplifier is limited by two internal parallel back-to-back diodes. For additional differential input voltage range, use current limiting resistors in series with the input pins. 2. The input common mode voltage range is limited by internal diodes connected from the inputs to both supply rails. Therefore, the voltage on either input must not exceed either supply rail by more than 500 mV. 3. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded. (See Figure 2) DC ELECTRICAL CHARACTERISTICS (VCC = + 5.0 V, VEE = Ground, TA = 25C, unless otherwise noted.) Characteristic Input Offset Voltage (VCM 0 V to 0.5 V, VCM 1.0 V to 5.0 V) MC33201: TA = + 25C MC33201: TA = - 40 to +105C MC33201: TA = - 55 to +125C MC33202: TA = + 25C MC33202: TA = - 40 to +105C MC33202: TA = - 55 to +125C MC33204: TA = + 25C MC33204: TA = - 40 to +105C MC33204: TA = - 55 to +125C Input Offset Voltage Temperature Coefficient (RS = 50 ) TA = - 40 to +105C TA = - 55 to +125C Input Bias Current (VCM = 0 V to 0.5 V, VCM = 1.0 V to 5.0 V) TA = + 25C TA = - 40 to +105C TA = - 55 to +125C Input Offset Current (VCM = 0 V to 0.5 V, VCM = 1.0 V to 5.0 V) TA = + 25C TA = - 40 to +105C TA = - 55 to +125C Common Mode Input Voltage Range Figure 3 Symbol VIO - - - - - - - - - 4 VIO/T - - 5, 6 IIB - - - - IIO - - - - VICR VEE 5.0 10 - - 50 100 200 VCC V 80 100 - 200 250 500 nA 2.0 2.0 - - nA - - - - - - - - - 6.0 9.0 13 8.0 11 14 10 13 17 V/C Min Typ Max Unit mV 2 MOTOROLA ANALOG IC DEVICE DATA MC33201 MC33202 MC33204 DC ELECTRICAL CHARACTERISTICS (continued) (VCC = + 5.0 V, VEE = Ground, TA = 25C, unless otherwise noted.) Characteristic Large Signal Voltage Gain (VCC = + 5.0 V, VEE = - 5.0 V) RL = 10 k RL = 600 Output Voltage Swing (VID = 0.2 V) RL = 10 k RL = 10 k RL = 600 RL = 600 Common Mode Rejection (Vin = 0 V to 5.0 V) Power Supply Rejection Ratio VCC/VEE = 5.0 V/Gnd to 3.0 V/Gnd Output Short Circuit Current (Source and Sink) Power Supply Current per Amplifier (VO = 0 V) TA = - 40 to +105C TA = - 55 to +125C Figure 7 Symbol AVOL 50 25 8, 9, 10 VOH VOL VOH VOL 11 12 13, 14 15 CMR PSRR 500 ISC ID - - 0.9 0.9 1.125 1.125 50 25 80 - - mA mA 4.85 - 4.75 - 60 4.95 0.05 4.85 0.15 90 - 0.15 - 0.25 - dB V/V 300 250 - - V Min Typ Max Unit kV/V AC ELECTRICAL CHARACTERISTICS (VCC = + 5.0 V, VEE = Ground, TA = 25C, unless otherwise noted.) Characteristic Slew Rate (VS = 2.5 V, VO = - 2.0 V to + 2.0 V, RL = 2.0 k, AV = +1.0) Gain Bandwidth Product (f = 100 kHz) Gain Margin (RL = 600 , CL = 0 pF) Phase Margin (RL = 600 , CL = 0 pF) Channel Separation (f = 1.0 Hz to 20 kHz, AV = 100) Power Bandwidth (VO = 4.0 Vpp, RL = 600 , THD 1 %) Total Harmonic Distortion (RL = 600 , VO = 1.0 Vpp, AV = 1.0) f = 1.0 kHz f = 10 kHz Open Loop Output Impedance (VO = 0 V, f = 2.0 MHz, AV = 10) Differential Input Resistance (VCM = 0 V) Differential Input Capacitance (VCM = 0 V) Equivalent Input Noise Voltage (RS = 100 ) f = 10 Hz f = 1.0 kHz Equivalent Input Noise Current f = 10 Hz f = 1.0 kHz 25 24 Figure 16, 26 17 20, 21, 22 20, 21, 22 23 Symbol SR 0.5 GBW AM - - - - - - - ZO - Rin Cin en - - 25 in - - 0.8 0.2 - - 25 20 - - - - 100 200 8.0 - - - k pF nV/ Hz pA/ Hz 1.0 2.2 12 65 90 28 0.002 0.008 - - - - - - - - MHz dB Deg dB kHz % Min Typ Max Unit V/s OM CS BWP THD MOTOROLA ANALOG IC DEVICE DATA 3 MC33201 MC33202 MC33204 Figure 1. Circuit Schematic (Each Amplifier) VCC VCC VCC Vin - VEE Vout Vin + VCC VEE This device contains 70 active transistors (each amplifier). 4 MOTOROLA ANALOG IC DEVICE DATA MC33201 MC33202 MC33204 Figure 2. Maximum Power Dissipation versus Temperature 2500 8 and 14 Pin DIP Pkg 2000 1500 1000 SO-8 Pkg 500 0 - 55 - 40 - 25 TSSOP-14 Pkg SO-14 Pkg PERCENTAGE OF AMPLIFIERS (%) 40 35 30 25 20 15 10 5.0 0 -10 - 8.0 - 6.0 - 4.0 - 2.0 0 2.0 4.0 6.0 VIO, INPUT OFFSET VOLTAGE (mV) 8.0 10 360 amplifiers tested from 3 (MC33204) wafer lots VCC = + 5.0 V VEE = Gnd TA = 25C DIP Package PD(max) , MAXIMUM POWER DISSIPATION (mW) Figure 3. Input Offset Voltage Distribution 0 25 50 85 TA, AMBIENT TEMPERATURE (C) 125 Figure 4. Input Offset Voltage Temperature Coefficient Distribution 50 PERCENTAGE OF AMPLIFIERS (%) 40 30 20 10 0 - 50 - 40 - 30 - 20 I IB , INPUT BIAS CURRENT (nA) 360 amplifiers tested from 3 (MC33204) wafer lots VCC = + 5.0 V VEE = Gnd TA = 25C DIP Package 200 160 120 80 Figure 5. Input Bias Current versus Temperature VCC = + 5.0 V VEE = Gnd VCM = 0 V to 0.5 V VCM > 1.0 V 40 0 - 55 - 40 - 25 -10 0 10 20 30 40 50 0 25 70 85 125 TCVIO, INPUT OFFSET VOLTAGE TEMPERATURE COEFFICIENT (V/C) TA, AMBIENT TEMPERATURE (C) Figure 6. Input Bias Current versus Common Mode Voltage A VOL , OPEN LOOP VOLTAGE GAIN (kV/V) 150 I IB , INPUT BIAS CURRENT (nA) 100 50 0 - 50 -100 -150 - 200 - 250 0 VCC = 12 V VEE = Gnd TA = 25C 2.0 4.0 6.0 8.0 10 VCM, INPUT COMMON MODE VOLTAGE (V) 12 300 260 220 180 140 Figure 7. Open Loop Voltage Gain versus Temperature VCC = + 5.0 V VEE = Gnd RL = 600 VO = 0.5 V to 4.5 V 0 25 70 85 TA, AMBIENT TEMPERATURE (C) 105 125 100 - 55 - 40 - 25 MOTOROLA ANALOG IC DEVICE DATA 5 MC33201 MC33202 MC33204 Figure 8. Output Voltage Swing versus Supply Voltage RL = 600 TA = 25C VSAT, OUTPUT SATURATION VOLTAGE (V) 12 VO, OUTPUT VOLTAGE (Vpp ) 10 8.0 6.0 4.0 2.0 0 1.0 Figure 9. Output Saturation Voltage versus Load Current VCC TA = - 55C TA = 125C TA = 25C VCC - 0.2 V VCC - 0.4 V VEE + 0.4 V TA = 25C TA = - 55C 0 5.0 10 IL, LOAD CURRENT (mA) 15 VEE + 0.2 V VEE 20 VCC = + 5.0 V VEE = - 5.0 V TA = 125C 2.0 3.0 4.0 5.0 VCC,VEE SUPPLY VOLTAGE (V) 6.0 Figure 10. Output Voltage versus Frequency CMR, COMMON MODE REJECTION (dB) 12 VO, OUTPUT VOLTAGE (Vpp ) 100 80 60 40 20 0 10 k 100 k f, FREQUENCY (Hz) 1.0 M Figure 11. Common Mode Rejection versus Frequency 9.0 6.0 VCC = + 6.0 V VEE = - 6.0 V 3.0 RL = 600 AV = +1.0 TA = 25C 0 1.0 k VCC = + 6.0 V VEE = - 6.0 V TA = - 55 to +125C 10 100 1.0 k 10 k f, FREQUENCY (Hz) 100 k 1.0 M PSR, POWER SUPPLY REJECTION (dB) 120 100 PSR+ 80 60 PSR- 40 20 0 10 100 1.0 k 10 k f, FREQUENCY (Hz) 100 k 1.0 M VCC = + 6.0 V VEE = - 6.0 V TA = - 55 to +125C I SC , OUTPUT SHORT CIRCUIT CURRENT (mA) Figure 12. Power Supply Rejection versus Frequency Figure 13. Output Short Circuit Current versus Output Voltage 100 Source 80 60 Sink 40 20 0 0 1.0 2.0 3.0 4.0 5.0 6.0 Vout, OUTPUT VOLTAGE (V) VCC = + 6.0 V VEE = - 6.0 V TA = 25C 6 MOTOROLA ANALOG IC DEVICE DATA MC33201 MC33202 MC33204 Figure 14. Output Short Circuit Current versus Temperature I CC , SUPPLY CURRENT PER AMPLIFIER (mA) 2.0 1.6 TA = 125C 1.2 TA = 25C 0.8 TA = - 55C 0.4 0 0 VCC = + 5.0 V VEE = Gnd I SC , OUTPUT SHORT CIRCUIT CURRENT (mA) Figure 15. Supply Current per Amplifier versus Supply Voltage with No Load 150 125 100 75 50 25 Source Sink 0 - 55 - 40 - 25 0 25 70 85 TA, AMBIENT TEMPERATURE (C) 105 125 1.0 2.0 3.0 4.0 5.0 VCC, VEE, SUPPLY VOLTAGE (V) 6.0 Figure 16. Slew Rate versus Temperature VCC = + 2.5 V VEE = - 2.5 V VO = 2.0 V GBW, GAIN BANDWIDTH PRODUCT (MHz) 2.0 4.0 Figure 17. Gain Bandwidth Product versus Temperature VCC = + 2.5 V VEE = - 2.5 V f = 100 kHz SR, SLEW RATE (V/ s) 1.5 3.0 +Slew Rate 1.0 -Slew Rate 0.5 2.0 1.0 0 - 55 - 40 - 25 0 25 70 85 105 125 0 - 55 - 40 - 25 0 25 70 85 105 125 TA, AMBIENT TEMPERATURE (C) TA, AMBIENT TEMPERATURE (C) Figure 18. Voltage Gain and Phase versus Frequency , OPEN LOOP VOLTAGE GAIN (dB) VOL VS = 6.0 V TA = 25C RL = 600 A VOL, OPEN LOOP VOLTAGE GAIN (dB) 70 50 40 70 50 30 10 Figure 19. Voltage Gain and Phase versus Frequency CL = 0 pF TA = 25C RL = 600 40 80 120 160 80 120 30 10 1A - Phase, CL = 0 pF 1B - Gain, CL = 0 pF 2A - Phase, CL = 300 pF 2B - Gain, CL = 300 pF 100 k f, FREQUENCY (Hz) 1.0 M 2 A 2 B 1 B 1 A O , EXCESS PHASE (DEGREES) 160 200 240 10 M 2 A 1A - Phase, VS = 6.0 V 1B - Gain, VS = 6.0 V 2A - Phase, VS = 1.0 V 2B - Gain, VS = 1.0 V 100 k f, FREQUENCY (Hz) 2 B 1 B 1 A -10 -10 200 240 10 M A - 30 10 k - 30 10 k 1.0 M MOTOROLA ANALOG IC DEVICE DATA 7 O , EXCESS PHASE (DEGREES) MC33201 MC33202 MC33204 Figure 20. Gain and Phase Margin versus Temperature 70 Phase Margin 70 75 Figure 21. Gain and Phase Margin versus Differential Source Resistance Phase Margin 75 60 VCC = + 6.0 V VEE = - 6.0 V TA = 25C 45 30 15 0 100 k A , GAIN MARGIN (dB) M i n , INPUT REFERRED NOISE CURRENT (pA/ Hz) O M , PHASE MARGIN (DEGREES) O M , PHASE MARGIN (DEGREES) 60 50 40 30 20 10 0 - 55 - 40 - 25 Gain Margin 0 25 70 85 105 TA, AMBIENT TEMPERATURE (C) VCC = + 6.0 V VEE = - 6.0 V RL = 600 CL = 100 pF 60 A , GAIN MARGIN (dB) M 50 40 30 20 10 0 125 60 45 30 15 0 10 100 1.0 k 10 k RT, DIFFERENTIAL SOURCE RESISTANCE () Gain Margin Figure 22. Gain and Phase Margin versus Capacitive Load 80 16 A , GAIN MARGIN (dB) M CS, CHANNEL SEPARATION (dB) Phase Margin Gain Margin VCC = + 6.0 V VEE = - 6.0 V RL = 600 AV = 100 TA = 25C 14 12 10 8.0 6.0 4.0 2.0 100 CL, CAPACITIVE LOAD (pF) 0 1.0 k 150 120 90 60 30 70 60 50 40 30 20 10 0 10 Figure 23. Channel Separation versus Frequency AV = 100 O M , PHASE MARGIN (DEGREES) AV = 10 VCC = + 6.0 V VEE = - 6.0 V VO = 8.0 Vpp TA = 25C 1.0 k f, FREQUENCY (Hz) 10 k 0 100 THD, TOTAL HARMONIC DISTORTION (%) 10 en , EQUIVALENT INPUT NOISE VOLTAGE (nV/ Hz) Figure 24. Total Harmonic Distortion versus Frequency VCC = + 5.0 V TA = 25C VO = 2.0 Vpp AV = 1000 0.1 AV = 100 AV = 10 VEE = - 5.0 V RL = 600 Figure 25. Equivalent Input Noise Voltage and Current versus Frequency 50 40 30 20 10 Noise Current 0 10 100 1.0 k f, FREQUENCY (Hz) 10 k 0 100 k Noise Voltage VCC = + 6.0 V VEE = - 6.0 V TA = 25C 5.0 4.0 3.0 2.0 1.0 1.0 0.01 AV = 1.0 100 1.0 k f, FREQUENCY (Hz) 10 k 100 k 0.001 10 8 MOTOROLA ANALOG IC DEVICE DATA MC33201 MC33202 MC33204 General Information The MC33201/2/4 family of operational amplifiers are unique in their ability to swing rail-to-rail on both the input and the output with a completely bipolar design. This offers low noise, high output current capability and a wide common mode input voltage range even with low supply voltages. Operation is guaranteed over an extended temperature range and at supply voltages of 2.0 V, 3.3 V and 5.0 V and ground. Since the common mode input voltage range extends from VCC to VEE, it can be operated with either single or split voltage supplies. The MC33201/2/4 are guaranteed not to latch or phase reverse over the entire common mode range, however, the inputs should not be allowed to exceed maximum ratings. Circuit Information Rail-to-rail performance is achieved at the input of the amplifiers by using parallel NPN-PNP differential input stages. When the inputs are within 800 mV of the negative rail, the PNP stage is on. When the inputs are more than 800 mV greater than VEE, the NPN stage is on. This switching of input pairs will cause a reversal of input bias currents (see Figure 6). Also, slight differences in offset voltage may be noted between the NPN and PNP pairs. Cross-coupling techniques have been used to keep this change to a minimum. In addition to its rail-to-rail performance, the output stage is current boosted to provide 80 mA of output current, enabling the op amp to drive 600 loads. Because of this high output current capability, care should be taken not to exceed the 150C maximum junction temperature. Figure 27. Small Signal Transient Response V , OUTPUT VOLTAGE (50 mV/DIV) O VCC = + 6.0 V VEE = - 6.0 V RL = 600 CL = 100 pF TA = 25C Figure 26. Noninverting Amplifier Slew Rate V , OUTPUT VOLTAGE (2.0 mV/DIV) O VCC = + 6.0 V VEE = - 6.0 V RL = 600 CL = 100 pF TA = 25C t, TIME (5.0 s/DIV) t, TIME (10 s/DIV) Figure 28. Large Signal Transient Response V , OUTPUT VOLTAGE (2.0 V/DIV) O VCC = + 6.0 V VEE = - 6.0 V RL = 600 CL = 100 pF AV = 1.0 TA = 25C t, TIME (10 s/DIV) Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. MOTOROLA ANALOG IC DEVICE DATA 9 MC33201 MC33202 MC33204 OUTLINE DIMENSIONS P SUFFIX PLASTIC PACKAGE CASE 626-05 ISSUE K -B- 1 4 NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10_ 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040 8 5 F NOTE 2 -A- L C -T- SEATING PLANE J N D K M M H G 0.13 (0.005) TA M B M A 8 D 5 D SUFFIX PLASTIC PACKAGE CASE 751-05 (SO-8) ISSUE R C H 0.25 M E 1 4 B M NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETERS. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.18 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_ B C e A SEATING PLANE h X 45 _ q 0.10 A1 0.25 B M CB S A L S q 14 8 P SUFFIX PLASTIC PACKAGE CASE 646-06 ISSUE L B 1 7 NOTES: 1. LEADS WITHIN 0.13 (0.005) RADIUS OF TRUE POSITION AT SEATING PLANE AT MAXIMUM MATERIAL CONDITION. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 4. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M N INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.300 BSC 0_ 10_ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.62 BSC 0_ 10_ 0.39 1.01 A F C N H G D SEATING PLANE L J K M 10 MOTOROLA ANALOG IC DEVICE DATA MC33201 MC33202 MC33204 OUTLINE DIMENSIONS D SUFFIX PLASTIC PACKAGE CASE 751A-03 (SO-14) ISSUE F 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019 -A- 14 -B- 1 7 P 7 PL 0.25 (0.010) M B M G C R X 45 _ F -T- SEATING PLANE D 14 PL 0.25 (0.010) M K TB S M A S J 14X K REF DTB SUFFIX PLASTIC PACKAGE CASE 948G-01 (TSSOP-14) ISSUE O M 0.10 (0.004) 0.15 (0.006) T U S TU S V S N 2X L/2 14 8 0.25 (0.010) M L PIN 1 IDENT. 1 7 B -U- N F DETAIL E K NOTES: 1 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION: MILLIMETER. 3 DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4 DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5 DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6 TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7 DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.50 0.60 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.020 0.024 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_ 0.15 (0.006) T U S J J1 SECTION N-N -W- C 0.10 (0.004) -T- SEATING PLANE D G H DETAIL E How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 MOTOROLA ANALOG IC DEVICE DATA CCC EEE CCC EEE CCC A -V- K1 *MC33201/D* 11 MC33201/D |
Price & Availability of MC33201D |