Part Number Hot Search : 
SMBJ150 G510101 PTZTF24B PJ2N9015 10040 MC7805 IRLL2703 ST10F273
Product Description
Full Text Search
 

To Download MC14528B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC14528B Dual Monostable Multivibrator
The MC14528B is a dual, retriggerable, resettable monostable multivibrator. It may be triggered from either edge of an input pulse, and produces an output pulse over a wide range of widths, the duration of which is determined by the external timing components, CX and RX.
http://onsemi.com MARKING DIAGRAMS
16 PDIP-16 P SUFFIX CASE 648 MC14528BCP AWLYYWW 1 16 SOIC-16 D SUFFIX CASE 751B 14528B AWLYWW 1 Unit V V mA mW C C C SOEIAJ-16 F SUFFIX CASE 966 1 10 500 - 55 to +125 - 65 to +150 260 A = Assembly Location WL or L = Wafer Lot YY or Y = Year WW or W = Work Week 16 MC14528B AWLYWW
* * * * * *
Separate Reset Available Diode Protection on All Inputs Triggerable from Leading or Trailing Edge Pulse Supply Voltage Range = 3.0 Vdc to 18 Vdc Capable of Driving Two Low-power TTL Loads or One Low-power Schottky TTL Load Over the Rated Temperature Range Pin-for-Pin Replacement with the MC14538B
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 2.)
Symbol VDD Vin, Vout Iin, Iout PD TA Tstg TL Parameter DC Supply Voltage Range Input or Output Voltage Range (DC or Transient) Input or Output Current (DC or Transient) per Pin Power Dissipation, per Package (Note 3.) Ambient Temperature Range Storage Temperature Range Lead Temperature (8-Second Soldering) Value - 0.5 to +18.0 - 0.5 to VDD + 0.5
ORDERING INFORMATION
Device MC14528BCP MC14528BD MC14528BDR2 MC14528BF MC14528BFEL Package PDIP-16 SOIC-16 SOIC-16 SOEIAJ-16 SOEIAJ-16 Shipping 2000/Box 48/Rail 2500/Tape & Reel See Note 1. See Note 1.
2. Maximum Ratings are those values beyond which damage to the device may occur. 3. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/_C From 65_C To 125_C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS (Vin or Vout) VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
v
v
1. For ordering information on the EIAJ version of the SOIC packages, please contact your local ON Semiconductor representative.
(c) Semiconductor Components Industries, LLC, 2000
1
March, 2000 - Rev. 3
Publication Order Number: MC14528B/D
MC14528B
PIN ASSIGNMENT
VSS CX1/RX1 RESET 1 A1 B1 Q1 Q1 VSS 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDD VSS CX2/RX2 RESET 2 A2 B2 Q2 Q2
BLOCK DIAGRAM
CX1 1 4 A1 5 B1 3 2 6 7 Q1 Q1 RX1 VDD
RESET 1
CX2
RX2 VDD 14 10 9 Q2 Q2
15 12 A2 11 B2 13
RESET 2
VDD = PIN 16 VSS = PIN 1, PIN 8, PIN 15 RX AND CX ARE EXTERNAL COMPONENTS
ONE-SHOT SELECTION GUIDE
100 ns MC14528B MC14536B MC14538B MC14541B MC4538A* 1 ms 10 ms 100 ms 1 ms 10 ms 100 ms 1s 10 s 23 HR 5 MIN.
*LIMITED OPERATING VOLTAGE (2-6 V) TOTAL OUTPUT PULSE WIDTH RANGE RECOMMENDED PULSE WIDTH RANGE
http://onsemi.com
2
MC14528B
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 VIH 5.0 10 15 Source IOH 5.0 5.0 10 15 5.0 10 15 15 -- 5.0 10 15 -- 3.5 7.0 11 - 1.2 - 0.64 - 1.6 - 4.2 0.64 1.6 4.2 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 0.1 -- 5.0 10 20 3.5 7.0 11 - 1.0 - 0.51 - 1.3 - 3.4 0.51 1.3 3.4 -- -- -- -- -- 2.75 5.50 8.25 - 1.7 - 0.88 - 2.25 - 8.8 0.88 2.25 8.8 0.00001 5.0 0.005 0.010 0.015 -- -- -- -- -- -- -- -- -- -- 0.1 7.5 5.0 10 20 3.5 7.0 11 - 0.7 - 0.36 - 0.9 - 2.4 0.36 0.9 2.4 -- -- -- -- -- -- -- -- mAdc -- -- -- -- -- -- -- 1.0 -- 150 300 600 mAdc Characteristic Symbol VOL Min -- -- -- - 55_C 25_C 125_C Max Min -- -- -- Typ (4.) 0 0 0 Max Min -- -- -- Max Unit Vdc Output Voltage Vin = VDD or 0 "0" Level 0.05 0.05 0.05 -- -- -- 1.5 3.0 4.0 0.05 0.05 0.05 -- -- -- 1.5 3.0 4.0 0.05 0.05 0.05 -- -- -- 1.5 3.0 4.0 Vdc "1" Level Vin = 0 or VDD Input Voltage "0" Level (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc) "1" Level (VO = 0.5 or 4.5 Vdc) (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc) Output Drive Current (VOH = 2.5 Vdc) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) (VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) Input Current Input Capacitance (Vin = 0) Quiescent Current (Per Package) Total Supply Current at an external load Capacitance (CL) and at external timing capacitance (CX), use the formula -- (5.) VIL -- -- -- -- -- -- 2.25 4.50 6.75 -- -- -- VOH 4.95 9.95 14.95 4.95 9.95 14.95 5.0 10 15 4.95 9.95 14.95 Vdc Vdc Sink IOL Iin Cin IDD Adc pF Adc IT IT(CL, CX) = [(CL + 0.36CX)VDDf + 2x10-8 RXCX(VDD-2)2f] x 10-3 where: IT in A (per circuit), CL and CX in pF, RX in megohms, VDD in Vdc, f in kHz is input frequency. Adc 4. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. 5. The formulas given are for the typical characteristics only at 25_C.
http://onsemi.com
3
MC14528B
SWITCHING CHARACTERISTICS (8.) (CL = 50 pF, TA = 25_C)
Characteristic Output Rise and Fall Time tTLH, tTHL = (1.5 ns/pF) CL + 25 ns tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns Turn-Off, Turn-On Delay Time -- A or B to Q or Q tPLH, tPHL = (1.7 ns/pF) CL + 240 ns tPLH, tPHL = (0.66 ns/pF) CL + 87 ns tPLH, tPHL = (0.5 ns/pF) CL + 65 ns Turn-Off, Turn-On Delay Time -- A or B to Q or Q tPLH, tPHL = (1.7 ns/pF) CL + 620 ns tPLH, tPHL = (0.66 ns/pF) CL + 257 ns tPLH, tPHL = (0.5 ns/pF) CL + 185 ns Input Pulse Width -- A or B Symbol tTLH, tTHL CX pF -- RX k -- 5.0 10 15 15 5.0 5.0 10 15 1000 10 5.0 10 15 15 5.0 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 -- -- -- -- -- 150 75 55 -- -- -- -- -- -- 15 10 15 -- -- -- -- -- -- -- -- -- 0 0 0 0 0 0 5.0 705 290 210 70 30 30 70 30 30 550 350 300 30 50 55 6.0 8.0 8.0 325 90 60 1000 300 250 -- -- -- -- -- -- -- No Limits
(7.)
VDD Vdc
Min -- -- -- -- -- --
Typ (9.) 100 50 40 325 120 90
Max 200 100 80
Unit ns
tPLH, tPHL
ns 650 240 180 ns -- -- -- -- -- -- -- -- -- -- -- -- 45 90 95 25 35 35 600 225 170 -- -- -- -- -- -- -- -- -- 1000 ns
tPLH, tPHL
tWH
tWL
1000
10
ns
Output Pulse Width -- Q or Q (For CX < 0.01 F use graph for appropriate VDD level.) Output Pulse Width -- Q or Q (For CX > 0.01 F use formula: tW = 0.2 RX CX Ln [VDD - VSS]) (6.) Pulse Width Match between Circuits in the same package Reset Propagation Delay -- Reset to Q or Q
tW
15
5.0
ns
tW
10,000
10
s
t1 - t2
10,000
10
%
tPLH, tPHL
15
5.0
ns
1000
10
ns
Retrigger Time
trr
15
5.0
ns
1000
10
ns
External Timing Resistance External Timing Capacitance 6. 7. 8. 9.
RX CX
-- --
-- --
k F
RX is in Ohms, CX is in farads, VDD and VSS in volts, PWout in seconds. If CX > 15 F, Use Discharge Protection Diode DX, per Fig. 9. The formulas given are for the typical characteristics only at 25_C. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance.
http://onsemi.com
4
MC14528B
FUNCTION TABLE
Inputs Reset H H H H H H L A L L H L, H, L X X H L, H, X X Not Triggered Not Triggered Not Triggered Not Triggered L H Not Triggered B H Q Outputs Q
VDD 16
VDD 16 IOL
A B RESET 8
Q
OPEN VOH
A B RESET
Q
VOL
Q VSS IOH
Q VSS
OPEN
8
Figure 1. Output Source Current Test Circuit
Figure 2. Output Sink Current Test Circuit
VDD 0.1 mF CERAMIC RX CX 20 ns Vin A B RESET A B RESET VSS Q CL Q CL Q CL Q CL DUTY CYCLE = 50% Vin 10% 0V 90% 20 ns VDD
500 pF
ID
RX CX
Figure 3. Power Dissipation Test Circuit and Waveforms
http://onsemi.com
5
MC14528B
VDD RX CX *CX = 15 pF *CL = 15 pF RX = 5.0 kW
RX CX
PULSE GENERATOR
A B RESET A B RESET VSS Q CL Q CL Q CL Q CL
PULSE GENERATOR
* Includes capacitance of probes, wiring, and fixture parasitic. NOTE: AC test waveforms for PG1, PG2, and PG3 on next page.
PULSE GENERATOR
Figure 4. AC Test Circuit
VDD 50% tTLH VSS VDD VSS VDD VSS trr 50% tTHL tPHL 50% 90% 10% VOH 50% 50% VOL VOL VOH
50% A tWH B 50% tWL tTHL RESET tTHL tPLH 50% tPHL 50% tTLH 90% 10% tTLH tPHL Q 50% 90% 10% tW 50% Q tTLH
90% 10% tTHL tTHL 90% 10% tTLH 50% tWL tPHL
Figure 5. AC Test Waveforms
1000
VDD = 15 V 10 V 5.0 V 15 V 10 V 5.0 V 15 V 10 V 5.0 V
t W, PULSE WIDTH ( m s)
100 RX = 100 kW 10 RX = 10 kW 1.0 15 V 10 V 5.0 V 10 100 1000 RX = 5.0 kW
0.1
CX, EXTERNAL CAPACITANCE (pF)
Figure 6. Pulse Width versus CX
http://onsemi.com
6
IIIIIIIIIIIIII IIIIIIIIIIIIII
Characteristics Reset VDD VDD PG3 A B tPLH, tPHL, tTLH, tTHL tW tPLH, tPHL, tTLH, tTHL tW tPLH(R), tPHL(R), tW PG1 VSS PG1 VDD PG2 PG2
PG1 = PG2 = PG3 =
INPUT CONNECTIONS
10,000
100,000
MC14528B
TYPICAL APPLICATIONS
Cx Rx VDD RISING EDGE TRIGGER VDD Q Q RESET VDD RISING EDGE TRIGGER Q Q RESET VDD Cx Rx VDD
A B
A B
Cx
Cx Rx VDD Q A FALLING EDGE TRIGGER B Q Q RESET VDD
Rx VDD
A FALLING EDGE TRIGGER B
Q RESET VDD
Figure 7. Retriggerable Monostables Circuitry
Figure 8. Non-Retriggerable Monostables Circuitry
DX Cx Rx VDD A Q B VDD Q RESET VDD VDD Q RESET NC VDD NC 1, 15 Q 2, 14 NC
VDD
Figure 9. Use of a Diode to Limit Power Down Current Surge
Figure 10. Connection of Unused Sections
http://onsemi.com
7
MC14528B
PACKAGE DIMENSIONS
-A-
16 9
PDIP-16 P SUFFIX PLASTIC DIP PACKAGE CASE 648-08 ISSUE R
B
1
8
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040 MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
http://onsemi.com
8
MC14528B
PACKAGE DIMENSIONS
-A-
SOIC-16 D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05 ISSUE J
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
16
9
-B-
1 8
P
8 PL
0.25 (0.010)
M
B
S
G F
K C -T-
SEATING PLANE
R
X 45 _
M D
16 PL M
J
0.25 (0.010)
TB
S
A
S
DIM A B C D F G J K M P R
http://onsemi.com
9
MC14528B
PACKAGE DIMENSIONS
SOEIAJ-16 F SUFFIX PLASTIC EIAJ SOIC PACKAGE CASE 966-01 ISSUE O
LE Q1 E HE
1 8
16
9
M_ L DETAIL P
Z D e A VIEW P
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.78 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.031
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
http://onsemi.com
10
MC14528B
Notes
http://onsemi.com
11
MC14528B
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
NORTH AMERICA Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line: 303-675-2167 or 800-344-3810 Toll Free USA/Canada N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (M-F 1:00pm to 5:00pm Munich Time) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (M-F 1:00pm to 5:00pm Toulouse Time) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (M-F 12:00pm to 5:00pm UK Time) Email: ONlit@hibbertco.com EUROPEAN TOLL-FREE ACCESS*: 00-800-4422-3781 *Available from Germany, France, Italy, England, Ireland CENTRAL/SOUTH AMERICA: Spanish Phone: 303-308-7143 (Mon-Fri 8:00am to 5:00pm MST) Email: ONlit-spanish@hibbertco.com ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong & Singapore: 001-800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5740-2745 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local Sales Representative.
http://onsemi.com
12
MC14528B/D


▲Up To Search▲   

 
Price & Availability of MC14528B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X