Part Number Hot Search : 
1N990A BR8005G TM9101 NJU3712 8F400 2N4115 CM200 8F400
Product Description
Full Text Search
 

To Download MC10EPT20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC10EPT20
LVTTL/LVCMOS to Differential LVPECL Translator
The MC10EPT20 is a LVTTL/LVCMOS to differential LVPECL translator. Because LVPECL (Positive ECL) levels are used only +3.3V and ground are required. The small outline 8-lead SOIC package and the single gate of the EPT20 makes it ideal for those applications where space, performance, and low power are at a premium.
http://onsemi.com
* * * * * * * * * * *
390ps Typical Propagation Delay High Bandwidth to 1.0 GHz Typical Differential LVPECL Outputs Small Outline SOIC Package PNP LVTTL Inputs for Minimal Loading VCC Range of 3.0V to 3.6V ESD Protection: >1.5KV HBM, >200V MM Q Output will default HIGH with inputs open Moisture Sensitivity Level 1, Indefinite Time Out of Drypack. For Additional Information, See Application Note AND8003/D Flammability Rating: UL-94 code V-0 @ 1/8", Oxygen Index 28 to 34 Transistor Count = 150 devices
8 1 SO-8 D SUFFIX CASE 751
MARKING DIAGRAM
8 HPT20 ALYW 1 *For additional information, see Application Note AND8002/D A L Y W = Assembly Location = Wafer Lot = Year = Work Week
NC
1
8
VCC
PIN Q, Q D VCC GND
PIN DESCRIPTION
FUNCTION Differential LVPECL Outputs LVTTL Input Positive Supply Ground
Q
2
LVTTL
7
D
Q
3 LVPECL
6
NC
NC
4
5
GND
ORDERING INFORMATION
Device Package SOIC SOIC Shipping 98 Units/Rail 2500 Tape & Reel
Figure 1. 8-Lead Pinout (Top View) and Logic Diagram
MC10EPT20D MC10EPT20DR2
(c) Semiconductor Components Industries, LLC, 1999
1
September, 1999 - Rev. 1.0
Publication Order Number: MC10EPT20/D
MC10EPT20
MAXIMUM RATINGS*
Symbol VCC VI Iout TA Tstg JA JC Tsol Power Supply Input Voltage (VI not more positive than VCC) Output Current Operating Temperature Range Storage Temperature Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Solder Temperature (<2 to 3 Seconds: 245C desired) Still Air 500lfpm Continuous Surge Parameter Value 6.0 to 0 6.0 to 0 50 100 -40 to +85 -65 to +150 190 130 41 to 44 5% 265 Unit VDC VDC mA C C C/W C/W C
* Maximum Ratings are those values beyond which damage to the device may occur.
LVTTL INPUT DC CHARACTERISTICS (VCC = 3.3V 0.3V; GND = 0V; TA = -40C to +85C)
Symbol IIH IIHH IIL VIK VIH VIL Input HIGH Current (Vin = 2.7V) Input HIGH Current MAX (Vin = 6.0V) Input LOW Current (Vin = 0.5V) Input Clamp Voltage (Iin = -18mA) Input HIGH Voltage Input LOW Voltage 2.0 0.8 Characteristic Min Typ Max 20 100 -0.6 -1.2 Unit A A mA V V V
LVPECL OUTPUT DC CHARACTERISTICS (VCC = 3.3V 0.3V; GND = 0V) (Note 3.)
-40C Symbol ICC VOH VOL Characteristic Power Supply Current HIGH (Note 1.) Output HIGH Voltage (Note 3.) Output LOW Voltage (Note 3.) Min 15 2165 1365 Typ 23 2310 1550 Max 31 2415 1615 Min 15 2230 1430 25C Typ 23 2355 1570 Max 31 2480 1680 Min 15 2290 1490 85C Typ 23 2375 1580 Max 31 2540 1740 Unit mA mV mV
NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained. 1. VCC = 3.3V, GND = 0V, all other pins floating. 2. All loading with 50 ohms to VCC-2.0 volts. 3. Output parameters vary 1:1 with VCC.
AC CHARACTERISTICS (VCC = 3.3V 0.3V; GND = 0V)
-40C Symbol fmax tPLH, tPHL tJITTER Characteristic Maximum Toggle Frequency (Note 4.) Propagation Delay to Output Differential Cycle-to-Cycle Jitter 150 Min Typ 1000 Max Min 25C Typ 1000 Max Min 85C Typ 1000 Max Unit MHz ps 350 TBD 600 150 370 TBD 200 70 600 150 380 TBD 140 220 600 ps ps
tr Output Rise/Fall Times tf (20% - 80%) Q, Q 50 100 180 60 120 4. Fmax guaranteed for functionality only. VOL and VOH levels are guaranteed at DC only.
http://onsemi.com
2
MC10EPT20
PACKAGE DIMENSIONS
SO-8 D SUFFIX PLASTIC SOIC PACKAGE CASE 751-06 ISSUE T
A
8
D
5
C
E
1 4
H
0.25
M
B
M
h B C e A
SEATING PLANE
X 45 _
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETER. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.19 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_
q
L 0.10 A1 B 0.25
M
CB
S
A
S
q
http://onsemi.com
3
MC10EPT20
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
USA/EUROPE Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line*: 303-675-2167 800-344-3810 Toll Free USA/Canada
*To receive a Fax of our publications
ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5487-8345 Email: r14153@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
N. America Technical Support: 800-282-9855 Toll Free USA/Canada
http://onsemi.com
4
MC10EPT20/D


▲Up To Search▲   

 
Price & Availability of MC10EPT20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X